Part Number Hot Search : 
STR90090 07231438 A2C47 7060845 VSSA36S 18T10 SGM8524 TEA5500
Product Description
Full Text Search
  024-stage Datasheet PDF File

For 024-stage Found Datasheets File :: 1131    Search Time::2.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VB027 VB027_012Y VB027_011Y VB027011Y VB027012Y

意法半导
STMICROELECTRONICS[STMicroelectronics]
Part No. VB027 VB027_012Y VB027_011Y VB027011Y VB027012Y
OCR Text ... MIN. 0.169 0.046 0.094 0.014 0.024 0.193 0.295 0.366 inch TYP. MAX. 0.189 0.054 0.11 0.022 0.031 0.205 0.307 0.382 0.409 0.409 0.681 0.599 0.860 0.898 0.118 0.622 0.260 0.122 0.220 P023H3 6/9 VB027 / VB027(011Y) / VB027(012Y) P...
Description HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.

File Size 73.45K  /  9 Page

View it Online

Download Datasheet





    MGF0918A MGF0918A11

Mitsubishi Electric Semiconductor
Part No. MGF0918A MGF0918A11
OCR Text ...400 0.919 -90.91 4.470 103.95 0.024 27.49 0.426 -94.16 0.36 22.70 1800 0.905 -105.49 3.805 89.91 0.026 15.71 0.492 -105.68 0.42 21.65 2200 0...stage) > mgf0918a l & s band / 0.5w smd non - matched publication date : apr., 2011 4 ...
Description High-power GaAs FET (small signal gain stage)

File Size 103.73K  /  4 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. VB029SP13TR
OCR Text ...0.000 0.004 b 0.40 0.60 0.016 0.024 c 0.35 0.55 0.013 0.022 d 9.40 9.60 0.370 0.378 d1 7.40 7.60 0.291 0.300 e 9.30 9.50 0.366 0.374 e1 7.20 7.40 0.283 0.291 e2 7.20 7.60 0.283 300 e3 6.10 6.35 0.240 0.250 e4 5.90 6.10 0.232 0.240 e 1.27 0....
Description HIGH VOLTAGE IGNITION COIL DRIVER POWER IC

File Size 187.14K  /  10 Page

View it Online

Download Datasheet

    VB029SP 6060 VB029 VB029_011Y VB029_012Y VB029011Y VB029012Y

意法半导
STMICROELECTRONICS[STMicroelectronics]
Part No. VB029SP 6060 VB029 VB029_011Y VB029_012Y VB029011Y VB029012Y
OCR Text ...67 inch TYP. MAX. 0.144 0.004 0.024 0.022 0.378 0.300 0.374 0.291 300 0.250 0.240 B 0.10 A B 10 = H = A F A1 = 6 = = = E = 1 5 = E2 E3 E1 E4 = = A = SEATING PLANE DETAIL "A" e 0.25 M ...
Description Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
From old datasheet system
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.

File Size 86.86K  /  10 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. TAN-322
OCR Text ...mmended that the rbq07vb-484bfr-024 be used as the board for this application. 2) fm f/e tuner pack: tffj4e567a the tuner pack is made b...stage f (hz) l ( h) c (pf) q 1-2 2-3 1-3 1-4 4-6 wire (mm) note l1 loop antenna 1m 11...
Description Audio IC Application Circuit Application Circuit Example for 3-Band (FM, MW and LW) 5-V Tuner TA2099N TC9256P

File Size 289.63K  /  9 Page

View it Online

Download Datasheet

    Nais(Matsushita Electri...
NAIS[Nais(Matsushita Electric Works)]
Part No. CT2-MC40 AXM120415 AXM130415 AXM134415 AXM140415 CT2-20 CT2-30 CT2-34 CT2-40 CT2-C20 CT2-C30 CT2-C34 CT2-C40 CT2-M20 CT2-M30 CT2-M34 CT2-M40 CT2-MC20 CT2-MC30 CT2-MC34
OCR Text ...les) 981 3.858.039 420.6 1.654.024 mm inch Wire-direct connect type 20 poles 621 2.441.039 420.6 1.654.024 B1 A1 B10 A10 B1...stage) 1 2 3 4 5 6 7 8 9 10 A B 1 2 3 4 5 6 7 8 9 10 Terminal No. (from left on the lower stag...
Description CT-2 CONNECTOR TERMINAL
CT - 2连接器端

File Size 246.54K  /  4 Page

View it Online

Download Datasheet

For 024-stage Found Datasheets File :: 1131    Search Time::2.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 024-stage

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4143550395966