|
|
|
Molex, Inc.
|
Part No. |
43061-0008 43061-0011
|
Description |
156 KK SPOX Rcpt Hsg W/Ramp 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 156 KK SPOX Rcpt Hsg W/Ramp 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
File Size |
119.44K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol Cables on Demand |
Part No. |
CS-VHDCIMX200-008
|
Description |
Amphenol CS-VHDCIMX200-008 VHDCI SCSI (SCSI-5) LVD/SE Cable - .8mm 68-pin VHDCI SCSI Male to Male 8m
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
LM10011ASD/NOPB
|
Description |
4/6-Bit VID Voltage Programmer for Point of Load Regulator with Adjustable Start-Up Current 10-SON -40 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
NXP Semiconductors N.V.
|
Part No. |
PCF85103C-2P/0011
|
Description |
256 x 8-bit CMOS EEPROM with I2C-bus interface; Package: SOT97-1 (DIP8); Container: Tube 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
File Size |
140.22K /
20 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
LM10011SDX/NOPB
|
Description |
1% Accuracy 4/6-Bit VID Voltage Programmer for Point of Load Regulator w/ Adj Start-Up Current 10-WSON -40 to 125
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
SN500110C1RGZR
|
Description |
Fully Programmable Digital Power Controller with up to Two Regulated Outputs and Six DPWM Outputs 48-VQFN -40 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
39355-0019 39355-0018 39355-0016 39353-0008 39353-0004 39353-0011 39353-0005
|
Description |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
File Size |
424.27K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
BQ500110RGZT
|
Description |
Generation 1 Wireless Power Transmitter Manager 48-VQFN -40 to 110
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
SN500110C1RGZT
|
Description |
Fully Programmable Digital Power Controller with up to Two Regulated Outputs and Six DPWM Outputs 48-VQFN -40 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
LM10011ASDX/NOPB
|
Description |
4/6-Bit VID Voltage Programmer for Point of Load Regulator with Adjustable Start-Up Current 10-SON -40 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
LM10011SD/NOPB
|
Description |
1% Accuracy 4/6-Bit VID Voltage Programmer for Point of Load Regulator w/ Adj Start-Up Current 10-WSON -40 to 125
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
JM38510/00801BDA
|
Description |
Hex Inverter Buffers/Drivers With Open-Collector High-Voltage Outputs 14-CFP -55 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|