Part Number Hot Search : 
SR3045CS 13448 B3506L ZL8V2B MAX918 91001 1N4475 2SJ360
Product Description
Full Text Search
  0.93 Datasheet PDF File

For 0.93 Found Datasheets File :: 46132    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Precid-Dip Durtal
Part No. 803-93-016-10-003
OCR Text 0.635 mm and round pins ? 0.70C0.80 mm for corresponding pin connectors see pages 30 to 35 ordering information replace xxx with the numbe...93-xxx-10-003 801-99-xxx-10-003 straight receptacle height 8 mm: solder tail, single row availabilit...
Description PCB connectors 2.54 mm Single row / double row Solder tail

File Size 61.28K  /  1 Page

View it Online

Download Datasheet





    ICS9148-93

Integrated Circuit Systems
Part No. ICS9148-93
OCR Text ...s spread spectrum modulation +0.25, 0.6% ? serial i 2 c interface for power management, frequency select, spread spectrum. ? efficient pow...93 is the single chip clock solution for desktop/ notebook designs using the via mvp3 style chipset...
Description High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75

File Size 650.47K  /  14 Page

View it Online

Download Datasheet

    AS212-93

Skyworks Solutions Inc.
Part No. AS212-93
OCR Text 0.7-3.0 GHz AS212-93 Applications: DBS Switching Applications, Cable Modems, Cable TV TSSOP-16 0.0256 (0.65 mm) BSC PIN 16 0.173 (4.40 mm) 0.004 (0.10 mm) PIN 1 INDICATOR PIN 1 0.118 (3.0 mm) MAX. 0.197 (5.00 mm) 0.004 (0.10 mm) 0....
Description GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz

File Size 638.89K  /  4 Page

View it Online

Download Datasheet

    S553-6500-93

Bel Fuse Inc.
Bel Fuse, Inc.
Part No. S553-6500-93
OCR Text ...( ) 6 - 4 ( o t ) 6 - 1 ( 3 9 - 0 0 5 6 - 3 5 5 s5 7 w 5 7 : w 5 7 + w 0 . 3z h m 0 0 8 - z h k 0 25 . 0 p y t ) l r ( s s o l n r u t e r p...93 bel fuse inc. 198 van vorst street, jersey city, nj 07302 ? tel 201-432-0463 ? fax 201-432-95...
Description HIGH FREQUENCY MAGNETICS Surface Mount Wideband Signal Splitter PULSE TRANSFORMER FOR GENERAL PURPOSE APPLICATION(S)

File Size 63.11K  /  4 Page

View it Online

Download Datasheet

    Precid-Dip
Part No. 121-93-XXX
OCR Text ...ard platings sleeve clip pin 13 0.25 m m au 0.75 m m au 91 5 m m sn pb 0.25 m m au 93 5 m m sn pb 0.75 m m au 99 5 m m sn pb 5 m m sn pb ordering information for standard versions see table (order codes) platings available: series 121: 93 1...
Description Dual-in-line sockets Open frame Wire-wrap

File Size 76.13K  /  1 Page

View it Online

Download Datasheet

    Alpha Industries Inc
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS006M2-93
OCR Text ...w Cost "Chip on Board" Package 0.020 -93 0.160 0.140 0.100 0.060 Description The AS006M2-93 is an IC FET SPDT switch in a low cost "chip on board" package. It features non-reflective matching at each output, broadband perform...
Description    GaAs IC SPDT Switch Non-Reflective DC-6 GHz
GaAs IC SPDT Switch Non-Reflective DC? GHz

File Size 46.18K  /  2 Page

View it Online

Download Datasheet

    LA38B-93-EG-PF

LIGITEK electronics co., ltd.
Part No. LA38B-93-EG-PF
OCR Text ... 1/6 Package Dimensions 3.0 4.2 5.2 4.0 5.0 E G 1 2 3 2.0MIN 2.0MIN 2.54TYP 1 2 3 1.ANODE ORANGE 2.COMMON C...93/EG-PF Page 2/6 Absolute Maximum Ratings at Ta=25 Ratings Parameter Symbol E Forward Current ...
Description LED ARRAY

File Size 118.23K  /  7 Page

View it Online

Download Datasheet

    93-22SURSYGC-S530-A3-TR8

Everlight Electronics Co., Ltd
Everlight Electronics C...
Part No. 93-22SURSYGC-S530-A3-TR8
OCR Text .... Tolerance unless mentioned is 0.1mm. Everlight Electronics Co., Ltd Device No.: DSE-0000403 http://www.everlight.com Prepared date: ...93-22SURSYGC/S530-A3/TR8 Absolute Maximum Ratings @Ta=25 Parameter Reverse Voltage Forward Current...
Description High Performance SMD LED with Reflector

File Size 205.07K  /  11 Page

View it Online

Download Datasheet

    110-93-316-41-005

Precid-Dip Durtal SA
Part No. 110-93-316-41-005
OCR Text ... Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au Goldflash 5 m Sn Pb Pin Ordering information For standard versions see table (orde...93 110-93-210-41-005 110-93-304-41-005 110-93-306-41-005 110-93-308-41-005 110-93-310-41-005 110-93-...
Description Dual-in-line sockets automatic insertion Open frame Solder tail

File Size 39.44K  /  1 Page

View it Online

Download Datasheet

For 0.93 Found Datasheets File :: 46132    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.93

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5326671600342