Part Number Hot Search : 
EPM570GT P6KE27 LT1019 SLA50 C18F67 CDBB280L 2SC1398 AAT3124
Product Description
Full Text Search
  0.825 Datasheet PDF File

For 0.825 Found Datasheets File :: 4426    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5004 2SC5004-T1 2SC5004NE58219 2SC5004-T2

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. 2SC5004 2SC5004-T1 2SC5004NE58219 2SC5004-T2
OCR Text ...IMENSIONS in millimeters 1.6 0.1 0.8 0.1 2 0.3 +0.1 -0 0.15 +0.1 -0.05 FEATURES * * * 0.5 High fT : 5.0 GHz TYP. (@ VCE = 5...825 .747 .673 .615 .569 .535 .511 .497 .487 .483 .482 .481 .485 .486 .494 .497 .502 .510 .517 .525 ....
Description    NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
SC70/&#181;DFN, Single/Dual Low-Voltage, Low-Power &#181;P Reset Circuits
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD NPN硅外延晶体管3引脚超超级迷你模
NPN epitaxial-type silicon transistor

File Size 52.91K  /  8 Page

View it Online

Download Datasheet





    2SC5010 2SC5010-T1 2SC5010-T1-T2

NEC Corp.
Part No. 2SC5010 2SC5010-T1 2SC5010-T1-T2
OCR Text ...High fT * Low Cre * Low NF : 12.0 GHz TYP. (@ VCE = 3 V, IC = 10 mA, f = 2 GHz) : 0.4 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz) : 1.5 dB TYP....825 2.725 2.623 2.534 2.455 2.370 2.305 2.230 2.172 MAG .019 .035 .048 .059 .068 .077 .084 .092 ...
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
128 x 128 pixel format, LED or EL Backlight available

File Size 59.95K  /  10 Page

View it Online

Download Datasheet

    2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518

NEC[NEC]
NEC Corp.
Part No. 2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518
OCR Text ...DIMENSIONS in millimeters 2.1 0.2 0.3 +0.1 -0.05 1.25 0.1 0.3 +0.1 -0.05 (LEADS 2, 3, 4) 1 4 0.4 +0.1 -0.05 2SC5015-...825 .767 .701 .656 .598 .551 .494 .458 .422 .388 .356 .341 .318 .305 .291 .282 .269 .277 .262 .255 ....
Description Discrete
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 49.94K  /  8 Page

View it Online

Download Datasheet

    G2SB20 G2SB60 G2SB80

VISAY[Vishay Siliconix]
Vishay Intertechnology,Inc.
Vishay Intertechnology, Inc.
Part No. G2SB20 G2SB60 G2SB80
OCR Text ...ridge Rectifier Case Type GBL 0.125 (3.17) x 45 degrees Chamfer 0.825 (20.9) 0.815 (20.7) Reverse Voltage 200 to 800V Forward Current 1.5A Features 0.421 (10.7) 0.411 (10.4) 0.080 (2.03) 0.060 (1.50) 0.095 (2.41) 0.080 (2.03)...
Description Glass Passivated Single-Phase Bridge Rectifier, Forward Current 1.5A
Glass Passivated Single-Phase Bridge Rectifier 玻璃钝化单相桥式整流

File Size 20.93K  /  2 Page

View it Online

Download Datasheet

    L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL6562CB ISL6562CB-T

http://
INTERSIL[Intersil Corporation]
Part No. L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL6562CB ISL6562CB-T
OCR Text ...V to 1.825V with an accuracy of 0.8%. Pull up currents on these VID pins eliminates the need for external pull up resistors. Another feature...825 0.05 124 60 300 3.000 1.058 1.512 1.839 134 70 3.048 V V V % % % ns V A 3 ISL6562 Electri...
Description Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5

File Size 40.63K  /  5 Page

View it Online

Download Datasheet

    MC10117 MC10117FN MC10117L MC10117P ON0562

ONSEMI[ON Semiconductor]
Motorola, Inc
Part No. MC10117 MC10117FN MC10117L MC10117P ON0562
OCR Text ... Test 8 6 9 4 4 2 3 2 3 2 3 2 3 0.5 -1.060 -1.060 -1.890 -1.890 -1.080 -1.080 -1.655 -1.655 -0.890 -0.780 -1.675 -1.675 -30C Min Max 29 425 ...825 -1.825 -0.910 -0.910 -1.595 -1.595 -0.700 -0.590 -1.615 -1.615 Min +85C Max 29 265 350 245 Unit ...
Description From old datasheet system
PIN ASSIGNMENT
Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate

File Size 102.28K  /  5 Page

View it Online

Download Datasheet

    TS83102G0B TS83102G0BCGL TS83102G0BVGL TSEV83102G0BGL

ATMEL[ATMEL Corporation]
Part No. TS83102G0B TS83102G0BCGL TS83102G0BVGL TSEV83102G0BGL
OCR Text ...ndwidth (-3 dB) Gain Flatness: 0.2 dB (from DC up to 1.5 GHz) Low Input VSWR: 1.2 Max from DC to 2.5 GHz SFDR = -59 dBc; 7.6 Effective Bits...825 200 1190 1125 1090 1310 230 1200 1575 300 1275 1210 mV mV mV mV mV mV 4 1 1 1 1 4 1 ...
Description 10-bit 2 Gsps ADC

File Size 1,342.48K  /  56 Page

View it Online

Download Datasheet

    MAX4271 MAX4271ESA MAX4271-MAX4273 MAX4272ESA MAX4273EEE MAX4273ESE

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX4271 MAX4271ESA MAX4271-MAX4273 MAX4272ESA MAX4273EEE MAX4273ESE
OCR Text ..., AUXVCC to GND ...............-0.3V to +14V GATE to GND ..............................................-0.3V to (VIN + 8.5V) GATE to LLMON (...825 840 220 ns A mV mV s ms VIN IQ VON = VIN 2.7 0.6 13.2 1 V mA SYMBOL CONDITIONS MIN TYP MAX UNITS...
Description 3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
3V to 12V Current-Limiting Hot Swap Controllers with Autoretry / DualSpeed/BiLevel Fault Protection

File Size 403.42K  /  24 Page

View it Online

Download Datasheet

For 0.825 Found Datasheets File :: 4426    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6294851303101