Part Number Hot Search : 
ADUM5400 AZF510AV LTC7545 B400012 S15VB60 2SC327 G4BC30F BBY6507
Product Description
Full Text Search
  0.806 Datasheet PDF File

For 0.806 Found Datasheets File :: 1638    Search Time::2.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5005 2SC5005-T1 2SC5005NE58119

NEC Corp.
NEC[NEC]
Part No. 2SC5005 2SC5005-T1 2SC5005NE58119
OCR Text ...ENSIONS in millimeters 1.6 0.1 0.8 0.1 2 1.6 0.1 1.0 0.2+0.1 -0 0.5 0.3 +0.1 -0 0.15 +0.1 -0.05 FEATURES * * * High fT : 5....806 1.794 1.765 1.731 1.667 1.623 1.569 1.519 1.479 1.427 1.389 1.354 1.315 1.275 1.251 1.211 1.184 ...
Description    NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Discrete

File Size 53.49K  /  8 Page

View it Online

Download Datasheet





    2SC5008 2SC5008-T1 2SC5008NE68019 2SC5008-T1-T2

NEC Corp.
NEC[NEC]
Part No. 2SC5008 2SC5008-T1 2SC5008NE68019 2SC5008-T1-T2
OCR Text ...DIMENSIONS in millimeters 1.6 0.1 0.8 0.1 2 0.5 1.6 0.1 1.0 0.2+0.1 -0 0.3 +0.1 -0 0.15 +0.1 -0.05 0.5 FEATURES * Low Voltage U...806 5.288 4.864 4.500 4.191 3.908 3.680 3.489 3.317 3.154 2.994 2.857 2.748 2.626 2.539 2.445 2.363 ...
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits

File Size 59.73K  /  10 Page

View it Online

Download Datasheet

    IZ74LV32 SL74LV32 SL74LV32D SL74LV32N LV32

System Logic Semiconduc...
SLS[System Logic Semiconductor]
System Logic Semiconductor Co., Ltd.
Part No. IZ74LV32 SL74LV32 SL74LV32D SL74LV32N LV32
OCR Text ... for 10 seconds (Plastic DIP ), 0.3 mm (SOIC Package) Value -0.5 / +5.0 20 50 25 50 50 750 500 -65 / +150 260 Unit V mA mA mA mA mA mW...806 0.974 0.974 0.974 0.974 0.772 0.618 SLS System Logic Semiconductor 6 ...
Description Quad 2-Input OR Gate

File Size 57.51K  /  6 Page

View it Online

Download Datasheet

    ZXMN10A07F ZXMN10A07FTA ZXMN10A07FTC

ZETEX[Zetex Semiconductors]
Part No. ZXMN10A07F ZXMN10A07FTA ZXMN10A07FTC
OCR Text 0.64A This new generation of TRENCH MOSFETs from Zetex utilises a unique structure that combines the benefits of low on-resistance with f...806 6.4 -55 to +150 UNIT V V A I DM IS I SM PD PD T j :T stg A A A mW mW/C mW mW/C C THERMA...
Description 100V N-CHANNEL ENHANCEMENT MODE MOSFET

File Size 969.10K  /  7 Page

View it Online

Download Datasheet

    BFS17AR BFS17AW BFS17A

Vishay Siliconix
Vishay Telefunken
Part No. BFS17AR BFS17AW BFS17A
OCR Text ...t-off current VCE = 25 V, VBE = 0 Collector-base cut-off current VCB = 10 V, IE = 0 Emitter-base cut-off current VEB = 2.5 V, IC = 0 Collect...806 MHz, f2 = 810 MHz, ZS = ZL = 50 W Third order intercept point VCE = 10 V, IC = 14 mA, f = 800 MH...
Description From old datasheet system
Silicon NPN Planar RF Transistor

File Size 163.18K  /  10 Page

View it Online

Download Datasheet

    BFS17P Q62702-F940 BFS17PQ62702-F940

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. BFS17P Q62702-F940 BFS17PQ62702-F940
OCR Text ...d on aluminia 15 mm x 16,7 mm x 0,7 mm Semiconductor Group 1 Aug-02-1996 BFS 17P Electrical Characteristics at TA = 25C, unle...806 MHz, f2 = 810 MHz, ZS =ZL= 50 Third order intercept point IP3 23 - dBm IC = 14 mA, V...
Description NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA) UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-236
CAP 15000PF X7R 250VAC X2 2220
TRANSISTOR UHF BIPOLAR BREITBAND
From old datasheet system

File Size 48.51K  /  5 Page

View it Online

Download Datasheet

    BFS17R BFS17W BFS17

Vishay Intertechnology,Inc.
TFUNK[Vishay Telefunken]
Vishay Siliconix
Part No. BFS17R BFS17W BFS17
OCR Text ...st Conditions VCE = 25 V, VBE = 0 VCB = 10 V, IE = 0 VEB = 2.5 V, IC = 0 IC = 1 mA, IB = 0 IC = 10 mA, IB = 1 mA VCE = 1 V, IC = 2 mA VCE = ...806 MHz, f2 = 810 MHz, ZS = ZL = 50 W Third order intercept point VCE = 5 V, IC = 14 mA, f = 800 MHz...
Description Silicon NPN Planar RF Transistor
From old datasheet system

File Size 148.66K  /  10 Page

View it Online

Download Datasheet

    BFS17S Q62702-F1645

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. BFS17S Q62702-F1645
OCR Text ...d on aluminia 15 mm x 16,7 mm x 0,7 mm Semiconductor Group 1 Dec-18-1996 BFS 17S Electrical Characteristics at TA = 25C, unle...806 MHz, f2 = 810 MHz, ZS =ZL= 50 Third order intercept point IP3 23 - dBm IC = 200 mA, ...
Description NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
From old datasheet system

File Size 55.96K  /  5 Page

View it Online

Download Datasheet

    IDT49FCT805 IDT49FCT805A IDT49FCT805AD IDT49FCT805ADB IDT49FCT805AE IDT49FCT805AEB IDT49FCT805AL IDT49FCT805ALB IDT49FCT

http://
IDT[Integrated Device Technology]
Integrated Device Technology, Inc.
INTEGRATED DEVICE TECHNOLOGY INC
Integrated Device Technolog...
Part No. IDT49FCT805 IDT49FCT805A IDT49FCT805AD IDT49FCT805ADB IDT49FCT805AE IDT49FCT805AEB IDT49FCT805AL IDT49FCT805ALB IDT49FCT805AP IDT49FCT805APB IDT49FCT805APY IDT49FCT805APYB IDT49FCT805AQ IDT49FCT805AQB IDT49FCT805ASO IDT49FCT805ASOB IDT49FCT805D IDT49FCT805DB IDT49FCT805E IDT49FCT805EB IDT49FCT805L IDT49FCT805LB IDT49FCT805P IDT49FCT805PB IDT49FCT805PY IDT49FCT805PYB IDT49FCT805Q IDT49FCT805QB IDT49FCT805SO IDT49FCT805SOB IDT49FCT806 IDT49FCT806A IDT49FCT806AD IDT49FCT806ADB IDT49FCT806AE IDT49FCT806AEB IDT49FCT806EB IDT49FCT806E IDT49FCT806Q IDT49FCT806QB IDT49FCT806ASO IDT49FCT806ASOB 49FCT805 IDT49FCT806SOB IDT49FCT806AL IDT49FCT806ALB IDT49FCT806AP IDT49FCT806APB IDT49FCT806APY IDT49FCT806APYB IDT49FCT806AQ IDT49FCT806AQB IDT49FCT806D IDT49FCT806DB IDT49FCT806L IDT49FCT806LB IDT49FCT806P IDT49FCT806PB IDT49FCT806PY IDT49FCT806PYB IDT49FCT806SO
OCR Text ...EATURES: * * * * * * * * * * * 0.5 MICRON CMOS Technology Guaranteed low skew < 700ps (max.) Low duty cycle distortion < 1ns (max.) Low CMO...806/A FAST CMOS BUFFER/CLOCK DRIVER MILITARY AND COMMERCIAL TEMPERATURE RANGES PIN CONFIGURATI...
Description value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:12-10
FAST CMOS BUFFER/CLOCK DRIVER FCT SERIES, LOW SKEW CLOCK DRIVER, 0 TRUE OUTPUT(S), 5 INVERTED OUTPUT(S), CDIP20
FAST CMOS BUFFER/CLOCK DRIVER FCT SERIES, LOW SKEW CLOCK DRIVER, 0 TRUE OUTPUT(S), 5 INVERTED OUTPUT(S), CQCC20
High-Precision Voltage Reference with Temperature Sensor

File Size 126.41K  /  7 Page

View it Online

Download Datasheet

For 0.806 Found Datasheets File :: 1638    Search Time::2.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91514110565186