Part Number Hot Search : 
XBXXX 600ETTT 20001 SN54LS15 SMBJ33A D1556 74LCX CFD1264P
Product Description
Full Text Search
  0.7ghz Datasheet PDF File

For 0.7ghz Found Datasheets File :: 670    Search Time::1.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DR354-0-102 DR354-0-103-T

Datatronic Distribution, Inc.
Part No. DR354-0-102 DR354-0-103-T
OCR Text ...ge 1 of 2 smd inductor dr354-0 series features ? smd 0402 chip inductor, low profile ? suitable for high frequency application ...7ghz part number l(nh) @250mhz tolerance q min. l typ. q typ. l typ. q typ. srf (ghz)...
Description SMD INDUCTOR DR354-0 SERIES

File Size 74.63K  /  2 Page

View it Online

Download Datasheet





    DR354-0-202 DR354-0-102 DR354-0-103-T DR354-0-123-T DR354-0-153-T DR354-0-183-T DR354-0-222 DR354-0-223-T DR354-0-272 DR

Datatronic Distribution, Inc.
Part No. DR354-0-202 DR354-0-102 DR354-0-103-T DR354-0-123-T DR354-0-153-T DR354-0-183-T DR354-0-222 DR354-0-223-T DR354-0-272 DR354-0-273-T DR354-0-332 DR354-0-333-T DR354-0-392 DR354-0-393-T DR354-0-433-T DR354-0-473-T DR354-0-522-T DR354-0-562-T DR354-0-563-T DR354-0-682-T DR354-0-683-T DR354-0-822-T
OCR Text 0 SERIES Features SMD 0402 Chip Inductor, Low Profile Suitable for High Frequency Application Inductance Range from 1.0nH to 68nH Operating...7GHz DCR (Ohm) Max. Idc (mA) Max. DR354-0-102 DR354-0-202 DR354-0-222 DR354-0-272 DR354-0-3...
Description SMD INDUCTOR

File Size 104.17K  /  2 Page

View it Online

Download Datasheet

    SP5659 SP5659KG SP5659KGMP1T SP5659MP1S

MITEL[Mitel Networks Corporation]
Part No. SP5659 SP5659KG SP5659KGMP1T SP5659MP1S
OCR Text ... version, DS4206-1.8 DS4296 - 2.0 June 1998 The SP5659 is a single chip frequency synthesiser designed for tuning systems up to 2*7GHz. The RF preamplifier drives a divide-by two prescaler which can be disabled for applications up to 2GH...
Description 2・7GHz I2C Bus Low Phase Noise Synthesiser
27GHz I2C Bus Low Phase Noise Synthesiser

File Size 140.39K  /  12 Page

View it Online

Download Datasheet

    LTC6946

Linear Technology
Part No. LTC6946
OCR Text 0.37ghz to 5.7ghz integer-n synthesizer with integrated vco the ltc ? 6946 is a high performance, low noise, 5.7ghz phase-locked loop (pll) with a fully integrated vco, including a reference divider, phase-frequency detector (pfd) with ...
Description Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO

File Size 392.28K  /  30 Page

View it Online

Download Datasheet

    Avago Technologies
Part No. MGA-25203
OCR Text ... and 425ma ? evm of -34db (2.0%) at 64qam, 54mbps @ pout of 23dbm ? gain of 30db ? pae of 13% package diagram gnd 16 rfin 1 vcc1 15 ...7ghz 5.8ghz 5.9ghz -30c 25c +85c 5.4ghz 5.5ghz 5.6ghz 5.7ghz 5.8ghz 5.9ghz 5.4ghz 5.5ghz 5.6ghz 5.7g...
Description 5.1-5.9GHz 3x3mm WiFi and WiMAX Power Amplifier

File Size 212.73K  /  14 Page

View it Online

Download Datasheet

    MGF0951P

Mitsubishi Electric Semiconductor
Part No. MGF0951P
OCR Text ... t total power dissipation 6.0 w tch cannel temperature 150 c tstg storage temperature -40 to +150 c recommended m...7ghz 4 5 6 7 8 9 10 11 12 13 0 10 20 30 pin(dbm) gp(db) tc=80deg.c tc=25deg.c tc=-20deg.c po v.s. p...
Description L & S BAND GaAs FET Plastic Mold Lead-less PKG

File Size 1,236.93K  /  42 Page

View it Online

Download Datasheet

    MGFS45V2527

Mitsubishi Electric, Corp.
MITSUBISHI[Mitsubishi Electric Semiconductor]
Mitsubishi Electric Corporation
Part No. MGFS45V2527
OCR Text ... : millimeters (inches) 240.3 (0.9450.012) (0.0240.006) 0.60.15 FEATURES Class A operation Internally matched to 50 () system High output power P1dB=30W (TYP.) @f=2.5~2.7GHz High power gain GLP=12dB (TYP.) @f=2.5~2.7GHz High power a...
Description 2.5 - 2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET 2.5 - 2.7GHz频带功率30W国内MATCHD砷化镓场效应
2.5-2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET

File Size 30.81K  /  2 Page

View it Online

Download Datasheet

    BFG135

Philips Semiconductors
Part No. BFG135
OCR Text ...eral power gain CONDITIONS IE = 0; VCB = 10 V IC = 100 mA; VCE = 10 V IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 0.5 V; f = 1 MHz...7GHz wideband transistor BFG135 handbook, full pagewidth VCC L6 VBB C3 R1 input 75 C1 L1 L...
Description NPN 7GHz wideband transistor

File Size 101.96K  /  12 Page

View it Online

Download Datasheet

    MGA-25203-BLKG

AVAGO TECHNOLOGIES LIMITED
Part No. MGA-25203-BLKG
OCR Text ... and 425ma ? evm of -34db (2.0%) at 64qam, 54mbps @ pout of 23dbm ? gain of 30db ? pae of 13% device marking instruction gnd 16 rfin...7ghz 5.8ghz 5.9ghz -30c 25c +85c 5.4ghz 5.5ghz 5.6ghz 5.7ghz 5.8ghz 5.9ghz 5.4ghz 5.5ghz 5.6ghz 5.7g...
Description 5.1 - 5.9 GHz WiFi and WiMAX Power Amplifi er (3x3mm)

File Size 209.87K  /  15 Page

View it Online

Download Datasheet

    HSP50307EVAL1 HFA3661 HFA3661IA HFA3661IA96 FN4240

Advanced Analog Technology, Inc.
INTERSIL[Intersil Corporation]
Part No. HSP50307EVAL1 HFA3661 HFA3661IA HFA3661IA96 FN4240
OCR Text ... . . . . . . . . . . . . . . . -0.3 to 6.0V Voltage on Any Other Pin. . . . . . . . . . . . . . . . . . . . -0.3 to VCC 0.3V Thermal Info...7GHz Cascaded OIP3 (RF = 2300.1MHz, 2299.9MHz/-30dBm) Cascaded Noise Figure at 2.4GHz Cascaded Outpu...
Description CONNECTOR ACCESSORY TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PDSO20
2.0GHz to 2.7GHz DownConverter
From old datasheet system

File Size 44.80K  /  5 Page

View it Online

Download Datasheet

For 0.7ghz Found Datasheets File :: 670    Search Time::1.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.7ghz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7658019065857