Part Number Hot Search : 
ADG1439 SGSP217 SR2510 HC1G86 SMAJ18 S1232 MBR860DC IP2842
Product Description
Full Text Search
  0.72 Datasheet PDF File

For 0.72 Found Datasheets File :: 63837    Search Time::1.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CFPS-72 CFPS-73

Semtech Corporation
Part No. CFPS-72 CFPS-73
OCR Text ...ad 15pf max package outline 7.0 x 5.0mm smd ceramic package. available over 0 to 70c (cfps-72, -73) or ?40 to 85c (cfps-72i, -73i) standard frequency stabilities 20ppm, 25ppm, 50ppm, 100ppm (inclusive of supply voltage & output load v...
Description (CFPS-72 / CFPS-73) Semtech Reference

File Size 79.92K  /  2 Page

View it Online

Download Datasheet





    AA103-72

Alpha Industries, Inc.
ALPHA[Alpha Industries]
Alpha Industries Inc
Part No. AA103-72
OCR Text ...st SOT-5 Plastic Package PIN 1 0.020 (0.51 mm) 0.014 (0.35 mm) 0.012 (0.30 mm) 0.000 (0.00 mm) MIN. 0.064 (1.63 mm) 0.035 (0.90 mm) SOT-...72 is a 1 bit GaAs IC FET digital attenuator in a low cost package. This attenuator has an LSB of 10...
Description GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC?.5 GHz

File Size 23.69K  /  2 Page

View it Online

Download Datasheet

    AK632256W-72

Accutek Microcircuit Corporation
Part No. AK632256W-72
OCR Text ...have a maximum seated height of 0.680 inch to provide for the lowest height off the board. by off - set-mounting the back surface srams the ...72 pin sim or zip pinout common i/o, single oe functions with four separate chip se- lects (ce ) ...
Description 262,144 x 32 Bit CMOS/BiCMOS 72 Pin Format Static Random Access Memory

File Size 83.89K  /  2 Page

View it Online

Download Datasheet

    Micross Components
Part No. LSPAD5TO-72
OCR Text ...nVoltage 45 VF ForwardVoltage 0.8 CrSS TotalReverseCapacitance 0.5 IR MaximumReverseLeakageCurrent Click To Buy MAX. 1.5 0.8 5 UNITS V V pF pA TO-72 (Bottom View) CONDITIONS IR=1A IF=5mA VR=5V,f=1MHz VR=20V Notes: 1. Absolut...
Description PICO-AMP DIODE

File Size 255.21K  /  1 Page

View it Online

Download Datasheet

    ICS9248-72 ICS9248YF-72

ICST[Integrated Circuit Systems]
Part No. ICS9248-72 ICS9248YF-72
OCR Text ...pread Spectrum for EMI control (0 to 0.5% down spread , + 0.25% center spread) I2C interface. VDDL=2.5V,VDD=3.3V CPU Output Jitter: <250ps C...72 Rev B 7/28/99 PRODUCT PREVIEW documents contain information on new products in the sampling or...
Description Frequency Timing Generator for PENTIUM II Systems

File Size 519.05K  /  12 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE317-72
OCR Text ... loss, db 30 insertion loss 0.08 db/ft [ 0.26 db/m ] frequency 2 frequency, ghz 10 vswr 1.12:1 return loss, db 25 insertion los...72 inch length using vna cable coax, rohs pe317-72 pe317-72 rev pe317-72 3.5mm male to 3.5mm fema...
Description 3.5mm Male to 3.5mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS

File Size 241.89K  /  4 Page

View it Online

Download Datasheet

    Micross Components
Part No. LSPAD1TO-72
OCR Text ...nVoltage 45 VF ForwardVoltage 0.8 CrSS TotalReverseCapacitance 0.5 IR MaximumReverseLeakageCurrent Click To Buy MAX. 1.5 0.8 1 UNITS V V pF pA TO-72 (Bottom View) CONDITIONS IR=1A IF=5mA VR=5V,f=1MHz VR=20V Notes: 1. Absolut...
Description PICO-AMP DIODE

File Size 254.86K  /  1 Page

View it Online

Download Datasheet

    W48S87-72 W48S87 W48S87-72H W48S87-72X W48S87-72XT

Cypress Semiconductor, Corp.
Cypress Semiconductor Corp.
CYPRESS[Cypress Semiconductor]
Part No. W48S87-72 W48S87 W48S87-72H W48S87-72X W48S87-72XT
OCR Text ...'s Spread Spectrum technology * 0.5% Spread Spectrum clocking * Equivalent to the W48S67-72 with Spread Spectrum for Tilamook, MMO, and Deschutes processors * Generates system clocks for CPU, IOAPIC, SDRAM, PCI, USB plus 14.318-MHz (REF0:1)...
Description 66.8 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 TSSOP-48
CPU System Clock Generator
Desktop/Notebook Frequency Generator

File Size 245.57K  /  19 Page

View it Online

Download Datasheet

    72-CHH-1 72-CHH-2 72-CHH-4 72-CHH-6 72-CHE-2 72-CHE-4 72-CHE-6 70G-ISW1 70-FUSE-3AC 70-FUSE-3DC 70-FUSE-H 70G-JUMP12 70M

Grayhill, Inc
Part No. 72-CHH-1 72-CHH-2 72-CHH-4 72-CHH-6 72-CHE-2 72-CHE-4 72-CHE-6 70G-ISW1 70-FUSE-3AC 70-FUSE-3DC 70-FUSE-H 70G-JUMP12 70M-JUMP6 70G-JUMP8 70M-JUMP8 70M-ISW1 70M-OSW1 70L-ISW
OCR Text ... G5 .240 (6,10) DIM. L .010 (0,25) .500 (12,7) TYP. .100 (2,54) .180 (4,57) .032 (0,81) System 50 .655 (16,64) .087 (2,21) Mini .240 (6,10) DIM. L .010 (0,25) .400 (10,16) TYP. .080 (2,03) .180 (4,57) .032 (0,81) ....
Description Jumper Bars for Grayhill G5 and Mini Series I/O Racks

File Size 117.40K  /  1 Page

View it Online

Download Datasheet

For 0.72 Found Datasheets File :: 63837    Search Time::1.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.72

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0499019622803