Part Number Hot Search : 
5KE47C B772S SI1903DL LTC3405 26708MMM ASJ12 LOQ971 91000
Product Description
Full Text Search
  0.635 Datasheet PDF File

For 0.635 Found Datasheets File :: 9853    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5011 2SC5011-T1 2SC5011-T2 2SC5011-T1-T2

NEC[NEC]
NEC Corp.
Part No. 2SC5011 2SC5011-T1 2SC5011-T2 2SC5011-T1-T2
OCR Text ...Gain * Low Voltage Operation 2.0 0.2 0.60 0.65 PACKAGE DIMENSIONS in millimeters 0.3 +0.1 -0.05 2.1 0.2 1.25 0.1 0.3 +0.1 -0.05...635 .631 .635 .636 .636 .641 .643 .653 .663 .660 .663 .679 .678 .686 .682 .689 .703 .713 .698 .708 ....
Description NPN epitaxial-type silicon transistor
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 50.99K  /  8 Page

View it Online

Download Datasheet





    2SC5013 2SC5013-T1 2SC5013-T2 2SC5013-EB

NEC[NEC]
NEC Corp.
Part No. 2SC5013 2SC5013-T1 2SC5013-T2 2SC5013-EB
OCR Text ...h Gain * Low Voltage Operation 0.3 +0.1 -0.05 PACKAGE DIMENSIONS in millimeters 2.1 0.2 1.25 0.1 0.3 +0.1 -0.05 (LEADS 2, 3, 4) (...635 2.538 2.458 2.365 2.296 2.209 2.122 MAG .015 .025 .038 .044 .051 .056 .063 .065 .070 .074 .0...
Description L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 51.33K  /  8 Page

View it Online

Download Datasheet

    2SC5014 2SC5014-T1 2SC5014-T2

NEC Corp.
NEC[NEC]
Part No. 2SC5014 2SC5014-T1 2SC5014-T2
OCR Text ...n * Low Voltage Operation 2.1 0.2 1.25 0.1 PACKAGE DIMENSIONS in millimeters ORDERING INFORMATION 2 3 2.0 0.2 PART NUMBER 2SC501...635 .590 .539 .498 .448 .410 .374 .340 .306 .285 .249 .230 .211 .189 .180 .160 .132 .116 .112 .091 ....
Description HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 48.18K  /  8 Page

View it Online

Download Datasheet

    2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518

NEC[NEC]
NEC Corp.
Part No. 2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518
OCR Text ...DIMENSIONS in millimeters 2.1 0.2 0.3 +0.1 -0.05 1.25 0.1 0.3 +0.1 -0.05 (LEADS 2, 3, 4) 1 4 0.4 +0.1 -0.05 2SC5015-...635 2.553 2.459 2.383 2.323 2.241 2.147 S21 ANG 169.3 158.9 149.4 141.0 132.2 125.7 119.0 113.1 108....
Description Discrete
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 49.94K  /  8 Page

View it Online

Download Datasheet

    AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X A

ALPHA Semiconductor
Alpha Industries Inc
ETC[ETC]
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
OCR Text ....5V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0, or Blank for Adjustable) PIN CONNECTIONS 8-Pin Surface Mount (S) TO-220-3 (U) SOT-89 (M1) SOT-223 (M3...635) 0.103 BSC (2.616) 0.050 (1.270) 0.032 + 0.001 (0.813 + 0.025) - 0.015 (0.381 + + - ...
Description 800mA low dropout regulator 2,5V
800mA low dropout regulator 3V
800mA low dropout regulator 1,5V
800mA low dropout regulator 5V
800mA Low Dropout Regulator SCSI-II Active Terminator
AB 2C 2#16 SKT RECP
800mA low dropout regulator 2,85V
800mA low dropout regulator 3,3V

File Size 75.37K  /  11 Page

View it Online

Download Datasheet

    HD74LS138 HD74LS138P HD74LS138RP HD74LS138RP-EL

Renesas Technology / Hitachi Semiconductor
HITACHI[Hitachi Semiconductor]
Part No. HD74LS138 HD74LS138P HD74LS138RP HD74LS138RP-EL
OCR Text 0.51 Min 2.54 Min 5.06 Max 7.62 2.54 0.25 0.48 0.10 0.25 - 0.05 0 - 15 Hitachi Code JEDEC EIAJ Weight (reference value) ...635 Max 8 0.11 0.14 + 0.04 - 1.75 Max *0.22 0.03 0.20 0.03 0.10 6.10 + 0.30 - 1.08 0 - 8...
Description Decoder/Demux, Single, 3-Input, Inverting, 16-DIP
3-Line-to-8-Line Decoders/Demultiplexers
LS SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, PDSO16 FP-16DN

File Size 66.46K  /  6 Page

View it Online

Download Datasheet

    HD74LV00A

HITACHI[Hitachi Semiconductor]
Part No. HD74LV00A
OCR Text ... Features * * * * * * VCC = 2.0 V to 5.5 V operation All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@V...635 Max 1.08 0 - 8 0.11 0.14 + 0.04 - 1.27 *0.42 0.08 0.40 0.06 0.67 0.60 + 0.20 - ...
Description Quad. 2-input NAND Gates

File Size 50.42K  /  13 Page

View it Online

Download Datasheet

    IRF1902 IRF1B902 IRF1902TR

International Rectifier
Part No. IRF1902 IRF1B902 IRF1902TR
OCR Text ... Max. 20 4.2 3.4 17 2.5 1.6 0.02 12 -55 to + 150 Units V A W mW/C V C Thermal Resistance Symbol RJL RJA Parameter Junction...635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8 6X e e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CA...
Description 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package
Power MOSFET(Vdss=20V)

File Size 105.83K  /  9 Page

View it Online

Download Datasheet

    IRF3000

IRF[International Rectifier]
Part No. IRF3000
OCR Text 0.40W@VGS = 10V VDSS 300V ID 1.6A l Benefits l Low Gate to Drain Charge to Reduce Switching Losses l Fully Characterized Capac...635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8 6X e e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CA...
Description 300V Single N-Channel HEXFET Power MOSFET in a SO-8 package
SMPS MOSFET

File Size 119.33K  /  8 Page

View it Online

Download Datasheet

    IRF7811AV IRF7811AVTR

International Rectifier
Part No. IRF7811AV IRF7811AVTR
OCR Text ...811AV 30 20 10.8 11.8 100 2.5 3.0 -55 to 150 2.5 50 C A W A Units V www.irf.com 1 12/13/00 IRF7811AV Electrical Characteristics ...635 B A S IC 5.8 0 0.2 8 0.4 1 0 6.20 0.48 1.27 8 -C B 8X 0 .2 5 (.0 1 0 ) A1 M CASBS L R ...
Description Si, SMALL SIGNAL, FET, MS-012AA
N-Channel Application-Specific MOSFETs

File Size 85.36K  /  6 Page

View it Online

Download Datasheet

For 0.635 Found Datasheets File :: 9853    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.635

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2656810283661