Part Number Hot Search : 
RGFZ20G VF152B1C 014014 018EF01 S1603 HCT373 SMBJ170A MC10E452
Product Description
Full Text Search
  0.634 Datasheet PDF File

For 0.634 Found Datasheets File :: 1660    Search Time::1.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DATA DEVICE CORP
Part No. RDC-634-M-3-A
OCR Text ... 8.5 minutes 14 bit: 4 minutes, 0.9 lsb or 2.6 minutes (high accuracy)  logic: - ttl compatible - parallel binary angle output  power req...634*a/st series description the sdc-630/632/634 series are low cost, low profile synchro-to- digital...
Description SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DMA27

File Size 118.01K  /  7 Page

View it Online

Download Datasheet





    50PD-634

JFW Industries, Inc.
Part No. 50PD-634
OCR Text ...sertion loss (above 3 db split) 0.6 db maximum 0.15 db typical @ 2 ghz 0.30 db typical @ 6 ghz amplitude tracking 0.35 db phase tracking 5o isolation 20 db minimum matched input power 5 watts average (divider) 2 watts average (combiner) o...
Description 2 WAY REACTIVE POWER DIVIDER/COMBINER

File Size 21.64K  /  1 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
Part No. MKP1840-347-634-F MKP1840-347-634-G MKP1840-347-634-D MKP1840-415-404-F MKP1840-415-404-G MKP1840-415-405-D MKP1840-415-405-F MKP1840-415-404-V MKP1840-415-404-W MKP1840-415-404-D
OCR Text ...ant plastic case (ul-class 94 v-0), blue, epoxy resin selaledflame class b according to iec 60065 available on request construction extended metallized film (refer to general information) leads tinned wire iec test classification 55/100/5...
Description CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT

File Size 174.41K  /  4 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
Part No. MKP1840-347-634-2MG MKP1840-347-634-2MW MKP1840-410-402-M MKP1840-410-402-MW MKP1840-410-402-MG MKP1840-415-402-MG MKP1840-415-403-M MKP1840-415-404-M MKP1840-415-404-MW MKP1840-415-402-MW MKP1840-415-403-MW MKP1840-415-404-MG MKP1840-415-403-MG
OCR Text ..., flame retardant ul-class 94 v-0 climatic testing class acc. to en 60068-1 55/100/56 capacitance range 1000 pf to 6.8 f capacitance tolerance 5 % , 2 % , 2.5 % leads tinned wire maximum application temperature 100 c detail specificati...
Description CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 0.1 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT

File Size 126.03K  /  13 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
Part No. MKP1839-347-634 MKP1839-410-254 MKP1839-310-254 MKP1839-410-164 MKP1839-447-164 MKP1839-415-161
OCR Text ... v dc after one minute for c 0.33?: 100,000 m ? minimum value time constant measured at 100 vdc for one minute for c > 0.33?: 30,000 s minimum value capacitance tolerances 10% (k), 5% (j), 2.5% (h), 1% (f) 1% only up to maximum bod...
Description CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.047 uF, THROUGH HOLE MOUNT AXIAL LEADED
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 250 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 250 V, 0.01 uF, THROUGH HOLE MOUNT AXIAL LEADED
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.47 uF, THROUGH HOLE MOUNT AXIAL LEADED
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.15 uF, THROUGH HOLE MOUNT AXIAL LEADED

File Size 158.62K  /  4 Page

View it Online

Download Datasheet

    IRF-634

STMicroelectronics
Part No. IRF-634
OCR Text 0.38 ? - 8a to-220 /to-220fp mesh overlay? power mosfet general features extremely high dv/dt capability 100% avalanche tested description using the latest high voltage mesh overlay? process, stmicroelectronics has designed an advanced...
Description N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay Power MOSFET

File Size 295.00K  /  14 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
TE Connectivity, Ltd.
Part No. MKP1839-347-634-G MKP1839-347-634-R MKP1839-447-164-G MKP1839468254R MKP1839-447-164-R MKP1839-310-254-R MKP1839-468-254-R MKP1839-410-164-R MKP1839-468-254-G MKP1839-310-254-G MKP1839-410-164-G MKP1839127633G MKP1839-415-161-R MKP1839-415-161-G
OCR Text ...iameter d t (mm) d (mm) l (mm) 0.6 0.06 9.0 19.0 0.8 0.08 < 16.5 > 26.5 1.0 0.1 > 16.5 > 26.5 40.0 5.0 l max. 40.0 5.0 ?d t d max. document number: 26022 for technical questions, contact: dc-film@vishay.com www.vishay.com r...
Description CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.047 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.47 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 250 V, 0.68 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 250 V, 0.01 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.15 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT

File Size 94.78K  /  11 Page

View it Online

Download Datasheet

    EPL3015-901MLB EPL3015-901MLC EPL3015-901MLD

Coilcraft lnc.
Part No. EPL3015-901MLB EPL3015-901MLC EPL3015-901MLD
OCR Text ... inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a network ana...634-1 revised 09/17/09 shielded power inductors C epl3015 series document 634-2 document 6...
Description Shielded Power Inductors ?EPL3015

File Size 185.80K  /  2 Page

View it Online

Download Datasheet

    LT1206CT7 LT1206_07 LT1206 LT1206CN8 LT1206CR LT1206CRTR LT1206CS8 LT120607

Linear Technology, Corp.
LINER[Linear Technology]
Part No. LT1206CT7 LT1206_07 LT1206 LT1206CN8 LT1206CR LT1206CRTR LT1206CS8 LT120607
OCR Text ...0V/s Slew Rate, AV = 2, RL = 50 0.02% Differential Gain, AV = 2, RL = 30 0.17 Differential Phase, AV = 2, RL = 30 High Input Impedance, 10M ...634 768 866 768 909 1k 649 787 931 301 402 590 RG 634 768 866 - - - 649 787 931 33.2 44.2 64.9 -3dB ...
Description 250mA/60MHz Current Feedback Amplifi er OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PZFM7
250mA/60MHz Current Feedback Amplifier; Package: DD PAK; No of Pins: 7; Temperature Range: 0&deg;C to 70&deg;C OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PSSO7

File Size 308.37K  /  16 Page

View it Online

Download Datasheet

For 0.634 Found Datasheets File :: 1660    Search Time::1.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.634

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0569169521332