Part Number Hot Search : 
MA46481 SBR10 1117G ENN8055 MA46481 SSM3K15 NJU7348 OSO5M
Product Description
Full Text Search
  0.5uh Datasheet PDF File

For 0.5uh Found Datasheets File :: 245    Search Time::2.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AN1781

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. AN1781
OCR Text ...rrent (10A) which equals 70A. A 0.5uh/70A inductor is not readily available and a custom design is required to provide short-circuit protection. The Sanyo output capacitors provide a good balance among ESR, ripple current rating, and cost. ...
Description Graphics Chip Supply Delivers 1.65V at 26A

File Size 25.29K  /  4 Page

View it Online

Download Datasheet





    SC1155 SC1155CSW SC1155CSW.TR SC1155EVB

SEMTECH[Semtech Corporation]
Part No. SC1155 SC1155CSW SC1155CSW.TR SC1155EVB
OCR Text 0 VID RANGE PRELIMINARY - August 7, 2000 SC1155 DESCRIPTION The SC1155 is a synchronous-buck switch-mode controller designed for use...5uH Vout C12 0.33 GND C16 0.1 L1 1uH Vin C17-C19 150uF/16V C20 0.1 R10 10k INHIB R9 10k +5V PWRGD ...
Description PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE

File Size 188.37K  /  19 Page

View it Online

Download Datasheet

    40ST1041A

List of Unclassifed Manufac...
ETC
N.A.
Electronic Theatre Controls, Inc.
Part No. 40ST1041A
OCR Text ...X=1CT: 1CT, RX=1:1 3.RISE TIME: 0.25 ns TYP 4.CW/W: 28 pF Max 5.LEAKAGE INDUCTANCE (1MHz): 0.5uh Max 6.CMRR (0.1-100 MHz): -37dB MIN 7.CROSSTALKS (0.1 TO 100MHz): -38dB Min 8.RETURN LOSS (MIN): 5-30 MHz 30-60 MHz 60-80 MHz -16dB -12dB -10 d...
Description 40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER 40引脚SMD以太0/100 Base四端口变压器

File Size 35.53K  /  1 Page

View it Online

Download Datasheet

    SP7652EB SP7652EU

Exar, Corp.
SIPEX[Sipex Corporation]
Part No. SP7652EB SP7652EU
OCR Text 0 to 28V Input, 0 to 8A Output Synchronous Buck Converter Built in Low Rds(on) Power FETs UVLO Detects Both VCC and VIN High Integrated Desi...5uH => yield 35% of maximum 8A output current ripple. Select Cout = 47uF Ceramic capacitor (Resr 2...
Description Evaluation Board Manual 评估板手

File Size 1,062.39K  /  15 Page

View it Online

Download Datasheet

    SP7652 SP7652ER-L_TR SP7652ER_TR SP7652ER-L/TR SP7652ER/TR

SIPEX[Sipex Corporation]
Part No. SP7652 SP7652ER-L_TR SP7652ER_TR SP7652ER-L/TR SP7652ER/TR
OCR Text ...al Input Output Voltage down to 0.8V 6A Output Capability (Up to 8A with Air Flow) Built in Low RDSON Power FETs (15 m typ) Highly Integrate...5uH, Irate=8A 22pF 4 5 6 7 5V VCC CVCC 1uF CF1 100pF 8 9 ENABLE VIN 10 CSS ...
Description Wide Input Voltage Range 6A, 600kHz, Buck Regulator

File Size 129.85K  /  13 Page

View it Online

Download Datasheet

    IRDC3637EVAL

http://
International Rectifier
Part No. IRDC3637EVAL
OCR Text ...ly regulated using the internal 0.8V reference voltage for low voltage applications. The IR3637 operates at a fixed internal 400KHz switchin...5uH, 8A, 10 mOhm 150uF, 6.3V, 40mOhm 0.1uF, X7R, 16V 1uF, X5R, 6.3V 22pF, NPO, 100V 1800pF, X7R, 50V...
Description IR3637 EVALUATION BOARD USER GUIDE

File Size 749.45K  /  8 Page

View it Online

Download Datasheet

    Semtech Corp
Part No. SC1155CSW.TR
OCR Text 0 VID Range POWER MANAGEMENT Description The SC1155 is a synchronous-buck switch-mode controller designed for use in single ended power su...5uH 6 VSENSE VID4 23 Cin H. Cin Bulk + Vin +5V/12V 7 AGND INHIBIT 22 ...
Description Analog IC - Datasheet Reference
From old datasheet system

File Size 261.11K  /  20 Page

View it Online

Download Datasheet

    SSL0804HC-6R8M-S SSL0804HC-R33M-S SSL0804HC-R68M-S SSL0804HC-XXX SSL0804HC SSL0804HC-100M-S SSL0804HC-101M-S SSL0804HC-1

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
http://
Part No. SSL0804HC-6R8M-S SSL0804HC-R33M-S SSL0804HC-R68M-S SSL0804HC-XXX SSL0804HC SSL0804HC-100M-S SSL0804HC-101M-S SSL0804HC-150M-S SSL0804HC-1R0M-S SSL0804HC-1R5M-S SSL0804HC-220M-S SSL0804HC-2R2M-S SSL0804HC-2R7M-S SSL0804HC-330M-S SSL0804HC-3R3M-S SSL0804HC-470M-S SSL0804HC-4R7M-S SSL0804HC-680M-S
OCR Text 0.33 0.68 1.0 1.5 2.2 2.7 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 Tolerance (%) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 DC R...5uH 0 1 10 100 1000 10000 100000 FREQUENCY (KHZ) 5 1.5uH 0 0 2 4 6 8 IDC (A) 10 12 14 16 All s...
Description SMD Unshielded Power Inductors 非屏蔽贴片功率电
STEEL BACK PANEL RoHS Compliant: Yes 非屏蔽贴片功率电

File Size 36.30K  /  1 Page

View it Online

Download Datasheet

    Macronix 旺宏
Part No. MX8325-1 8325_1
OCR Text ...output skew below 500ps * Under 0.1% CPU clock period change while switching frequency * Skew-controlled 1/2 CPU and 1X CPU clocks to winthi...5uH L DVDD C 10uF 1 28 27 26 25 24 JUMPER C 10P 2 14.318M 10P 3 4 5 C ...
Description MOTHERBOARD CLOCK GENERATOR
From old datasheet system

File Size 61.79K  /  9 Page

View it Online

Download Datasheet

    SIQ125-181 SIQ125 SIQ125-100 SIQ125-101 SIQ125-102 SIQ125-120 SIQ125-121 SIQ125-150 SIQ125-151 SIQ125-180 SIQ125-1R3 SIQ

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. SIQ125-181 SIQ125 SIQ125-100 SIQ125-101 SIQ125-102 SIQ125-120 SIQ125-121 SIQ125-150 SIQ125-151 SIQ125-180 SIQ125-1R3 SIQ125-220 SIQ125-221 SIQ125-270 SIQ125-271 SIQ125-2R1 SIQ125-330 SIQ125-331 SIQ125-390 SIQ125-391 SIQ125-3R1 SIQ125-470 SIQ125-471 SIQ125-4R4 SIQ125-560 SIQ125-561 SIQ125-5R8 SIQ125-680 SIQ125-681 SIQ125-7R5 SIQ125-821 SIQ125-820
OCR Text ...n: Unit: mm Recommended Pad 6.0 Max. 12.2 0.3 5.4 2.9 5.0 0.2 12.2 0.3 7.0 2.0 0.2 7.6 0.3 Electrical Characteristics: PAR...5uH +30/-20% 10~1000uH 20% IRATED: rated current. L<20%, T<45oC at IRATED Operating temperature: -20...
Description SMT Power Inductor SMT功率电感

File Size 40.78K  /  1 Page

View it Online

Download Datasheet

For 0.5uh Found Datasheets File :: 245    Search Time::2.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.5uh

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.96008896827698