Part Number Hot Search : 
D013T UPD72874 1N1183R HD74S04 1N4006GL MC33493 2045CT DA15L
Product Description
Full Text Search
  0.500 Datasheet PDF File

For 0.500 Found Datasheets File :: 208449    Search Time::2.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SNA-500

SIRENZA MICRODEVICES
Part No. SNA-500
OCR Text ...hm gain blocks. its small size (0.4mm x 0.4mm) and gold metallization make it an ideal choice for use in hybrid circuits. The SNA-500 is available in gel paks at 100 devices per container. Also available in packaged form (SNA-576 and SNA586...
Description DC-3 GHz, Cascadable GaAs MMIC Amplifier

File Size 237.53K  /  3 Page

View it Online

Download Datasheet





    AEF-35A-500

Merrimac Industries, Inc.
Part No. AEF-35A-500
OCR Text ... @ 1 ma nom. control voltage: 0 to +15 vdc control current: 0 to 10 ma control bandwidth : dc to 100 khz input intercept point : +21 db ...500 pin diode attenuator 10 to 1000 mhz / 0 to 30 db attenuation range / voltage controlled / mul...
Description Analog Miscellaneous
PIN DIODE ATTENUATOR

File Size 90.12K  /  1 Page

View it Online

Download Datasheet

    E5CN-YMT-500 E5CN-Q2ML-500 E5CN-RML-500 E5CN-QMT-500 E5CN-C2MT-500 E53-CNHH03N OMRONELECTRONICSLLC-E5CN-QML-500

Omron Electronics LLC
Omron Electronics, LLC
Part No. E5CN-YMT-500 E5CN-Q2ML-500 E5CN-RML-500 E5CN-QMT-500 E5CN-C2MT-500 E53-CNHH03N OMRONELECTRONICSLLC-E5CN-QML-500
OCR Text ... (w h d) 100 to 240 vac 0 relay e5cn-rmt-500 voltage (for driving ssr) e5cn-qmt-500 current e5cn-cmt-500 2 relay e5cn-r2mt-500 voltage (for driving ssr) e5cn-q2mt-500 current e5cn-c2mt-500 long-life relay e5cn-y2mt-500 24 vac/dc 0 r...
Description Replacement for Fairchild part number 93L422FMQB. Buy from authorized manufacturer Rochester Electronics.
Digital Temperature Controllers 数字温度控制

File Size 763.72K  /  24 Page

View it Online

Download Datasheet

    Bourns Inc.
Part No. 4A12P-516-500
OCR Text .................conforms to ul94v-0 processability................unit is only suitable for no-clean processing convection reflow................500 amp peak current, max. rise/min. decay time 2x10 ?, 60 seconds between pulses: number of pulses ...
Description Surge Line Protection Module

File Size 659.96K  /  1 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
Part No. AD671JD-500 AD671JD-750 AD671KD-750 AD671SD-500 AD671SD-750
OCR Text ...750 low power: 475 mw unipolar (0 v to +5 v, 0 v to +10 v) and bipolar input ranges ( 6 5 v) twos complement or offset binary output data ou...500 ns conversion time). the combination of a merged high speed bipolar/cmos process and a novel arc...
Description Monolithic 12-Bit 2 MHz A/D Converter

File Size 473.39K  /  16 Page

View it Online

Download Datasheet

    SP-500 SP-500-48 SP-500-12 SP-500-13.5 SP-500-15 SP-500-24 SP-500-27

Total Power Internation...
TOTAL-POWER[Total Power International]
Part No. SP-500 SP-500-48 SP-500-12 SP-500-13.5 SP-500-15 SP-500-24 SP-500-27
OCR Text ...uilt-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC fan...500 series SPECIFICATION MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT SP-...
Description 500W Single Output with PFC Function

File Size 379.03K  /  2 Page

View it Online

Download Datasheet

    AD9484BCPZ-500 AD9484-500EBZ AD9484BCPZRL7-500

Analog Devices
Part No. AD9484BCPZ-500 AD9484-500EBZ AD9484BCPZRL7-500
OCR Text ... up to 250 mhz at 500 msps (?1.0 dbfs) sfdr = 79 dbc at f in up to 250 mhz at 500 msps (?1.0 dbfs) integrated input buffer excellent linearity dnl = 0.1 lsb typical inl = 0.1 lsb typical lvds at 500 msps (ansi-644 levels) 1 ghz fu...
Description 8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity

File Size 590.52K  /  24 Page

View it Online

Download Datasheet

    Bourns Inc.
Part No. 4B06B-514-500 4B06B-514-RC 4B06B-514-101
OCR Text ...............matched to within 1.0 ohms trip time at 1 amp................................................2 seconds at 25 c hold current .......500 dcode max. 3.43 .38 (.135 .015) 12.32 (.485) 2 4 6 8 9 12 4 r1 r3 9 68 r2 r4 how to order ...
Description Surge Line Protection Module

File Size 366.57K  /  1 Page

View it Online

Download Datasheet

    NBB-500

RF Micro Devices
Part No. NBB-500
OCR Text ...y ingap amp designer?s tool kit 0 rev a4 030912 units: inches (mm) n5 0.070 (1.78) 0.040 (1.02) 0.020 0.200 sq. (5.08) 45 0.055 (1.40) 0.005 (0.13) package style: micro-x, 4-pin, ceramic
Description Cascadable Broadband GaAs MMIC Amplifier DC to 4 GHz

File Size 214.11K  /  10 Page

View it Online

Download Datasheet

    Data Delay Devices, Inc...
DATADELAY[Data Delay Devices, Inc.]
http://
Part No. 3D7303Z-500 3D7303 3D7303-10 3D7303-100 3D7303-15 3D7303-20 3D7303-200 3D7303-25 3D7303-30 3D7303-300 3D7303-40 3D7303-400 3D7303-50 3D7303-500 3D7303G-10 3D7303G-100 3D7303G-20 3D7303G-200 3D7303G-25 3D7303G-30 3D7303G-300 3D7303G-40 3D7303G-400 3D7303G-50 3D7303G-500 3D7303H-10 3D7303H-100 3D7303H-15 3D7303H-20 3D7303H-200 3D7303H-25 3D7303H-30 3D7303H-300 3D7303H-40 3D7303H-400 3D7303H-50 3D7303H-500 3D7303K-10 3D7303K-100 3D7303K-15 3D7303K-20 3D7303K-200 3D7303K-25 3D7303K-30 3D7303K-300 3D7303K-40 3D7303K-400 3D7303K-50 3D7303K-500 3D7303M-10 3D7303M-100 3D7303M-15 3D7303M-20 3D7303M-200 3D7303M-25 3D7303M-30 3D7303M-300 3D7303M-40 3D7303M-400 3D7303M-50 3D7303M-500 3D7303Z-10 3D7303Z-100 3D7303Z-15 3D7303Z-20 3D7303Z-200 3D7303Z-25 3D7303Z-30 3D7303Z-300 3D7303Z-40 3D7303Z-400 3D7303Z-50 3D7303G-15
OCR Text ... -500 DELAY PER LINE (ns) 10 1.0 15 1.0 20 1.0 25 1.0 30 1.0 40 1.0 50 1.0 100 2.0 200 4.0 300 6.0 400 8.0 500 10.0 Max Operating Frequency 33.3 MHz 22.2 MHz 16.7 MHz 13.3 MHz 11.1 MHz 8.33 MHz 6.67 MHz 3.33 MHz 1.67 MHz 1.11 MH...
Description    MONOLITHIC TRIPLE FIXED DELAY LINE

File Size 29.07K  /  4 Page

View it Online

Download Datasheet

For 0.500 Found Datasheets File :: 208449    Search Time::2.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74613380432129