|
|
|
MURATA MANUFACTURING CO LTD
|
Part No. |
LQW04AN13NH00B
|
OCR Text |
...frequency horizontal wire wound 0.8 0.05 0.4 0.05 0.15 0.05 (in mm) 0.4 0.05 0.06 +0.09 - 0.03 chip inductor (chip coil) for high freq...28ohm 15 250mhz 7.0ghz lqw04an11nj00 p 11nh 5% 100mhz 310ma 0.28ohm 15 250mhz 7.0ghz lqw04an12nh00 ... |
Description |
1 ELEMENT, 0.013 uH, GENERAL PURPOSE INDUCTOR, SMD
|
File Size |
71.33K /
3 Page |
View
it Online |
Download Datasheet |
|
|
|
Feature Integration Technology
|
Part No. |
F81232
|
OCR Text |
... offset field size value 0 blength 1 0x12 www.datasheet4u.net
f81232 . aug., 2008 v0.10p f81232 1 bdescriptor type 1 0x01 2 bcdusb 2 0x0... |
Description |
USB to UART Chip
|
File Size |
193.24K /
13 Page |
View
it Online |
Download Datasheet |
|
|
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
Part No. |
LQG15HS10NJ02D LQG15HS12NJ02D LQG15HS22NJ02D LQG15HS2N2S02D LQG15HS3N3S02D LQG15HS3N9S02D LQG15HS47NJ02D LQG15HS5N6S02D LQG15HS4N3S02 LQG15HS4N3S02D LQG15HS4N3S02P LQG15HS6N2S02D LQG15HS6N2S02P LQG15HS15NJ02 LQG15HS15NJ02D LQG15HS27NJ02D LQG15HSR27J02D LQG15HSR10J02 LQG15HSR10J02D LQG15HSR12J02 LQG15HSR12J02D LQG15HSR15J02 LQG15HSR15J02D LQG15HSR18J02 LQG15HSR18J02D LQG15HSR22J02 LQG15HSR22J02D LQG15HS1N1S02 LQG15HS5N1S02 LQG15HS1N1S02D LQG15HS9N1J02 LQG15HS9N1J02D LQG15HS1N3S02P LQG15HS1N8S02 LQG15HS1N6S02D LQG15HS1N5S02P LQG15HS1N2S02D LQG15HS1N1S02P LQG15HS1N0S02D LQG15HS1N6S02P LQG15HS1N5S02D LQG15HS1N8S02D LQG15HS1N8S02P LQG15HS7N5J02P LQG15HS7N5J02D LQG15HS8N2J02P LQG15HS8N2J02D LQG15HS82NJ02 LQG15HS82NJ02D LQG15HS2N4S02 LQG15HS2N0S02D LQG15HS2N0S02P LQG15HS2N2S02P LQG15HS2N4S02D LQG15HS2N4S02P LQG15HS2N7S02 LQG15HS2N7S02D LQG15HS2N7S02P LQG15HS6N8J02D
|
OCR Text |
... high frequency multilayer type 0.5 0.05 (in mm) 1.0 0.05 0.5 0.05 0.25 0.1 polarity marking chip inductor (chip coil) for high freque...28ohm 8 100mhz 3000mhz lqg15hs15nj02 p 15nh 5% 100mhz 300ma 0.32ohm 8 100mhz 2500mhz lqg15hs18nj02 ... |
Description |
INDUCTOR 10NH 300MA 0402 1 ELEMENT, 0.01 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 300MA 0402 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 22NH 300MA 0402 1 ELEMENT, 0.022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.2NH 300MA 0402 1 ELEMENT, 0.0022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.3NH 300MA 0402 1 ELEMENT, 0.0033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.9NH 300MA 0402 1 ELEMENT, 0.0039 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 200MA 0402 1 ELEMENT, 0.047 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 5.6NH 300MA 0402 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size) INDUCTOR 27NH 300MA 0402 Chip Inductor (Chip Coil) for High Frequency Multilayer Type Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
|
File Size |
45.69K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Murata Manufacturing Co., Ltd.
|
Part No. |
LQM21FN4R7N00L LQM21FN1R0N00D LQM21FN2R2N00D
|
OCR Text |
...r (multilayer type for choke) 2.0 0.2 0.5 0.3 t (in mm) inductance: 1.0 to 2.2 h dimension of t inductance: 4.7 to 47 h 0.85 0.2 1.25 ...28ohm 30% 70mhz lqm21fn4r7n00 p 4.7 h 30% 1mhz 80ma 0.30ohm 30% 25mhz lqm21fn100n00 p 10 h 30%... |
Description |
CHIP INDUCTOR 4.7UH -30%, 80MA 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 1.0UH 220MA 0805 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.2UH 150MA 0805 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
File Size |
39.68K /
2 Page |
View
it Online |
Download Datasheet |
For
0.28ohm Found Datasheets File :: 15 Search Time::1.703ms Page :: | <1> | 2 | |
▲Up To
Search▲ |
|
Price and Availability
|