Part Number Hot Search : 
NUP4102 P6KE15C HC4094 FPF2500 2SJ54 P0640SBL TMB600A 87C196M
Product Description
Full Text Search
  0.25-ohm Datasheet PDF File

For 0.25-ohm Found Datasheets File :: 25388    Search Time::2.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ...VR making full scale change 400 0.003 0.6/3/6 9 -65 KHz % s nVHz dB VSS = 0V VSS = 0V VIH = VDD or VIL = GND VIH = VDD or VIL = GND VIH = VD...25 25 For 1 CLK period (t4 - t3 = 1 CLK period) 50 Timing Diagram CLK t 16 t4 t1 t3 t2 t8 t7...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet





    BCM3440

ETC
Part No. BCM3440
OCR Text ...out 950-2150 MHz - I out 0 RF in AF AGC LNA o Q + Q out - Q out 90 o PLL 16 MHz ref. The BCM3440 is a highly integrated CMOS tuner for the direct broadcast satellite (DBS) market. It is designed to operate with Broad...
Description DIRECT CONVERSION SATELLITE TUNER

File Size 104.65K  /  2 Page

View it Online

Download Datasheet

    C67070-A2701-A67 050B17N2 BSM50GB170DN2

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. C67070-A2701-A67 050B17N2 BSM50GB170DN2
OCR Text ... 500 W + 150 -55 ... + 150 0.25 0.75 4000 20 11 F 55 / 150 / 56 Vac mm K/W C TC = 25 C Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creep...
Description IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate) IGBT功率模块(半桥包括快速续流二极管的绝缘金属基片包
From old datasheet system

File Size 111.79K  /  9 Page

View it Online

Download Datasheet

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text ...r high operating frequencies >5.0 kHz , and Short Circuit Rated to 10s @ 125C, VGE = 15V * Fully isolated printed circuit board mount packag...25 -55 to +150 300 (0.063 in. (1.6mm) from case) 5-7 lbf*in ( 0.55-0.8 N*m) Units V A s V VRM...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet

    FDS6680S

FAIRCHILD[Fairchild Semiconductor]
Part No. FDS6680S
OCR Text ...ures * 11.5 A, 30 V. RDS(ON) = 0.011 @ VGS = 10 V RDS(ON) = 0.016 @ VGS = 4.5 V * * * Includes SyncFET Schottky body diode Low gate...25 C unless otherwise noted o Parameter Ratings 30 20 (Note 1a) Units V V A W 11.5...
Description 30V N-Channel PowerTrench SyncFET⑩

File Size 220.76K  /  9 Page

View it Online

Download Datasheet

    GA100TS120U

IRF[International Rectifier]
Part No. GA100TS120U
OCR Text ...Weight of Module Typ. -- -- 0.1 -- -- 200 Max. 0.24 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 GA100T...25 Id e a l d io d e s 0 0.1 1 10 100 f, Frequency (KHz) Fig. 1 - Typical Load Current vs....
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 268.82K  /  10 Page

View it Online

Download Datasheet

    GA125TS120U

IRF[International Rectifier]
Part No. GA125TS120U
OCR Text ...Weight of Module Typ. -- -- 0.1 -- -- 200 Max. 0.20 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 GA125T...25 C 10 TJ = 25 C 10 1.0 V GE = 15V 80s PULSE WIDTH 1.5 2.0 2.5 3.0 1 4.0 V CE = 25...
Description 1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
HALF-BRIDGE IGBT INT-A-PAK

File Size 220.37K  /  10 Page

View it Online

Download Datasheet

    GA50TS120U

IRF[International Rectifier]
Part No. GA50TS120U
OCR Text ...Weight of Module Typ. -- -- 0.1 -- -- 200 Max. 0.44 0.70 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 GA50TS...25 C I C , Collector-to-Emitter Current (A) 100 TJ = 125 C TJ = 25 C 10 10 1.5 V ...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 208.85K  /  10 Page

View it Online

Download Datasheet

    GA75TS120U GA75TS120UPBF

IRF[International Rectifier]
Part No. GA75TS120U GA75TS120UPBF
OCR Text ...Weight of Module Typ. -- -- 0.1 -- -- 200 Max. 0.32 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 GA75TS...25 C V = 15V 80s PULSE WIDTH GE 1.5 2.0 2.5 10 T = 25 C J 1 10 1.0 0.1 4.0 V = 2...
Description    Ultra-FastTM Speed IGBT
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
75 A, 1200 V, N-CHANNEL IGBT

File Size 255.15K  /  10 Page

View it Online

Download Datasheet

    IRF234 IRF235 IRF236 IRF237

HARRIS SEMICONDUCTOR
INTERSIL[Intersil Corporation]
Intersil, Corp.
Part No. IRF234 IRF235 IRF236 IRF237
OCR Text 0.45 and 0.68 Ohm, N-Channel Power MOSFETs Description These are N-Channel enhancement mode silicon gate power field effect transistors. T...25 250 V V V A A MIN TYP MAX UNITS Drain to Source Breakdown Voltage IRF234, IRF235 IRF236, IRF23...
Description 8.1A and 6.5A/ 275V and 250V/ 0.45 and 0.68 Ohm/ N-Channel Power MOSFETs
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs 6.5 A, 275 V, 0.68 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA

File Size 68.51K  /  7 Page

View it Online

Download Datasheet

For 0.25-ohm Found Datasheets File :: 25388    Search Time::2.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.25-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4323348999023