Part Number Hot Search : 
67A42 4ACT118 PIC16F MSP43 3X221 FJY4004R X799E B8806
Product Description
Full Text Search
  0.165 Datasheet PDF File

For 0.165 Found Datasheets File :: 32645    Search Time::1.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SUM18N25-165-E3

VISHAY SILICONIX
Part No. SUM18N25-165-E3
OCR Text ...(v) r ds(on) ( ) i d (a) 250 0.165 at v gs = 10 v 18 s d g top view sum18n25-165-e3 (lead (pb)-free) to-263 ordering information: d g s n-channel mosfe t notes: a. duty cycle 1 %. b. see soa curve for voltage derating. c. when moun...
Description 18 A, 250 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB

File Size 162.06K  /  8 Page

View it Online

Download Datasheet





    ShenZhen FreesCale Electronics. Co., Ltd
Part No. SUD17N25-165
OCR Text ... (v) r ds(on) ( )i d (a) 250 0.165 at v gs = 10 v 17 notes: a. surface mounted on 1" x 1" fr4 board. b. see soa curve for voltage derating. to-252 s gd top view drain connected to tab sud17n25-165-e3 (lead (pb)-free) ordering informat...
Description N-Channel 250 V (D-S) 175 °C MOSFET

File Size 357.88K  /  5 Page

View it Online

Download Datasheet

    Coilcraft, Inc.
COILCRAFT INC
Part No. 165-05A06S 164-04A06 165-04A06S
OCR Text ...shielded styles shielded styles 0.230 5,84 square max 0.120 0.010 3,05 0,25 0.031 0.010 0,79 0,25 0.212 5,38 tab centers tab length 0.120 3,...165-00a06 black 1 / 2 9 147 9 147 9 131 150 6000 8.1 165-01a06 brown 1 1 / 2 18 145 18 145 15 112 15...
Description NOT RoHS. RF inductor, tunable, aluminum core, shielded (add &apos;L&apos; for compliant version) SHIELDED, 0.043 uH - 0.05 uH, VARIABLE INDUCTOR
UNSHIELDED, 0.052 uH - 0.077 uH, VARIABLE INDUCTOR
SHIELDED, 0.035 uH - 0.041 uH, VARIABLE INDUCTOR

File Size 171.59K  /  3 Page

View it Online

Download Datasheet

    Sanyo Semiconductor
Part No. DL-3147-165
OCR Text ...ode Package Dimensions Unit 0 5.6--0.025 4.4 3.550.1 1.6 Effective window diameter 1.0min. Tolerance : 0.2 : mm 1 3 2 1.00.1 ...165 Characteristics Output power vs. Forward current 8 Threshold current Ith (mA) Output power ...
Description Laser Diode, 5mW Power, 650nm Wave Length, 25mA Current

File Size 26.79K  /  3 Page

View it Online

Download Datasheet

    Vishay Intertechnology,Inc.
Part No. SUM18N25-165
OCR Text ... r ds(on) ( ) i d (a) 250 0.165 @ v gs = 10 v 18 d g s n-channel mosfet to-263 s d g top view ordering information: sum18n25-165?e3 (lead free) absolute maximum ratings (t c = 25 c unless otherwise noted) parameter symbol limit un...
Description N-Channel 250-V (D-S) 175C MOSFET

File Size 64.06K  /  5 Page

View it Online

Download Datasheet

    ISL51002CQZ-165 ISL51002CQZ-150 ISL51002CQZ-110 ISL51002 ISL51002EVALZ

Intersil Corporation
Part No. ISL51002CQZ-165 ISL51002CQZ-150 ISL51002CQZ-110 ISL51002 ISL51002EVALZ
OCR Text 0 10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features The ISL51002 3-channel, 10-bit Analog Front End (AFE) co...165) * Robust, glitchless Macrovision(R)-compliant sync separator * Analog VCR "Trick Mode" support ...
Description 10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features

File Size 349.02K  /  32 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Vishay Intertechnology,Inc.
Part No. SUD17N25-165
OCR Text ...ture ID (A) 17 rDS(on) (W) 0.165 @ VGS = 10 V APPLICATIONS D Automotive such as - Diesel Fuel Injection - High-Side Switch - Motor Drives D TO-252 Drain Connected to Tab G D S G Top View Ordering Information: SUD17N25-...
Description MOSFETs
N-Channel 250-V (D-S) 175C MOSFET

File Size 49.22K  /  4 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. SUM18N25-165
OCR Text ...BR)DSS (V) 250 rDS(on) (W) 0.165 @ VGS = 10 V ID (A) 18 D TrenchFETr Power MOSFET D 175_C Junction Temperature D New Low Thermal Resistance Package APPLICATIONS D Automotive Such As: - Diesel Fuel Injection - High-Side Switc...
Description N-Channel 250-V (D-S) 175C MOSFET

File Size 64.62K  /  5 Page

View it Online

Download Datasheet

    AMPHENOL CORP
Part No. 165-35-1000
OCR Text ...ge cable receptacle for potting 0.0415 0.0599 cable receptacle 0.0600 0.0945 panel receptacle 0.0264 0.0439 plug 0.0659 0.0975 plug for potting 0.0302 0.0490 ? 7 165 series connector applications panel receptacle cable receptacle cable pl...
Description 5 CONTACT(S), ALUMINUM, MALE, CIRCULAR CONNECTOR, RECEPTACLE

File Size 703.16K  /  3 Page

View it Online

Download Datasheet

    CPE-165

CUI INC,
Part No. CPE-165
OCR Text ...1 V -30 ~ +85 C -40 ~ +95 C O14.0 x H4.0 mm 1.0 g max. ABS UL-94 1/16" HB high heat (black) wire type yes APPEARANCE DRAWING tolerance: ...165 DESCRIPTION: piezo audio transducer FREQUENCY RESPONSE CURVE MEASUREMENT METHOD S.P....
Description piezo audio transducer

File Size 205.95K  /  5 Page

View it Online

Download Datasheet

For 0.165 Found Datasheets File :: 32645    Search Time::1.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.47771501541138