|
|
|
IK Semiconductor
|
Part No. |
IN74HC154A
|
OCR Text |
...rat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices logic diagram pin 24 =v cc pin 12 = gnd pin assignment 1
in74hc154a max... |
Description |
4-16 Decoder/Demultiplexer (3-State)
|
File Size |
225.83K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
MACOM[Tyco Electronics]
|
Part No. |
ANCC-15X ANCC-151A ANCC-152A ANCC-153A ANCC-154A ANCC-155A ANCC-156A ANCC-151A-S-12-NM
|
OCR Text |
... Power - Average Weight Length 0.125 in. Diameter 0.015 in. Temperature Pigtail (RG - 58/U) Color 151A 1850-1990 4.2 Typical 40 Vertical 5...154A 2400-2500 4.5 Typical 40 Vertical 50 Ohm 2.0:1 Max 50 W 3.5 oz 10.1 0.75 -40C to +85C 12" N-Mal... |
Description |
1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 4.2 dBi GAIN PCS and WLAN Omni Antennas Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-35 RoHS Compliant: No JT 55C 55#22D SKT RECP
|
File Size |
250.87K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
HITACHI[Hitachi Semiconductor]
|
Part No. |
1SS108
|
OCR Text |
...bility Symbol IF IR C -- Min 3.0 -- -- 70 70 Typ -- -- -- -- -- Max -- 100 3.0 -- -- Unit mA A pF % V Test Condition VF = 1V VR = 10V VR = 1V, f = 1MHz Vin = 2Vrms, f = 40MHz, RL = 5k, CL = 20pF *C = 200pF, Both forward and reverse directi... |
Description |
Silicon Schottky Barrier Diode for Various Detector, High Speed Switching Silicon Schottky Barrier Diode for Various Detector High Speed Switching
|
File Size |
16.67K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
Part No. |
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB89155PF MB89P155PF-101 MB89P155PF-102 MB89P155PF-103 MB89P155PF-104 MB89P155PF-105 MB89P155PF-201 MB89P155PF-202 MB89P155PF-203 MB89P155PF-204 MB89P155PF-205 MB89155PFM MB89P155PFM-104 MB89P155PFM-105 MB89P155PFM-201 MB89P155PFM-202 MB89P155PFM-203 MB89P155PFV-203 MB89P155PFV-201 MB89P155PFV-202 MB89P155PFV-204 MB89152PFM MB89P155PFV-102 MB89P155PFV-103 MB89P155PFV-101 MB89P155PFV-104 MB89P155PFV-105 MB89153APF MB89153APFV MB89153APFM MB89P155PFM-204 MB89P155PFM-205 MB89151APFM MB89151APFV MB89PV150CF-104 MB89P155PFV-205 MB89154PFM MB89154PFV MB89PV150CF-101 MB89PV150CF-105 MB89PV150CF-103 MB89PV150CF-102 MB89155APFV MB89152PFV MB89151PF
|
OCR Text |
...voltage Minimum execution time: 0.95 s/2.7 V, 1.33 s/2.2 V I/O ports: max. 43 channels 21-bit time-base timer 8/16-bit timer/counter: 1 channel (8 bits x 2 channels) 8-bit serial I/O: 1 channel LCD controller/driver: Max. 36 segments x 4 co... |
Description |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
File Size |
357.61K /
52 Page |
View
it Online |
Download Datasheet |
For
0.154a Found Datasheets File :: 16 Search Time::1.375ms Page :: | <1> | 2 | |
▲Up To
Search▲ |
|
Price and Availability
|