Part Number Hot Search : 
MAX662 X323CS CTQ080 SMCJ26 DM8575N KIA494AP 20N60 SR606
Product Description
Full Text Search
  0.133a Datasheet PDF File

For 0.133a Found Datasheets File :: 46    Search Time::1.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

    MB89131 MB89131PFM MB89133A MB89133AP MB89133APFM MB89135A MB89135APFM MB89P135APFM MB89P135A MB89130 MB89130A MB89135 M

FUJITSU[Fujitsu Media Devices Limited]
Part No. MB89131 MB89131PFM MB89133A MB89133AP MB89133APFM MB89135A MB89135APFM MB89P135APFM MB89P135A MB89130 MB89130A MB89135 MB89PV130ACF-ES MB89133 MB89P131 MB89P131PFM-101 MB89P133 MB89P133A MB89P133AP-201 MB89P133APFM-201 MB89P135 MB89PV130 MB89PV130A
OCR Text ...ystem) Minimum execution time : 0.95 s at 4.2 MHz 21-bit timebase timer I/O ports : max. 36 ports External interrupt 1 : 3 channels External...133A/135A Oscillation feedback resistor of approximately 1 M/5 V X0 Standby control signal ...
Description 8-bit Proprietary Microcontroller

File Size 277.76K  /  59 Page

View it Online

Download Datasheet





    Fujitsu
Part No. MB89135A MB89131
OCR Text ...system) Minimum execution time: 0.95 s at 4.2 MHz 21-bit timebase timer I/O ports: max. 36 ports External interrupt 1: 3 channels External i...133A/135A Oscillation feedback resistor of approximately 1 M/5 V X0 Standby control signal X1 ...
Description F 2 MC-8L MB89130/130A Series

File Size 409.74K  /  60 Page

View it Online

Download Datasheet

    ECM-5610 ECM-5610L

List of Unclassifed Manufacturers
Electronic Theatre Controls, Inc.
ETC[ETC]
Part No. ECM-5610 ECM-5610L
OCR Text ... Power Type +5 V @ 5 A, +12 V @ 0.11 A (with Intel(R) Celeron(R) 850 MHz & 128 MB SDRAM) AT/ATX * Operating Temperature 0~60C (32~140F) * Operating Humidity 0%~90% relative humidity, noncondensing * Size (L x W) * Weight 8" x 5.75" (203 mm ...
Description 5.25 Intel Pentium III / Celeron Mini Module 5.25英特尔奔腾III /赛扬微型模块

File Size 143.65K  /  1 Page

View it Online

Download Datasheet

    EES-5610 EES-5610L

List of Unclassifed Manufacturers
Electronic Theatre Controls, Inc.
ETC[ETC]
Part No. EES-5610 EES-5610L
OCR Text ... 13 A; +12 Vdc @ 3 A; -12 Vdc @ 0.5 A * EES-5610L * ACC-CFC-xx 10-12 O I Barebone Specifications System * CPU * BIOS ...133A VT82C694X/VT82C686B VIA VT82C686B/Winbond W83977EF-AW One 168-pin DIMM socket supports up to 51...
Description Intel Pentium III / Celeron Mini PC

File Size 287.29K  /  1 Page

View it Online

Download Datasheet

    EL5427CR EL5427CL-T7 EL5427CL-T13 EL5427CLZ EL5427CLZ-T13 EL5427CLZ-T7 EL5427CR-T13 EL5427CR-T7 EL5427CRZ EL5327CRZ EL53

INTERSIL[Intersil Corporation]
Part No. EL5427CR EL5427CL-T7 EL5427CL-T13 EL5427CLZ EL5427CLZ-T13 EL5427CLZ-T7 EL5427CR-T13 EL5427CR-T7 EL5427CRZ EL5327CRZ EL5327CR-T7 EL5327CR-T13 EL5327CR EL5327CLZ-T7 EL5327CLZ-T13 EL5327CL-T13 EL5227CRZ EL5227CR-T7 EL5227CR-T13 EL5227CR EL5227CLZ-T7 EL5227CLZ-T13 EL5227CL-T7 EL5227CL-T13
OCR Text ... . . . . . . . . . . . . . VS- -0.5V, VS +0.5V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA ESD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Maximum Die Tempera...
Description 2.5MHz 4 8 10 & 12 Channel Rail-to-Rail Buffers
2.5MHz 4/ 8/ 10 & 12 Channel Rail-to-Rail Buffers

File Size 132.60K  /  12 Page

View it Online

Download Datasheet

    SPB100N08S2-07 SPP100N08S2-07

INFINEON[Infineon Technologies AG]
Part No. SPB100N08S2-07 SPP100N08S2-07
OCR Text ...JC RthJA RthJA - Values typ. 0.3 max. 0.5 62 62 40 Unit K/W Electrical Characteristics, at Tj = 25 C, unless otherwise specified...133A at 25C, for detailed information see app.-note ANPS071E available at www.infineon.com/optimos 2...
Description Low Voltage MOSFETs - TO220/263; 100 A; 75V; NL; 7.1 mOhm
OptiMOS Power-Transistor

File Size 308.86K  /  8 Page

View it Online

Download Datasheet

    IPB100N08S2-07 IPI100N08S2-07 IPP100N08S2-07 SP0002-19041 SP0002-19044 SP0002-19005

INFINEON[Infineon Technologies AG]
Part No. IPB100N08S2-07 IPI100N08S2-07 IPP100N08S2-07 SP0002-19041 SP0002-19044 SP0002-19005
OCR Text ...75/56 mJ V W C Unit A Rev. 1.0 page 1 2006-03-03 IPB100N08S2-07 IPP100N08S2-07, IPI100N08S2-07 Parameter Symbol Conditions min....133A at 25C. For detailed information see Application Note ANPS071E at www.infineon.com/optimos 2) ...
Description OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管
OPTIMOS⑶ POWER-TRANSISTOR
OptiMOS㈢ Power-Transistor
OptiMOS? Power-Transistor

File Size 155.83K  /  8 Page

View it Online

Download Datasheet

    ARTESYN[Artesyn Technologies]
Part No. L2000 L2000-26-0 L2000-26-1 L2000-26-2 L2000-26-3 L2000-26-4 L2000-26-5 L2000-26-6 L2000-26-9 L2000-86-9 L2000-86-0 L2000-86-1 L2000-86-2 L2000-86-3 L2000-86-4 L2000-86-5 L2000-86-6
OCR Text ...sates for voltage drop of up to 0.5V to the load 0.2%; 10mV Regulation, line or load All outputs, NL to FL at nominal line or all line va...133A 83A 71A 42A 400A 400A 400A 166A 133A 83A 71A 42A MODEL NUMBER (3) Single Phase Single Ph...
Description Single output 2000 Watt AC/DC high current power supplies

File Size 58.28K  /  4 Page

View it Online

Download Datasheet

    PAH6012 PAH6016 PAT6016 PAT6012

NIEC[Nihon Inter Electronics Corporation]
Part No. PAH6012 PAH6016 PAT6016 PAT6012
OCR Text ...=2 IO, Tj=125C IG=200mA, diG/dt=0.2A/s * Unit A A A2s A/s 133 1200 7200 100 5 W 1 W 2 A 10 V 5 V -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2500 V M6 Screw 2.4 to 3.5 N*m M5 Screw 2.4 to 2.8 Electrical * Therm...
Description THYRISTOR MODULE

File Size 197.19K  /  4 Page

View it Online

Download Datasheet

    PAH608 PAT608

NIEC[Nihon Inter Electronics Corporation]
Part No. PAH608 PAT608
OCR Text ...=2 IO, Tj=125C IG=200mA, diG/dt=0.2A/s * Unit A A A2s A/s 133 1200 7200 100 5 W 1 W 2 A 10 V 5 V -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M5 Screw 2.4 to 2.8 N*m M5 Screw 2.4 to 2.8 Electrical * Therm...
Description THYRISTOR MODULE

File Size 171.37K  /  4 Page

View it Online

Download Datasheet

For 0.133a Found Datasheets File :: 46    Search Time::1.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.133a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5127809047699