Part Number Hot Search : 
OM9369 SM16GZ 1SV285 S009N1 EL755406 52174 H21L2 2400A
Product Description
Full Text Search
  0.091 Datasheet PDF File

For 0.091 Found Datasheets File :: 4648    Search Time::6.437ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NIHON DEMPA KOGYO CO LTD
Part No. AF10-24D-80M-FN15-091 AF10-12D-110M-FN15-491 AF10-12D-50M-FN15-312 AF10-12D-60M-FN15-307 AF10-12D-70M-FN15-307 AF10-12D-80M-FN15-308
OCR Text 0 10 20 30 (khz) (khz) C400 C200 0 200 400 (db) 40 30 20 10 (b) (a) attenuation n dimensions n features this compact crystal filter for sm...091 fn15-436 *1 : specify a frequency in mhz in the brackets. mm 201 g51 2Cg51 541 401 9max 9max 480...
Description 1 FUNCTIONS, 80 MHz, 12 kHz BW(delta f), CRYSTAL FILTER
1 FUNCTIONS, 110 MHz, 6 kHz BW(delta f), CRYSTAL FILTER
1 FUNCTIONS, 50 MHz, 6 kHz BW(delta f), CRYSTAL FILTER
1 FUNCTIONS, 60 MHz, 6 kHz BW(delta f), CRYSTAL FILTER
1 FUNCTIONS, 70 MHz, 6 kHz BW(delta f), CRYSTAL FILTER
1 FUNCTIONS, 80 MHz, 6 kHz BW(delta f), CRYSTAL FILTER

File Size 79.02K  /  1 Page

View it Online

Download Datasheet





    091-FREQ-BM0 092-FREQ-AE0

FOX ELECTRONICS
Part No. 091-FREQ-BM0 092-FREQ-AE0
OCR Text ...pin 1 is left open. note: a 0.01f bypass capacitor should be placed between vdd (pin 4) and gnd (pin 2) to minimize power supply line...091-frequency-xxxxx 094-frequency-xxxxx 095-frequency-xxxxx 096-frequency-xxxxx ? part number...
Description CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 80 MHz, HCMOS/TTL OUTPUT

File Size 137.13K  /  2 Page

View it Online

Download Datasheet

    50DR-091

JFW Industries, Inc.
Part No. 50DR-091
OCR Text ...es.com www.jfwindustries.com 0-50 dB in 1 dB steps 1.2:1 maximum 1.4:1 maximum 1.5:1 maximum DC-500 MHz 500-1000 MHz 1000-2700 MHz Insertion Loss 0.5 dB maximum to 1000 MHz 1.0 dB maximum to 2700 MHz 0.2 dB or 1% 0.3 dB or 3% 0....
Description DUAL ROTARY ATTENUATOR

File Size 22.88K  /  1 Page

View it Online

Download Datasheet

    091-0094-900 009-0270-900

Sensortechnics GmbH
Part No. 091-0094-900 009-0270-900
OCR Text ...r (1250 psi) Orifice siz es 0.030" (0.76 mm) 0.060" (1.52 mm) Leak rate* See Ordering Information Vacuum...17 bar (250 psi) Vac...091-0094-900 009-0933-900 009-0089-900 009-0143-900 009-0207-900 Type Orifice Voltage 12 V ...
Description High-performance media resistant soleniod valves

File Size 183.70K  /  5 Page

View it Online

Download Datasheet

    TUSONIX, Inc.
Part No. 4300-091
OCR Text ... / 0 ' + , - ' * * , / 1 ' 2 - * ' + 1 0 ' ) 3 * / 4 ' + + 0 5 ' ' * ) * ' * * , / * ' , + * ' + 1 0 ' + ) 3 ' * * , / 1 ' ) , * ' + 1 0 ' * ...
Description EMI/RFI FILTER Hermetically Sealed 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR

File Size 25.22K  /  1 Page

View it Online

Download Datasheet

    E-6471-091

http://
Molex Electronics Ltd.
Part No. E-6471-091
OCR Text ...ural (white) flammability 94v-0 gender female glow-wire compliant no lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.100 in pi...
Description 2.54mm (.100) Pitch KK? Crimp Terminal Housing, Friction Ramp, 9 Circuits, Use with 4809

File Size 405.41K  /  8 Page

View it Online

Download Datasheet

    METHODE ELECTRONICS INC
Part No. M418-MR48-091 M41T-FS16-051 M41T-FS16-031 FS16-012 MS16-091 M418-FR16-011 M418-FR16-031 M418-FR16-061
OCR Text ...ced thermoplastic, rated ul 94-0 contacts: male-brass, female-phosphor bronze plating: gold to mil-g-45204, type ii, grade c on contact area over 50 in. nickel underplate to qq-n-290, class 2, grade c electrical: operation voltage: 600 vd...
Description 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER
16 CONTACT(S), FEMALE, STRAIGHT TWO PART EURO CONNECTOR, SOLDER, SOCKET
16 CONTACT(S), FEMALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP, SOCKET
16 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, SOLDER
16 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER, SOCKET

File Size 716.66K  /  7 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 0355-0-15-15-02-01-10-0
OCR Text .... .100 .070 .083 .160 .190 0355-0-15-xx-02-xx-10-0 solder mount in .102 min. mounting hole 0355 0354-0-15-xx-02-xx-10-0 pentagonal press-fit...091 mounting hole 3490 3808-0-15-xx-02-xx-10-0 press-fit in .090 mounting hole 3808 carrier...
Description BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL

File Size 117.57K  /  1 Page

View it Online

Download Datasheet

    MMSZ5221BS

Taiwan Semiconductor Company, Ltd
Part No. MMSZ5221BS
OCR Text ...flammability classification 94V-0 0.037(0.95) Max. SOD-323 0.010(0.25) Typ. Min. 0.106(2.70) 0.091(2.30) 0.077(1.95) 0.069(1.75) Mechanical Data Case: SOD-323, Plastic Terminals: Solderable per MIIL-STD-202, Method 208 Polari...
Description 200mW Surface Mount Zener Diode

File Size 37.84K  /  3 Page

View it Online

Download Datasheet

    QSB363

Fairchild Semiconductor
Part No. QSB363
OCR Text 0.276 (7.0) MIN 0.087 (2.2) 0.071 (1.8) 0.024 (0.6) 0.016 (0.4) 0.074 (1.9) 0.019 (0.5) 0.012 (0.3) .118 (3.0) .102 (2.6) .059 (1.5...091 (2.3) 0.024 (0.6) NOTES: 1. Dimensions are in inches (mm). 2. Tolerance of .010 (.25) on ...
Description SUBMINIATURE PLASTIC SILICON INFRARED PHOTOTRANSISTOR

File Size 127.13K  /  5 Page

View it Online

Download Datasheet

For 0.091 Found Datasheets File :: 4648    Search Time::6.437ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.091

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.90800809860229