Part Number Hot Search : 
18CX10 ANALOG 4QTDV01 HER10 7139A 2N6650 1N827 MDSF1
Product Description
Full Text Search
  0.08m Datasheet PDF File

For 0.08m Found Datasheets File :: 224    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MILL-MAX MFG CORP
Part No. 0479-0-67-01-34-01-10-0
OCR Text 0,51 0 , 5 1 0,23 0 , 2 3 1,57 dia. 1 , 5 7 d i a . 1,42 dia. 1 , 4 2 d i a . 1,3 dia. 1 , 3 d i a . 4280-0-xx-xx-16-xx-10-0 solder mo...08m tin/lead over nickel specify shell finish: 80 5,08m tin ov...
Description BERYLLIUM COPPER, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL

File Size 217.06K  /  1 Page

View it Online

Download Datasheet





    LZ93BE0

Sharp Electrionic Component...
SHARP[Sharp Electrionic Components]
Part No. LZ93BE0
OCR Text ...URES q Switchable between 270 ~0 pixels CCD and FH2 FH2B 4 5 co 16 c l 15 s o 1 4 SI g CH 12 SLCT 11 MIR 320000 pixels CCD ...08M) 8 Applied to output (012M) 257 LZ93BE0 :!. 1 SYMBOL FH I 1/0 012M POIARITY ...
Description Timing Pulse Generator LSI for CCD

File Size 400.70K  /  9 Page

View it Online

Download Datasheet

    3M ELECTRONIC PRODUCTS DIVISION
Part No. 2516-6003-UB 2510-5003-UB 2516-5003-UB
OCR Text ...e option flammability: ul 94v?0 color: gray (pbt), beige (pct) or black (pct) contact material: copper alloy plating underplating:...08m] 60:40 tin-lead solder tails (ria e3 & c2 apply) ub = 30? [0.76m] gold with 200? [5.05m] 60:40...
Description 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

File Size 1,195.38K  /  8 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. 3N253-E4/51 3N253-E4/45 3N255-E4/51 3N255-E4/45 3N254-E4/45 3N254-E4/51 3N259-E4/45 3N259-E4/51
OCR Text ... case: kbpm epoxy meets ul 94v-0 flammability rating terminals: silver plated lead s, solderable per j-std-002 and jesd22-b102 e4 suffix ...08m 2kbp 10m unit 3n253 3n254 3n255 3n256 3n257 3n258 3n259 maximum repetitive peak reverse volt...
Description
File Size 80.77K  /  4 Page

View it Online

Download Datasheet

    Grayhill, Inc.
GRAYHILL INC
Part No. 08P36-09-2-05S 08P36-01-2-05N 08P36-01-2-05S 08P36-09-2-05N 08MP36-12-1-10N 08MP36-12-1-10S 08MP36-12-1-10S-C 08MP36-12-1-10S-F 08MP36-12-1-10N-C 09P90-06-1-04N-C 09P90-06-1-02N GRAYHILLINC-08P36-12-1-02S
OCR Text ... non-turn tab .062 .005 (1,58 0,13) wide by .020 .003 (0,51 0,08) thick see note .260 .015 (6,60 0,38) c l of non- turn tab .094 .01...08m and 09m also meet the requirements of mil-dtl-3786 sr13 for moisture resistance, stop strength, ...
Description ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROHS COMPLIANT
ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.5A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT
ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROHS COMPLIANT
ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROHS COMPLIANT
ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT
ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROHS COMPLIANT

File Size 328.37K  /  3 Page

View it Online

Download Datasheet

    Grayhill, Inc.
GRAYHILL INC
Part No. 09P90-06-1-03N 08S36-03-2-04N 09M30-02-2-04N 09M30-01-2-05N 09A45-01-1-07N 08A36-08-1-07N 09A30-01-1-05N 09A60-02-1-05N 09A30-11-1-06S 09A30-01-2-05N
OCR Text ... non-turn tab .062 .005 (1,58 0,13) wide by .020 .003 (0,51 0,08) thick see note .260 .015 (6,60 0,38) c l of non- turn tab .094 .01...08m and 09m also meet the requirements of mil-dtl-3786 sr13 for moisture resistance, stop strength, ...
Description ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT
ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT
.5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.5A, 28VDC, THROUGH HOLE-STRAIGHT
.5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.5A, 28VDC, THROUGH HOLE-STRAIGHT
.5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT
ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT

File Size 335.41K  /  4 Page

View it Online

Download Datasheet

    2500

3M Electronics
Part No. 2500
OCR Text ...re option flammability: ul 94v -0 color: gray (pbt) or black (pct) contact material: copper alloy plating underplating: 100 ? [ 2.54 m ] nic...08m] 60:40 tin-lead solder tails (ria e3 & c2 apply) ub = 30? [0.76m] gold with 200? [5.05m] 60:40...
Description 3M Four-Wall Header

File Size 948.90K  /  6 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 831-99-031-30-002000 831-13-017-30-002000
OCR Text 0 grid surface mount header s and soc kets w w w . m i l l - m a x . c o m ? 5 1 6 - 9 2 2 - 6 0 0 0 74 series 830, 831 832, 833 ? ser ...08m sn/pb 5,08m sn/pb 5,08m sn/pb 5,08m sn 5,08m sn 5,08m sn 0,25m au 5,08m sn/pb 5,08m sn 2,21 0,48...
Description 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET

File Size 199.33K  /  1 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. 3N248E4
OCR Text ...1000 v i fsm 50 a i r 5 a v f 1.0 v t j max. 150 c features  ul recognition file number e54214  ideal for printed circuit board  high...08m kbp 10m unit 3n246 3n247 3n248 3n249 3n250 3n251 3n252 * maximum repetitive peak reve...
Description DIODE 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE, LEAD FREE, PLASTIC, CASE KBPM, 4 PIN, Bridge Rectifier Diode

File Size 171.87K  /  3 Page

View it Online

Download Datasheet

    3KBP04M 3KBP06M 3KBP08M 3KBP01M 3KBP005M 3KBP02M

VISAY[Vishay Siliconix]
Part No. 3KBP04M 3KBP06M 3KBP08M 3KBP01M 3KBP005M 3KBP02M
OCR Text ...0 70 100 3KBP 02M 200 140 200 3.0 80 32 - 55 to + 150 3KBP 04M 400 280 400 3KBP 06M 600 420 600 3KBP 08M 800 560 800 Units V V V A A A2sec C Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maxim...
Description Glass Passivated Single-Phase Bridge Rectifier

File Size 68.90K  /  3 Page

View it Online

Download Datasheet

For 0.08m Found Datasheets File :: 224    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.08m

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
9.609060049057