Part Number Hot Search : 
STRF6628 7V5BCA NX8045G SY10H842 MCP3301 C74HC2 SMCJ7 FAN7085M
Product Description
Full Text Search
  0.0077 Datasheet PDF File

For 0.0077 Found Datasheets File :: 3109    Search Time::1.218ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    A-42225-0077

Molex Electronics Ltd.
Part No. A-42225-0077
OCR Text ...arizing wall, 7 circuits, 0.76m (30") gold (au) selective plating documents: 3d model product specification ps-10-07 ...0077 reference - drawing numbers product specification ps-10-07 sales drawing sd-42225-001...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 7 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating

File Size 190.46K  /  8 Page

View it Online

Download Datasheet





    71850-0077 A-71850-0077 0015446828

Molex Electronics Ltd.
Part No. 71850-0077 A-71850-0077 0015446828
OCR Text ...nterface: Style 28 Black 25 94V-0 No Phosphor Bronze Tin Tin High Temperature Thermoplastic 2 Vertical 0.120 In 3.05 mm No None 0.062 In 1.6...0077 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-...
Description 2.54mm (.100") Pitch C-Grid庐 Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-Temperature, 28 Circuits
2.54mm (.100) Pitch C-Grid? Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-Temperature, 28 Circuits

File Size 372.59K  /  4 Page

View it Online

Download Datasheet

    16-02-0077 70021-0006 0016020077

Molex Electronics Ltd.
Part No. 16-02-0077 70021-0006 0016020077
OCR Text ...minal, Series 70021, Male, with 0.38m (15") Selective Gold (Au) Plated Contact, 24-30 AWG, Reel Documents: Drawing (PDF) Product Specification PS-70021 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only Crimp Terminals ...
Description SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Reel

File Size 128.42K  /  4 Page

View it Online

Download Datasheet

    TMPR4927ATB-200

Toshiba Semiconductor
Part No. TMPR4927ATB-200
OCR Text ...ing 8 bits shared with CB [ 7 : 0 ] ). * Independent selection of direction of pins and output port type ( totem-pole or open-drain outputs ) on a per bit basis. n AC-link controller ( ACLC ) The TX4927 contains an AC-link controller, wh...
Description TX49 64-Bit TX SystemRISC Series Microprocessors
TOSHIBA RISC PROCESSOR

File Size 178.01K  /  37 Page

View it Online

Download Datasheet

    ZXMP6A17DN8TA ZXMP6A17DN8TC ZXMP6A17DN8

ZETEX[Zetex Semiconductors]
Part No. ZXMP6A17DN8TA ZXMP6A17DN8TC ZXMP6A17DN8
OCR Text 0.125 ; ID= -3.1A DESCRIPTION This new generation of high cell density planar MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficien...
Description    DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET

File Size 181.54K  /  7 Page

View it Online

Download Datasheet

    ZXCD50STEVAL

Zetex Semiconductors
Part No. ZXCD50STEVAL
OCR Text ... a mute facility. * THD + N <0.5% @ 90% power * >90% efficiency * Flat frequency response 20Hz - 20 kHz * Turn on / turn off pop suppression * Over current protection * Mute facility * Noise floor -115dB Note: The ZXCD50STEVAL is intend...
Description    50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD

File Size 806.24K  /  11 Page

View it Online

Download Datasheet

    ZX5T869ZTA ZX5T869Z

ZETEX[Zetex Semiconductors]
Part No. ZX5T869ZTA ZX5T869Z
OCR Text ...48 33 464 pF ns MIN. 60 60 25 7.0 TYP. 120 120 35 8.1 20 0.5 20 0.5 10 35 45 70 130 200 1050 960 MAX. UNIT CONDITIONS V V V V nA A nA A nA mV mV mV mV mV mV mV I C = 100 A I C = 1 A, RB I C = 10mA* I E = 100 A VCB = 50V VCB = 50V, Tamb=100 ...
Description 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

File Size 97.13K  /  6 Page

View it Online

Download Datasheet

    ZTLV431AFTA ZTLV431BE5TA ZTLV431BFFTA ZTLV431BFTA ZTLV431 ZTLV431AE5TA ZTLV431AFFTA

ZETEX[Zetex Semiconductors]
Part No. ZTLV431AFTA ZTLV431BE5TA ZTLV431BFFTA ZTLV431BFTA ZTLV431 ZTLV431AE5TA ZTLV431AFFTA
OCR Text ...ed with an initial tolerance of 0.5%, and all cover the -40C to 125C temperature range as standard. Pin connections ZTLV431_F (SOT23) (top view) Ref 1 3 Anode Cathode 2 Features * * * Low voltage operation VREF = 1.24V Temperatu...
Description 1.24V Cost effective shunt regulator

File Size 143.28K  /  8 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. ZOR-12 ZOR-25 ZOR
OCR Text ...Reduced Insulation Flammability 0.005 10,000M 100M 500V RMS 325V RMS Resistor Insulation is Self Extinguishing within 10 Seconds After Externally Applied Flame is Removed 15 AMPS at 70C for 1/4W 10 AMPS at 70C for 1/6W INTRODUCTION * Si...
Description Zerohm Resistors

File Size 22.94K  /  1 Page

View it Online

Download Datasheet

    ZL50064 ZL50064QCC ZL50062GAC ZL50062

ZARLINK[Zarlink Semiconductor Inc]
Part No. ZL50064 ZL50064QCC ZL50062GAC ZL50062
OCR Text ... VDD_PLL DS CS R/W A14-0 DTA D15-0 TMS TDi TDo TCK TRST Figure 1 - ZL50062/4 Functional Block Diagram 1 Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor ...
Description 16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs

File Size 548.98K  /  68 Page

View it Online

Download Datasheet

For 0.0077 Found Datasheets File :: 3109    Search Time::1.218ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.0077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.86897897720337