Part Number Hot Search : 
1660CT NE9000XX IP125 C18F67 CONDUCTO SMLJ16 TMH2415D EU13003
Product Description
Full Text Search
  0.0012 Datasheet PDF File

For 0.0012 Found Datasheets File :: 4092    Search Time::2.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Agilent / Hewlett-Packard
Part No. 5082-0012
OCR Text 0.8 Typical * Nitride Passivated Outline 01B 5082-0001 D ALL OTHER CHIPS D X X Description These PIN diode chips are silicon ...0012 has a planar construction. The fabrication processes are optimized for long term reliability an...
Description Chip PIN diodes for hybrid assemblies

File Size 27.02K  /  2 Page

View it Online

Download Datasheet





    TOSHIBA
Part No. TC83230-0012
OCR Text ...format. fixed decimal setting (?0?, ?1?, ?2?, ?3?, ?4?, ?6?), full floating decimal, and add mode. key-input buffer: 12 words opera...0012 2003-03-04 2 pin assignment (top view) qfp80 tc83230-0012 2003-03-04 3 system blo...
Description Single-Chip CMOS LSI for Calculators with Printers (applicable printer heads: M-80, M-400A, M-400E, M-401A manufactured by EPSON)

File Size 422.28K  /  27 Page

View it Online

Download Datasheet

    TX-700-0012-20M0

Vectron International, Inc
Part No. TX-700-0012-20M0
OCR Text ...p . range over all ( df / f 0 ) - 4 . 6 to 4 . 6 ppm vs . operating temp . range ( df / f @ 25 c ) - 0 . 28 to 0 . 28 pp...0012-20m0 tcxo www.vectron.com modified 2011-03-09 index : 2 printed 2011-06-03 ? page 2 of ...
Description TCXO

File Size 316.00K  /  5 Page

View it Online

Download Datasheet

    M/A-Com
Part No. AM50-0012
OCR Text ... is fabricated using a low-cost 0.5-micron gate E-D SAGFET GaAs process. This process features full passivation for increased reliability. The AM50-0012 is 100% RF tested to ensure performance specification compliance. Electrical Specifi...
Description High Dynamic Range Low Noise Amplifier

File Size 374.15K  /  4 Page

View it Online

Download Datasheet

    A-43009-0012 22-23-5031 0022235031

Molex Electronics Ltd.
Part No. A-43009-0012 22-23-5031 0022235031
OCR Text ...ce: Style No 3 3 Natural 25 94V-0 No Yes Brass Tin Tin Polyester 1 Vertical 0.140 In 3.56 mm No Yes 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 20...0012 Reference - Drawing Numbers Sales Drawing SDA-43009 This document was generated on 03/19...
Description 2.54mm (.100) Pitch KK庐 Solid Header, Vertical, 3 Circuits, with Kinked PC Tails
2.54mm (.100) Pitch KK? Solid Header, Vertical, 3 Circuits, with Kinked PC Tails

File Size 132.57K  /  7 Page

View it Online

Download Datasheet

    Molex, Inc.
Part No. 19041-0012 19043-0010
OCR Text ... l order no. length l 22-16 (0.3-1.2) 5-6 (3-3.5) .380 (9.7) .295 (7.5) 19041-0001 19041-0002 .635 (16.1) 8(4) .380 (9.7) .295 (7.5) 1904...0012 .666 (16.9) 19042-0008 .666 (16.9) 12-10 (3.0-6.0) 8(4) .380 (9.7) .295 (7.5) 19041-0014 .725 (...
Description CLOSED FLAG KRIMPTITE (B-143-10) 2 mm2, COPPER ALLOY, RING TERMINAL
ETC TAB ADAPT (2M/1F) (VWA-0) RoHS Compliant: Yes VWA-0-C BRASS, PUSH-ON TERMINAL

File Size 326.37K  /  1 Page

View it Online

Download Datasheet

    42376-0012

Molex Electronics Ltd.
Part No. 42376-0012
OCR Text ...e: Style Yes 12 12 Black 25 94V-0 No Brass Tin Tin High Temperature Thermoplastic 1 Right Angle 0.120 In 3.05 mm No None 0.062 In 1.60 mm Ba...0012 Reference - Drawing Numbers Product Specification Sales Drawing PS-10-07 SD-42376-001 Th...
Description 2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 12 Circuits, Tin (Sn) Plating

File Size 301.83K  /  12 Page

View it Online

Download Datasheet

    PSA-0012

Mini-Circuits
Part No. PSA-0012
OCR Text 0.05 to 6 GHz Click here for data sheet PSA-0012+ The Big Deal * Ideal IF Amplifier Low Gain Low Noise Figure High Output Power CASE STYLE: CA1389 Pricing: $1.75 (QTY 50) * Wide band * Miniature Package Product Overview...
Description High Dynamic Range Monolithic IF Amplifier

File Size 99.84K  /  1 Page

View it Online

Download Datasheet

    08-70-0012

Molex Electronics Ltd.
Part No. 08-70-0012
OCR Text ...reel plating min - mating 0.889m plating min - termination 0.889m termination interface: style crimp or compression wire...0012 ...
Description 3.96 and 5.08mm Pitch KK? Cat Ear Crimp Terminal, Female, 18-24 AWG, Reel

File Size 39.75K  /  3 Page

View it Online

Download Datasheet

    71764-0012 0717640012

Molex Electronics Ltd.
Part No. 71764-0012 0717640012
OCR Text ...e: Style Yes 12 12 Black 25 94V-0 No None Brass, Phosphor Bronze Tin Tin High Temperature Thermoplastic 2 Right Angle 0.110 In 2.79 mm No No...0012 14 71764-0014 16 71764-0016 18 71764-0018 20 71764-0020 22 71764-0022 24 71764-0024 26 71764-00...
Description 2.54mm (.100) Pitch C-Grid? Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 12 Circuits, Tin (Sn) Plating
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 12 Circuits, Tin (Sn) Plating

File Size 121.14K  /  5 Page

View it Online

Download Datasheet

For 0.0012 Found Datasheets File :: 4092    Search Time::2.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.0012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.34671902656555