Part Number Hot Search : 
1403RSD0 MJD45H11 SA10ARL P1500REL AT28C16E MES50A MAX150 1N400
Product Description
Full Text Search
  0.0008 Datasheet PDF File

For 0.0008 Found Datasheets File :: 4785    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Ecliptek, Corp.
Bel Fuse, Inc.
MACOM[Tyco Electronics]
Part No. DS52-0008-TR DS52-0008-RTR DS52-0008
OCR Text ... Package Typical Isertion Loss: 0.6dB Typical Isolation: 15dB 1 Watt Power Handling SOT-26 Description M/A-COM's DS52-0008 is an IC-based monolithic power divider using M/A-COM's GMIC technology in a low cost SOT-26 plastic package. ...
Description Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz 低成本双向GMIC SMT功率分频24 - 960兆赫

File Size 45.75K  /  2 Page

View it Online

Download Datasheet





    AT65-0008-TB AT65-0008TR AT65-0008

Tyco Electronics
Part No. AT65-0008-TB AT65-0008TR AT65-0008
OCR Text ...v db ? 1.2 1.5 vswr 0 to 10 db ratio ? 1.6:1 2.0:1 vswr 10 to 20 db ratio ? 1.8:1 2.0:1 attenuation 0v ...0008 is a pin diode based voltage variable attenuator. it is packaged in an 8 le ad small outline ...
Description Voltage Variable Attenuator/ 900 - 2500 MHz
Voltage Variable Attenuator, 900 - 2500 MHz

File Size 261.77K  /  5 Page

View it Online

Download Datasheet

    DS52-0008-TR

M/A-COM Technology Solutions, Inc.
Part No. DS52-0008-TR
OCR Text ...age ? typical insertion loss: 0.6 db ? typical isolation: 15 db ? 1 watt power handling ? sot-26 package description m/a-com?s ds52-0008 is an ic-based monolithic power divider using m/a-com?s gmic technology in a low cost sot...
Description Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz

File Size 64.89K  /  4 Page

View it Online

Download Datasheet

    DR65-0008

Tyco Electronics
Part No. DR65-0008
OCR Text ... nS Min 4.5 -40 30 -30 -- Typ 5.0 +25 -- -- -- Max 5.5 +85 -- -- 500 1. All voltages are relative to GND Absolute Maximum Ratings Par...0008 V 2.00 Pin Configuration PIN 1 2 3 4 5 6 7 8 Function A3 B3 A4 B4 GND VCC C4 C3 PIN 9 10 1...
Description Quad Positive Voltage Driver

File Size 256.60K  /  3 Page

View it Online

Download Datasheet

    DR65-0008-TR

TE Connectivity, Ltd.
Citizen Finetech Miyota
Tyco Electronics
Part No. DR65-0008-TR
OCR Text ...dc supply voltage v 4.5 5.0 5.5 t a operating ambient temperature c - 40 +25 +85 i oh dc output current - source ...0008 specifications subject to change without notice. n north america: tel. (800) 366 - 2...
Description Quad Positive Voltage Driver for GaAs FET Switches and Attenuators 四为GaAs场效应管开关和衰减正电压驱

File Size 230.38K  /  3 Page

View it Online

Download Datasheet

    CH35-0008-S

Tyco Electronics
Part No. CH35-0008-S
OCR Text ...ty - 30 dB typical FP-2 PIN 0.015 DIA 0.005 (0.38 0.13) 8 PLACES 1 2 3 4 0.385 0.020 (9.8 0.5) 5 6 7 8 0.312 MIN TYP (7.9 MIN) Description M/A-COM's CH35-0008-S is a unique type of 180 hybrid. 0.080 (2.0) 0.100 (2.5) Absolute Ma...
Description LED Panel Indicator; LED Color:Red; Luminous Intensity:100foot lambert; Forward Current:81mA; Forward Voltage:12V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No
20 dB Directional Coupler 5 - 1000 MHz

File Size 15.25K  /  1 Page

View it Online

Download Datasheet

    A-42375-0008 22-28-4080

Molex Electronics Ltd.
Part No. A-42375-0008 22-28-4080
OCR Text ...ast break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating...0008 reference - drawing numbers product specification ps-10-07 sales drawing sd-42375-001...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240)

File Size 522.37K  /  36 Page

View it Online

Download Datasheet

    42376-0008

Molex Electronics Ltd.
Part No. 42376-0008
OCR Text ...ace: Style Yes 8 8 Black 25 94V-0 No Brass Tin Tin High Temperature Thermoplastic 1 Right Angle 0.120 In 3.05 mm No None 0.062 In 1.60 mm Ba...0008 Reference - Drawing Numbers Product Specification Sales Drawing PS-10-07 SD-42376-001 Th...
Description 2.54mm (.100") Pitch KK垄莽 Header, Breakaway, Right Angle, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361")

File Size 301.83K  /  12 Page

View it Online

Download Datasheet

    42225-0008 A-42225-0008

Molex Electronics Ltd.
Part No. 42225-0008 A-42225-0008
OCR Text ...cles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating ...0008 reference - drawing numbers product specification ps-10-07 sales drawing sd-42225-001...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 8 Circuits, Tin (Sn) Plating

File Size 190.43K  /  8 Page

View it Online

Download Datasheet

    5082-0008 50820008

Advanced Semiconductor, Inc.
Part No. 5082-0008 50820008
OCR Text ...C to +200 C -65 C to +200 C t 1.0 MINUTE +310 C CHIP = 0.020 X 0.020 X 0.011 INCHES TOP BOND CONTACT GOLD = 0.0025 INCHES BOTTOM CONTACT GOLD (FULL AREA) NONE CHARACTERISTICS SYMBOL VB CJ RS tt IR = 10 A VR = 10 V IF = 20 mA IF = ...
Description STEP RECOVERY DIODE CHIP
From old datasheet system

File Size 12.49K  /  1 Page

View it Online

Download Datasheet

For 0.0008 Found Datasheets File :: 4785    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.0008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1824660301208