Part Number Hot Search : 
GI502 MB89535 1760PY 2SC42 KBU8B HVC136 PST593DM TDA8350Q
Product Description
Full Text Search
  -state Datasheet PDF File

For -state Found Datasheets File :: 203388    Search Time::5.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text STATE LOW POWER "CMOS" CONSUMPTION: - Active Current 30mA - Standby Current 100A PROGRAMMING VOLTAGE: 12.5V ELECTRONIC SIGNATURE for AUTOMATED PROGRAMMING HIGH SPEED PROGRAMMING (less than 1 minute) 28 1 FDIP28W (F) PLCC32 (C) ...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光

File Size 97.89K  /  11 Page

View it Online

Download Datasheet





    Nexperia
Part No. PMZ320UPE
OCR Text ...eristics r dson drain-source on-state resistance v gs = -4.5 v; i d = -1 a; t j = 25 c - 430 510 m [1] device mounted on an fr4 printed-circuit board (pcb), single-sided copper, tin-plated, mounting p ad for drain 1 cm 2 . downloaded fro...
Description 30 V, P-channel Trench MOSFET

File Size 307.64K  /  15 Page

View it Online

Download Datasheet

    Nexperia
Part No. PMZ130UNE
OCR Text ...eristics r dson drain-source on-state resistance v gs = 4.5 v; i d = 1.8 a; t j = 25 c - 120 150 m [1] device mounted on an fr4 pcb, single-sided copper, tin-plated and mounting pad for drain 1 cm 2 . downloaded from: http:/// ? ne...
Description 20 V, N-channel Trench MOSFET

File Size 314.36K  /  14 Page

View it Online

Download Datasheet

    Alpha & Omega Semiconductor
Part No. AON6234
OCR Text ..., t stg symbol t 10s steady-state steady-state r jc maximum junction-to-ambient a c/w r ja 14 40 17 v 20 gate-source voltage drain-source voltage 40 units junction and storage temperature range -55 to 150 c thermal characteristics pa...
Description Single MV MOSFETs (40V - 400V)

File Size 344.13K  /  6 Page

View it Online

Download Datasheet

    IRHMB57Z60

International Rectifier
Part No. IRHMB57Z60
OCR Text ...s(on) static drain-to-source on-state 0.0045 ? v gs = 12v, i d = 45a resistance v gs(th) gate threshold voltage 2.0 4.0 v v ds = v gs , i d = 1.0ma g fs forward transconductance 73 s ( ) v ds = 15v, i ds = 45a i...
Description 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package

File Size 169.98K  /  8 Page

View it Online

Download Datasheet

    Alpha & Omega Semiconductor
Part No. AOTF288L
OCR Text ..., t stg symbol t 10s steady-state steady-state r jc 43 36 30 160 maximum junction-to-case pulsed drain current c continuous drain current g power dissipation a 15 t c =100c power dissipation b p d 46.5 17.5 -55 to 175 junction and ...
Description Single MV MOSFETs (40V - 400V)

File Size 376.85K  /  7 Page

View it Online

Download Datasheet

    Skyworks Solutions
Part No. SE2593A20
OCR Text ... amplifier as well as a bypass state, for use when high power signals are being received. designed for ease of use, all rf ports are matched to 50 ? to simplify pcb layout and the interface to the transceiver rfic. the se2593a20 a...
Description Dual Band 802.11n Wireless LAN Front End

File Size 723.83K  /  18 Page

View it Online

Download Datasheet

    Panasonic
Part No. MTM232230LBF
OCR Text ... features ? low drain-source on-state resistance : rds(on) typ = 20 m ? (vgs = 4.0 v) for switching ? halogen-free / rohs compliant panasonic smini3-g1-b (eu rohs / ul-94 v-0 / msl : level 1 compliant) ? marking symbol : 1.2. 3. pcs / ...
Description Other MOSFETs

File Size 243.06K  /  7 Page

View it Online

Download Datasheet

    Nexperia
Part No. 74LVTN16244BDGG
OCR Text state rev. 6 4 october 2018 product data sheet 1. general description the 74lvtn16244b is a high-performance bicmos product designed for v cc operation at 3.3 v. this device is a 16-bit buffer and line driver featuring non-inverting 3-st...
Description 3.3 V 16-bit buffer/driver; 3-state

File Size 193.79K  /  11 Page

View it Online

Download Datasheet

For -state Found Datasheets File :: 203388    Search Time::5.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of -state

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1868600845337