Part Number Hot Search : 
DTC144TE STU5025 ADM3251 WF380A 1N4733 00050 1346634 WF380A
Product Description
Full Text Search
  -0.45v Datasheet PDF File

For -0.45v Found Datasheets File :: 7374    Search Time::12.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SD1198 2SD1198A

Panasonic, Corp.
PANASONIC[Panasonic Semiconductor]
Part No. 2SD1198 2SD1198A
OCR Text ...fication Unit: mm 6.90.1 1.5 0.4 s Features q 2.50.1 1.0 1.0 2.40.2 2.00.2 3.50.1 q q 0.85 (Ta=25C) Ratings 30 60 25 50...45V, IE = 0 VEB = 4V, IC = 0 IC = 100A, IB = 0 IC = 1mA, IB = 0 IE = 100A, IC = 0 VCE = 10V, IC = IC...
Description Silicon NPN epitaxial planer type darlington 1000 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR

File Size 50.59K  /  2 Page

View it Online

Download Datasheet





    GTLP2T152 GTLP2T152K8X GTLP2T152M GTLP2T152MX

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP2T152 GTLP2T152K8X GTLP2T152M GTLP2T152MX
OCR Text ...utput voltage levels are: VOL = 0.5V, VOH = 1.5V, and VREF = 1V. Features s Bidirectional interface between GTLP and LVTTL logic levels ...45V -48 mA -24 mA +24 mA +50 mA -40C to +85C -50 mA -50 mA >2000V -65C to +150C Note 1: ...
Description 2-Bit LVTTL/GTLP Transceiver GTLP SERIES, 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
From old datasheet system

File Size 113.08K  /  7 Page

View it Online

Download Datasheet

    GTLP36T612 GTLP36T612G GTLP36T612GX

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP36T612 GTLP36T612G GTLP36T612GX
OCR Text ...P output LOW level is less than 0.5V, the output HIGH is 1.5V and the receiver threshold is 1.0V. Features s Bidirectional interface bet...45V 0.0V to 3.45V 1.47V to 1.53V 0.98V to 1.02V 3.15V to 3.45V -48 mA -24 mA +24 mA +50 mA -40...
Description 36-Bit LVTTL/GTLP Universal Bus Transceiver

File Size 77.84K  /  8 Page

View it Online

Download Datasheet

    GTLP6C816A GTLP6C816AMTC GTLP6C816APMTCX

FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP6C816A GTLP6C816AMTC GTLP6C816APMTCX
OCR Text ...OW level is typically less than 0.5V, the output level HIGH is 1.5V and the receiver threshold is 1.0V. Features s Interface between LVT...45V 1.47V to 1.53V 1.14V to 1.26V 0.98V to 1.02V 3.15V to 3.45V Note 1: Absolute Maximum continuo...
Description LVTTL-to-GTLP Clock Driver

File Size 51.83K  /  7 Page

View it Online

Download Datasheet

    GTLP6C817 GTLP6C817MTC

FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP6C817 GTLP6C817MTC
OCR Text ...OW level is typically less than 0.5V, the output level HIGH is 1.5V and the receiver threshold is 1.0V. Features s Interface between TTL...45V Note 1: Absolute Maximum continuous ratings are those values beyond which damage to the devic...
Description Low Drive GTLP-to-LVTTL 1:6 Clock Driver

File Size 50.04K  /  7 Page

View it Online

Download Datasheet

    GTLP8T306 GTLP8T306MTC

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP8T306 GTLP8T306MTC
OCR Text ...OW level is typically less than 0.5V, the output HIGH level is 1.5V and the receiver threshold is 1.0V. Features s Bidirectional interfa...45V Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device c...
Description 8-Bit LVTTL/GTLP Bus Transceiver(8LVTTL/GTLP电平转换总线驱动 8LVTTL / GTLP总线收发器(8LVTTL / GTLP电平转换总线驱动器)

File Size 57.87K  /  7 Page

View it Online

Download Datasheet

    LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM2575-12BWM LM2575-3.3BN LM2575-3.3BT LM2575-3.3BU LM2575-3.3BWM LM2575-5

Micrel Semiconductor, Inc.
Micrel Semiconductor,Inc.
MICREL[Micrel Semiconductor]
Part No. LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM2575-12BWM LM2575-3.3BN LM2575-3.3BT LM2575-3.3BU LM2575-3.3BWM LM2575-5.0BN LM2575-5.0BT LM2575-5.0BU LM2575-5.0BWM LM2575BN LM2575BT LM2575BU LM2575BWM
OCR Text ... +VIN + CIN 100F LM2575-5.0 Output L1 2 330H 3 5 Gnd On/Off D1 1N5822 1 4 Feedback +5V, 1A Regulated Output + COUT 330F ...45V -0.3V V +40V -1V Internally Limited -65C to +150C 2 kV 1 kV 260C 150C Operating Ratings Te...
Description 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
52kHz Simple 1A Buck Regulator(固定频率52kHz 输出电流 1A 可调转换电压步降稳压 52kHz简A降压稳压器(固定频率52kHz输出电流1A条可调转换电压步降稳压器
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP16
Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 14-PDIP 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5
Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 8-PDIP
52kHz Simple 1A Buck Regulator(固定频率B>52kHz 输出电流 1A 可调转换电压步降稳压

File Size 89.81K  /  7 Page

View it Online

Download Datasheet

    LM2576-12BU LM2576-3.3BU LM2576-5.0BU LM2576 LM2576-12BT LM2576-3.3BT LM2576-5.0BT LM2576BU LM2576BT

Micrel Semiconductor, Inc.
Micrel Semiconductor,Inc.
MICREL[Micrel Semiconductor]
Part No. LM2576-12BU LM2576-3.3BU LM2576-5.0BU LM2576 LM2576-12BT LM2576-3.3BT LM2576-5.0BT LM2576BU LM2576BT
OCR Text ... +VIN + CIN 100F LM2576-5.0 Output L1 2 100H 3 5 Gnd On/Off D1 1N5822 1 4 Feedback +5V, 3A Regulated Output + COUT 1000F ...45V -0.3V V +40V -1V Internally Limited -65C to +150C 2 kV 1 kV 260C 150C Operating Ratings Te...
Description 52kHz Simple 3A Buck Voltage Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
52kHz Simple 3A Buck Regulator(固定频率B>52kHz 输出电流 3A 可调转换电压步降稳压
   52kHz Simple 3A Buck Voltage Regulator

File Size 88.28K  /  8 Page

View it Online

Download Datasheet

For -0.45v Found Datasheets File :: 7374    Search Time::12.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of -0.45v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0950891971588