Part Number Hot Search : 
MCP1825 ASI10 25M50 7906CT HER306 ASI10 ASI10 8ACPA
Product Description
Full Text Search
 

To Download VE0603K300R014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated - 7fbfd97a-215f-4f0b-b355-56e1b188a394 kemet part number: VE0603K300R014 varistors, ve, low voltage high temperature, 18 v, 14 vac, 22 v, 40 v, 1 amps, 30 amps, 300 mj, 3000 uw dimensions chip size 0603 l 1.6mm +/-0.2mm w 0.8mm +/-0.1mm t 0.95mm max b 0.5mm +/-0.25mm packaging specifications packaging: t&r packaging quantity: 4000 general information type: varistors style: smd chip series: ve description: surface mount varistors features: low voltage high temperature approvals: cecc, iec, aec-q200 termination: nickel tin rohs: yes specifications voltage dc: 18 vdc (25c) voltage ac: 14 vac temperature range: -55/+150c storage temperature range: -55/+150c varistor voltage: 22 vdc at 1 mamps clamping voltage: 40 v clamping current: 1 amps (8/20 us max) surge current: 30 amps (8/20 us max) energy: 0.3 j (10/1000 us max) capacitance: 195 pf (1khz) ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of VE0603K300R014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X