Part Number Hot Search : 
SEMIX 93C66A 5KP100A LS5019 CSC8801A 221K2 KQB9N50 2J333K
Product Description
Full Text Search
 

To Download VE0603K300R011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated - bf77c545-209d-4a2a-9af3-4a6b0108837c kemet part number: VE0603K300R011 varistors, ve, low voltage high temperature, 14 v, 11 vac, 18 v, 35 v, 1 amps, 30 amps, 200 mj, 3000 uw dimensions chip size 0603 l 1.6mm +/-0.2mm w 0.8mm +/-0.1mm t 0.95mm max b 0.5mm +/-0.25mm packaging specifications packaging: t&r packaging quantity: 4000 general information type: varistors style: smd chip series: ve description: surface mount varistors features: low voltage high temperature approvals: cecc, iec, aec-q200 termination: nickel tin rohs: yes specifications voltage dc: 14 vdc (25c) voltage ac: 11 vac temperature range: -55/+150c storage temperature range: -55/+150c varistor voltage: 18 vdc at 1 mamps clamping voltage: 35 v clamping current: 1 amps (8/20 us max) surge current: 30 amps (8/20 us max) energy: 0.2 j (10/1000 us max) capacitance: 210 pf (1khz) ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of VE0603K300R011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X