Part Number Hot Search : 
FR16C100 EE08686 EV9800 PST9244 P1000 MBT2222 NCV33 S1308M
Product Description
Full Text Search
 

To Download UNR31A5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 publication date: june 2007 sjh00165aed transistors with built-in resistor this product complies with the rohs directive (eu 2002/95/ec). UNR31A5G silicon pnp epitaxial planar type for digital circuits features ? suitable for high-density mounting downsizing of the equipment ? contribute to low power consumption absolute maximum ratings t a = 25 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-emitter cutoff current (base open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base cutoff current (collector open) i ebo v eb = ? 6 v, i c = 0 ? 0.01 ma forward current transfer ratio h fe v ce = ? 10 v, i c = ? 5 ma 160 460 ? collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v output voltage high level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v output voltage low level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ?? 0.2 v input resistance r 1 ? 30% 10 + 30% k ? transition frequency f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz electrical characteristics t a = 25 c 3 c parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 80 ma total power dissipation * p t 100 mw junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. b r 1 (10 k ?) e c package ? code sssmini3-f2 ? marking symbol: cl ? pin name 1: base 2: emitter 3: collector internal connection maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
UNR31A5G 2 sjh00165aed this product complies with the rohs directive (eu 2002/95/ec). h fe ? i c c ob ? v cb i o ? v in p t ? t a i c ? v ce v ce(sat) ? i c v in ? i o collector power dissipation p t ( mw ) ambient temperature t a ( c ) 0 20 40 60 80 100 120 140 0 20 40 60 80 100 120 140 0 ? 12 ? 10 ? 8 ? 2 ? 6 ? 4 0 ? 100 ? 80 ? 60 ? 40 ? 20 ? 90 ? 70 ? 50 ? 30 ? 10 t a = 25 c i b = ? 1.0 ma ? 0. 9 ma ? 0. 8 ma ? 0. 7 ma ? 0. 6 ma ? 0. 5 ma ? 0. 4 ma ? 0. 3 ma ? 0. 2 ma ? 0. 1 ma collector-emitter voltage v ce ( v ) collector current i c (m a ) collector current i c ( ma ) collector-emitter saturation voltage v ce(sat) ( v ) ? 1 ? 10 ? 100 ? 0.01 ? 0.1 ? 1 ? 10 ? 100 t a = 85 c 25 c ? 25 c i c / i b = 10 collector current i c ( ma ) forward current transfer ratio h fe ? 1 ? 10 ? 100 0 450 400 350 300 250 150 200 100 50 t a = 85 c 25 c ? 25 c v ce = 10 v collector-base voltage v cb (v) collector output capacitance (common base, input open circuited) c ob (pf) 0 ? 40 ? 10 ? 30 ?2 0 1 10 f = 1 mhz t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 ? 3 ? 2 ? 1 ? 0.1 ? 100 ? 10 ? 1 v o = ? 5 v t a = 25 c output current i o ( ma ) input voltage v in ( v ) ? 0.1 ? 1 ? 10 ? 100 ? 0.1 ? 100 ? 10 ? 1 v o = ? 0.2 v t a = 25 c maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
sssmini3-f2 unit: mm 0.30 +0.05 ? 0.02 0.20 +0.05 ? 0.02 0.13 +0.05 ? 0.02 (0.4) (0.4) 0.80 0.05 0.80 0.05 0.51 0.04 1.20 0.05 1.20 0.05 0.20 0.05 3 1 2 (0.27) 5 0 to 0.05 (0.5) 5 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ t h i s p r o d u c t c o m p l i e s w i t h t h e r o h s d i r e c t i v e ( e u 2 0 0 2 / 9 5 / e c ) .
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of UNR31A5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X