Part Number Hot Search : 
18030 MB90574 GRM32D 500CA MB90574 L7824AC PBM99090 23221
Product Description
Full Text Search
 

To Download TPES18-070230-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal input ac t o dc external wallmount & desktop adaptor single output 16-18 watts switching power supplies tpes18 series fea t ures: universal input diverse ac plugs a v a ilable w a llmount or deskt o p forma t meet universal safety st andard emi meet en55022 / fcc class b ce marking compliance output specifica t ion output v o ltage: see ratings chart. output curr ent: see ratings chart. output w a ttage: 16 ~ 18 w a t t s t y pi cal . output connector: op tio n a l. l i ne regul a ti on: 0.1% t y pi cal . l oad regul a ti on: 1.5 ~3.0% typical. noise & ripple: t y p. 1.0% peak t o peak. ovp: bu ilt-in zen e r d i o d e clam p i n g . adjusta b ility : factory set. overload pr otection: t y p.120-150% of m a x. power overrange or short ci rcui t , power fol dback & s e l f - r e c o v e r i n g . specifica t ion input specifica t ion input v o ltage: 90-264v ac t y pi cal . input connector: w a llmount format: wm1,2(usa/japan)/wm3(euro-s t ecker)/ wm4(schuko-stecker)/ wm5(uk)/ wm6, 6g(australia) desktop format: iec 320 inl e t t y pe: dt7-3p or dt8-2p . m ouse power pi g-t a i l t y pe: pt1/ 2/ 3/ 4/ 5/ 6/ 7. input fr equency: 47-63hz. inrush curr ent: t y pi cal 48a @230v ac or 28a @230v ac by addi ng t h erm i st er . input curr ent: 0.4a @1 15v ac/ 0.17a @230v ac. dielectric w i thstand: m eet iec 950. emi: m eet en55022 / fc c c l ass b . hold-up t i me: 10m s @1 15v ac/ 40m s @230v ac. general specifica t ion efficiency: 75 ~ 80% t y pi cal . switching fr equency: fi xed 40khz. ci r c ui t t o pol ogy: fi xed frequency fl y b ack ci rcui t . t r ansient response: ou tp u t v o ltag e retu rn s in l e ss t h an 3m s fol l o wi ng a 25% l o ad change. safety s t andard: ul1950/ en60950 c l ass ii. c l ass i for w m 2,4,5,6g / dt7/ pt 2,4,5,7. power density: 2.0 ~ 2.3w at t s / c ubi c inch. operating t emperatur e : 0 t o +40c . s t orage t emperatur e : -20 t o +85c . t emperatur e coefficient: 0.04% / c . cool i n g: free air convection. construction: im p act resistan t th erm o -p lastic e n c l o s u r e c a s e . w a llmount or desktop format. n o tes: (1) a ll m easurem ents are at nom inal input , full load, and +25c unless otherw ise specified. (2) l o ad regulation is m easured at 115v ac or 230v ac in per centage to indicate the change in output voltage as the load is varied from half load to full load ( % ) . (3) t h e exact obtainable load regulation depends upon the out put cord selected and load cu rrent. u pper data are for 6 ft. ( 2 m e ters)cord a w g #18 w i res. for the details of safety , please consult the f actory
model no.description: tpes18 - x x x yyy - s ac plug type: o u t p u t c u r r e n t o u t p u t v o l t a g e se ri e s nam e (total power external switcher) : about 18w [1] w m1, [2] w m2, [3] w m3, [4] w m4, [ 5 ]wm 5 , [ 6 ]wm 6 , [ 6 g ]wm 6 g [7] d t 7 (ie c320 3-pin or 3l -pin), [8] d t 8 (ie c320 2-pin). [a] p t1,[b] pt2,[c] p t3,[d] pt4 [e] p t5,[f] pt6,[g] p t7, output v o l t age / current ra tings char t defined output v o l t age(vdc) output v o l t age (vdc) / current (a) tpes18-033280-1 wm1 3.3v 2.80a wallmount tpes18-050300-3 wm3 5.0v 3.00a wallmount TPES18-070230-5 wm5 7.0v 2.30a wallmount tpes18-090184-6 wm6 9.0v 1.84a wallmount tpes18-120150-7 dt7 12.0v 1.50a desktop tpes18-150120-8 dt8 15.0v 1.20a desktop tpes18-240075-g pt7 24.0v 0.75a mouse-pt mechanical dimensions: mm [inches] weight : hes18-w m 168 .0g (5.93 oz.)


▲Up To Search▲   

 
Price & Availability of TPES18-070230-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X