Part Number Hot Search : 
1602B1 B8806 SVF7N60F MBR30 CA531 MAX483E 15TT133P TC0720H
Product Description
Full Text Search
 

To Download T591 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 1 benefts ? u ltra-low esr ? full compliance with aecCq200 qualifcation test plan ( t598) ? qualifcation plan based on aecCq200 with 85c/85% rh l oad specifcation limited to 500 hours (T591) ? ts 16949 certifed plant ? subject to ppap/psw and change control ? meets or exceeds eia standard 535baac ? taped and reeled per eia 481 ? halogen-free epoxy/rohs compliant overview the kemet organic capacitor (ko-cap) is a solid e lectrolytic capacitor with a conductive polymer cathode c apable of delivering very low esr and improved c apacitance retention at high frequencies. ko-cap c ombines the low esr of multilayer ceramic, the high c apacitance of aluminum electrolytic and the volumetric e ffciency of tantalum into a single surface mount package. u nlike liquid electrolyte-based capacitors, ko-cap h as a very long operational life and high ripple current c apabilities. the T591/t598 high humidity/high temperature p olymer electrolytic series delivers higher capacitance a nd esr stability under harsh environmental conditions. e nhancements to the design and selected material upgrades w ere introduced to deliver 500 hours (T591) or 1,000 hours ( t598) at 85c/85% rh rated voltage and to fully comply w ith the aecCq200 qualifcation testing. these series a re manufactured in an iso ts 16949 certifed plant and is s ubjected to ppap/psw and change control. kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc applications typical applications include decoupling and fltering in a variety of market segments, with special emphasis in automotive a pplications such as infotainment and input/output in dc/dc converters where harsh conditions such as high humidity and t emperature are a concern. environmental compliance rohs compliant (6/6) according to directive 2002/95/ec when ordered with 100% sn solder. halogen-free. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 2 2 k-sim for a detailed analysis of specifc part numbers, please visit ksim.kemet.com to access kemets k-sim software. kemet k -sim is designed to simulate behavior of components with respect to frequency, ambient temperature, and dc bias levels. ordering information t 59x d 107 m 010 a t e025 capacitor class series case size capacitance code (pf) capacitance tolerance rated voltage ( vdc) failure rate/ design termination finish esr t = tantalum 591 = 500 hours l oad humidity 598 = aec-q200 qualifed b d v first two digits re present signifcant f gures. third d igit specifes n umber of z eros. m = 20% 2r5 = 2.5 006 = 6.3 010 = 10 016 = 16 020 = 20 025 = 25 035 = 35 050 = 50 a = n/a t = 100% tin (sn) m aximum esr in m, 0 25 = 25 m performance characteristics item performance characteristics operating t emperature ?55c to 105c/125c rated capacitance range 10 C 330 f at 120 hz/25c capacitance tolerance m tolerance (20%) rated voltage range 2.5 C 50 v df (120 hz) refer to part number electrical specifcation table e sr (100 khz) refer to part number electrical specifcation table l eakage current 0.1 cv (a) at rated voltage after 5 minutes kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 3 3 qualifcation test condition characteristics endurance 105c at rated voltage, 2,000 hours 125c at 2/3 rated voltage, 1,000 hours** c/c within ?20%/+10% of initial value df within 2 x initial limits dcl within 2 x initial limit esr mxlmr -rmxmep 0mqmx 7xsek 0m ex zspx ls ex zspx ls mxlmr s mrmxmep zep ( mxlmr -rmxmep 0mqmx (0 mxlmr -rmxmep 0mqmx esr within 2 x initial limit humidity 85c, 85% rh, load, 500 hours (T591) 85c, 85% rh, load, 1,000 hours (t598) c/c within ?5%/+35% of initial value df within 1.5 x initial limits dcl within initial limit esr within 2 x initial limit moisture resistance* milCstdC202, method 106, 65c, 90-100% rh, no load, 10 cycles c/c within ?10%/+20% of initial value df within initial limits dcl within initial limit esr mxlmr -rmxmep 0mqmx thermal shock milCstdC202, method 107, condition b, mounted, ? 55c to +105c/+125c**, 1,000 cycles c/c within ?20%/+10% of initial value df within initial limits dcl within initial limit esr within 2 x initial limits surge voltage 105c, 1.32 x rated voltage, 1,000 cycles, 33 in s eries 125c, 1.32 x (0.67 x v r ), 1,000 cycles, 33 in s eries** c/c within ?20%/+10% of initial value df within initial limits dcl within initial limits esr mxlmr mrmxmep pmqmx 8qtex 7 xefmpmx extreme temperature exposure at a succession of continuous steps at +25c, ?55c, +25c, +85c, + 105c/+125c**, + 25c +25c ?55c +85c +105oc/+125oc* * c/c il*** 20% 20% 30% df il il 1.2 x il 1.5 x il dcl il n/a 10 x il 10 x il mechanical shock/ vibration aecCq200 (milCstdC202, method 213, figure 1, c ondition f) c/c within 10% of initial value df within initial limits aecCq200 (milCstdC202, method 204, 5 g for 20 min/12 cycles each of 3 orientations. test from 1 0 C 2, 000 hz). esr within initial limits dcl within initial limits * t598 only ** refer to part number specifcations for individual temperature classifcation *** il = initial limit kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 4 4 certifcation kemet's internal qualifcation plan for this polymer electrolytic series of capacitors follows aecCq200 guidelines. f or T591 the humidity bias is limited to a maximum of 500 hours. for t598 the qualifcation plan is full compliant with aecCq200. electrical characteristics 100 1,000 1 capacitance (f) frequency (hz) 100 1,000 10,000 100,000 1,000,000 10,000,000 10 598m010cap () 598d10m010cap () 598d22m010cap () 598d10m01cap () capacitance vs. frequency C t598 esr vs. frequency C t598 impedance, esr (ohms) frequency (hz) 100 10 1 0.1 0.01 0.001 100 1,000 10,000 100,000 1,000,000 10,000,000 598b476m010_imp 598b476m010_esr 598d107m010_imp 598d107m010_esr 598d227m010_imp 598d227m010_esr 598d107m016_imp 598d107m016_esr 100 1,000 1 capacitance (f) frequency (hz) 100 1,000 10,000 100,000 1,000,000 10,000,000 10 591b476m010_cap (f) 591d107m010_cap (f) 591v227m2r5_cap (f) 591d106m050_cap (f) 591d476m016_cap (f) capacitance vs. frequency C T591 esr vs. frequency C T591 impedance, esr (ohms) frequency (hz) 1,000 100 10 1 0.1 0.01 0.001 100 1,000 10,000 100,000 1,000,000 10,000,000 591b476m010_imp 591b476m010_esr 591d107m010_imp 591d107m010_esr 591d476m016_imp 591d476m016_esr 591v227m2r5_imp 591v227m2r5_esr 591d106m050_imp 591d106m050_esr kemet organic capacitor (ko-cap ? ) ? automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 ? 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 5 5 dimensions C millimeters (inches) metric will govern h x t b b f a l r p side view anode (+) end view bottom view cathode (-) end view w s s termination cutout at kemet's option, either end glue pad shape/design at kemet's option case size component dimensions total weight kemet eia l w h f 0.1 (0.004) s 0.3 (0.012) b 0.15 (ref) 0.006 x (ref) p (ref) r (ref) t (ref) a (minimum) (mg) b 3528C21 3.50.2 (0.1380.008) 2.80.2 (0.1100.008) 1.90.2 (0.0750.008) 2.2 (0.087) 0.8 (0.031) 0.4 (0.016) 0.100.10 (0.0040.004) 0.5 (0.020) 1.0 (0.039) 0.13 (0.005) 1.1 (0.043) 94.85 d 7343C31 7.30.3 (0.2870.012) 4.30.3 (0.1690.012) 2.80.3 (0.1100.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020) 0.100.10 (0.0040.004) 0.9 (0.035) 1.0 (0.039) 0.13 (0.005) 3.8 (0.150) 434.83 v 7343C20 7.30.3 (0.2870.012) 4.30.3 (0.1690.012) 1.90.1 (0.0750.004) 2.4 (0.094) 1.3 (0.051) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 3.8 (0.150) 274.30 notes: (ref) C dimensions provided for reference only. for low profle cases, no dimensions are provided for b, p or r because these cases do not have a bevel or a notch. these weights are provided as reference. if exact weights are needed, please contact your kemet sales representative kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 6 6 table 1 C ratings & part number reference 1 t598 = aecCq200 qualifed; T591 series = limited to 500 hours at 85c/85% rh load refer to ordering information for additional detail. rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current msl maximum operating temp aec-q200 qualifed vdc at 105oc f kemet/eia a at +25oc max/5 minutes % at +25oc 120 hz max m at +25oc 100 khz max ma at +45oc 100 khz refow temp 8 1 2.5 220 v/7343-20 T591v227m2r5ate009 55 10 9 4558 3 105 2.5 220 v/7343-20 T591v227m2r5ate012 55 10 12 3947 3 105 2.5 220 v/7343-20 T591v227m2r5ate015 55 10 15 3531 3 105 2.5 330 v/7343-20 T591v337m2r5ate012 82.5 10 12 3947 3 105 2.5 330 v/7343-20 T591v337m2r5ate025 82.5 10 25 2735 3 105 6.3 33 b/3528-21 t598b336m006ate080 20.8 8 80 1260 3 125 ? 6.3 33 b/3528-21 T591b336m006ate080 20.8 8 80 1260 3 125 6.3 47 b/3528-21 t598b476m006ate070 29.6 8 70 1347 3 125 ? 6.3 47 b/3528-21 T591b476m006ate070 29.6 8 70 1347 3 125 6.3 150 v/7343-20 T591v157m006ate025 94.5 10 25 2735 3 125 6.3 150 v/7343-20 T591v157m006ate045 94.5 10 45 2039 3 125 6.3 330 d/7343-31 t598d337m006ate025 208 10 25 3000 3 125 ? 6.3 330 d/7343-31 t598d337m006ate040 208 10 40 2372 3 125 ? 6.3 330 d/7343-31 t598d337m006ate080 208 10 80 1677 3 125 ? 6.3 330 d/7343-31 T591d337m006ate025 208 10 25 3000 3 125 6.3 330 d/7343-31 T591d337m006ate040 208 10 40 2372 3 125 6.3 330 d/7343-31 T591d337m006ate080 208 10 80 1677 3 125 10 33 b/3528-21 t598b336m010ate080 33 8 80 1260 3 125 ? 10 33 b/3528-21 T591b336m010ate080 33 8 80 1260 3 125 10 47 b/3528-21 t598b476m010ate070 47 8 70 1347 3 125 ? 10 47 b/3528-21 T591b476m010ate070 47 8 70 1347 3 125 10 100 d/7343-31 t598d107m010ate025 100 10 25 3000 3 125 ? 10 100 d/7343-31 t598d107m010ate040 100 10 40 2372 3 125 ? 10 100 d/7343-31 t598d107m010ate080 100 10 80 1677 3 125 ? 10 100 d/7343-31 T591d107m010ate025 100 10 25 3000 3 125 10 100 d/7343-31 T591d107m010ate040 100 10 40 2372 3 125 10 100 d/7343-31 T591d107m010ate080 100 10 80 1677 3 125 10 100 v/7343-20 T591v107m010ate025 100 10 25 2735 3 125 10 100 v/7343-20 T591v107m010ate045 100 10 45 2039 3 125 10 220 d/7343-31 t598d227m010ate025 220 10 25 3000 3 125 ? 10 220 d/7343-31 t598d227m010ate040 220 10 40 2372 3 125 ? 10 220 d/7343-31 t598d227m010ate080 220 10 80 1677 3 125 ? 10 220 d/7343-31 T591d227m010ate025 220 10 25 3000 3 125 10 220 d/7343-31 T591d227m010ate040 220 10 40 2372 3 125 10 220 d/7343-31 T591d227m010ate080 220 10 80 1677 3 125 16 47 d/7343-31 T591d476m016ate070 75.2 10 70 1793 3 125 16 100 d/7343-31 t598d107m016ate050 160 10 50 2121 3 125 ? 16 100 d/7343-31 T591d107m016ate050 160 10 50 2121 3 125 20 47 d/7343-31 t 591d476m020ate050 94 10 50 2121 3 125 25 22 d/7343-31 T591d226m025ate060 55 10 60 1936 3 125 25 33 d/7343-31 T591d336m025ate060 82.5 10 60 1936 3 125 35 10 d/7343-31 t598d106m035ate120 35 10 120 1369 3 125 ? 35 10 d/7343-31 T591d106m035ate120 35 10 120 1369 3 125 35 10 v/7343-20 t598v106m035ate120 35 10 120 1248 3 125 ? 35 10 v/7343-20 T591v106m035ate120 35 10 120 1248 3 125 35 33 d/7343-31 T591d336m035ate065 115.5 10 65 1900 3 125 50 10 d/7343-31 T591d106m050ate090 50 10 90 1581 3 125 kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 7 7 derating guidelines 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% ? 55 25 45 85 105 125 rec omme nd ed a ppli catio n voltage v r > 16 v rated voltage rec omme nd ed a ppli cation voltage v r 10 v 67% 60% 54% % rated voltage temperature ( ? c) recommended application voltage kocaps are solid state capacitors that demonstrate no wearout mechanism when operated within their recommended g uidelines. while the kocap can be operated at full rated voltage, most circuit designers seek a minimum level of a ssurance in long term reliability which should be demonstrated with data. a voltage derating can provide the desired level of demonstrated reliability based on industry accepted acceleration m odels. since most applications do reuire long term reliability, kemet recommends that designers consider a 10% voltage d erating, according the graphic above, for the maximum steady state voltage. voltage rating maximum recommended steady state voltage 55c to 105c 1 05c to 125c 2.5 v v r s r s r r s r s r v r ii kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 8 8 ripple current/ripple voltage permissible ac ripple voltage and current are related to e quivalent series resistance (esr) and the power dissipation c apabilities of the device. permissible ac ripple voltage w hich may be applied is limited by two criteria: 1. the positive peak ac voltage plus the dc bias voltage, i f any, must not exceed the dc voltage rating of the ca pacitor. 2. the negative peak ac voltage in combination with b ias voltage, if any, must not exceed the allowable limits s pecifed for reverse voltage. see the reverse voltage s ection for allowable limits. the maximum power dissipation by case size can be d etermined using the table at right. the maximum power d issipation rating stated in the table must be reduced w ith increasing environmental operating temperatures. r efer to the table below for temperature compensation r equirements. temperature compensation multipliers for maximum ripple current t 45c 45c t 85c 85c t 125c 1.00 0.70 0.25 t= environmental temperature the maximum power dissipation rating must be reduced with increasing environmental operating temperatures. refer to the temperature compensation multiplier table for details. case code eia case code maximum power dissipation (p max) mwatts at 45c with +30c rise b 3528-21 127 d 7343-31 225 v 7343-20 187 using the p max of the device, the maximum allowable rms r ipple current or voltage may be determined. i(max) = p max/r e(max) = z p max/r i = rms ripple current (amperes) e = rms ripple voltage (volts) p max = maximum power dissipation (watts) r = esr at specifed frequency (ohms) z = impedance at specifed frequency (ohms) kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 9 9 surge voltage surge voltage is the maximum voltage (peak value) which may be applied to the capacitor. t he surge voltage must not be applied for periodic charging and discharging in the course of normal operation and cannot b e part of the application voltage. surge voltage capability is demonstrated by application of 1,000cycles at relevant voltage at 105oc and 125oc. the parts are charged through a 33 ohm resistor for 30 seconds and then discharged though a 33 ohm resistor for each cy cle. rated voltage (v) surge voltage (v) derated voltage (v) derated surge voltage (v) C55oc to 105oc up to 125oc 2, 5 3, 3 1, 7 2, 2 6, 3 8, 2 4, 2 5, 5 10 13, 0 6, 7 8, 7 16 20, 8 10, 7 13, 9 20 26, 0 13, 4 17, 4 25 32, 5 16, 8 21, 8 35 45, 5 23, 5 30, 5 50 65, 33, 5 43, 6 6zspxek polymer electrolytic capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong p olarity. these devices will withstand a small degree of transient voltage reversal for short periods as shown in the below ta ble. temperature permissible transient reverse voltage 25c 15% of rated voltage 55c 10% of rated voltage 85c 5% of rated voltage 105c 3% of rated voltage 125c* 1% of rated voltage *for series rated to 125c kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 10 10 table 2 C land dimensions/courtyard kemet metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) case eia w l s v1 v2 w l s v1 v2 w l s v1 v2 b 3528C21 2.35 2.21 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 d 7343C31 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 v 7343C20 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component desity product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). 1 height of these chips may create problems in wave soldering. 2 land pattern geometry is too small for silkscreen outline. l s w w l v1 v2 grid placement courtyard kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 11 11 soldering process kemets families of surface mount capacitors are c ompatible with wave (single or dual), convection, ir, o r vapor phase refow techniques. preheating of these c omponents is recommended to avoid extreme thermal s tress. kemet's recommended profle conditions for c onvection and ir refow refect the profle conditions of the i pc/jCstdC020d standard for moisture sensitivity testing. t he devices can safely withstand a maximum of three refow p asses a t these conditions. please note that although the x/7343C43 case size can w ithstand wave soldering, the tall profle (4.3 mm maximum) d ictates care in wave process development. hand soldering should be performed with care due to the d iffculty in process control. if performed, care should be t aken to avoid contact of the soldering iron to the molded c ase. the iron should be used to heat the solder pad, a pplying solder between the pad and the termination, until r efow occurs. once refow occurs, the iron should be r emoved immediately. wiping the edges of a chip and h eating the top surface is not recommended. profle feature snpb assembly pb-free assembly preheat/soak temperature minimum (t smin ) 100c 150c temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax ) 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/seconds m aximum 3c/seconds m aximum liquidous t emperature ( t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 220c* 235c** 250c* 260c** time within 5c of maximum peak temperature (t p ) 20 seconds maximum 3 0 seconds maximum ramp-down rate (t p to t l ) 6c/seconds m aximum 6c/seconds m aximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum note: all temperatures refer to the center of the package, measured on the package body surface that is facing up during assembly refow. *case size d, e, p, y, and x **case size a, b, c, h, i, k, m, r, s, t, u, v, w, and z storage all ko-cap series are shipped in moisture barrier bags (mbbs) with desiccant and?humidity indicator card (hic). t hese parts are classifed? as msl3 (moisture sensitivity level 3) per ipc/jedec j-std-020 and packaged per ipc/jedec jCstdC033 msl3 specifes a foor time of 168h at 30oc maximum temperature?and 60% relative humidity unused capacitors should be sealed in a mbb with fresh desiccant. calculated shelf life in sealed bag: C 12 months from bag seal date in a storage environment of <40oc and humidity <90% rh C 24 months from bag seal date in a storage environment of <30oc and humidity <70% rh? if baking is required, refer to ipc/jedec jCstdC033 for bake procedure time te mp erature t smin 25 t smax t l t p maximum ramp up rate = 3oc/sec maximum ramp down rate = 6oc/sec t p t l t s 25oc to peak kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 12 12 construction leadframe (? cathode) leadframe (+ anode) wire molded epoxy case molded epoxy case weld (to attach wire) silver adhesive polarity bevel (+) polarity stripe (+) detailed cross section wire tantalum ta 2 o 5 dielectric (first layer) carbon (third layer) silver paint (fourth layer) polymer (second layer) capacitor marking t 591 t 598 * 442 = 42 nd week of 2014 polarity indicator (+) rated voltage picofarad code kemet id date code* * 528 = 28 th week of 2015 polarity indicator (+) rated voltage picofarad code kemet id date code* date code * 1 st digit = last number of year 5 = 2 015 6 = 2016 7 = 2017 8 = 2018 2 nd and 3 rd digit = week of the ye ar 01 = 1 st week of the year to 5 2 = 52 nd week of the year kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 13 13 tape & reel packaging information kemets molded chip capacitor families are packaged in 8 and 12 mm plastic tape on 7" and 13" reels in accordance with eia standard 481 : embossed carrier taping of surface mount components for automatic handling. this packaging system is compatible with all tape-fed automatic pick-and-place systems. table 3 C packaging quantity case code tape width (mm) 7" reel* 13" reel* kemet eia s 3216-12 8 2,500 10,000 t 3528-12 8 2,500 10,000 m 3528-15 8 2,000 8,000 u 6032-15 12 1,000 5,000 l 6032-19 12 1,000 3,000 w 7343-15 12 1,000 3,000 z 7343-17 12 1,000 3,000 v 7343-20 12 1,000 3,000 a 3216-18 8 2,000 9,000 b 3528-21 8 2,000 8,000 c 6032-28 12 500 3,000 d 7343-31 12 500 2,500 q 7343-12 12 1,000 3,000 y 7343-40 12 500 2,000 x 7343-43 12 500 2,000 e/t428p 7360-38 12 500 2,000 h 7360-20 12 1,000 2,500 * no c-spec required for 7" reel packaging. c-7280 required for 13" reel packaging. top tape thickness 0.10 mm (0.004") maximum thickness 8 mm (0.315") or 12 mm (0.472") 180 mm (7.0") or 330 mm (13.0") kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 14 14 figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre eling cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] 8efpii)qfswwih 4pewxmg 'evvmiv8eti(mqirwmsrw metric will govern constant dimensions millimeters (inches) tape size d 0 d r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5+0.10/?0.0 (0.059+0.004/?0.0) 1.0 (0.039) 1.750.10 (0.0690.004) 4.00.10 (0.1570.004) 2.00.05 (0.0790.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm 2.00.1 (0.0790.059) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape, with or without components, shall pass around r without damage (see figure 4). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481Cd, paragraph 4.3, section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 2). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 mm and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 3). (e) see addendum in eia standard 481Cd for standards relating to more precise taping requirements. variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 , b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.50.05 (0.1380.002) 2.00.05 or 4.00.10 (0.0790.002 or 0.1570.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.50.05 (0.2170.002) 2.00.05 (0.0790.002) or 4.00.10 (0.1570.004) or 8.00.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.5 0.10 (0.2950.004) 4.00.10 (0.1570.004) to 12.00.10 (0.4720.004) 8.0 (0.315) 16.3 (0.642) kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 15 15 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 2 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t center line typical com po nent centerline figure 3 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tap e 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 4 C bending radius r r b en ding radius e mbo sse d carrier p unc hed ca rrier kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 16 16 figure 5 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w3 (includes flange distortion at outer edge) w2 (m ea sured at hu b) w1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n 8efpii6iip(mqirwmsrw metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 1780.20 (7.0080.008) or 3300.20 (13.0000.008) 1.5 (0.059) 13.0+0.5/?0.2 (0.521+0.02/?0.008) 20.2 (0.795) 12 mm 16 mm variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4+1.5/?0.0 (0.331+0.059/?0.0) shall accommodate tape width without interference 12 mm 12.4+2.0/?0.0 (0.488+0.078/?0.0) 16.4+2.0/?0.0 (0.646+0.078/?0.0) kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 17 17 figure 6 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 7 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com t 2073_T591_t598 ? 9/16/2016 18 18 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. kemet organic capacitor (ko-cap ? ) C automotive grade T591/t598 high humidity/high temperature automotive grade polymer electrolytic, 2.5 C 50 vdc


▲Up To Search▲   

 
Price & Availability of T591

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X