Part Number Hot Search : 
6200S8 HJW0001 C14040B 001SMB 87760 AD5732R G4BC30 HCU04
Product Description
Full Text Search
 

To Download T541X227M016AH6710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - 5936a20c-b7c0-4d8f-acae-f7afcaea248f kemet part number: T541X227M016AH6710 (04052-055b) tantalum, polymer tantalum, cots multi-anode, t541_cots, 220 uf, 20%, 16 v, 7343, smd, polymer, molded, cots, multi- anode, low esr, n/a, 40 mohms, height max = 4.3mm dimensions footprint 7343 l 7.3mm +/-0.3mm w 4.3mm +/-0.3mm h 4mm +/-0.3mm t 0.13mm ref s 1.3mm +/-0.3mm f 2.4mm +/-0.1mm a 3.8mm min b 0.5mm +/-0.15mm e 3.5mm ref g 3.5mm ref p 1.7mm ref r 1mm ref x 0.1mm +/-0.1mm packaging specifications weight: 410.89 mg packaging: t&r, 178mm packaging quantity: 500 general information dielectric: polymer tantalum style: smd chip series: t541_cots description: smd, polymer, molded, cots, multi-anode, low esr features: non-combustible, multiple anode, low esr, cots rohs: no termination: solder coated approvals: dla drawing 04052 notes: in polarity stripe, at kemet's option, type may be indicated: no symbol = standard (or low leakage) mno2 tantalum chip, o = lowesr t494, r = low esr t495, f = fused t496, ht = 150c rated t498 (or b45196p, b45198p), h = 175c rated t499, h2 = 200c rated t50 specifications capacitance: 220 uf capacitance tolerance: 20% voltage dc: 16 vdc (85c), 10.72 vdc (125c) temperature range: -55/+125c dissipation factor: 10% 120hz 25c failure rate: n/a resistance: 40 mohms (100khz 25c) current: 2598 mamps (100khz 45c) leakage current: 352 ua (5min 25c) testing and reliability: 10 cycles surge current testing at -55c +0c/-5c and +85c +/-5c after voltage aging ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T541X227M016AH6710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X