|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
features 1 of 18 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt rf micro devices?, rfmd?, optimum technology matching?, enabling wireless co nnectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names , trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . inp hbt ldmos rf mems SZM-2066Z 2.4ghz to 2.7ghz 2w power amplifier rfmds SZM-2066Z is a high linearity class ab heterojunction bipolar transistor (hbt) amplifier housed in a low-cost su rface-mountable plastic q-flexn multi-chip module package. this hbt amplifier is ma de with ingap on gaas device technology and fabricated with mocvd for an ideal comb ination of low cost and high reliability. this product is specifically designed as a final or driver stage for 802.16 and 802.11b/g equipment in the 2.4ghz to 2.7ghz bands. it can run from a 3v to 5v supply. the external output match and bias adjustability allows load line optimiza- tion for other applications or over narrow er bands. it features an output power detector, on/off power control and high rf overdrive robust- ness. a 20db step attenuator feat ure can be utilized by switch- ing the second stage power up/down control. stag e 1 bias stag e 2 bias stage 3 bias rfin rfout pow e r detec tor vbias = 5v pow e r up/dow n contr ol vcc = 5v ? p 1db = 33.5dbm at 5v ? three stages of gain:37db ? 802.11g 54mb/s class ab per- formance ? p out =26dbm at 2.5% evm, vcc 5v, 690ma ? active bias with adjustable cur- rent ? on-chip output power detector ? low thermal resistance ? power up/down control <1 ? s ? attenuator step 20db at v pc2 =0v applications ? 802.16 wimax driver or output stage ? 802.11b/g wifi, wifi ds110620 ? package: qfn, 6mmx6mm SZM-2066Z 2.4ghz to 2.7ghz 2w power ampli- fier parameter specification unit condition min. typ. max. frequency of operation 2500 2700 mhz output power at 1db compression 32.0 33.5 dbm 2.7ghz small signal gain 32.2 33.7 db 2.7ghz evm 2.5 % 2.7ghz, 802.11g 54mb/s at p out =26dbm third order supression -45.0 -40.0 dbc 2.7ghz, p out =23dbm per tone noise figure 7.7 db 2.7ghz worst case input return loss 7.5 10.5 db 2.5ghz to 2.7ghz worst case output return loss 12.5 15.5 db 2.5ghz to 2.7ghz output voltage range 0.9 to 1.8 v p out =10dbm to 33dbm quiescent current 454 583 659 ma v cc =5v power up control current 4.0 ma v pc =5v, i vpc1 +i vpc2 +i vpc3 vcc leakage current 100 ? av cc =5v, v pc =0v thermal resistance 12.0 c/w junction - lead test conditions: z 0 =50 ? , v cc =5v, i q =583ma, t bp =30c downloaded from: http:///
2 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z typical performance with appropriate app circuit (v cc =5v, i cq =583ma, *802.11g 54mb/s 64qam) simplified device schematic absolute maximum ratings parameter rating unit vc3 collector bias current (i vc3 ) 1500 ma vc2 collector bias current (i vc2 ) 500 ma vc1 collector bias current (i vc1 )1 5 0m a ****device voltage (v d )9 . 0 v power dissipation 6 w ***max cw rf output power for 50w continuous long term oper- ation 30 dbm max cw rf output power for 50 ? output load 26 dbm max cw rf input power for 10:1 vswr out load 5d b m storage temperature range -40 to +150 c operating temp range (t l ) -40 to +85 c operating junction temperature (t j )+ 1 5 0 c esd rating - human body model 1000 v ***with specified application circuit ****no rf drive operation of this device beyond any one of these limits may cause permanent dam- age. for reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page one. bias conditions should also satisfy the following expression: i d v d <(t j -t l )/r th , j-l parameter unit **2.4 ghz 2.5 ghz 2.6 ghz 2.7 ghz gain @ p out =26dbm db 37.5 36.9 36.5 34.6 p 1 d b d b m3 4 . 63 3 . 53 3 . 53 3 . 9 p out @ 2.5% evm* dbm 27.0 26.0 26.0 26.5 current @ p out 2.5% evm* ma 703 710 700 712 input return loss db -12.1 -11.5 -10.8 -10.5 output return loss db -27 -15.6 -28 -18.5 step attentuation (v pc2 = 0 v) db 27 27 26 25 test conditions: **measured with 2.4ghz to 2.5ghz application circuit. caution ! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. extended application of absolute maxi mum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. rohs status based on eudirective2002/95/ec (at time of this document revision). the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its us e, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. downloaded from: http:/// 3 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z vbias12 rfout r2a rfin vc1 rfout rfout rfout rfout rfout vpc2 vpc1 nc r1a nc c4a vpc3 vdet vbias3 c4b ncnc nc nc nc vc2b c1b nc vc2a c1a c2b vb3b c3b c2a vb3a c3a gnd gnd gnd gnd 11 10 40 30 20 1 31 21 downloaded from: http:/// 4 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.4ghz to 2.5ghz application circuit data (v cc =v pc =5.0v, i q =556ma, t=25c) evm vs pout t=+25c 802.11g, ofdm 54mb/s, 64qam 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 12 14 16 18 20 22 24 26 28 30 pout(dbm) evm(%) 2.4ghz 2.5ghz evm vs pout f=2.4ghz 802.11g, ofdm 54mb/s, 64qam 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 12 14 16 18 20 22 24 26 28 30 pout(dbm) evm(%) -40c +25c +85c evm vs pout f=2.5ghz 802.11g, ofdm 54mb/s, 64qam 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 12 14 16 18 20 22 24 26 28 30 pout(dbm) evm(%) -40c +25c +85c im3 vs pout (2 tone avg.),t=+25c tone spacing = 1mhz -65 -60 -55 -50 -45 -40 -35 -30 18 20 22 24 26 28 pout(dbm) im3(dbc) 2.4ghz 2.5ghz typical gain vs pout, f=2.4ghz 31 32 33 34 35 36 37 38 39 40 41 16 18 20 22 24 26 28 30 32 34 36 pout(dbm) gain(db) -40c +25c +85c typical gain vs pout, f=2.5ghz 31 32 33 34 35 36 37 38 39 40 41 16 18 20 22 24 26 28 30 32 34 36 pout(dbm) gain(db) -40c +25c +85c downloaded from: http:/// 5 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.4ghz to 2.5ghz application circuit data (v cc =v pc =5.0v, i q =556ma, t=25c) narrowband s11 - input return loss -30 -25 -20 -15 -10 -5 0 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s11(db) -40c +25c +85c narrowband s12 - reverse isolation -75 -70 -65 -60 -55 -50 -45 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s12(db) -40c +25c +85c narrowband s21 - forward gain 26 28 30 32 34 36 38 40 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s21(db) -40c +25c +85c narrowband s22 - output return loss -35 -30 -25 -20 -15 -10 -5 0 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s22(db) -40c +25c +85c dc supply current vs pout, t=+25c 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 16 18 20 22 24 26 28 30 32 34 pout(dbm) idc(a) 2.4ghz 2.5ghz dc supply current vs pout, f=2.4ghz 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 16 18 20 22 24 26 28 30 32 34 pout(dbm) idc(a) -40c +25c +85c downloaded from: http:/// 6 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.4ghz to 2.5ghz application circuit data (v cc =v pc =5.0v, i q =556ma, t=25c rf power detector (vdet) vs pout, f=2.4ghz 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 16 18 20 22 24 26 28 30 32 34 pout(dbm) vdet(v) -40c +25c +85c noise figure vs frequency 5.00 5.50 6.00 6.50 7.00 7.50 8.00 8.50 9.00 9.50 10.00 2.40 2.42 2.44 2.46 2.48 2.50 frequency(ghz) nf(db) -40c +25c +85c broadband s11 - input return loss -25 -20 -15 -10 -5 0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency(ghz) s11(db) -40c +25c +85c broadband s21 - forward gain 26 28 30 32 34 36 38 40 0 . 01 . 02 . 03 . 04 . 05 . 06 . 0 frequency(ghz) s21(db) -40c +25c +85c broadband s22 - output return loss -35 -30 -25 -20 -15 -10 -5 0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency(ghz) s22(db) -40c +25c +85c 2.4-2.5ghz 20db step attenuator gain delta vs temp. attenuator enabled vpc2=0v 20 22 24 26 28 30 32 34 2.4 2.41 2.42 2.43 2.44 2.45 2.46 2.47 2.48 2.49 2.5 frequency(ghz) delta(db) t=-40c t=+25c t=+85c downloaded from: http:/// 7 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.5ghz to 2.7ghz application circuit data (v cc =v pc =5.0v, i q =583ma, t=25c) evm vs pout t=+25c 802.11g, ofdm 54mb/s, 64qam 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 12 14 16 18 20 22 24 26 28 pout(dbm) evm(%) 2.5ghz 2.6ghz 2.7ghz evm vs pout f=2.5ghz 802.11g, ofdm 54mb/s, 64qam 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 12 14 16 18 20 22 24 26 28 pout(dbm) evm(%) -40c +25c +85c evm vs pout f=2.7ghz 802.11g, ofdm 54mb/s, 64qam 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 12 14 16 18 20 22 24 26 28 pout(dbm) evm(%) -40c +25c +85c im3 vs pout (2 tone avg.), f=2.5ghz -65 -60 -55 -50 -45 -40 -35 18 20 22 24 26 28 pout(dbm) im3(dbc) -40c +25c +85c im3 vs pout (2 tone avg.), f=2.7ghz -65 -60 -55 -50 -45 -40 -35 18 20 22 24 26 28 pout(dbm) im3(dbc) -40c +25c +85c im3 vs pout (2 tone avg.),t=+25c tone spacing = 1mhz -65 -60 -55 -50 -45 -40 -35 18 20 22 24 26 28 pout(dbm) im3(dbc) 2.5ghz 2.6ghz 2.7ghz downloaded from: http:/// 8 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.5ghz to 2.7ghz application circuit data (v cc =v pc =5.0v, i q =583ma, t=25c) narrowband s11 - input return loss -25 -20 -15 -10 -5 0 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s11(db) -40c +25c +85c narrowband s12 - reverse isolation -75 -70 -65 -60 -55 -50 -45 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s12(db) -40c +25c +85c narrowband s21 - forward gain 26 28 30 32 34 36 38 40 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s21(db) -40c +25c +85c narrowband s22 - output return loss -30 -25 -20 -15 -10 -5 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 frequency(ghz) s22(db) -40c +25c +85c dc supply current vs pout, f=2.5ghz 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 16 18 20 22 24 26 28 30 32 34 pout(dbm) idc(a) -40c +25c +85c dc supply current vs pout, f=2.7ghz 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 16 18 20 22 24 26 28 30 32 34 pout(dbm) idc(a) -40c +25c +85c downloaded from: http:/// 9 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.5ghz to 2.7ghz application circuit data (v cc =v pc =5.0v, i q =583ma, t=25c) rf power detector (vdet) vs pout, f=2.5ghz 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 16 18 20 22 24 26 28 30 32 34 pout(dbm) vdet(v) -40c +25c +85c rf power detector (vdet) vs pout, f=2.7ghz 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 16 18 20 22 24 26 28 30 32 34 pout(dbm) vdet(v) -40c +25c +85c icq vs vpc, vcc=5v, swept vpc see app. circuit pg. 12 for vpc resistor value used 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 33 . 544 . 55 vpc(v) icq(a) -40c +25c +85c noise figure vs frequency 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 2.50 2.55 2.60 2.65 2.70 frequency(ghz) nf(db) -40c +25c +85c downloaded from: http:/// 10 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z measured 2.5ghz to 2.7ghz application circuit data (v cc =v pc =5.0v, i q =583ma, t=25c) broadband s11 - input return loss -25 -20 -15 -10 -5 0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency(ghz) s11(db) -40c +25c +85c broadband s21 - forward gain 26 28 30 32 34 36 38 40 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency(ghz) s21(db) -40c +25c +85c broadband s22 - output return loss -30 -25 -20 -15 -10 -5 0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency(ghz) s22(db) -40c +25c +85c 2.5-2.7ghz 20db step attenuator gain delta vs temp. attenuator enabled vpc2=0v 20 22 24 26 28 30 32 34 2.5 2.52 2.54 2.56 2.58 2.6 2.62 2.64 2.66 2.68 2.7 frequency(ghz) delta(db) t=-40c t=+25c t=+85c downloaded from: http:/// 11 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z part symbolization the part will be symbolized with SZM-2066Z to designate it as a rohs green compliant product. marking designator will be on the top surface of the package. pin function description 7, 11, 12, 22, 29, 31, 39, 40 nc these are no connect (nc) pins and are not wired inside the package. it is recommended to con-nect them as shown in the application circuit to achieve the stated performance. 1, 10, 21, 30 gnd these pins are internally grounded inside the package to the backside ground paddle. it is recommended to also ground them external to the package to achieve the specified performance. 2v c 1 this is the collector of the first stage. 3v b i a s 1 2 this is the supply voltage for the active bias circuit of the 1st and 2nd stages. 4-5 r1a-r2a a resistor is tied across these pins internal to the package. 6r f i n this is the rf input pin. it is dc grounded inside the package. do not apply dc voltage to this pin. 8v p c 1 power up/down control pin for the 1st stage. an external series resistor is required for proper set-ting of b ias levels depending on control voltage. the voltage on this pin should never exceed the voltage on pin 3 by more than 0.5v unless the supply current from pin 3 is limited <10ma. 9v p c 2 power up/down control pin for the 2nd stage. power down v pc2 <1v for step attenuator function enable.an external series resistor is required for proper setting of bias levels depending on control voltage. the voltage on this pin should never exceed the voltage on pin 3 by more than 0.5v unless the supply current from pin 3 is limited <10ma. 13, 38 vc2a, vc2b these two pins are connected internal to the package and connect to the 2nd stage collector. toachiev e specified perfor- mance, the layout of these pins should match the recommended land pattern. 14-15 17-18 33-34 36-37 c1a-c2a c3a-c4a c4b-c3b c2b-c1b these pins have capacitors across them internal to the package as show n in the below schematic. they are used as tun- ing and rf coupling elements between the 2nd and 3rd stage. 16, 35 vb3a, vb3b these are the connections to the base of the 3rd stage output device. to achieve specified perfor-mance, the layout of these pins should match the recommended land pattern. 19 vpc3 power up/down control pin for the 2nd stage. an external series resistor is required for proper setting of bias le vels depending on control voltage. the voltage on this pin should never exceed the voltage on pin 32 by more than 0.5v unless the supply current from pin 33 is limited <10ma. 20 vdet this is the output port for the power detector. it samples the power at the input of the 3rd stage. 23-28 rfout these are the rf output pins and dc connections to the 3rd stage collector. 32 vbias3 this is the supply voltage for the active bias circuit of the 3rd stage. downloaded from: http:/// 12 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z package drawing dimensions in inches (millimeters) refer to drawing posted at www.rfmd.com for tolerances. downloaded from: http:/// 13 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z recommended metal land pattern recommended pcb solderma sk for land pattern downloaded from: http:/// 14 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z 2.4ghz to 2.5ghz evaluation board schematic for v cc =v+=v pc =5.0v downloaded from: http:/// 15 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z 2.4ghz to 2.5ghz evaluation board for v cc =v+=v pc =5.0v bill of materials for the 2.4ghz to 2.5ghz evaluation board desg description notes q1 SZM-2066Z 6mmx6mm qfn r1 2.05k ? , 0603 1% 0402 may be used r2 4.22k ? , 0603 1% 0402 may be used r3 1.02k ? , 0603 1% 0402 may be used r4 4.02k ? , 0603 1% 0402 may be used r5 47k ? , 0603 0402 may be used r6, 7 0 ? , 0603 0402 may be used c1 1uf 16v mlcc cap tantalum ok for evm performance. use mlcc type for best im3 levels. c2 5.6pf cap, 0603 npo, rohm mch185a5r6dk or equivalent c3, 4, 5, 6, 7 0.1uf cap, 0603 x7r 0402 ok, rohm mch182cn104k or equivalent c8 2.4pf cap, 0603 npo, low esr, atc 60052r4cw250 or equivalent c9 10pf cap, 0603 x7r 0402 ok, rohm mch1182cn104k or equivalent l1 12nh ind 0805 coilcraft 0805hq - 12xjbb l2 4.7nh ind, 0603 toko 0603 - ll1608fh4n7j l3 10nh ind, 0603 toko 0603 - ll1608fh10j r1 r4 r3 r2 r5 r6 l3 r7 c1 c2 c3 c6 c5 c8 c9 l2 c4 c7 l1 q1 downloaded from: http:/// 16 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z 2.5ghz to 2.7ghz evaluation board schematic for v cc =v+=v pc =5.0v downloaded from: http:/// 17 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z 2.5ghz to 2.7ghz evaluation board for v cc =v+=v pc =5.0v bill of materials for the 2.5ghz to 2.7ghz evaluation board desg description notes q1 SZM-2066Z 6mmx6mm qfn r1 2.05k ? , 0603 1% 0402 may be used r2 4.22k ? , 0603 1% 0402 may be used r3 1.02k ? , 0603 1% 0402 may be used r4 4.02k ? , 0603 1% 0402 may be used r5 47k ? , 0603 0402 may be used r6, 7 0 ? , 0603 0402 may be used c1 1uf 16v mlcc cap tantalum ok for evm performance. use mlcc type for best im3 levels. c2 5.6pf cap, 0603 npo, rohm mch185a5r6dk or equivalent c3, 4, 5, 6, 7 0.1uf cap, 0603 x7r 0402 ok, rohm mch182cn104k or equivalent c8 2.4pf cap, 0603 npo, low esr, atc 60052r4cw250 or equivalent c9 10pf cap, 0603 npo, low esr, atc 600s100jw250 or equivalent l1 12nh ind 0805 coilcraft 0805hq - 12xjbb l2 4.7nh ind, 0603 toko 0603 - ll1608fh4n7j l3 10nh ind, 0603 toko 0603 - ll1608fh10j r1 r4 r3 r2 r5 r6 l3 r7 c1 c2 c3 c6 c5 c8 c9 l2 c4 c7 l1 q1 downloaded from: http:/// 18 of 18 ds110620 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at ( +1) 3 36- 678 -5 5 7 0 or sale s-suppor t@r f md.com . SZM-2066Z ordering information ordering code description szm2066zsq standard 25 piece bag szm2066zsr standard 100 piece reel szm2066z standard 1000 piece reel szm2066zpck-evb2 evaluation board 2.4ghz to 2.5ghz tune and 5 loose sample pieces szm2066zpck-evb3 evaluation board 2.5ghz to 2.7ghz tune and 5 loose sample pieces downloaded from: http:/// |
Price & Availability of SZM-2066Z |