Part Number Hot Search : 
PST8436N LC72135M BTS771 HB02110 STK2240 M2015 PC236 HB02110
Product Description
Full Text Search
 

To Download SSF-LLG-T2U-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  03/11/2016 v3.0 1 features: > high brightness surface mount led. > super wide viewing angle of 160. > equivalent to 0603 package outline. copper lead-frame construction. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. > superior corrosion resistant. spiceled like spice, its diminutive size is a stark contrast to its standout performance in terms of brightness, durability and reliability. despite being the smallest in size yet the spiceled ? packs a powerful performance and is a highly reliable design device. its versality enables its application in automotive applicances, key-pad illumination, hand-held devices such as pdas, notebooks, compact back-lighting applications, consumer appliances, office equipment, audio and video equipment. data sheet: spiceled ingan warm white s-spice : ssf-llg ? 2005 spiceled is a trademark of dominant opto technologies. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc > signage: full colour display video notice board, signage, special effect lighting. dominant opto technologies innovating illumination tm
03/11/2016 v3.0 2 SSF-LLG-T2U-1 warm white 160 355.00 ingan warm white s-spice : ssf-llg part ordering number color viewing angle? luminous intensity @ if = 20ma iv (mcd) appx. 1.1 typ. (v) vf @ if = 20ma appx. 3.1 max. (v) vr @ ir = 10ua min. (v) part number ssf-llg 3.2 3.6 5 min. (v) 2.9 dominant opto technologies innovating illumination tm optical characteristics at tj=25?c min. typ. max. 500.00 715.00 unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.1) reverse voltage; ir max = 10a esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) thermal resistance - junction / ambient, r th ja - junction / solder point, r th js (mounted on fr4 pcb; pad size >=16mm 2 per pad) 30 100 5 2000 110 -40 +100 -40 +100 80 215 125 ma ma v v ?c ?c ?c mw k/w k/w
03/11/2016 v3.0 3 ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm wavelength grouping appx. 2.1 bin ra rb qa qb 0.402 0.421 0.392 0.389 0.421 0.433 0.409 0.400 cx cy cx cy cx cy cx cy cx cy cx cy cx cy cx cy 0.392 0.389 0.382 0.358 0.409 0.400 0.397 0.367 0.409 0.399 0.397 0.367 0.423 0.405 0.409 0.372 0.421 0.433 0.409 0.399 0.437 0.438 0.423 0.405 pa pb na nb 0.437 0.438 0.423 0.405 0.452 0.443 0.436 0.409 0.423 0.405 0.409 0.372 0.436 0.409 0.421 0.377 0.436 0.409 0.421 0.377 0.451 0.414 0.435 0.382 0.452 0.443 0.436 0.409 0.469 0.448 0.451 0.414 ingan wavelength is very sensitive to drive current. operating at lower current is not recommended and may yield unpredictable performance. current pulsing should be used for dimming purposes. color structure 1 2 3 4
ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm t2 u1 u2 355.0 ... 450.0 450.0 ... 560.0 560.0 ... 715.0 brightness group luminous intensity appx. 1.1 iv (mcd) luminous intensity group at tj=25?c 03/11/2016 v3.0 4 forward voltage (v) appx. 3.1 vf binning (optional) vf bin @ 20ma 01 02 03 04 05 06 07 2.90 3.00 3.00 3.10 3.10 3.20 3.20 3.30 3.30 3.40 3.40 3.50 3.50 3.60 please consult sales and marketing for special part number to incorporate vf binning.
luminous intensity group at tj=25?c 03/11/2016 v3.0 5 ingan warm white s-spice : ssf-llg relative luminous intensity vs forward current forward current, ma relative intensity; normalized at 20ma 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage; v forward current; ma 2 2.5 3 3.5 4 0 10 20 30 40 50 forward current vs ambient temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 relative intensity vs wavelength wavelength; nm relative intensity 400 450 500 550 600 650 700 750 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 o 10 o 70 o 60 o 50 o 40 o 30 o 20 o 90 o 80 o 0.6 0.8 1.0 0.2 0.4 0 radiation pattern dominant opto technologies innovating illumination tm relative luminous intensity vs forward current forward current, ma relative intensity, normalized at 20ma 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage; v forward current; ma 2.5 3 3.5 4 0 10 20 30 40 50 maximum forward current vs temperature ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 relative intensity vs wavelength wavelength; nm relative intensity 300 500 700 900 1100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
03/11/2016 v3.0 6 ingan warm white s-spice : ssf-llg spiceled tm ? ingan warm white s-spice : ssf-llg package outlines note: the center pad is a common cathode. please take care during soldering to avoid shorting. material material lead-frame package cu alloy with nipdau plating high temperature resistant epoxy resin note: product is pb free dominant opto technologies innovating illumination tm
03/11/2016 v3.0 7 ingan warm white s-spice : ssf-llg recommended solder pad note: component is based on a new package platform, which features bottom only terminations. solder joints are only formed at the bottom of the component and solder fillet will not be observable as the sides of the component. surface are not intended for soldering dominant opto technologies innovating illumination tm
03/11/2016 v3.0 8 taping and orientation ? reels come in quantity of 3000 units. ? reel diameter is 180 mm. ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm
03/11/2016 v3.0 9 packaging specifcation ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm
03/11/2016 v3.0 10 ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm packaging specifcation average 1pc spiceled 1 completed bag (3000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) super small small medium large for spiceled reel / box cardboard box size weight (gram) 0.001 140 10 dominant tm moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label label (l) lot no : lotno (p) part no : partno (c) cust no : partno (g) grouping : group (q) quantity : quantity (d) d/c : date code (s) s/n : serial no dominant opto technologies ml temp 2 260?c rohs compliant made in malaysia dominant opto technologies drnd - 008 issue no : 1 page 1 of 3 pr oduct & process change notice ( pcn) pcn no: d 140157 date : 21- nov -201 4 1. describe present process / product: all smd leds that are currently shipped in the reel form . please refer to section 3 for the details; comparing current packing and label specification versus change proposed . 2. product type affected: all smd leds that are currently shipped in the reel form . 3. describe changes (to be): existing barcode printed label (bpl) used is as shown below. existing bpl size - 87mm x 45mm . as part of improvement and also in response to customer s request; bpl format will be changed to the following. new bpl size - 110mm x 55mm . additional information are now included in the label. 2d and 3d barcode data are implemented now for every data field. 325 x 225 x 190 325 x 225 x 280 570 x 440 x 230 570 x 440 x 460 0.38 0.54 1.46 1.92 9 reels max 15 reels max 60 reels max 120 reels max
03/11/2016 v3.0 11 time (sec) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm
03/11/2016 v3.0 12 ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm appendix 1) brightness: 1.1 luminous intensity is measured with an internal reproducibility of 8 % and an expanded uncertainty of 11 % (according to gum with a coverage factor of k=3). 1.2 luminous fux is measured with an internal reproducibility of 8 % and an expanded uncertainty of 11 % (according to gum with a coverage factor of k=3). 2) color: 2.1 chromaticity coordinate groups are measured with an internal reproducibility of 0.005 and an expanded uncertainty of 0.01 (accordingly to gum with a coverage factor of k=3). 2.2 dominant wavelength is measured with an internal reproducibility of 0.5nm and an expanded uncertainty of 1nm (accordingly to gum with a coverage factor of k=3). 3) voltage: 3.1 forward voltage, vf is measured with an internal reproducibility of 0.05v and an expanded uncertainty of 0.1v (accordingly to gum with a coverage factor of k=3).
revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies . page - 8 1, 8, 10, 12 subjects initial release update carrier tape error on taping and orientation update packaging specifcation add appendix date of modifcation 29 oct 2013 13 feb 2014 03 nov 2016 ingan warm white s-spice : ssf-llg dominant opto technologies innovating illumination tm 03/11/2016 v3.0 13
about us dominant opto technologies is a dynamic company that is amongst the worlds leading automotive led manu - facturers. with an extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing and development capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies, a iso/ts 16949 and iso 14001 certifed company, can be found under http://www.dominant-semi.com. dominant opto technologies innovating illumination tm ingan warm white s-spice : ssf-llg please contact us for more information: dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com


▲Up To Search▲   

 
Price & Availability of SSF-LLG-T2U-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X