Part Number Hot Search : 
E4570 1599HGY F06T4 BYG20 TIL197A 16FF4 BU4538B LT551
Product Description
Full Text Search
 

To Download SER8050-501MEC-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C ser80 xx document 892-1 revised 08/21/12 document 892 -1 core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs tin-silver over tin over nickel over phos bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). other terminations available at additional cost. weight 0.86 C 1.0 g ambient temperature C40c to +85c with (40c rise) i rms current. maximum part temperature +125c (ambient + temp rise). derating . storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 250/7 reel, 1000/13 reel; plastic tape: 16 mm wide, 0.4 mm thick, 12 mm pocket spacing, 5.2 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? two different dcr / i sat versions to match the requirements of a wide variety of applications ? low dcr; excellent current handling low dcr version for high average current applications inductance 2 dcr (mohm) 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise ser8050-501me_ 0.50 2.22 2.50 234 19.40 22.02 22.68 9.78 13.52 ser8050-112me_ 1.1 3.19 3.50 109 12.22 13.86 14.50 8.05 11.97 ser8050-202me_ 2.0 5.35 5.88 74 7.94 9.22 9.78 7.83 10.79 ser8052-312me_ 3.1 6.44 7.20 63 6.58 7.56 8.00 6.26 8.71 ser8052-452me_ 4.5 8.64 9.50 52 4.76 5.74 6.14 5.37 7.68 ser8052-612me_ 6.1 8.64 9.50 45 3.44 4.22 4.58 5.17 7.31 ser8052-802me_ 8.0 13.03 14.33 43 2.90 3.58 3.86 4.57 6.31 ser8052-103me_ 10 13.03 14.33 40 2.24 2.80 3.10 4.61 6.32 1. when ordering, please specify termination and packaging code: ser8052-103m ed termination: e = rohs tin-silver over tin over nickel over phos bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (250 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked(1000 parts per full reel). 2. inductance measured at 100 khz, 0.1 vrms, 0 adc on an agilent/hp 4284a or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 8753d network analyzer and an agilent/hp 16193a test fxture. 5. dc current at 25c that causes the specifed inductance drop from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering.
document 892-2 revised 08/21/12 document 892 -2 high isat version for high peak current applications inductance 2 dcr (mohm) 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise ser8050-201me_ 0.20 2.22 2.50 381 51.04 53.04 53.44 8.71 12.89 ser8050-451me_ 0.45 3.19 3.50 216 29.52 30.32 31.12 7.95 11.72 ser8050-811me_ 0.80 5.35 5.88 125 22.48 24.40 25.20 6.48 9.43 ser8052-122me_ 1.2 6.44 7.20 110 17.42 18.54 19.18 6.03 8.11 ser8052-182me_ 1.8 8.64 9.50 91 13.60 14.56 14.88 5.33 7.94 ser8052-242me_ 2.4 8.64 9.50 76 10.36 11.38 11.80 5.40 7.58 ser8052-332me_ 3.2 13.03 14.33 72 9.02 9.84 10.24 4.43 6.25 ser8052-402me_ 4.0 13.03 14.33 66 7.04 7.84 8.24 4.53 6.30 0.1 1 10 100 0.1 1 100 10 current (a) inductance (h) ser8052-103 ser8052-312 ser8050-501 low dcr version 0.1 1 10 100 0.1 1 100 10 current (a) inductance (h) ser8052-402 ser8052-122 ser8050-201 high isat version 1. when ordering, please specify termination and packaging code: ser8052-402m ed termination: e = rohs tin-silver over tin over nickel over phos bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 f machine-ready reel. eia-481 embossed plastic tape (250 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 f machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked(1000 parts per full reel). 2. inductance measured at 100 khz, 0.1 vrms, 0 adc on an agilent/hp 4284a or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 8753d network analyzer and an agilent/hp 16193a test fxture. 5. dc current at 25c that causes the specifed inductance drop from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. typical l vs current ser80 xx shielded power inductors
document 892-3 revised 08/21/12 document 892 -3 typical temperature rise vs current 0 5 10 15 20 25 30 35 40 45 50 t emperature rise fr om 25c) 0 24 68 10 12 14 current (a rms) ser8052-103 ser8052-122 typical l vs frequency 0.1 1 10 100 0.01 0.1 10 1 frequenc y (mhz) inductance (h) ser8052-103 ser8052-312 ser8050-501 1 2 3 te r minal 3 is fo r mounting stability only . dimensions are in inches mm 1 2 recommended land pa ttern 0.346 8,80 0.187 4,75 0.169 4,30 0.071 1,80 0.071 1,80 0.110 2,80 0.087 2,20 0.098 2,50 0.098 2,55 0.091 2,30 0.091 2,30 0.065 1,65 c l 0.079 2,00 0.051 1,30 height (see tab le) max 0.335 8,50 max height max (in / mm) ser8050 0.197 / 5,0 ser8052 0.205 / 5,2 ser80 xx shielded power inductors


▲Up To Search▲   

 
Price & Availability of SER8050-501MEC-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X