|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 1 applications ? 802.11n, mimo solutions ? ieee802.11b dsss wlan ? ieee802.11g ofdm wlan ? ieee802.11a ofdm wlan ? access points, pcmcia, pc cards features ? 1 transmit and 1 receive path architecture for use as mimo building block. ? all rf ports matched to 50 ? ? integrated 2.4/5 ghz pa, 2.4/5 ghz lna, tx filter, t/r switches and diplexers ? integrated power detector ? 19 dbm o/p power, 802.11b, 11 mbits, acpr = 32 dbc ? 18 dbm @ 3.0 % evm, 802.11g, 54 mbits ? 16 dbm @ 3.0 % evm, 802.11a, 54 mbits ? single supply voltage: 3.3 v 10 % ? lead free, halogen free, rohs compliant, msl3 plated lga package, 5 mm x 6 mm x 1.0 mm ordering information part no. package remark SE2593A20 30 pin lga samples SE2593A20-t * * through dec 2008 30 pin lga tray SE2593A20-r * * from jan 2009 30 pin lga tape and reel SE2593A20-ek1 n/a evaluation kit product description the SE2593A20 is a complete 802.11n wlan rf front-end module providing all the functionality of the power amplifiers, lna, power detector, t/r switch, diplexers and associated matching. the SE2593A20 provides a complete 2.4 ghz and 5 ghz wlan multiple input, multiple output (mimo) rf solution from the output of the transce iver to the antennas in a compact form factor. the receive path is designed to maximize performance by providing both a low noise amplifier as well as a bypass state, for use when high power signals are being received. designed for ease of use, all rf ports are matched to 50 ? to simplify pcb layout and the interface to the transceiver rfic. the SE2593A20 also includes a transmitter power detector for each band with 20 db of dynamic range. the power ramp rise/fall time is less than 0.5 s. the device also provides band pass filters for both the a and b/g bands prior to the input of each 2.4 ghz and 5 ghz power amplifiers, respectively. the SE2593A20 packaged in 5mm x 6mm x 1.0mm, halogen free, lead free, rohs compliant, msl 3 lga package. downloaded from: http:///
data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 2 functional block diagram figure 1: functional block diagram downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 3 pin out diagram figure 2: SE2593A20 pin out (top view through package) pin out description pin no. name description 1 gnd ground 2 rg 2.4 ghz receive output 3 gnd ground 4 ra 5 ghz receive output 5 gnd ground 6 tg 2.4 ghz transmit input 7 gnd ground 8 ta 5 ghz transmit input 9 gnd ground 10 n/c not used, floating pin 11 vcc supply voltage 12 gnd ground pin no. name description 13 ena 5 ghz pa enable 14 eng 2.4 ghz pa enable 15 n/c not used, floating pin 16 det power detector 17 n/c not used, floating pin 18 gnd ground 19 n/c not used, floating pin 20 n/c not used, floating pin 21 gnd ground 22 ant antenna 23 gnd ground 24 rx rx switch select bsel v_lna downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 4 pin no. name description 25 tx tx switch select 26 n/c not used, floating pin 27 gnd ground pin no. name description 28 n/c not used, floating pin 29 v_lna lna enable 30 bsel lna band select absolute maximum ratings these are stress ratings only. exposure to stresses beyond these maximum ratings may cause permanent damage to, or affect the reliability of the device. avoid operating t he device outside the recommended operating conditions defined below. this device is esd sensitive. handling and assembly of this device should be at esd protected workstations. symbol definition min. max. unit v cc supply voltage -0.3 4.2 v pu eng, ena, v_lna, bsel -0.3 4.0 v tx rf ta, tg, ant terminated into 50 ? match - 10.0 dbm t a operating temperature range -10 +85 c t stg storage temperature range -40 +150 c recommended operating conditions symbol parameter min. typ. max. unit v cc supply voltage 3.0 3.3 3.6 v t a ambient temperature -10 25 85 c dc electrical characteristics conditions: v cc = 3.3 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de- embedded to device), all unused ports termina ted with 50 ohms, unless otherwise noted symbol parameter conditions min. typ. max. unit txi cc-g total 802.11g transmit supply current p out = 17 dbm, 54 mbps ofdm signal, 64qam, eng = 3.3 v, ena = 0 v, tx = 3.3 v, rx = 0 v - 140 165 ma txi cq-g quiescent current , 802.11g transmit supply current no rf applied eng = 3.3 v, ena = 0 v, tx = 3.3v, rx = 0 v - - 110 ma txi cc-a total 802.11a transmit supply current p out = 17 dbm, 54 mbps ofdm signal, 64qam, ena = 3.3 v, eng = 0 v, tx = 3.3 v, rx = 0 v - 180 200 ma txi cq-a quiescent current , no rf applied - - 160 ma downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 5 symbol parameter conditions min. typ. max. unit 802.11a transmit supply current ena = 3.3v, eng = 0v, tx = 3.3v, rx = 0v rxi cc-g total 802.11b/g receive supply current v_lna = 3.3 v, bsel = 3.3 v, rx = 3.3 v, tx = 0 v - 8.5 15 ma rxi cc-a total 802.11a receive supply current v_lna = 3.3 v, bsel = 0 v, rx = 3.3 v, tx = 0 v - 8.5 15 ma i cc_off total supply current no rf, eng = ena = 0 v, v_lna = 0 v, tx = rx = 0 v - 2 10 a transmit power amplifier logic characteristics conditions: v cc = 3.3 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de- embedded to device), all unused ports termina ted with 50 ohms, unless otherwise noted. symbol parameter conditions min. typ. max. unit v enh logic high voltage for eng, ena (module on) - 2.0 - v cc v v enl logic low voltage eng, ena (module off) - 0 - 0.5 v i enh input current logic high voltage (eng, ena) - - 100 150 a i enl input current logic low voltage (eng, ena) - - 0.2 - a receive lna logic characteristics conditions: v cc = 3.3 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de- embedded to device), all unused ports termina ted with 50 ohms, unless otherwise noted. symbol parameter conditions min. typ. max. unit v renh logic high voltage for v_lna, bsel (module on) - 2.5 - v cc v v renl logic low for v_lna, bsel (module off) - -0.5 - 0.3 v i renh input current logic high voltage (v_lna, bsel) - - 1 2 a i renl input current logic low voltage (v_lna, bsel) - - 0 - a lna enable logic lna function comment downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 6 v_lna bsel 2.4 ghz lna 5 ghz lna v renl v renl bypass mode bypass mode no gain in either path. this can be used for high input signal conditions. v renl v renh bypass mode bypass mode no gain in either path. this can be used for high input signal conditions. v renh v renl off on activates a-band lna v renh v renh on off activates bg-band lna rf switch characteristics conditions: v cc = v en = 3.3 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports term inated with 50 ohms, unless otherwise noted. symbol parameter conditions min. typ. max. unit v ctl_on control voltage (on state) - 3.0 - 3.6 v v ctl_off control voltage (off state) - 0.0 - 0.2 v sw on low loss switch control voltage high state = v ctl_on - v ctl_off 2.8 - v cc v sw off high loss switch control voltage low state = v ctl_off - v ctl_off 0 - 0.3 v i ctl_on switch control bias current (rf applied) on pin (tx, rx) being driven high. rf applied - - 100 ? a i ctl_on switch control bias current (no rf) on pin (tx, rx) being driven high. no rf - - 30 ? a c ctl control input capacitance - - - 100 pf rf switch logic rf switch function ctrl_t ctrl_r tg, ta C ant rg, ra C ant sw on sw off on off sw off sw on off on downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 7 2.4 ghz ac electrical characteristics 2.4 ghz transmit characteristics conditions: v cc = 3.3 v, eng = tx = 3.3 v, v_lna = ena = rx = 0 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. symbol parameter condition min. typ. max. unit f in frequency range - 2400 - 2500 mhz p 802.11g output power 54 mbps ofdm signal, 64qam, evm 3.0 % 17 18 - dbm p 802.11b output power 11 mbps cck signal, bt = 0.45 acpr(adj) < -32 acpr(alt) < -52 19 20 - dbm bevm backed off evm 54 mbps, ofdm signal, 64 qam, p = 12 dbm - 1.5 - % p 1db p1db - - 25 - dbm s 21 small signal gain 2400 C 2485 mhz 960 C 1600 mhz 1600 C 1660 mhz 3260 C 3267 mhz 23 - - - - - - - 30 0 0 2 db ? s 21 small signal gain variation over band over any 40 mhz band - - 0.5 db 2f,3f harmonics pout = 18 dbm, 1 mbps, 802.11b cck - -50 -45.2 dbm pout = 17 dbm, 54mbps ofdm signal -55 -48.2 nf noise figure pout < 20 dbm - - 10 db t r rise time 10 % to 90% of final output power level - - 0.5 s t dr , t df delay and rise/fall time 50 % of v en edge and 90/10 % of final output power level - - 0.5 s s 11 input return loss - 10 - - db spur spurious pout < 20 dbm, vswr = 2:1 100 mhz to 10 ghz - - -45 dbm/mhz stab stability p out psat load vswr = 10:1 all non-harmonically related outputs less than -50 dbc/1mhz downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 8 2.4 ghz receive characteristics conditions: vcc = v_lna = bsel = rx = 3.3v, eng = ena = tx = 0 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. symbol parameter condition min. typ. max. unit f out frequency range - 2400 - 2500 mhz s 21 receive gain, lna enabled. 2400 C 2485 mhz 800 C 1200 mhz 1200 C 1700 mhz 1700 C 1900 mhz 3200 C 6000 mhz 11 - - - - 13 - - - - - -10 3 +10 +10 db receive gain, bypass mode v_lna = 0 v 2400 C 2485 mhz - -7 - db ? s 21 gain variation 2400 C 2485 mhz, over any 40mhz band - - .5 db nf noise figure - - 2.6 7 2.8 - db iip3 third order intercept - tbd - dbm isol rrx reverse isolation v_lna = 0v, rx = 0 v - -23 - db int interferer with this input , iip3 can only degrade by 1db -10 - - dbm s 11 input return loss - 10 12 - db ip1db input p1db v_lna = 3.3 v v_lna = 0 v - - -5 8 -3.5 - dbm t en enable time 10% to 90% of rx rf power, from time that v_lna is at 50% 500 nsec 5 ghz ac electrical characteristics 5 ghz transmit characteristics conditions: vcc = 3.3 v, ena = tx = 3.3 v, v_lna = eng = rx = 0 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. symbol parameter condition min. typ. max. unit f in frequency range - 4900 - 5850 mhz p 802.11a nominal output power 54 mbps ofdm signal, 64 qam, evm = 3.0 % - 16 - dbm bevm backed off evm 54 mbps, ofdm signal, 64 qam, p = 7 dbm - 1.5 - % p 1db p1db - - 22 - dbm downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 9 symbol parameter condition min. typ. max. unit s 21 small signal gain 4900 C 5850 mhz 960 C 3265 mhz 3265 C 3900 mhz 6900 C 7250 mhz 7250 C 7800 mhz 7800 C 8500 mhz 22 - - - - - - -30 -10 -10 -12 -10 28 10 5 3 -10 10 db ? s 21 small signal gain variation over 40 mhz channel - - 0.4 db small signal gain variation over band - - 3 db 2f,3f harmonics, 54mbps, 802.11a signal pout = 16dbm 4900 C 5150 mhz 5150 C 5850 mhz - - -45 -50 -42 -48 dbm/mhz nf noise figure pout < 16 dbm 4900 C 5850 mhz - tbd 10 db t r rise time 10 % to 90% of final output power level - - 0.8 s t dr , t df delay and rise/fall time 50 % of v en edge and 90/10 % of final output power level - - 0.5 s s 11 input return loss - 10 - - db spur spurious pout < 16dbm, vswr = 2:1, 100 C 24000 mhz - - -45 dbm/mhz stab stability p out 18 dbm load vswr = 10:1 all non-harmonically related outputs less than -50 dbc/1mhz 5 ghz receive characteristics conditions: vcc = v_lna = rx = 3.3 v, bsel = eng = ena = tx = 0 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. symbol parameter condition min. typ. max. unit f out frequency range - 4900 - 5850 mhz s21 receive gain 4900 C 5850 mhz 800 C 2500 mhz 2500 C 3900 mhz 6500 C 7800 mhz - - - - 12 -10 6 11 - -5 10 12 db receive gain, bypass mode v_lna = 0.0 v - -7 - db ? s 21 gain variation 4900 C 5850 mhz, over any 40mhz band - - 0.5 db nf noise figure - 2.8 3.2 db iip3 third order intercept - tbd - dbm downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 10 symbol parameter condition min. typ. max. unit isol rrx reverse isolation v_lna = 0v, rx = 0v - 20 - db int interferer with this input iip3 can only degrade by 1db -10 - - dbm s 11 return loss - 8 12 - db ip1db input p1db v_lna = 3.3 v v_lna = 0 v - -3 10 - dbm t en enable time 10% to 90% of rx rf power, from time that v_lna is at 50% 500 nsec 2.4 ghz power detector characteristics conditions: v cc = 3.3 v, eng = tx = 3.3 v, lnaa = lnag = rx = ena = 0 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. symbol parameter condition min. typ. max. unit f out frequency range - 2400 - 2500 mhz pdr power detect range, peak power measured at ant 0 - 22 dbm pdz load dc load impedance - - 2.7 3 k ? pdv p17 output voltage, p out = 21 dbm - - - 1.0 v pdv p0 output voltage, p out = 5 dbm - 0.35 - v pdv pnorf output voltage, p out = no rf - - 0.32 - v lpf -3db power detect low pass filter -3db corner frequency load = high impedance typ: 500 k ? 270 300 400 khz downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 11 power detector positive slope 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 4 6 8 1 01 21 41 61 82 02 2 pout (dbm) detector voltage (v) pdet2400 pdet2450 pdet2500 figure 3: power detector characteristics 5 ghz power detector characteristic conditions: v cc = 3.3 v, ena = tx = 3.3 v, lnaa = lnag = rx = eng = 0 v, t a = 25 ? c, as measured on skyworks solutions SE2593A20-ev1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. symbol parameter condition min. typ. max. unit f out frequency range - 4900 - 5850 mhz pdr power detect range, peak power measured at ant 0 - 20 dbm pdz load dc load impedance - - 2.7 3 k ? pdv p17 output voltage, p out = 17 dbm - - - 1.0 v pdv p0 output voltage, p out = 3 dbm - - 0.35 - v pdv pnorf output voltage, p out = no rf - - 0.32 - v lpf -3db power detect low pass filter -3db corner frequency load = high impedance typ: 500 k ? 270 300 400 khz downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 12 power detector positive slope downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 13 package diagram vctrl1 vcrtl2 n/c gnd n/c v_lna bsel n/c ven2 ven5 gnd vcc n/c 2rx gnd gnd ant 5rx gnd gnd n/c 2tx n/c gnd gnd 5tx n/c gnd vpdet top side pin name description pin description table pin name description bottom side signal pad detail ground slug detail c l c l c l c l gnd 12 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 252627282930 gnd slug gnd slug 12 3 4 5 6 7 8 9 101112 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 gnd slug gnd slug figure 4: package outline drawing recommended land and solder patterns 00 downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 14 12 3 4 5 282930 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 252627 pcb metal & via hole top (x-ray) view 12 3 4 5 282930 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 252627 pcb solder mask top (x-ray) view 12 3 4 5 282930 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 252627 pcb solder stencil top (x-ray) view recommended footprint notes: 4. via hole information: 4a. recommended via hole size (?): 0.150 - 0.300mm 4b. recommended via hole pitch: as shown 4c. recommended via wall cu plating: 30-35um 4d. recommended that vias be tented with soldermask on pcb backside and filled with solder. 4e. via in signal pad detail, typ 10 plcs. 4f. total via count as shown: 30. 5. solder mask geometry features: 5a. all peripheral pcb pads are non-solder mask defined. 5b. all ground paddle features are solder mask defined. 6. solder stencil aperture features: 6a. solder stencil aperature openings are smaller then peripheral pcb metal pads. 6b. recommended solder stencil aperture array to target approximately 50 - 80% coverage of solder mask openings, except as noted. 7. recommended solder stencil thickness: 5.0mils (0.127mm). 8. pcb acad and gerber files available upon request. c l c l general notes: 1. all dimensions are in millimeters. 2. dimensioning and tolerances conform to asme y14.5m-1994. (unless otherwise specified the following values apply) decimal tolerance: angular tolerance: x.x (1 plc) 0.1mm 1 x.xx (2 plc) 0.05mm x.xxx (3 plc) 0.025mm 3. unless specified dimensions are symmetrical about center lines. peripheral pad pattern detail figure 5: recommended land and solder patterns package handling information because of its sensitivity to moisture absorption, inst ructions on the shipping container label must be followed regarding exposure to moisture after the container seal is broken, otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. the SE2593A20 is capable of withstanding a pb free solder reflow. care must be taken w hen attaching this product, whether it is done manually or in a production solder reflow environment. if the part is manually attached, precaution should be taken to insure that the device is not subjected to temper atures above its rated peak temperature for an extended period of time. for details on both attachment techniques, precautions, an d handling procedures recommended, please refer to: ? land grid array module solder reflow & rework information, document number qad-00046. ? handling, packing, shipping and us e of moisture sensitive lga, document number qad-00047 . c aution! c lass 0 e s d sensitive downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 15 branding information figure 6: SE2593A20 branding information tray information C available until dec 2008 tray matrix (devices) devices per tray trays per stack devices per stack 14 x 35 490 10 + 1(empty) 4,900 figure 6: tray mechanical drawing sige 2593a20 lot code pin 1 identifie r part numbe r lot code pin 1 e4 terminal finish downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 16 figure 7: tray pocket mechanical drawing tape and reel information - available from jan 2009 parameter value devices per reel 3,000 reel diameter 13 inches tape width 12 millimetres downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 17 figure 7: tape mechanical drawing document change history revision date notes 1.0 november 9, 2006 create 1.1 february 8, 2007 standardize pin naming. 1.2 march 28, 2007 update 5ghz detector characteristics 1.3 march 28, 2007 updated package thickness 1.4 june 29, 2007 modify lna controls from ln ag & lnaa to bsel & v_lna. updated current consumption in 2ghz and 5ghz tx channels updated spurious rejection specifications in 2ghz and 5ghz tx channels updated noise figure specification in 2ghz and 5ghz rx channels. updated gain profiles in 2ghz and 5ghz rx chains updated 5ghz detector characteristics 1.5 august 23, 2007 updated schematic 1.6 january 28, 2008 updated product name from se2593a to SE2593A20. updated quiescent current in 2ghz and 5ghz tx chains. added shipping tray information 1.7 march 5, 2008 updated harmonics sp ecification in 2ghz tx chain. 1.8 april 15, 2008 add 5ghz detector plot update tray specification and moq 1.9 jun 15, 2008 updated packaging for halogen free downloaded from: http:/// data sheet SE2593A20: dual-band 802.11n wireless lan front-end preliminary information skyworks solutions, inc. phone [781] 376-3000 fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com 202431a skyworks proprietary information products and product information are subject to change without notice september 25, 2012 18 revision date notes updated to include recommended land patterns, solder patterns. 2.0 sep 24, 2008 updated for 3.2ghz lo gain in the 2ghz channel added tape and reel packing information and discontinued tray packing. 2.1 may 26, 2009 amended back page. 2.2 mar 28, 2012 updated with skyworks logo and disclaimer statement copyright ? 2012 skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyw orks solutions, inc. (skyworks) products or services. these m aterials, including the information contained herein, are provided by skyworks as a service to its customers and may be used for informational purposes only by the customer. skywork s assumes no responsibility for errors or omissions in these materials or the inform ation contained herein. skyworks may change its documentation, products, services, sp ecifications or product descriptions at any time, without notice. skyworks makes no commitmen t to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. no license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document . skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproducti on or use of skyworks products, informa tion or materials, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are pr ovided as is without warranty of any ki nd, whether express, implied, statutory, or otherwise, including fitness for a particular purpose or use, merchantability, performance, qu ality or non-infringement of any intellectua l property right; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or comp leteness of the information, tex t, graphics or other items contained within these materials . skyworks shall not be liable for any damages, including but not limited to any sp ecial, indirect, incidental, statutory, or consequential damages, including withou t limitation, lost revenues or lost profits that may result from the use of the materials or information, whether or not the recipient of materials has been advi sed of the possibility of such damage. skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyworks customers using or selling skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications us ing skyworks products, which ma y deviate from published specifi cations as a result of design defects, errors, or operation of products outside of published parameters or design specifications. custom ers should include design and operating s afeguards to minimize these and other risks. skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from t he use of skyworks products outside of stated published specifications or parameters. skyworks, the skyworks symbol, and breakthro ugh simplicity are trademarks or registered trademarks of skyworks solutions, inc ., in the united states and other countries. third-party brands and names are for identification purposes only , and are the property of their respective owners. additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference. downloaded from: http:/// |
Price & Availability of SE2593A20 |