Part Number Hot Search : 
2SK37 LD471450 MMSZ52 NJM2065 44764 1N3001 TXXNC1 B2099
Product Description
Full Text Search
 

To Download S220KFKT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on technology corporation property of lite-on only features * meet rohs, green product. * side looking special for lcd backlight. * ultra bright alingap chip led. * package in 8m m tape on 7" diameter reels. * eia std package. * i.c. compatible. * compatible with automatic placement equipment. * compatible with infrared and vapor phase reflow solder process. package dimensions part no. lens source color ltst-S220KFKT w ater clear alingap orange notes: 1. all dim ensions are in millimeters (inches). 2. tolerance is 0.10 mm (.004") unless otherwise noted. part no. : ltst-S220KFKT page : 1 of 11 bns-od-c131/a4 ??????????e?t1??? www.to-grace.com 1??????lite-on:1a?????led?? ????-?????1?|????????????3? ??o0755-83464948 ???o0755-83464076 a ll data sheet.com
lite-on technology corporation property of lite-on only absolute maximum ratings at ta=25 parameter ltst-S220KFKT unit power dissipation 75 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) 80 ma dc forward current 30 ma derating linear from 50 c 0.4 ma/ c reverse voltage 5 v operating temperature range -55 c to + 85 c storage temperature range -55 c to + 85 c wave soldering condition 260 c for 5 seconds infrared soldering condition 260 c for 5 seconds vapor phase soldering condition 215 c for 3 minutes part no. : ltst-S220KFKT page : 2 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation property of lite-on only suggestion profile: (1) suggestion ir reflow profile for normal process (2) suggestion ir reflow profile for pb free process recommended profile between assemble and heat-resistance line the profile is available that m ust to use sna g cu solder paste part no. : ltst-S220KFKT page : 3 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation property of lite-on only electrical optical characteristics at ta=25 parameter symbol part no. ltst- min. typ. max. unit test condition luminous intensity iv S220KFKT 45.0 90.0 mcd if = 20ma note 1 viewing angle 2 1/2 S220KFKT 130 deg note 2 (fig.6) peak emission wavelength p S220KFKT 611 nm measurement @peak (fig.1) dominant wavelength d S220KFKT 605 nm note 3 spectral line half-width ? S220KFKT 17 nm forward voltage vf S220KFKT 2.0 2.4 v if = 20ma reverse current ir S220KFKT 10 a vr = 5v capacitance c S220KFKT 40 pf vf = 0 f = 1mhz notes: 1. luminous intensity is measured with a light sensor and filter combination that approximates the cie eye-response curve. 2. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3. the dominant wavelength, d is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device. part no. : ltst-S220KFKT page : 4 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation property of lite-on only bin code list part no. : ltst-S220KFKT page : 5 of 11 bns-od-c131/a4 luminous intensity unit : mcd @20ma bin code min. max. p 45.0 71.0 q 71.0 112.0 r 112.0 180.0 s 180.0 280.0 tolerance on each intensity bin is +/-15% a ll data sheet.com
lite-on technology corporation property of lite-on only typical electrical / optical characteristics curves (25 c ambient temperature unless otherwise noted) part no. : ltst-S220KFKT page : 6 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation property of lite-on only cleaning do not use unspecified chemical liquid to clean led they could harm the package. if clean is necessary, immerse the led in ethyl alcohol or in isopropyl alcohol at normal temperature for less one minute. suggest soldering pad dimensions package dimensions of tape and reel notes: 1. all dimensions are in millimeters (inches). part no. : ltst-S220KFKT page : 7 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation property of lite-on only notes: 1. empty component pockets sealed with top cover tape. 2. 7 inch reel-4000 pieces per reel. 3. minimum packing quantity is 500 pcs for remainders. 4. the maximum number of consecutive missing lamps is two. 5. in accordance with ansi/eia 481-1-a-1994 specifications. part no. : ltst-S220KFKT page : 8 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation property of lite-on only part no. : ltst-S220KFKT page : 9 of 11 bns-od-c131/a4 cautions 1. application the leds described here are intended to be used fo r ordinary electronic equipment (such as office equipment, communication equipment and household applications).consult liteon?s sales in advance for information on applications in which exceptional reliability is required, particularly when the failure or malfunction of the leds may directly jeopardize lif e or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety devices). 2. storage the storage ambient for the leds should not exceed 30c temperature or 70% relative humidity. it is recommended that leds out of their origin al packaging are ir-reflowed within one week. for extended storage out of their original packaging, it is recommended that the leds be stored in a sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient. leds stored out of their original packaging for mo re than a week should be baked at about 60 deg c for at least 24 hours before solder assembly. 3. cleaning use alcohol-based cleaning solvents such as isopropyl alcohol to clean the led if necessary. 4. soldering recommended soldering conditions: reflow soldering wave soldering soldering iron pre-heat pre-heat time peak temperature soldering time 120~150c 120 sec. max. 240c max. 10 sec. max. pre-heat pre-heat time solder wave soldering time 100c max. 60 sec. max. 260c max. 10 sec. max. temperature soldering time 300c max. 3 sec. max. (one time only) 5. drive method an led is a current-operated device. in order to ensure intensity uniformity on multiple leds connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each led as shown in circuit a below. circuit model a circuit model b led led (a) recommended circuit. (b) the brightness of each led might appear different due to the differences in the i-v characteristics of those leds. 6. esd (electrostatic discharge) static electricity or power surge will damage the led. suggestions to prevent esd damage: ? use of a conductive wrist band or anti-electrostatic glove when handling these leds. ? all devices, equipment, and machinery must be properly grounded. ? work tables, storage racks, etc. should be properly grounded. ? use ion blower to neutralize the static charge which might have built up on surface of the led?s plastic lens as a result of friction between leds during storage and handling. a ll data sheet.com
lite-on technology corporation property of lite-on only part no. : ltst-S220KFKT page : 10 of 11 bns-od-c131/a4 esd-damaged leds will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or ? no lightup ? at low currents. to verify for esd damage, check for ? lightup ? and vf of the suspect leds at low currents. the vf of ? good ? leds should be >2.0v@0.1ma for ingan product and >1.4v@0.1ma for alingap product. 7. reliability test classification test item test condition reference standard operation life ta= under room temperature as per data sheet maximum rating * test time= 1000hrs (-24hrs,+72hrs)*@20ma. mil-std-750d:1026 mil-std-883d:1005 jis c 7021:b-1 high temperature high humidity storage ir-reflow in-board, 2 times ta= 655 ,rh= 90 95% * test time= 240hrs2hrs mil-std-202f:103b jis c 7021:b-11 high temperature storage ta= 1055 * test time= 1000hrs (-24hrs,+72hrs) mil-std-883d:1008 jis c 7021:b-10 endurance test low temperature storage ta= -555 * test time=1000hrs (-24hrs,+72h rs) jis c 7021:b-12 temperature cycling 105 25 -55 25 30mins 5mins 30mins 5mins 10 cycles mil-std-202f:107d mil-std-750d:1051 mil-std-883d:1010 jis c 7021:a-4 thermal shock ir-reflow in-board, 2 times 85 5 -40 5 10mins 10mins 10 cycles mil-std-202f:107d mil-std-750d:1051 mil-std-883d:1011 solder resistance t.sol= 260 5 dwell time= 10 1secs mil-std-202f:210a mil-std-750d:2031 jis c 7021:a-1 ir-reflow normal process ramp-up rate(183 to peak) +3 / second max temp. maintain at 125(25) 120 seconds max temp. maintain above 183 60-150 seconds peak temperature range 235 +5/-0 time within 5c of actual peak temperature (tp) 10-30 seconds ramp-down rate +6 /second max mil-std-750d:2031.2 j-std-020c ir-reflow pb free process ramp-up rate(217 to peak) +3 / second max temp. maintain at 175(25) 180 seconds max temp. maintain above 217 60 -150 seconds peak temperature range 260 +0/ -5 time within 5c of actual peak temperature (tp) 20-40 seconds ramp-down rate +6 /second max mil-std-750d:2031.2 j-std-020c environmental test solderability t.sol= 235 5 immersion time 20.5 sec immersion rate 252.5 mm/sec coverage R 95% of the dipped surface mil-std-202f:208d mil-std-750d:2026 mil-std-883d:2003 iec 68 part 2-20 jis c 7021:a-2 8. others the appearance and specifications of the product may be modified for improvement without prior notice. a ll data sheet.com
lite-on technology corporation property of lite-on only 9. suggested checking list training and certification 1. everyone working in a static-safe area is esd-certified? 2. training records kept and re-certification dates monitored? static-safe workstation & work areas 1. static-safe workstation or work-areas have esd signs? 2. all surfaces and objects at all static-safe wo rkstation and within 1 ft measure less than 100v? 3. all ionizer activated, positioned towards the units? 4. each work surface mats grounding is good? personnel grounding 1. every person (including visitors) handling esd sensitive (esds) items wears wrist strap, heel strap or conductive shoes with conductive flooring? 2. if conductive footwear used, conductive flooring also present where operator stand or walk? 3. garments, hairs or anything closer than 1 ft to esd items measure less than 100v*? 4. every wrist strap or heel strap/conductive shoes checked daily and result recorded for all dls? 5. all wrist strap or heel strap checkers calibration up to date? note: *50v for blue led. device handling 1. every esds items identified by eia-471 labels on item or packaging? 2. all esds items completely inside properly cl osed static-shielding containers when not at static-safe workstation? 3. no static charge generators (e.g. plastics) inside shielding containers with esds items? 4. all flexible conductive and dissipative package materials inspected before reuse or recycles? others 1. audit result reported to entity esd control coordinator? 2. corrective action from previous audits completed? 3. are audit records complete and on file? part no. : ltst-S220KFKT page : 11 of 11 bns-od-c131/a4 a ll data sheet.com


▲Up To Search▲   

 
Price & Availability of S220KFKT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X