Part Number Hot Search : 
D1802FX 020JL Z8ICE 2N2906A 5KP100 AOZ6184 D1802FX GT3005
Product Description
Full Text Search
 

To Download RL-7550-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mounts RL-7550-2 low dcr/ low profile ? enclosed in a rugged case to provide optimum pick and place operations ? high inductance / high current ultra low profile inductor ? low profile. great for applications when space is at a premium ? excellent as dc-dc converter used in notebook computers, smartphones, cell phones, step-up or step-down converters, and flash memory features & applications description ? low profle smd inductor environmental data ? storage temperature range: -55c to +130c ? operating temperature range: -40c to +130c packaging information ? packaging information: pg. 490 smd inductors verify operation with sample in actual circuit. order samples at www.rencousa.com. top view side view recommended land pattern mechanical dimensions u.s. standard (mm) part number part weight RL-7550-2 0.2g (0.007oz) g (ref.) h (ref.) i (ref.) 0.06 (1.60) 0.10 (2.50) 0.16 (4.00) a b c d e f h i g part number a (max.) b (max.) c 0.012 (0.3) d 0.012 (0.3) e 0.008 (0.2) f (max.) RL-7550-2 0.29 (7.30) 0.22 (5.50) 0.20 (5.00) 0.25 (6.40) 0.08 (2.00) 0.12 (2.92) schematic st fn t oll fr ee engineering hot line: 800.645.5828 ? p: 321.637.1000 ? f: 321.637.1600 595 international place, rockledge, fl 32955-4200 usa ? www .r encousa.com ? iso 9001 certi?ed renco electronics inc.
surface mounts RL-7550-2 notes: 1. isat - dc current that will cause inductance to drop by 5% 2. irms - current that causes the temperature to rise approx. 40oc above ambient of 25oc 3. resistant to solder heat: 260oc for 10 seconds 4. electrical specifications measured at 25oc 5. inductance tested at 100 khz, 0.1 vrms renco part no. RL-7550-2 inductance (h) dcr max. (ohms) isat (a) irms (a) srf (mhz) typ. RL-7550-2-1r0m 1.0 20% 0.050 2.90 2.90 130.0 RL-7550-2-1r5m 1.5 20% 0.050 2.60 2.80 115.0 RL-7550-2-2r2m 2.2 20% 0.070 2.30 2.40 90.0 RL-7550-2-3r3m 3.3 20% 0.080 2.00 2.00 70.0 RL-7550-2-4r7m 4.7 20% 0.090 1.50 1.50 50.0 RL-7550-2-6r8m 6.8 20% 0.130 1.20 1.40 45.0 RL-7550-2-100m 10.0 20% 0.160 1.10 1.10 35.0 RL-7550-2-150m 15.0 20% 0.230 0.90 1.20 30.0 RL-7550-2-220m 22.0 20% 0.370 0.70 0.80 20.0 RL-7550-2-330m 33.0 20% 0.510 0.58 0.60 15.0 RL-7550-2-470m 47.0 20% 0.640 0.50 0.50 14.0 RL-7550-2-680m 68.0 20% 0.860 0.40 0.40 11.0 RL-7550-2-101m 100.0 20% 1.270 0.31 0.30 9.0 RL-7550-2-151m 150.0 20% 2.000 0.27 0.25 6.0 RL-7550-2-221m 220.0 20% 3.110 0.22 0.20 5.5 t oll fr ee engineering hot line: 800.645.5828 ? p: 321.637.1000 ? f: 321.637.1600 595 international place, rockledge, fl 32955-4200 usa ? www .r encousa.com ? iso 9001 certi?ed renco electronics inc.


▲Up To Search▲   

 
Price & Availability of RL-7550-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X