Part Number Hot Search : 
60QC03L GAAMLA 1N3802B CA314 LM7905XE GF7NB60 LM743 HDL15PLC
Product Description
Full Text Search
 

To Download PXAC201202FC-V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all published data at t case = 25c unless otherwise indicated esd: electrostatic discharge sensitive device?observe handling precautions! 4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 pxac201202fc package h-37248-4 thermally-enhanced high power rf ldmos fet 120 w, 28 v, 1800 ? 2200 mhz description the pxac201202fc is a 120-watt ldmos fet for use in multi- standard cellular power ampli?er applications in th e 1800 to 2200 mhz frequency band. its asymmetric and dual-path design make it ideal for doherty ampli?er designs. it features input and output matching, and a thermally-enhanced package with earless ?ange. ma nufactured with wolfspeed's advanced ldmos process, this device pro vides excellent thermal performance and superior reliability. features ?? broadband internal matching ?? asymmetric doherty design - main: p1db = 35 w typ - peak: p1db = 80 w typ ?? cw performance in a doherty configuration, 1805 mhz, 28 v - output power = 100 w p 1db - gain = 17.3 db at 17.8 w avg. - efficiency = 46% at 17.8 w avg. ?? cw performance in a doherty configuration, 2100 mhz, 28 v - output power = 15.8 w avg. - gain = 15.5 db - efficiency = 46% ?? capable of handling 10:1 vswr @ 28 v, 16 w (cw) output power ?? integrated esd protection: human body model, class 1c (per jesd22-a114) ?? low thermal resistance ?? pb-free and rohs compliant rf specifications, 1880 mhz one-carrier wcdma characteristics (tested in wolfspeed doherty test fixture) v dd = 28 v, v gs(peak) = 1.4 v, i dq = 240 ma, p out = 16 w average, ? = 1880 mhz. 3gpp wcdma signal: 3.84 mhz band- width, 10 db par @0.01% probability on ccdf. characteristic symbol min typ max unit gain g ps 16 17 ? db drain efficiency h d 43 46 ? % adjacent channel power ratio acpr ? ?29 ?26 dbc -60 -40 -20 0 20 40 60 0 4 8 12 16 20 24 30 35 40 45 50 efficiency (%) peak/average ratio, gain (db) average output power (dbm) single-carrier 3gpp wcdma v dd = 28 v, i dq = 240 ma, ? = 1805 mhz 3.84 mhz bandwidth gain efficiency par @ 0.01% ccdf c201202fc-v2-gr1a pxac201202fc downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 2 pxac201202fc dc characteristics characteristic conditions symbol min typ max unit drain-source breakdown voltage v gs = 0 v, i ds = 10 ma v (br)dss 65 ? ? v drain leakage current v ds = 28 v, v gs = 0 v i dss ? ? 1.0 a v ds = 63 v, v gs = 0 v i dss ? ? 10.0 a gate leakage current v gs = 10 v, v ds = 0 v i gss ? ? 1.0 a on-state resistance (main) v gs = 10 v, v ds = 0.1 v r ds(on) ? 0.3 ? w (peak) v gs = 10 v, v ds = 0.1 v r ds(on) ? 0.16 ? w operating gate voltage (main) v ds = 28 v, i dq = 242 ma v gs 2.5 2.69 2.8 v (peak) v ds = 28 v, i dq = 0 a v gs 0.5 0.7 1.6 v maximum ratings parameter symbol value unit drain-source voltage v dss 65 v gate-source voltage v gs ?6 to +10 v operating voltage v dd 0 to +32 v junction temperature t j 225 c storage temperature range t stg ?65 to +150 c thermal resistance (t case = 70c, 100 w cw) r q jc 0.7 c/w ordering information type and version order code package and description shipping pxac201202fc v2 r0 PXAC201202FC-V2-r0 h-37248-4, ceramic open-cavity, earless tape & reel, 50 pcs pxac201202fc v2 r250 PXAC201202FC-V2-r250 h-37248-4, ceramic open-cavity, earless tape & reel, 250 pcs rf specifications, 2140 mhz one-carrier wcdma characteristics (not subject to production test?verified by design/characterization in wolfspeed doherty test fixture) v dd = 28 v, v gs(peak) = 1.2 v, i dq = 240 ma, p out = 16 w average, ? = 2140 mhz. 3gpp wcdma signal: 3.84 mhz band- width, 10 db par @0.01% ccdf. characteristic symbol min typ max unit gain g ps 16.0 16.5 ? db drain efficiency h d 39 42 ? % adjacent channel power ratio acpr ? ?29 ?27 dbc downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 3 pxac201202fc typical performance (data taken in an wolfspeed test fixture) -60 -40 -20 0 20 40 60 0 4 8 12 16 20 24 30 35 40 45 50 efficiency (%) peak/average ratio, gain (db) average output power (dbm) single-carrier 3gpp wcdma v dd = 28 v, i dq = 240 ma, ? = 1842 mhz 3.84 mhz bandwidth gain efficiency par @ 0.01% ccdf c201202fc-v2-gr1b -60 -40 -20 0 20 40 60 0 4 8 12 16 20 24 30 35 40 45 50 efficiency (%) peak/average ratio, gain (db) average output power (dbm) single-carrier 3gpp wcdma v dd = 28 v, i dq = 240 ma, ? = 1880 mhz 3.84 mhz bamdwidth gain efficiency par @ 0.01% ccdf c201202fc-v2-gr1c 0 10 20 30 40 50 60 -70 -60 -50 -40 -30 -20 -10 30 35 40 45 50 drain efficiency(%) acp up, acp low (dbc) average output power (dbm) single-carrier 3gpp wcdma v dd = 28 v, i dq = 240 ma, ? = 1805 C1880 mhz, 3.84 mhz bandwidth, 10 db par efficiency c201202fc-v2-gr2d 1805 mhz 1842 mhz 1880 mhz 0 10 20 30 40 50 60 12 14 16 18 20 22 24 1650 1750 1850 1950 2050 drain efficiency (%) gain (db) frequency (mhz) single-carrier 3gpp wcdma broadband performance v dd = 28 v, i dq = 240 ma, p out = 42 dbm, par = 10 db par efficienc y gain c201202fc-v2-gr3 downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 4 pxac201202fc typical performance (cont.) -35 -30 -25 -20 -15 -10 -5 -45 -40 -35 -30 -25 -20 -15 1650 1750 1850 1950 2050 input return loss (db) acp up (dbc) frequency (mhz) single-carrier 3gpp wcdma broadband performance v dd = 28 v, i dq = 240 ma, p out = 42 dbm, par = 10 db return loss a cp up c201202fc-v2-gr4 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) gain (db) output power (dbm) cw performance v dd = 28 v, i dq = 240ma efficienc y gain c201202fc-v2-gr5 1805 mhz 1842 mhz 1880 mhz 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) power gain (db) output power (dbm) cw performance at selected v dd i dq = 240 ma, ? = 1805 mhz gain efficienc y c201202fc-v2-gr6a v dd = 32 v v dd = 28v v dd = 24v 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) power gain (db) output power (dbm) cw performance at selected v dd i dq = 240 ma, ? = 1842.5 mhz gain efficienc y c201202fc-v2-gr6b v dd = 32 v v dd = 28v v dd = 24v downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 5 pxac201202fc typical performance (cont.) 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) power gain (db) output power (dbm) cw performance at selected v dd i dq = 240 ma, ? = 1880 mhz gain efficienc y c201202fc-v2-gr6c v dd = 32 v v dd = 28v v dd = 24v -18 -14 -10 -6 -2 12 14 16 18 20 1800 1825 1850 1875 1900 input return loss (db) power gain (db) frequency (mhz) small signal cw gain & input return loss, single side v dd = 28 v, i dq = 350 ma return loss gain c201202fc-v2-gr7 see next page for load pull performance downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 6 pxac201202fc load pull performance main side pulsed cw signal: 160 sec, 10% duty cycle; 28 v, 250 ma p 1db class ab max output power max pae freq [mhz] zs [ w ] zl [ w ] gain [db] p out [dbm] p out [w] pae [%] zl [ w ] gain [db] p out [dbm] p out [w] pae [%] 1810 3.92 ? j12.74 8.74 ? j8.12 19.55 46.79 47.75 53.6 14.51 ? j15.32 21.55 45.00 31.65 62.1 1840 4.13 ? j12.84 8.56 ? j7.87 19.43 46.58 45.50 52.3 15.46 ? j14.87 21.52 44.81 30.28 61.3 1880 4.54 ? j14.31 8.66 ? j8.19 19.37 46.92 49.20 55.3 18.77 ? j12.73 21.53 45.05 31.98 65.2 peak side pulsed cw signal: 160 sec, 10% duty cycle; 28 v, 540 ma p 1db class ab max output power max pae freq [mhz] zs [ w ] zl [ w ] gain [db] p out [dbm] p out [w] pae [%] zl [ w ] gain [db] p out [dbm] p out [w] pae [%] 1810 3.75 ? j8.61 2.62 ? j5.15 18.47 49.89 97.50 48.3 4.96 ? j7.28 20.92 48.49 70.63 59.9 1840 3.69 ? j8.66 2.99 ? j4.99 19.05 49.85 96.61 51.0 5.17 ? j6.42 20.80 48.71 74.30 59.2 1880 5.57 ? j9.39 3.09 ? j5.13 19.31 50.12 102.8 50.1 6.31 ? j6.59 21.34 48.55 71.61 63.2 z source z load s g1g2 d1 d2 reference circuit, 1880 mhz dut pxac201202fc v2 reference circuit part no. lta/pxac201202fc v2 pcb rogers 4350, 0.508 mm [.020"] thick, 2 oz. copper, r = 3.66 find gerber ?les for this reference ?xture on the wolfspeed web site at ( www.wolfspeed.com/rf ) downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 7 pxac201202fc reference circuit assembly diagram (not to scale) component information component description manufacturer p/n input c101 chip capacitor, 2.2 pf atc atc600f2r2cw250t c102, c105, c107 chip capacitor, 18 pf atc atc600f180jw250t c103 chip capacitor, 1.5 pf atc atc600f1r5cw250t c104, c106 capacitor, 10 f, 50 v taiyo yuden umk325c7106mm-t c108 chip capacitor, 0.3 pf atc atc600f0r3cw250t c109, c110 chip capacitor, 0.3 pf atc atc600f0r3cw250t r101, r103 resistor, 10 ohm panasonic electronic components erj-3geyj r102 resistor, 50 ohm anaren rfp060120a15z50 u1 hybrid coupler, 5 db, 90 anaren x3c19p1-05s output c201, c202, c209, c210, c211, c212 chip capacitor, 18 pf atc atc600f180jw250t c203, c207, c208, c213, c215, c216, c217 capacitor, 10 f, 50 v taiyo yuden umk325c7106mm-t c204 capacitor, 220 f, 50 v cornell dubilier electronics (cde) sk221m050st c205 chip capacitor, 1.8 pf atc atc600f1r8cw250t c206 chip capacitor, 0.3 pf atc atc600f0r3cw250t c214 chip capacitor, 0.5 pf atc atc600f0r5cw250t reference circuit (cont.) c 2 0 1 2 0 2 f c _ c d _ 2 0 1 4 - 0 7 - 0 9 rf_out rf_in ro4350, .020 pxac201202fc_in_01 (60) r101 c107 c106 c104 c105 (61) ro4350, .020 c108 c109 c103 c102 c216 c213 c215 c202 c210 c217 c214 c209 c211 c203 c208 c207 c212 c206 c205 pxac201202fc_out_01 r103 pxac201202fc c201 v gs c204 v dd v dd u1 c101 c110 r102 downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 8 pxac201202fc pinout diagram (top view) pin description d1 drain device 1 (main) d2 drain device 2 (peak) g1 gate device 1 (main) g2 gate device 2 (peak) s source (?ange) h-37248-4_pd_10-10-2012 s d1 d2 g1 g2 main peak see next page for package mechanical specifications downloaded from: http:///
4600 silicon drive | durham, nc 27703 | www.wolfspeed.com rev. 06, 2018-06-29 9 pxac201202fc package outline specifications package h-37248-4 diagram notes?unless otherwise speci?ed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [.005]. 4. pins: d1, d2 ? drain, s (?ange) ? source, g1, g2 ? gate. 5. lead thickness: 0.10 +0.076/?0.025 [.004 +.003/?.001]. 6. gold plating thickness: 1.14 0.38 micron [45 15 microinch]. c l l c c l 2x 12.70 [.500] 19.810.20 [.7800.008] 4x 3.81 [.150] lid 9.40 [.370] flange 9.78 [.385] 2x 4.830.51 [.1900.020] 3.760.25 [.1480.010] sph 1.57 [.062] 4x r0.76 +0.13 -0.38 [ r.030 +0.005 -0.015 ] d1 d2 g1 g2 1.02 [.040] 20.57 [.810] s 2x 45 x 2.72 [45 x .107] (8.89 [.350]) (5.08 [.200]) 19.430.51 [.7650.020] h-37248-4_po_02_01-09-2013 0.0381 [.0015] -a- downloaded from: http:///
revision history revision date data sheet type page subjects (major changes in comparison with previous revision) 01 2014-02-06 advance all new product, proposed only. 02 2014-03-07 production all data sheet re?ects released product speci?cations, including reference circuit and performance information. 03 2014-03-12 production 1, 2, 3, 6 (1) add features, update graph. (2) update operating gate voltage. (3) update two graphs. (6) add load pull tables. 04 2014-06-27 production all product now v2. 04.1 2014-08-25 production 7 assembly diagram: position of c201 changed. 05 2014-08-25 production 2 rf speci?cations at 2140 mhz: values updated. 05.1 2016-06-22 production 2 updated ordering information 06 2018-06-29 production all converted to wolfspeed data sheet www.wolfspeed.com rev. 06, 2018-06-29 notes disclaimer speciications are subject to change without notice. cree, inc. believes the information contained wi thin this data sheet to be accurate and reliable. however, no responsibility is assumed by cree for any infringement of p atents or other rights of third parties which may result from its use. no license is granted by implication or otherwise un der any patent or pat - ent rights of cree. cree makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. etypicalf parameters are the average values expected by cree in large quantities and are provided for information purposes only. these values can and do vary in diferent applications and actual performa nce can vary over time. all operating parameters should be validated by customerds technical experts for each applicat ion. cree products are not designed, intended or authorized for use as components in applications intended for surgical implant into the body or to support or sustain life, in applications in which the failure of the cree product could r esult in personal injury or death or in applications for planning, construction, maintenance or direct operation of a nuclear fa cility. copyright ? 2018 cree, inc. all rights reserved. the information in this document is subject to change without notice. wolfspeed? and the wolfspeed logo are trademarks of cree, inc. for more information, please contact: 4600 silicon drive durham, north carolina, usa 27703 www.wolfspeed.com/rf sales contact rfsales@wolfspeed.com rf product marketing contact rfmarketingjwolfspeed.com 919.407.7816 10 pxac201202fc downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of PXAC201202FC-V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X