Part Number Hot Search : 
M268TAN C6012RU IRF3706 RTL8188 HCPL4661 SFW12LF HCP3000 B80N0
Product Description
Full Text Search
 

To Download PBU607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21307 rev. f-2 1 of 2 pbu601 - PBU607 pbu601 - PBU607 6.0a bridge rectifier features - ~ ~ + b c d h m n p a e l k j g pbu dim min max a 22.70 23.70 b 3.80 4.10 c 4.20 4.70 d 1.70 2.20 e 10.30 11.30 g 4.50 6.80 h 4.80 5.80 j 25.40  k ? 19.30 l 16.80 17.80 m 6.60 7.10 n 4.70 5.20 p 1.20 1.30 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified mechanical data single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol pbu 601 pbu 602 pbu 603 pbu 604 pbu 605 pbu 606 pbu 607 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t c = 100  c i o 6.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 250 a forward voltage (per element) @ i f = 3.0a v fm 1.0 v peak reverse current @ t c = 25  c at rated dc blocking voltage @ t c = 100  c i r 10 1.0 a ma i 2 t rating for fusing (note 2) i 2 t 166 a 2 s typical thermal resistance junction to case (note 1) r  jc 4.2 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. thermal resistance junction to case mounted on heatsink. 2. non-repetitive, for t > 1.0ms and t < 8.3ms.  diffused junction  low forward voltage drop, high current capability  surge overload rating to 250a peak  ideal for printed circuit board applications  case to terminal isolation voltage 1500v  plastic material: ul flammability classification rating 94v-0  ul listed under recognized component index, file number e95060  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: as marked on case  mounting: through hole for #6 screw  mounting torque: 5.0 inch-pounds maximum  weight: 8.0 grams (approx.)  mounting position: any  marking: type number
ds21307 rev. f-2 2 of 2 pbu601 - PBU607 0.1 1.0 10 i , instantaneous fwd current (a) f v , instantaneous fwd voltage (v) fi g .2 t y pical forward characteristics f t = 25oc pulse width = 300 ms j 100 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0 50 100 150 200 2 5 0 1 10 100 8.3ms single half sine-wave jedec method i , peak fwd surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak fwd sur g e current 10 100 4 00 1 10 100 c , capacitance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance per element r t = 25oc f = 1mhz j 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 i , instantaneous reverse current (ma ) r rated percent of peak reverse voltage (%) fi g .5 t y pical reverse characteristics t = 25oc j t = 100oc j 0 1 2 3 4 5 20 40 60 80 100 120 140 i , average output current (a) (av) t , case temperature (oc) fi g . 1 forward current deratin g curve c single phase half wave 60 hz resistive or inductive load 6


▲Up To Search▲   

 
Price & Availability of PBU607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X