|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MP2013 40 v, 15 0ma, low quiescent current linear regulator description the MP2013 is a low power linear regulator that supplies power to systems with high voltage batteries. it includes a wide 2.5 v to 4 0v input range, low dropout voltage and low quiescent supply current. the low quiescent current and low dropout v oltage allow operations at extremely low power levels. therefore, the MP2013 are ideal for the low power microcontrollers and the battery - powered equipments. the MP2013 provides wide variety of fixed output voltage options (if request): 1.8v, 1.9v, 2.3v, 2 .5v, 3.0v, 3.3v, 3.45v, 5.0v; and also provides the output adjustable option ( from 1.2 15 v to 15v ) . the regulator output current is internally limited and the device is protected against over - load and over - temperature conditions. the MP2013 also includes thermal shutdown and current limiting fault protection, and is available in qfn6 (2x2mm) , qfn8 (3x3mm) and t sot23 - 5 package s. features ? 2.5 v to 4 0 v input range ? 3.2 a quiescent supply current ? stable with low - value output ceram ic capacitor (> 0.47 f) ? 150ma specified current ? 620 mv dropout at 1 50ma load ? available in fixed and adjustable output (1.2 15 v to 15 v) versions ? output 2% accuracy ? specified current limit ? t hermal shutdown ? - 40c to +125c specified junction temperature range ? available in t sot23 - 5 , qfn6 (2x2mm) , or qfn8 (3x3mm) packages applications ? industrial/ automotive applications ? portable/battery - powered equipment ? ultra low power microcontrollers ? cellular handsets ? medical imaging all mps parts are lead - free and adhe re to the rohs directive. for mps green status, please visit mps website under products, quality assurance page. ?mps? and ?the future of analog ic technology? are r egistered t rademarks of monolithic power systems, inc. typical application in1 out in2 fb gnd vout in1 out in2 gnd fb v out output adjustable version output fixed version MP2013 rev. 1.0 www.monolithicpower.com 1 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved.
MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator ordering information part number * package top marking MP2013 gj tsot23 - 5 aff MP2013 gg qfn6 (2x2mm) ax MP2013 gq qfn8 (3x3mm) aff MP2013 gq - 33 qfn8 (3x3mm) agg * for tape & reel, add suffix ? z ( e . g. MP2013 g j ? z) ; package reference tsot23 - 5 qfn 6 ( 2 x 2 mm) qfn8( 3 x3mm) absolute maximum rat ings (1) in 1 , in 2 ................................ ..... - 0.3v to +4 2 v out ................................ ............. - 0.3v to + 17v fb ................................ ................ - 0.3v to + 6 v lead temperature ................................... 260 c storage temperature ............... - 65 c to +150 c continuous power dissipation (t a = + 25 c) (2) qfn8( 3 x3mm) ................................ ......... 2 . 08 w qfn 6 ( 2 x 2 mm) ................................ ......... 1 . 25w t sot23 - 5 ................................................ 0.45 w esd susceptibility (3) hbm (human body mode) ..........................2kv mm (machine mode) ................................ 200v recommended ope rating conditions (4 ) supply voltage v in .......................... 2.5 v to 4 0 v output voltage v out ................... 1.2 15 v to 15v operating junction temp . (t j ). - 40 c to +125 c thermal resistance ( 5 ) ja jc t sot23 - 5 ............................. 220 .... 110 .. c/w qfn 6 ( 2 x 2 mm) ....................... 80 ...... 16 ... c/w qfn8( 3 x3mm) ....................... 48 ...... 11 ... c/w notes: 1) exceeding these ratings may damage the device. 2) the maximum allowable power dissipation is a function of the maximum junction temperature t j (max), t he junction - to - ambient th h u p d o u h v l v w d q f h ja , and the ambient temperature t a . the maximum allowable continuous power dissipation at any ambient temperature is calculated by p d (max) = (t j (max) - t a ja . exceeding the maximum allowable power dissipation will cause excessive die te mperature, and the regulator will go into thermal shutdown. internal thermal shutdown circuitry protects the device from permanent damage. 3) devices are esd sensitive. handling precaution recommended. 4) the device is not guaranteed to function outside of its operating conditions. 5) measured on jesd51 - 7, 4 - layer pcb. MP2013 rev. 1.0 www.monolithicpower.com 2 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator electrical character istics v out(nom) = 5 v (v in 6v) or fb (v in <6v) , i out = 1ma, c out = 1f , t j = 25c , unless otherwise noted. parameter symbol condition min typ max units input voltage v in 2.5 4 0 v output voltage range v out 1.2 15 15 v gnd pin current i gnd MP2013 0MP2013 - 33 0MP2013 - 33, vin= 4.3 v , i o =0 3.234 3.3 3.366 v fb voltage v fb fb = out, vin= 5 v 1.191 1.2 1 5 1. 239 v dropout voltage v in =v out(nom) - 0.1v v dropout MP2013 , i load = 15 0ma , v out(nom) =5 v 620 900 mv MP2013 - 33, i load = 15 0ma 740 900 fb pin input current i fb MP2013 , v fb = 1.3v , vin=6v ,out floating ? 50 +4 + 50 na MP2013 - 33, v fb = 1.3v , vin=6v ,out floating 0.98 1.25 1.52 $ line regulation (6) v in = 2.5 to 4 0 v, i load = 1ma , out = fb 0. 01 0. 0 5 % /v load regulation (7) MP2013 , i load = 1 00 a to 150 ma , out = fb , vin= 3 v to 6 v 0. 003 0. 005 %/ma MP2013 - 33, i load = 1 00 a to 150 ma , vin= 4.3 v to 6 v 0.005 0.01 output voltage psrr (8) 100hz, c in = 10 0 p f, c out = 4.7 f i load = 1 0ma , v in = 6v 58 db 1k hz, c in = 10 0p f, c out = 4.7 f i load = 1 0ma , v in = 6v 41 db 100khz, c in = 10 0p f, c out = 4.7 f i load = 1 0ma , v in = 6v 55 db MP2013 rev. 1.0 www.monolithicpower.com 3 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator electrical character istics (continued) v out(nom) = 5 v (v in 6v) or fb (v in <6v) , i out = 1ma, c out = 1f, t j = 25c , unless otherwi se noted. parameter symbol condition min typ max units startup response time r load ? c out =6.8f, v out = 5v 2.5 ms thermal shutdown ( 8 ) t sd 150 165 q c thermal shutdown hysteresis (8) ? 7 sd 20 q c notes: 6) l ine regulation= in(max ) in(min) out[ v ] out[ v ] in(max) in(min) out(nom) |v v | (% / v) (v v ) v u u 7) load regulation= out (max ) out (min) out[i ] out[i ] out(max) out(min) out(nom) |v v | (% / ma) (i i ) v u u 8) derived from bench characterization. not tested in production. MP2013 rev. 1.0 www.monolithicpower.com 4 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator pin functions pin # name description t sot23 - 5 qfn6 (2x2mm) qfn8 (3x3mm) 3 1 1 in 1 input voltage. connect a 2.5v to 40v supply to this pin. 2 2 2 i n 2 vin pin to power internal logic . c onnect to in1. 1 3 , exposed pad 4 , exposed pad gnd ground (the exposed pad and gnd pin must be connected to the same ground plane) 5 4 5 fb feedback input pin, regulated to 1.215v nominally. connected to an external r esistive divider between out and gnd to set output voltage. for fixed output version, this pin can be just float. 4 6 8 out regulated output voltage, only low - value ceramic capacitor ( 0.47f) on output is required for stability. 5 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator typical characterist ics MP2013 rev. 1.0 www.monolithicpower.com 6 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator typical performance characteristics c in = 1f, c out = 4.7f, v out =5v, t a = +25oc, unless otherwise noted MP2013 rev. 1.0 www.monolithicpower.com 7 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator typical performance characteristics (contin ued) c in = 1f, c out = 4.7f, v out =5v, t a = +25oc, unless otherwise noted MP2013 rev. 1.0 www.monolithicpower.com 8 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator operation the MP2013 is a linear regulator that supplies power to systems with high voltage batteries. it includes a wide 2.5 v to 4 0v input range, low dropout voltage and low quies cent supply current. the MP2013 provides wide variety of fixed output voltage options: 1.8v, 1.9v, 2.3v, 2.5v, 3.0v, 3.3v, 3.45v, 5.0v; and also provides the output adjustable option ( from 1.2 15 v to 15v ) . the output a djustable version has an output that i s adjustable from 1.2 15 v to 15 v with a simple resistor divider. it uses external feedback, allowing the user to set the output voltage with an external resistor divider. the typical fb pin voltage is 1. 2 15v . the regulator output current is internally limi ted and the device is protected against over - load and over - temperature conditions. the peak output current is limited to around 270ma , which exceed s the 1 5 0ma recommended continuous output current. when the junction temperature is too high, the thermal s ensor sends a signal to the control logic that will shutdown the ic. the ic will re start when the temperature has sufficiently cooled. the maximum power output current is a function of the package?s maximum power dissipation for a given temperature. the m aximum power dissipation is dependent on the thermal resistance of the case and the circuit board, the temperature difference between the die junction and the ambient air, and the rate of air flow. the gnd pin and exposed pad must be connected to the groun d plane for proper dissipation. uvlo vreference ea vin 1 vin 2 vout fb gnd for fixed output version only figu re 1 : functional block diagram MP2013 rev. 1.0 www.monolithicpower.com 9 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator application informat ion component selection setting the output voltage set the output voltage of the MP2013 by using a resistor divider as shown: mp 2013 out fb r1 r2 v out gnd figure 2 : fb resistor divider to set v out choose r2= 1m ? to maintain a 1.215 a minimum load. calculate the value for r1 using the following equation: ? ? ? ? ? ? ? = 1 1.215v v r2 r1 out for fixed output version, v out also can be adjusted by adding external resistor divider. just note to take internal fb resistor divider into consideration when choose external divider. mp 2013 out fb r 1 r 2 v out gnd r 1 _ in r 2 _ in figure 3: fb divider of fixed output version t he internal fb resistor dividers for different fixed ou tput version s please see below table. table 1 : internal fb resistor divider f ixed output voltage r1_in r2_in 3.3v 1.72m ? ? i nput capacitor for proper operation, place a ceramic capacitor (c1) between 1f and 10f of dielectric type x5r or x7r between the input pin and ground. larger values in this range will help improve line transient response . output capacitor for s table operation, use a ceramic capacitor (c2) of type x5r or x7r between 1f and 10f. larger values in this range will help improve load transient response and reduce noise . output capacitors of other dielectric types may be used, but are not recommended as their capacitance can deviate greatly from their rated value over temperature. to improve load transient response, add a small ceramic (x5r, x7r or y5v dielectric) 22nf feed forward capacitor in parallel with r1. the feed forward capacitor is not requir ed for stable operation. output noise the MP2013 will exhibit noise on the output during normal operation. this noise is negligible for most applications. however, in applications that include analog - to - digital converters (adcs) of more than 12 bits, one n eeds to consider the adc?s power supply rejection specifications. the feed forward capacitor c2 across r1 will significantly reduce the output noise . pcb layout guide pcb layout is very important to achieve good regulation, ripple rejection, transient resp onse and thermal performance. it is highly recommended to duplicate evb layout for optimum performance. if change is necessary, please follow these guidelines and take figure 5 for reference. 1) input and output bypass ceramic capacitors are suggested to be put close to the in pin and out pin respectively. 2) ensure all feedback connections are short and direct. place the feedback resistors and compensation components as close to the chip as possible . MP2013 rev. 1.0 www.monolithicpower.com 10 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator 3) connect in, out and especially gnd respectively to a large copper area to cool the chip to improve thermal performance and long - term reliability. r1 r2 c3 c1 in1 in2 gnd fb out v in v out c2 MP2013 1 2 3 4 5 in1 in2 gnd fb out r1 r2 c2 c3 c1 gnd out in out in gnd in1 out in2 fb gnd nc c1 c3 c2 r1 r2 4 5 6 1 2 3 out in gnd nc in1 out in2 fb 6 7 8 1 2 3 4 5 nc gnd nc c1 c3 c2 r1 r2 figure 5 : pcb layout (top layer) design examp le below is a design example following the application guidelines for v out =3.3v with feedforward cap . r1 r2 c3 c1 in1 in2 gnd fb out v in v out 1uf 4.7uf 1.72m 1m 3.3v c2 22nf MP2013 figure 6 : design example MP2013 rev. 1.0 www.monolithicpower.com 11 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator typical application circuits r1 r2 c2 c1 in1 in2 gnd fb out v in v out 1uf 4.7uf 1.72m 1m 3.3v MP2013 f igure 7 : 3.3v output typical applicati on circuit r1 r2 c3 c1 in1 in2 gnd fb out v in v out 1uf 4.7uf 1.72m 1m 3.3v c2 22nf MP2013 f igure 8 : 3.3v output with feedforward capacitor r1 r2 c2 c1 in1 in2 gnd fb out v in v out 1uf 4.7uf 3.1m 1m 5v MP2013 f igure 9 : 5 v output typical application circuit MP2013 rev. 1.0 www.monolithicpower.com 12 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator package information qfn 8 (3x3mm) side view top view 1 8 5 4 bottom view 2 . 90 3 . 10 1 . 45 1 . 75 2 . 90 3 . 10 2 . 25 2 . 55 0 . 65 bsc 0 . 20 0 . 30 0 . 80 1 . 00 0 . 00 0 . 05 0 . 20 ref pin 1 id marking 1 . 70 0 . 65 0 . 25 recommended land pattern 2 . 90 note : 1 ) all dimensions are in millimeters . 2 ) exposed paddle size does not include mold flash . 3 ) lead coplanarity shall be 0 . 10 millimeter max . 4 ) jedec reference is mo - 229 , variation veec - 2 . 5 ) drawing is not to scale . pin 1 id see detail a 2 . 50 0 . 70 pin 1 id option b r 0 . 20 typ . pin 1 id option a 0 . 30 x 45 o typ . detail a 0 . 30 0 . 50 pin 1 id index area MP2013 rev. 1.0 www.monolithicpower.com 13 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator qfn 6 (2x2mm) side view top view 1 6 4 3 bottom view 1 . 90 2 . 10 0 . 65 0 . 85 1 . 90 2 . 10 1 . 25 1 . 45 0 . 65 bsc 0 . 20 0 . 30 0 . 80 1 . 00 0 . 00 0 . 05 0 . 20 ref pin 1 id marking 0 . 70 0 . 65 0 . 25 recommended land pattern 1 . 90 note : 1 ) all dimensions are in millimeters . 2 ) exposed paddle size does not include mold flash . 3 ) lead coplanarity shall be 0 . 10 millimeter max . 4 ) jedec reference is mo - 229, variation vccc . 5 ) drawing is not to scale . pin 1 id see detail a 1 . 40 0 . 70 pin 1 id option a 0 . 30x 45o typ . pin 1 id option b r 0 . 20 typ . detail a 0 . 30 0 . 40 pin 1 id index area MP2013 rev. 1.0 www.monolithicpower.com 14 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps . all rights reserved. MP2013 - 40v , 150 m a , low quiescent curr ent linear regulator tsot23 - 5 0 . 30 0 . 50 seating plane 0 . 95 bsc 0 . 84 0 . 90 1 . 00 max 0 . 00 0 . 10 top view front view side view recommended land pattern 2 . 80 3 . 00 1 . 50 1 . 70 2 . 60 3 . 00 1 3 4 5 0 . 09 0 . 20 note : 1 ) all dimensions are in millimeters . 2 ) package length does not include mold flash , protrusion or gate burr . 3 ) package width does not include interlead flash or protrusion . 4 ) lead coplanarity ( bottom of leads after forming ) shall be 0 . 10 millimeters max . 5 ) drawing conforms to jedec mo - 193 , variation aa . 6 ) drawing is not to scale . 0 . 30 0 . 50 0 o - 8 o 0 . 25 bsc gauge plane 2 . 60 typ 1 . 20 typ 0 . 95 bsc 0 . 60 typ see detail " a " detail a notice: the information in this document is subject to change without notice. ple ase contact mps for current specifications. users should warrant and guarantee that third party i ntellectual p roperty r ights are not infringed upon when integrating mps products into any application. mps will not assume any legal responsibility for any sai d applications. MP2013 rev. 1.0 www.monolithicpower.com 15 4/23/2014 mps proprietary information. patent protected. unauthorized photocopy and duplication prohibited. ? 2014 mps. all rights reserved. |
Price & Availability of MP2013 |