Part Number Hot Search : 
WGP15G65 0ETTTS 54FDG 1N5374A BD169 0512E BUF420AW M7010R
Product Description
Full Text Search
 

To Download LM358A-CSR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.3peakic.com.cn rev.0.02 1 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps f ea tures ? supply voltage: 3v to 36 v ? low supply current: 1 0 0 a per channel ? input common - mode voltage range includes ground ? can work as comparator ? rail to rail output ? bandwidth: 0.9 mhz ? slew rate: 0.5 v/s ? excellent emi suppress performance : 71db at 1ghz ? off set voltage: 3 mv maximum ? offset voltage temperature drift: 7 v/c ? C 40c to 125c operation temperature range applications ? power module ? sensor interface ? motor control ? audio description the lm321a/358a/324a series amplifiers are newest high supply voltag e amplifiers with low offset, low power and stable frequency response. they incorporate 3peaks proprietary and patented design techniques to achieve very good ac performance with 0.9 mhz bandwidt h, 0.5 v/s slew rate and maximum 3mv offset while drawing onl y 1 00a of quiescent current per amplifier. the input com mon - mode voltage range extends to v C , and the outputs swing rail - to - rail. the lm321a/358a/324a family can be used as plug - in replacements for many commercially available op - amps to reduce power and i mprove input/output range and performance. the combination of features makes the lm321a/358a/324a ideal choices for power module, industrial control, motor control and a udio application . pin configuration l m 3 2 1 a 5 - p i n s o t 2 3 - t s u f f i x e s l m 3 5 8 a 8 - p i n s o i c / t s s o p / m s o p / d f n - s , - t s , - v , - f s u f f i x e s 8 6 5 7 3 2 1 4 o u t a i n a i n a i n b i n b o u t b a b v s v s l m 3 2 4 a 1 4 - p i n s o i c / t s s o p - s a n d - t s u f f i x e s 1 4 1 3 1 2 1 1 1 0 9 8 6 5 7 3 2 1 4 o u t a i n a i n a d a c b o u t d i n d i n d o u t b i n b i n b o u t c i n c i n c v s v s 4 5 3 2 1 + i n - v s - i n o u t + v s
www.3peakic.com.cn rev.0.02 2 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps table of c o ntents features ................................ ................................ ................................ ................................ ................................ ........... 1 applications ................................ ................................ ................................ ................................ ................................ ..... 1 description ................................ ................................ ................................ ................................ ................................ ....... 1 pin configuration ................................ ................................ ................................ ................................ ............................ 1 table of contents ................................ ................................ ................................ ................................ ............................ 2 revision history ................................ ................................ ................................ ................................ .............................. 3 order information ................................ ................................ ................................ ................................ ............................ 3 absolute maximum ratings note 1 ................................ ................................ ................................ ................................ ... 4 esd rating ................................ ................................ ................................ ................................ ................................ ....... 4 thermal information ................................ ................................ ................................ ................................ ....................... 4 electrical characteristics ................................ ................................ ................................ ................................ ............... 5 typical performance characteristics ................................ ................................ ................................ ............................ 7 tape and reel information ................................ ................................ ................................ ................................ ............. 9 package outline dimensions ................................ ................................ ................................ ................................ ....... 10 sot23 - 5 ................................ ................................ ................................ ................................ ................................ ..................... 10 soic - 8 ................................ ................................ ................................ ................................ ................................ ........................ 11 tssop - 8 ................................ ................................ ................................ ................................ ................................ .................... 12 msop - 8 ................................ ................................ ................................ ................................ ................................ ..................... 13 dfn - 8 1.5*1.5 ................................ ................................ ................................ ................................ ................................ ............ 14 soic - 14 ................................ ................................ ................................ ................................ ................................ ..................... 15 tssop - 14 ................................ ................................ ................................ ................................ ................................ .................. 16
www.3peakic.com.cn rev.0.02 3 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps revision history date r evision n otes 2018 / 3 / 2 1 r ev.pre pre - release version 2 018 / 11/1 r ev.0 i nitial version 2 018 / 12/25 r ev.0.01 u pdate date code information of lm358a - f1r: aayw - > yw 20 1 9 / 1 / 1 4 r e v 0 . 0 2 u p da te m a r k i n f o r m a t i o n o f l m 3 5 8 a - s r , l m 3 5 8 a - c s r : l m 3 5 8 a - > 3 5 8 a ; u p d a t e p a c k a g e i n f o r m a t i o n : r e m o v e s c 7 0 , u p d a t e p a c k a g e d i m e n s io n s o f s o i c - 8 order information order number operating temperature range package marking information msl transport media, quantity lm321a - tr - 40 to 125 c 5 - pin sot23 2 1 a yw note 1 3 tape and reel, 3 000 lm358a - s r - 40 to 125 c 8 - pin so ic 358a aa yw note 1 3 tape and reel, 4 000 lm358a - c s r - 40 to 85 c 8 - pin so ic 358a aa yw note 1 3 tape and reel, 4 000 lm358a - f1 r - 40 to 125 c 8 - pin dfn 1.5*1.5 58a yw note 1 1 tape and reel, 3 000 lm358a - ts r - 40 to 125 c 8 - pin tssop lm358a aa yw note 1 3 tape and reel, 3000 lm358a - v r - 40 to 125 c 8 - pin msop lm358a aa yw note 1 3 tape and reel, 3000 lm324a - s r - 40 to 12 5c 14 - pin soic lm324a aa yw note 1 3 tape and reel, 2500 lm324a - c s r - 40 to 8 5 c 14 - pin soic lm324a aa yw note 1 3 tape and reel, 2500 lm324a - tr - 40 to 12 5c 14 - pin ts sop lm324a aa yw note 1 3 t ape and reel, 30 00 note 1 : aa identify the manufacture site. yw i s the date code means manufacture year and week:
www.3peakic.com.cn rev.0.02 4 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps absolute maximum ratings note 1 parameters rating supply voltage , (+v s ) C ( - v s ) 40 v input voltage ( - v s ) C 0.3 to (+v s ) + 0.3 diff erential input voltage (+v s ) - ( - v s ) input current: +in, C in note 2 1 0ma output short - circuit duration note 3 infinite maximum junction temperature 150c operating temperature range C 40 to 125 c storage temperature range C 65 to 150c lead temperatur e (soldering, 10 sec) 260c note 1 : stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. no te 2: the inputs are protected by esd protection diodes to each power supply. if the input extends more than 300mv beyond the power supply, the input current should be limited to less than 10ma. note 3: a heat sink may be required to keep the junction temp erature below the absolute maximum. this depends on the power supply voltage and how many amplifiers are shorted. thermal resistance varies with the amount of pc board metal connected to the package. the specified values are for short traces connected to t he leads. esd rating symbol parameter condition minimum level unit hbm human body model esd ansi/esda/jedec js - 001 3 kv cdm charged device model esd ansi/esda/jedec js - 002 2 kv thermal information package type ja jc unit 5 - pin sot23 250 81 c/w 8 - pin so ic 158 43 c/w 8 - pin tssop 191 44 c/w 8 - pin msop 210 45 c/w 8 - pin dfn 1.5*1.5 2 00 c/w 14 - pin so ic 120 36 c/w 14 - pin tssop 180 35 c/w
www.3peakic.com.cn rev.0.02 5 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps electrical characteristics all test condition is v s = 30 v, t a = 25c, r l = 10 k , c l =100pf , unless otherw ise noted. symbol parameter conditions t a min typ max unit power supply v s supply voltage range 3 36 v i q quiescent current per amplifier v s = 30v 110 200 a operating range 25 0 a v s = 5v 100 1 50 a operating range 2 0 0 a psrr power supply rejection ratio v s = 5v to 36v 8 5 120 db operating range 8 0 db input characteristics v os input offset voltage v s = 30v, v cm = 0v to 28v - 3 0.1 3 mv operating range - 7 7 mv v s = 5v, v c m = 0v to 3v - 3 0.1 3 mv operating range - 7 7 mv v os tc input offset voltage drift operating range 7 v/c i b input bias current 60 pa operating range 600 pa i os input offset current 60 pa i in different input current v s = 36v, v i d = 36v 5 na v s = 36v, v id = 36v operating range 20 na c in input capacitance differential mode 5 pf common mode 5 pf av open - loop voltage gain 9 5 110 db operating range 90 db v cmr common - mode input voltage range (v - ) (v+) - 2 v cmrr common mode rejection ratio v cm = 0v to 28v 7 5 120 db operating range 70 90 db output characteristics v oh , v ol maximum output voltage swing r load = 10k to v s /2 200 300 mv r load = 2k to v s /2 1 .1 1.3 v v ol maximum output voltage swing low v s = 5v, r load = 10k to 0v 5 10 mv i sc output short - circuit current 30 ma ac specifications gbw gain - bandwidth product 0.9 mhz sr slew rate g = 1, 2v step 0.5 v/s t s settling time, 0.1% g = 1, 2v step 4 s
www.3peakic.com.cn rev.0.02 6 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps settling time, 0.01% 5 s pm phase margin v s = 30v, r l =1k, c l =100pf 60 gm gain margin v s = 30v, r l =1k, c l =100pf 15 db channel separation f = 1 khz to 20 khz 120 db noise performance e n input voltage noise f = 0.1hz to 10hz 3 v rms e n input voltage noise density f = 1khz 70 nv/ hz i n input current noise f = 1khz 3 fa/ hz thd+n total harmonic distortion and noise f = 1khz, g =1, r l = 10k, v out = 6v rm s 0.001 %
www.3peakic.com.cn rev.0.02 7 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps typical performance characteristics v s = 15 v, v cm = 0 v, r l = 10k , unless otherwise specified. figure 1 . quiescent current vs. supply voltage figure 2 . quiescent current vs. temperature figure 3 . offset voltage vs. com mon mode voltage figure 4 . offset voltage vs. temperature figure 5 . emirr+ vs. frequency figure 6 . open loop gain and phase vs. frequency 80 85 90 95 100 105 110 115 120 3 13 23 supply current (ua) supply voltage (v) 70 80 90 100 110 120 130 140 -40 10 60 110 supply current (ua) temperatures( ) -1000 -800 -600 -400 -200 0 200 400 600 800 1000 0 10 20 30 vos uv vcm: v -3000 -2000 -1000 0 1000 2000 3000 -50 0 50 100 150 vos uv temperture : 0.00 20.00 40.00 60.00 80.00 100.00 120.00 10 100 1000 emirr db frequency: mhz -100 -50 0 50 100 150 200 -100 -50 0 50 100 150 0.01 1 100 10k 1m phase ( ) gain(db) frequency (hz)
www.3peakic.com.cn rev.0.02 8 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps v s = 15 v, v cm = 0v, r l = 10k, unless otherwise specified. figure 7 . psrr vs. frequency figure 8 . cmrr vs. frequency figure 9 . voltage noise spectral density vs . frequency figure 10 . different input current vs. temperature 40 50 60 70 80 90 100 110 10 100 1k 10k psrr db frequency(hz) psrr+ psrr- 40 50 60 70 80 90 100 110 120 10 100 1k 10k cmrr db frequency(hz) 10 100 1000 10000 0.1 1 10 100 1k 10k 100k equivalent input noise voltage(v) frequency(hz) 0 5 10 15 20 25 30 -40 10 60 110 160 different input current(na) temperature( )
www.3peakic.com.cn rev.0.02 9 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps t ape a nd reel information order number package d1 w1 a0 b0 k0 p0 w0 pin1 quadrant lm321a - tr 5 - pin sot23 180.0 13.1 3.2 3.2 1.4 4.0 8.0 q3 lm358a - sr 8 - pin soic 330.0 17.6 6.4 5.4 2.1 8 .0 12.0 q1 lm358a - c sr 8 - pin soic 330.0 17.6 6.4 5.4 2.1 8.0 12.0 q1 lm358a - vr 8 - pin msop 330.0 17.6 5.2 3.3 1.5 8.0 12.0 q1 lm358a - t s r 8 - pin tssop 330.0 17.6 6.8 3.3 1.2 8.0 12.0 q1 lm358a - f1 r 8 - pin dfn 1.5*1.5 1 78.0 1 2.3 1 .7 1 .7 0 .75 4 .0 8 .0 q 1 lm324a - sr 14 - pin soic 330.0 21.6 6.5 9.0 2.1 8.0 16.0 q1 lm324a - c sr 14 - pin soic 330.0 21.6 6.5 9.0 2.1 8.0 16.0 q1 lm324a - tr 14 - pin tssop 330.0 17.6 6.8 5.4 1.2 8.0 12.0 q1
www.3peakic.com.cn rev.0.02 10 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps package outline dimensions sot23 - 5 symbol dimensions in millimeters dimensions in inches min max min max a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.300 0.400 0.012 0.016 c 0.100 0.200 0.004 0.008 d 2.820 3.020 0.111 0.119 e 1.500 1.700 0.059 0.067 e1 2.650 2.950 0.104 0.116 e 0.950typ 0.037typ e1 1.800 2.000 0.071 0.0 79 l 0.700ref 0.028ref l1 0.300 0.460 0.012 0.024
www.3peakic.com.cn rev.0.02 1 1 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps soic - 8 symbol dimensions in millimeters min max a1 0.100 0.250 a2 1.30 0 1.550 b 0.330 0.510 c 0.17 0 0.250 d 4.700 5.100 e 3.800 4.000 e1 5.800 6.300 e 1.270typ l1 0.400 0.900 0 8 d e 1 b e a 1 a 2 e l 1 c
www.3peakic.com.cn rev.0.02 12 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps tssop - 8 symbol dimensions in millimeters dimensions in inches min max min max d 2.900 3.100 0.114 0.122 e 4.300 4.500 0.169 0.177 b 0.190 0.300 0.007 0.012 c 0.090 0.200 0.004 0.008 e1 6.250 6.550 0.246 0.258 a 1.200 0.047 a2 0.800 1.000 0.031 0.039 a1 0.050 0.150 0.002 0.006 e 0.65(bsc) 0.02 6 bsc l 0.500 0.700 0.020 0.028 h 0.25(bsc) 0.01 bsc 1 7 1 7
www.3peakic.com.cn rev.0.02 13 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps msop - 8 symbol dimensions in millimeters min max a 0.800 1.200 a1 0.000 0.200 a2 0.75 0 0.95 0 b 0.30 typ c 0.15 typ d 2.900 3.100 e 0.65 typ e 2.900 3.100 e1 4.700 5.100 l 0.40 0 0.800 l1 0.95 typ l2 0.25 typ 0 6 e 1 e e a 1 a 2 a d l 1 l 2 l r r 1 b
www.3peakic.com.cn rev.0.02 14 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps dfn - 8 1.5*1.5
www.3peakic.com.cn rev.0.02 15 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps soic - 14 symbol dimensions in millimeters min typ max a 1.35 1.60 1.75 a1 0.10 0.15 0.25 a2 1.25 1.45 1.65 b 0.3 1 0.51 d 8.45 8.63 8.85 e 5.80 6.00 6.20 e1 3.80 3.90 4.00 e 1.27 bsc l 0.4 0 0.6 0 0.8 0 l1 1.05 ref l2 0.25 bsc 0 8 e b e 1 e d a 1 a a 2 l 1 l l 2
www.3peakic.com.cn rev.0.02 16 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps tssop - 14 symbol dimensions in millimeters min typ max a - - 1.20 a1 0.05 - 0.15 a2 0.8 0 - 1.05 c 0.19 - 0.30 d 4.86 5.00 5.10 e 6.20 6.40 6.60 e1 4.30 4.40 4.50 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref l2 0.25 bsc r 0.09 - - 0 - 8 e e e 1 a 1 a 2 a d l 1 l 2 l r r 1 c
www.3peakic.com.cn rev.0.02 17 / 17 lm321a/ lm358a/ lm324a 36v general purpose op amps 3peak and the 3peak logo are registered trademarks o f 3peak incorporated. all other trademarks are the property of their respective owners.


▲Up To Search▲   

 
Price & Availability of LM358A-CSR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X