Part Number Hot Search : 
00146 C8051 BFG91 M38025M4 BC727 SM103 AT76C2XX AN1498
Product Description
Full Text Search
 

To Download KLU1T041C-43LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lan-mate series description : 10/100 base-t rj45 1 x 1 integrated magnetics connector p/n: klu1t041c-43 lf bothhand usa page:1/2 a0 (12/05) feature l rj-45 needs to be matched fcc standard. l complies with requirement of ieee802.3u standards. l rj-45 connector integrated with transformer/impedance resistor/high voltage capacitor. l size same as rj-45 connector to save pcb board space. l reduced emi radiation to improve emi performance. l design for 10/100 base transmission over utp-5 cable. l rj 45 connector with 10/100 base-tx magnetic. l includes integrated 2 leds(option). l leds are isolated to reduce cross talk and electro-magnetics interference. l compliance with rohs requirements. l operating temperature range: 0 to +70 . l storage temperature range: -25 to +85 . l recommended panel part number standard led forward*v(max) (typ) 4 green 2.6v 2.2v 3 yellow 2.6v 2.1v *with a forward current of 20ma electrical specifications @ 25c turns ratio (5%) insertion loss (db max)tx/rx part number tx rx ocl(uh min) @ 100 khz/0.1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3-100mhz hi-pot (v ac ) klu1t041c-43 lf 1ct:1ct 1ct:1ct 350 28 0.4 -1.15 1500 continue return loss (db min) cross talk (db min)tx/rx cmr (db min) part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3-30mhz 30-60mhz 60-100mhz 1-30mhz 30-60mhz 60-125mhz klu1t041c-43 lf -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic www.bothhandusa.com sales@bothhandusa.com
lan-mate series description : 10/100 base-t rj45 1 x 1 integrated magnetics connector p/n: klu1t041c-43 lf bothhand usa page:2/2 a0 (12/05) mechanical 1. plastic material : thermoplastic (ul 94v-0), black housing 2. metal shield : brass, 20u " inches thick nickel 3. spring wire : 0.45mm dia. phosphor bronze with 0.1524 *10 -6 m gold plated & 1.524* 10 -6 m thick nickel 4. solder pin : 0.5x0.35mm, sus430 with solder plated 5. durability : 750 mating cycles min. pcb layout mounting hole(top view) www.bothhandusa.com sales@bothhandusa.com


▲Up To Search▲   

 
Price & Availability of KLU1T041C-43LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X