Part Number Hot Search : 
LS05A BDV65B BDV65B C3506 1N4731 B4133 74AHC SUT390J
Product Description
Full Text Search
 

To Download KK4017BN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data kk4017b counter/divider 1 16 1 16 n su ff i x pl a s t i c d w su ff i x s o i c ordering information kk 4017bn plastic kk 4017bd soic t a = -55 t o 125 c for all packages the kk 4017b is 5-stage johnson counter having 10 decoded outputs. input s i n cl ude a c l oc k, a r e set, and a c l oc k inhib i t si gnal . schm itt trigger action in the clock i nput circuit provide s pulse shaping t h at al l o ws unl i m i t e d cl ock i nput pul se ri se and fal l t i m es. the counter is advanced one c ount at the positive clock signal t r ansi t i on i f t h e c l oc k inhib i t si gnal i s l o w. c ount er advancem ent vi a t h e cl ock l i n e i s i nhi bi t e d when t h e c l oc k inhib i t si gnal i s hi gh. a hi gh r e set si gnal cl ears t h e count er t o i t s zero count . use of t h e johnson count er confi gurat i on perm i t s hi gh-sp eed operat i on, 2-i nput decode-gat i ng and spi k e-free decoded out put s. ant i - l o ck gat i ng i s provi ded, t hus assuri ng proper count i ng sequence. the decoded out put s are norm a l l y l o w and go hi gh onl y at t h ei r respect i v e decoded t i m e sl ot . each decoded out put rem a i n s hi gh for one ful l cl ock cy cl e. a c a r r y -out si gnal com p l e t e s one cy cl e every 10 cl ock i nput cy cl es. ? operat i ng vol t a ge r a nge: 3.0 t o 18 v ? m a xi m u m i nput current of 1 a at 18 v over full package-tem p erature range; 100 na at 18 v and 25 c ? noise m a rgin (over full p ackage tem p erature range): 1.0 v m i n @ 5.0 v suppl y 2.0 v m i n @ 10.0 v suppl y 2.5 v m i n @ 15.0 v suppl y pin assignment logic diagram pin 16 =v cc pin 8 = gnd function table c l o c k c l o c k enable reset output state l x l n o c h a n g e x h l n o c h a n g e x x h reset count e r q0=h, q1-q9=l, c0 =h l l advance t o next state x l no c h a n g e x l n o c h a n g e h l advance t o next state carry out=h for q0,q1,q2,q3 or q4=h c a rry out = l ot herwi s e, x=don?t care 1
kk4017b maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o 20 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc 0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc 0.5 v i in dc input c u rrent , per pi n 10 ma p d po wer dissip a tio n in still air, plastic dip* * soic package** 750 500 mw p d power di ssi pat i on per out put transi st or 100 m w tst g st orage tem p erat ure -65 t o 150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. **derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 3.0 18 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 125 c thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
kk4017b dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v -55 c 2 5 c 125 c unit v ih m i ni m u m hi gh-level input vol t a ge v out =0.5 v or v cc - 0.5 v v out =1.0 v or v cc - 1.0 v v out =1.5 v or v cc - 1.5 v 5.0 10 15 3.5 7 11 3.5 7 11 3.5 7 11 v v il m a x i mu m l o w - level input vol t a ge v out =0.5 v or v cc - 0.5 v v out =1.0 v or v cc - 1.0 v v out =1.5 v or v cc - 1.5 v 5.0 10 15 1.5 3 4 1.5 3 4 1.5 3 4 v v oh m i ni m u m hi gh-level out put vol t a ge v in =gnd or v cc v il =1.5v, v ih =3.5v, i o =-1a v il =3.0v, v ih =7.0v, i o =-1a v il =4.0v, v ih =11v, i o =-1a 5.0 10 15 5.0 10 15 4.95 9.95 14.95 4.5 9.0 13.5 4.95 9.95 14.95 4.5 9.0 13.5 4.95 9.95 14.95 4.5 9.0 13.5 v v ol m a x i mu m l o w - l e v e l out put vol t a ge v in =gnd or v cc v il =1.5v, v ih =3.5v, i o =1a v il =3.0v, v ih =7.0v, i o =1a v il =4.0v, v ih =11v, i o =1a 5.0 10 15 5.0 10 15 0.05 0.05 0.05 0.5 1.0 1.5 0.05 0.05 0.05 0.5 1.0 1.5 0.05 0.05 0.05 0.5 1.0 1.5 v i in m a xi m u m input leakage current v in = gnd or v cc 18 0.1 0.1 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in = gnd or v cc 5.0 10 15 20 1.0 2.0 4.0 20 1.0 2.0 4.0 20 30 60 120 600 a i ol m i ni m u m out put low (sink) current v in = gnd or v cc v ol =0.4 v v ol =0.5 v v ol =1.5 v 5.0 10 15 0.64 1.6 4.2 0.51 1.3 3.4 0.36 0.9 2.4 ma i oh m i ni m u m out put hi gh (source) c u rrent v in = gnd or v cc v oh =4.6 v v oh =2.5 v v oh =9.5 v v oh =13.5 v 5.0 5.0 10 15 -0.64 ?2.0 ?1.8 ?4.2 -0.51 ?1.6 ?1.3 ?3.4 -0.36 ?1.15 ?0.9 ?2.4 ma 3
kk4017b ac electrical characteristics (c l =50pf, r l =200k ? , input t r =t f =20 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v -55 c 2 5 c 125 c un it f ma x m a xi m u m c l ock frequency 5.0 10 15 2.5 5 5.5 2.5 5 5.5 2.0 4.0 5.0 mh z t plh , t phl m a xi m u m propagat i on del a y , c l ock t o decode out put (fi gure 1) 5.0 10 15 650 270 170 650 270 170 800 350 250 ns t plh , t phl m a xi m u m propagat i on del a y , c l ock t o c a rry out put (fi gure 1) 5.0 10 15 600 250 160 600 250 160 750 300 200 ns t tlh , t thl m a xi m u m out put transi t i on ti m e , c a rry out put or decode out put (fi gure 1) 5.0 10 15 200 100 80 200 100 80 300 150 120 ns t plh , t phl m a xi m u m propagat i on del a y , r e set t o c a rry out put or decode out put (fi gure 1) 5.0 10 15 530 230 170 530 230 170 700 300 250 ns c in m a xi m u m input c a paci t a nce - 5 pf timing requirements (v cc =5.0v 10%, c l =50pf, input t r =t f =20 ns, r l =200k ? ) v cc guaranteed lim it sym b o l p a r a m e t e r v -55 c 2 5 c 125 c un it t w m i ni m u m pul s e w i dt h, c l ock (fi gure 1) 5.0 10 15 200 90 60 200 90 60 300 150 100 ns t r, t f m a xi m u m input r i se and fal l ti m e s, c l ock (fi gure 1) 5.0 10 15 unlim ited s t w m i ni m u m pul s e w i dt h, r e set (fi gure 1) 5.0 10 15 260 110 60 260 110 60 400 180 100 ns t rem m i ni m u m r e m oval ti m e , r e set (fi gure 1) 5.0 10 15 400 280 150 400 280 150 550 400 200 ns t su m i ni m u m set up ti m e , c l ock inhi bi t t o c l ock (fi gure 1) 5.0 10 15 230 100 70 230 100 70 300 150 100 ns 4
kk4017b su t ma x 1/f r t f t re m t w t w t ph l t ph l t pl h t pl h t t cl o c k cl o c k in h i b i t re se t de c o de q1 - q 9 ou t p u t de c o d e q0 or c a r r y ou tp u t v cc gnd v cc gnd v cc gnd v cc gn d v cc gnd 50 % 10 % 10% 50 % 5 0% 90 % 9 0% 50 % 5 0% 50 % 50 % 50 % 50 % 50 % 50% 10 % 50 % 90 % 90 % 10 % 50 % fi gure 1. sw i t chi n g waveforms t i mi ng di agram 5
kk4017b expanded logic diagram 6
kk4017b n suffix plastic (ms - 001bb) l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 d i m e n s i o n s , m m s y m b o l m i n max a 1 8 . 6 7 1 9 . 6 9 b 6 . 1 0 7 . 1 1 c 5 . 3 3 d 0 . 3 6 0 . 5 6 f 1 . 1 4 1 . 7 8 g 2 . 5 4 h 7 . 6 2 j 0 1 0 k 2 . 9 2 3 . 8 1 l 7 . 6 2 8 . 2 6 m 0 . 2 0 0 . 3 6 n 0 . 3 8 notes: 1. i m ensi ons ?a?, ?b ? do not i n cl ude m o l d fl ash or prot rusi ons. m a xi m u m m o l d fl ash or prot rusi ons 0.25 m m (0.010) per si de. d suffix soic (ms - 012ac) a b h c k c m j f m p g d r x 45 se a t i n g p l an e 0.25 ( 0 . 010 ) m t -t - 1 16 8 9 dimensions, mm symbol . m i n m a x a 9 . 8 0 1 0 . 0 b 3 . 8 0 4 . 0 0 c 1 . 3 5 1 . 7 5 d 0 . 3 3 0 . 5 1 f 0 . 4 0 1 . 2 7 g 1 . 2 7 h 5 . 7 2 j 0 8 k 0 . 1 0 0 . 2 5 m 0 . 1 9 0 . 2 5 p 5 . 8 0 6 . 2 0 r 0 . 2 5 0 . 5 0 notes: 1.di m e nsi ons a and b do not i n cl ude m o l d fl ash or prot rusi on. 2.m a xi m u m m o l d fl ash or prot rusi on 0.15 m m (0.006) per si de for a, for b - 0.25 m m (0.010) per si de. 7


▲Up To Search▲   

 
Price & Availability of KK4017BN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X