Part Number Hot Search : 
512K8 MHW92 DL213 HA17824 512K8 GL317 DG202C 15111
Product Description
Full Text Search
 

To Download HDIM200B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 features 10 mbar to 5 bar, absolute, gage or differential pressure digital i 2 c-bus and analog output precision asic signal conditioning calibrated and temperature compensated smt and dip housings rohs compliant electrical connection specifications maximum ratings supply voltage v s hdi...3 2.7 ... 3.3 v dc hdi...5 4.5 ... 5.5 v dc max. 6.50 v dc output current sink 1 ma source 1 ma lead specifcations average preheating temperature gradient 2.5 k/s soak time ca. 3 min time above 217c 50 s time above 230c 40 s time above 250c 15 s peak temperature 260c cooling temperature gradient -3.5 k/s temperature ranges 5 compensated 0 ... +85 c operating -20 ... +85 c storage -40 ... +125 c media compatibility to be used with non-corrosive, non-ionic working fuids such as clean dry air, dry gases and the like. +vs vout sda scl gnd 1 2 4 6 3 hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
2/9 specifcation notes: 1. proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element. 2. burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks to the housing. 3. )oo6fdoh6sd)66lvhdoheudlfgliihuhfhehzhhhrsvldoiruhlhvdgorzhvvshflhgsuhvvuh 4. total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature effects. linearity is the measured deviation based on a straight line. hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing pressure. calibration errors include the deviation of offset and full scale from nominal values. 5. extended temperature ranges on request. please contact first sensor. 6. max. delay time between pressure change at the pressure die and signal change at the output. 7. the response time depends on the adjusted internal a/d resolution of the sensor. for 12 bit it is typ. 0.5 ms. other a/d resolutions and reponse time are available on request. please contact first sensor for further information. 8. sensors with lower current consumption are available on request. please contact first sensor for further information. part no. operating pressure proof pressure 1 burst pressure 2 hdim010...b... 0...10 mbar 150 mbar 200 mbar hdim020...b... 0...20 mbar 150 mbar 200 mbar hdim050...b... 0...50 mbar 550 mbar 800 mbar hdim100...b... 0...100 mbar 1 bar 1.5 bar hdim200...b... 0...200 mbar 1 bar 1.5 bar hdim500...b... 0...500 mbar 1 bar 1.5 bar hdib001...b... 0...1 bar 2 bar 3 bar hdim010...u... 0...10 mbar 150 mbar 200 mbar hdim020...u... 0...20 mbar 150 mbar 200 mbar hdim050...u... 0...50 mbar 550 mbar 800 mbar hdim100...u... 0...100 mbar 1 bar 1.5 bar hdim200...u... 0...200 mbar 1 bar 1.5 bar hdim500...u... 0...500 mbar 1 bar 1.5 bar hdib001...u... 0...1 bar 2 bar 3 bar hdib002...u... 0...2 bar 4 bar 6 bar hdib005...u... 0...5 bar 7 bar 7 bar hdi0611ar... 600...1100 mbar(a) 2 bara 3 bara hdi0811ar... 800...1100 mbar(a) 2 bara 3 bara other pressure ranges are available on request. please contact first sensor. pressure sensor characteristics (t a =25 c, rh=50 %) hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
3/9 performance characteristics (v s =5.0 v dc , t a =25 c, rh=50 %, analog output signal is ratiometric to v s , digital output signal is not ratiometric to v s ) all hdi...u...p5 (unidirectional devices) characteristics min. typ. max. units analog performance characteristic zero pressure offset 0.48 0.50 0.52 v full scale span (fss) 3 4.00 full scale output 4.48 4.50 4.52 digital performance characteristic zero pressure offset 3146 3277 3408 counts full scale span (fss) 3 26214 full scale output 29359 29490 29621 all hdi...b...p5 (bidirectional devices) characteristics min. typ. max. units analog performance characteristic zero pressure offset 2.48 2.50 2.52 v full scale span (fss) 3 4.00 output at max. specifed pressure 4.48 4.50 4.52 at min. specifed pressure 0.48 0.50 0.52 digital performance characteristic zero pressure offset 16252 16384 16515 counts full scale span (fss) 3 26214 output at max. specifed pressure 29359 29490 29621 at min. specifed pressure 3146 3277 3408 characteristics min. typ. max. units total accuracy (0...85c) 4 all barometric devices 1.0 %fss all other devices 0.5 response dela y 6, 7 0.5 ms a/d resolution 7 12 bit d/a resolution 11 current consumptio n 8 5 ma all hdi...p5 devices (v s = 5.0) all hdi...r...p5 (barometric devices) characteristics min. typ. max. units analogue performance characteristic output at min. specifed pressure 0.46 0.50 0.54 v full scale span (fss) 3 4.00 full scale output 4.46 4.50 4.54 digital performance characteristic output at min. specifed pressure 3015 3277 3539 counts full scale span (fss) 3 26214 full scale output 29228 29490 29752 hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
4/9 performance characteristics (v s =3.0 v dc , t a =25 c, rh=50 %, analog output signal is ratiometric to v s , digital output signal is not ratiometric to v s ) all hdi...u...p3 (unidirectional devices) characteristics min. typ. max. units analog performance characteristic zero pressure offset 0.24 0.25 0.26 v full scale span (fss) 3 2.00 full scale output 2.24 2.25 2.26 digital performance characteristic zero pressure offset 2621 2731 2840 counts full scale span (fss) 3 21845 full scale output 24466 24575 24684 all hdi...b...p3 (bidirectional devices) characteristics min. typ. max. units analog performance characteristic zero pressure offset 1.24 1.25 1.26 v full scale span (fss) 3 2.00 output at max. specifed pressure 2.24 2.25 2.26 at min. specifed pressure 0.24 0.25 0.26 digital performance characteristic zero pressure offset 13545 13653 13762 counts full scale span (fss) 3 21845 output at max. specifed pressure 24466 24575 24684 at min. specifed pressure 2621 2731 2840 all hdi...p3 devices (v s = 3.0) characteristics min. typ. max. units total accuracy (0...85c) 4 all barometric devices 1.0 %fss all other devices 0.5 response dela y 6, 7 0.5 ms a/d resolution 7 12 bit d/a resolution 11 current consumptio n 8 3 ma all hdi...r...p3 (barometric devices) characteristics min. typ. max. units analogue performance characteristic output at min. specifed pressure 0.23 0.25 0.27 v full scale span (fss) 3 2.00 full scale output 2.23 2.25 2.27 digital performance characteristic output at min. specifed pressure 2512 2731 2949 counts full scale span (fss) 3 21845 full scale output 24357 24575 24794 hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
5/9 i2c bus introduction the hdi is capable to generate a digital output signal. the device runs a cyclic program, which will store a corrected pressure value with 12 bit resolution about every 250 s within the output registers of the internal asic. in order to use the sensor for digital signal readout, it should be connected to a bidirectional i2c-bus. according to the i2c-bus specifcation, the bus is controlled by a master device, which generates the clock signal, controls the bus access and generates start and stop conditions. the hdi is designed to work as a slave, hence it will only respond to requests from a master device. digital i2c interface the hdi complies with the following protocol (fig. 1): bus not busy : during idle periods both data line (sda) and clock line (scl) remain high. start condition (s) : high to low transition of sda line while clock (scl) is high is interpreted as start condition. start conditions are always generated by the master. each initial request for a pressure value has to begin with a start condition. stop condition (p) : low to high transition of sda line while clock (scl) is high determines stop condition. stop conditions are always generated by the master. more than one request for the current pressure value can be transmitted without generation of intermediate stop condition. data valid (d) : state of data line represents valid data when, after start condition, data line is stable for duration of high period of clock signal. data on line must be changed during low period of clock signal. there is one clock pulse per bit of data. acknowledge (a) : data is transferred in pieces of 8 bits (1 byte) on serial bus, msb frst. after each byte receiving device C whether master or slave C is obliged to pull data line low as acknowledge for reception of data. master must generate an extra clock pulse for this purpose. when acknowledge is missed, slave transmitter becomes inactive. it is on master either to send last command again or to generate stop condition in that case. slave address : the i2c-bus master-slave concept requires a unique address for each device. the hdi has a preconfgured slave address (1111000xb). by factory programming it is possible to defne a secondary slave address additional to the general one. according to i2c specifcation 127 different addresses are available. the sensor will then listen to both slave addresses. after generating a start condition the master sends the address byte containing a 7 bit address followed by a data direction bit (r/w). a "0" indicates a transmission from master to slave (write), a "1" indicates a data request (read). data operation : the sensor starts to send 2 data bytes containing the current pressure value as a 15 bit information placed in the output registers. )l ,evsurwrfro sda scl start condition data valid data allowed to change stop condition r/w read out of first pressure value read out of n pressure values (optional) s data byte 1 a data byte 2 slave address a 1 a p data byte 1 generated by master generated by slave s = start condition a = acknowledge p = stop condition data byte 1 = high byte (msb first) data byte 2 = low byte (lsb last) hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
6/9 i2c interface parameters parameter symbol min. typ. max. unit input high level 90 100 % of vs input low level 0 10 output low level 10 pull-up resistor 500 w load capacitance @ sda c sda 400 pf input capacitance @ sda/scl c i2c_in 10 scl clock frequency f scl 100* 400 khz bus free time between stop and start condition t buf 1.3 s +rogwlphuhshdwhg6757frglwlrwruvwforfnsovh t hd.sta 0.8 low period of scl t low 1.3 high period of scl t high 0.6 setup time repeated start condition t su.sta 1 data hold time t hd.dat 0 data setup time t su.dat 0.2 rise time of both sda and scl t r 0.3 fall time of both sda and scl t f 0.3 setup time for stop condition t su.sto 0.6 1rwh first sensor recommends communication speeds of at least 100 khz (max. 400 khz). please contact us for further information. * recommended )l 7lplfkdudfwhulvwlfv t hd; sta t su; dat t hd;dat t su;sta t r t f scl sda t high t low t su;sto t buf t hd; sta sda scl hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
7/9 hdi...e... ( smd, 2 ports same side) hdi...f... ( dip, 2 ports same side) dimensions in mm dimensions in mm physical dimensions frst angle projection frst angle projection 2,30 2,68 4,10 11,90 15 3,41 2,54 5,08 15,70 0,25 3,40 6,23 9,28 1,90 0,63 0,46 10,93 9,64 3,35 5,73 19,50 18,75 r 0,40 8,83 7,60 2,30 2,68 4,10 11,90 15 3,41 2,54 5,08 15,70 14,32 0,25 3,40 6,23 0,86 0,63 0,46 9,89 8,60 2,31 4,69 19,50 18,75 r 0,40 7,79 7,60 hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
8/9 hdi...z... ( dip, 1 port axial) hdi...y... ( smd, 1 port axial) dimensions in mm dimensions in mm physical dimensions ( cont.) frst angle projection frst angle projection 11,90 15 3,41 2,54 5,08 13,01 8 2,69 3,03 15,70 0,25 5,73 0,63 2 r 0,40 8,83 0,46 15,70 0,50 6,83 0,50 8 r 0,80 2,69 3,03 2,12 0,50 7,79 0,50 a high pressure port 11,90 15 3,41 2,54 5,08 8 15,70 14,32 0,25 7,79 2,69 3,03 0,63 4,69 15,79 0,46 r0,40 0,96 hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com
9/9 pin connection 1 +vs 2 +vout 3 gnd 4 sda 5 i / c* 6 scl * internal connection. do not connect for any reason electrical connection (cont.) hdi...a... (absolute) hdi...g... (gage) hdi...d... (differential) first sensor reserves the right to make changes to any products herein. first sensor does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. pin marki ng 3 2 1 4 5 6 pin marking 1 2 3 6 5 4 4 5 6 3 2 1 high pressure port pin marki ng ordering information series pressure range pressure mode calibration housing porting grade voltage options hdi 0611 600...1100 mbar a* absolute b* bidirectional f* dip, 2 ports same side 8 straight p prime 5 5 v 0811 800...1100 mbar d differential u unidirectional 3 3 v m010 10 mbar g gage r** barometric e* smd, 2 ports same side m020 20 mbar m050 50 mbar z** dip, 1 port axial m100 100 mbar m200 200 mbar y** smd, 1 port axial m500 500 mbar b001 1 bar (b001a) 1 bara b002 2 bar b005 5 bar * only from 1 bar * only up to 1 bar ** for pressure ranges 0611, 0811 * standard for differential devices, "d" ** standard for absolute and gage devices, "a" and "g" example: hdi m050 g u z 8 p 5 note: devices highlighted in grey are preferred stock items hdi series amplifed pressure sensors e / 11650 / g www.frst-sensor.com www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of HDIM200B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X