Part Number Hot Search : 
RF101 HT86192 2N3767 MAX4288 090621 024A000 1N5806 LM64P83L
Product Description
Full Text Search
 

To Download GDT-SPC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   spsemi rev 2016 12 12 ... www.spsemi.cn page 1 of 3 gas discharge tube spc series features electronic stability small volume, easy to placement machine operation large flow capacity, impact resistant ability static electricity capacity, good insulation reaction speed is 50 ns - 150 ns gdt/spc series applications adsl modem fax telephone rs485 rs232 can level of protection catv power supply prevents thunder common-mode protection marking code spc090fx internal code(default) f:two parties a:a round nom. dc spark-over voltage vs 090:90v 150:150v 470:470v : spx 2r/0.5ka spa 2r/2.5ka : spb 2r/5ka : spc 2r/5ka : sph 2r/20ka : 3spc 3r/5ka : 3sph 3r/20ka : product name marking code logo spc090f
 spsemi rev 2016 12 12 ... www.spsemi.cn page 2 of 3 dimensions dimensions in millimeters electrical characteristics initial characteristics test item dc-spark-over voltage vs insulation resistance capacitance c(pf) add and measure the dc voltage gradually maxto get the discharge threshold voltage. the measuring current is 1ma/1 second max. 1sec .(1ma) measure the insulation resistance of two end of leadwire under the specified dc voltage. electrostatic capacitance under the test condition of 1khz,dc 6v(max). test method specification it depands on each spec. 100m min. 0.8pf max. packaging speci cations packaging:900 pieces per reel dc spark-over voltage (@100v/s (v) part number impulse spark-over voltage (@1kv/s) (v) nom.impulse discharge current (@8/20s) (ka) nom. alternating discharge current (@50hz) (a) impulse discharge current one operation (@8/20s) (ka) capacitance (pf) insulation resistance (g) (@dc) (v) spc075f spc090f spc150f spc230f spc350f spc470f spc600f 75 20 % 90 20 % 150 20 % 230 20 % 350 20 % 470 20 % 600 20 % Q 500 Q 500 Q 500 Q 500 Q 600 Q 650 Q 950 5 5 5 5 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 > 1 > 1 > 1 > 1 > 1 > 1 > 1 25 50 50 100 100 250 250 < 1 < 1 < 1 < 1 < 1 < 1 < 1 602 . 6.2 0 2 . 0.5 4.2 0 2 . 6.2 0 2 . gdt/spc series
 spsemi rev 2016 12 12 ... www.spsemi.cn page 3 of 3 surge characteristics test item surge withstand capability surge life test in the glass tube ends in 8/20 us surge tester, applying the model that corresponds to the impact resistance current, time interval for the 60 s of plus or minus the test 5 times. test the dc voltage, insulation resistance, static capacitance and check the appearance. apply 10kv voltage charged in 1500pf condenser and apply the current to the specimen,200 times at 10 seconds of intervals. test method specification dc spark-over voltage jse: vs/vs 30% Q within standard mentioned in initial characteristics. enviromental characteristics test item test method specification cold resistance after -403 (1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. within standard mentioned in initial characteristics. within standard mentioned in initial characteristics. within standard mentioned in initial characteristics. within standard mentioned in initial characteristics. after 1252 (1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. after 852 rh85%(1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. 25 times repetition of cycle -403 (30 min.),roon temp., (4 min.), 1252 (30min.), room temp., normal humidity(4hrs) . heat resistance temperature resistance temperature period tensile strength bending strength resistance to soldering attachment by solder dip resistance to soldering heat by solder dip apply 2.5kgs load approximately 30 seconds, then check for pull-out and breaking of the lead wire. within standard mentioned in initial characteristics. within standard mentioned in initial characteristics. bend the lead wire, with jig which radius is 0.75~0.8mm, at the point of 2mm from the body, under 0.25 kgs load applied at the right angle the direction of theamis and get the bent lead wire back to its original poing after the procedure was repeated 2times. apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235 5 ). wash the leadwire and check for soldering adhesion. lead wire is evenly covered by solder over 90%. apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235 5 ). wash the leadwire and check forsoldering adhesion.) within standard mentioned in initial characteristics. gdt/spc series


▲Up To Search▲   

 
Price & Availability of GDT-SPC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X