Part Number Hot Search : 
ACS7131 RB751 BU406 ST52T301 HYS64T64 B555C 15K1A299 S64V162
Product Description
Full Text Search
 

To Download EYGE0912XB5D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ?pgs? graphite sheets features recommended applications excellent thermal conductivity : 700 to 1950 w/(mk) (2 to 5 times as high as copper, 3 to 8 time as high as aluminum) lightweight: speci? c gravity : 0.85 to 2.13 g/cm 3 (1/4 to 1/10 of copper, 1/1.3 to 1/3 of aluminum in density) flexible and easy to be cut or trimmed. (withstands repeated bending) low thermal resistance low heat resistance with ? exible graphite sheet (ssm) low repulsion and easy to keep the product's shape after attaching (ssm) siloxane free(ssm) high dielectric voltage : 17 kvac/mm (ssm) rohs compliant smart phones, mobile phones, dsc, dvc, tablet pcs, pcs and peripherals, led devices semiconductor manufacturing equipment (sputtering, dry etching, steppers) optical communications equipment ?pgs? graphite sheets type: eyg pgs (pyrolytic graphite sheet) is a thermal interface material which is very thin, synthetically made, has high thermal conductivity, and is made from a higly oriented graphite polymer film. it is ideal for providing thermal management/heat- sinking in limited spaces or to provide supplemental heat-sinking in addition to conventional means. this material is flexible and can be cut into customizable shapes. "ssm(semi-sealing material)" is the product which is compounding pgs graphite sheet and high thermal conductive elastomer resin. it has a function to absorb heat by resin and release the heat by utilizing high thermal conductivity of pgs graphite sheet. it also enables taking better attachment to the component which has different height on the electronic board, reducing stress to the electronic board. oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ?pgs? graphite sheets e 1 y 2 g 3 4 5 6 78 9 10 s 091210 style s pgs only 100 m 70 m50 m 40 m 25 m pgs thickness ? 1007 05 04 03 90 mm 115 mm 115 mm 180 mm 180 mm 230 mm dimension 09121218 1823 product code e 1 y 2 g 3 4 5 6 78 9 10 a 091210 d m style a taping 100 m 70 m50 m 40 m 25 m 17 m 10 m pgs thickness 1007 05 04 03 02 01 90 mm 115 mm 115 mm 180 mm dimension ?? 09121218 11 12 suf?x lamination type? please refer to composition example. a m f pa pm dm df v rv product code e 1 y 2 g 3 4 5 6 78 9 10 e 0912xb 6 d style e elastomer processing 100 m 70 m50 m 40 m 25 m 17 m 10 m pgs thickness ssm type ab c g d e f 90 mm 115 mm dimension ?? 0912 11 12 0.5 mm1.0 mm 1.5 mm 2.0 mm 3.0 mm elastomer thickness 56 7 8 9 pet tape 8 mpet tape 10 m pet tape 30 m acrylic adhesive tape 6 m acrylic adhesive tape 10 m acrylic adhesive tape 30 m tape thickness q d p f m a product code pgs only (eygs ?????? ) taping (e yga ???????? ) thermally conductive elastomer processing (eyge ???????? ) explanation of part numbers ? pgs thickness of 17 m, 10 m does not support as single item. ?? please contact us for other dimensions other than those above. ?? please contact us for other dimensions other than those above. oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. pgs graphite sheets characteristics of pgs graphite sheets thickness 100 m 70 m 50 m 40 m 0.100.03 mm 0.070.015 mm 0.0500 .015 mm 0.0400 .012 mm density 0.85 g/cm 3 1.21 g/cm 3 1.70 g/cm 3 1.80 g/cm 3 thermal conductivity a-b plane 700 w/(mk) 1000 w/(mk) 1300 w/(mk) 1350 w/(mk) electrical conductivity 10000 s/cm 10000 s/cm 10000 s/cm 10000 s/cm extensional strength 20.0 mpa 20.0 mpa 20.0 mpa 25.0 mpa expansion coef? cient a-b plane 9.3 10 -7 1/k 9.3 10 -7 1/k 9.3 10 -7 1/k 9.3 10 -7 1/k c axis 3.2 10 -5 1/k 3.2 10 -5 1/k 3.2 10 -5 1/k 3.2 10 -5 1/k heat resistance ? 400 c bending(angle 180,r5) 10000 cycles ? withstand temperature refers to pgs only. (lamination material such as pet tape etc. is not included) ?? values are for reference, not guaranteed. thickness 25 m 17 m 10 m 0.0250 .010 mm 0.0170 .005 mm 0.0100 .002 mm density 1.90 g/cm 3 2.10 g/cm 3 2.13 g/cm 3 thermal conductivity a-b plane 1600 w/(mk) 1850 w/(mk) 1950 w/(mk) electrical conductivity 20000 s/cm 20000 s/cm 20000 s/cm extensional strength 30.0 mpa 40.0 mpa 40.0 mpa expansion coef? cient a-b plane 9.3 10 -7 1/k 9.3 10 -7 1/k 9.3 10 -7 1/k c axis 3.2 10 -5 1/k 3.2 10 -5 1/k 3.2 10 -5 1/k heat resistance ? 400 c bending(angle 180,r5) 10000 cycles characteristics of ssm (elastomer) ? characteristics refer to elastomer resin only. ?? typical values, not guaranteed. thickness 1 mm 2 mm 3 mm speci? c heat 1.4 j/(g?c) density 1.88 g/cm 3 thermal conductivity 1.6 w/(mk) ?? thermal resistance 100 kpa 7.53 (ccm 2 )/w 14.82 (ccm 2 )/w 19.48 (ccm 2 )/w 200 kpa 6.71 (ccm 2 )/w 13.17 (ccm 2 )/w 16.01 (ccm 2 )/w 300 kpa 5.90 (ccm 2 )/w 10.73 (ccm 2 )/w 11.38 (ccm 2 )/w compressibility 100 kpa 4.93 % 4.05 % 4.43 % 200 kpa 9.58 % 8.66 % 14.04 % 300 kpa 18.41 % 22.13 % 40.49 % resistivity > 10 10 14  ?cm dielectric voltage > 17 kvac/mm hardness (type e) 39 adhesive force sus 39 mn/cm aluminum 31 mn/cm glass 38 mn/cm oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. pgs graphite sheets 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 10 100 1000 10000 frequency (mhz) effect of shield (db) a-b plane(kec method) effect of magnetic ?eld shield effect of electric ?eld shield effect of shield (db)=C20 log (vs/v0) a-b plane c : 99.9 % above 3.354 ? 3.356 10 -8 cm c axis 0 200 400 600 800 1000 1200 1400 1600 1800 2000 magnesium alloy stainless steel aluminum pure copper pgs 100 m pgs 70 m pgs 50 m pgs 10 m diamond heat-conductive sheet 1950 w/(mk) 1300 w/(mk) 1600 w/(mk) 1000 w/(mk) 700 w/(mk) pgs 40 m 1350 w/(mk) pgs 25 m pgs 17 m 1850 w/(mk) thermal conductivity: 2 to 5 times as high as copper, speci?c gravity: 1/10 to 1/4 that of copper coef?cient of thermal conductivity (w/(mk)) comparison of thermal conductivity (a-b plane) layered structure of pgs electric eld shield performance oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. pgs graphite sheets pgsgraphite sheet acrylic adhesive tape 30m separating paper pgsgraphite sheet pgsgraphite sheet separating paper acrylic adhesive tape 10m pgsgraphite sheet polyester(pet) tape 30 m acrylic adhesive tape 30m separating paper pgsgraphite sheet polyester(pet) tape 10 m acrylic adhesive tape 10m separating paper pgsgraphite sheet acrylic adhesive tape 10m polyester(pet) tape 30 m separating paper pgsgraphite sheet separating paper acrylic adhesive tape 6m pgsgraphite sheet polyester(pet) tape 10 m acrylic adhesive tape 6m separating paper lamination type/composition example ? please contact us for other lamination type product. ?? withstanding voltages are for reference, not guaranteed. type pgs only adhesive type s type a-a type a -m type a -f type front face C C C C rear face C insulative adhesion type 30 m insulative thin adhesion type 10 m insulative thin adhesion type 6 m structure features high thermal conductivity high flexibility low thermal resistance available up to 400 c conductive material with insulation material on one side with strong adhesive tape for putting chassis withstanding voltage : 2 kv with insulation material on one side low thermal resistance comparison with a-a type withstanding voltage : 1 kv with insulation material on one side low thermal resistance comparison with a-a type withstand temperature 400 c 100 c 100 c 100 c standard size 115 180 mm 90 115 mm 90 115 mm 90 115 mm maximum size 180 230 mm (25 m to) 115 180 mm 115 180 mm 115 180 mm 100 m part no. eygs121810 eyga091210a eyga091210m eyga091210f thickness 100 m 130 m 110 m 106 m 70 m part no. eygs121807 eyga091207a eyga091207m eyga091207f thickness 70 m 100 m 80 m 76 m 50 m part no. eygs121805 eyga091205a eyga091205m eyga091205f thickness 50 m 80 m 60 m 56 m 40 m part no. eygs121804 eyga091204a eyga091204m eyga091204f thickness 40 m 70 m 50 m 46 m 25 m part no. eygs121803 eyga091203a eyga091203m eyga091203f thickness 25 m 55 m 35 m 31 m 17 m part no. C eyga091202a eyga091202m eyga091202f thickness C 47 m 27 m 23 m 10 m part no. C eyga091201a eyga091201m eyga091201f thickness C 40 m 20 m 16 m type laminated type (insulation & adhesive) a-pa type a-pm type a-dm type a-df type front face polyester tape standard type 30 m polyester tape standard type 30 m polyester tape thin type 10 m polyester tape thin type 10 m rear face insulative adhesion type 30 m insulative thin adhesion type 10 m insulative thin adhesion type 10 m insulative thin adhesion type 6 m structure features with insulation material on both side withstanding voltage pet tape : 4 kv adhesive tape : 2 kv with insulation material on both side withstanding voltage pet tape : 4 kv adhesive tape : 1 kv with insulation material on both side withstanding voltage pet tape : 1 kv adhesive tape : 1 kv with insulation material on both side withstanding voltage pet tape : 1 kv withstand temperature 100 c 100 c 100 c 100 c standard size 90 115 mm 90 115 mm 90 115 mm 90 115 mm maximum size 115 180 mm 115 180 mm 115 180 mm 115 180 mm 100 m part no. eyga091210pa eyga091210pm eyga091210dm eyga091210df thickness 160 m 140 m 120 m 116 m 70 m part no. eyga091207pa eyga091207pm eyga091207dm eyga091207df thickness 130 m 110 m 90 m 86 m 50 m part no. eyga091205pa eyga091205pm eyga091205dm eyga091205df thickness 110 m 90 m 70 m 66 m 40 m part no. eyga091204pa eyga091204pm eyga091204dm eyga091204df thickness 100 m 80 m 60 m 56 m 25 m part no. eyga091203pa eyga091203pm eyga091203dm eyga091203df thickness 85 m 65 m 45 m 41 m 17 m part no. eyga091202pa eyga091202pm eyga091202dm eyga091202df thickness 77 m 57 m 37 m 33 m 10 m part no. eyga091201pa eyga091201pm eyga091201dm eyga091201df thickness 70 m 50 m 30 m 26 m standard series ( pgs 100, 70, 50, 40, 25, 17, 10 m) oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. pgs graphite sheets separating paper pgsgraphite sheet heat-resistance acrylic adhesive tape 18m heat-resistance peek tape 13m heat-resistance acrylic adhesive tape 18m separating paper pgs graphite sheet pet tape 10 m pgs graphite sheet acrylic adhesivetape elastomer 1.0 mm pet tape 10 m pgs graphite sheet acrylic adhesivetape elastomer 2.0 mm pet tape 10 m pgs graphite sheet acrylic adhesivetape elastomer 3.0 mm type high heat resistance type a-v type a-rv type front face C high heat resistance and insulation type 13 m rear face high heat resistance and insulation adhesion type 18 m high heat resistance and insulation adhesion type 18 m structure features with high heat resistance and insulation tape on one side withstanding voltage adhesive tape : 2 kv with high heat resistance and insulation tape on both side withstanding voltage peek tape : 2 kvadhesive tape : 2 kv withstand temperature 150 c 150 c standard size 90 115 mm 90 115 mm maximam size 115 180 mm 115 180 mm 100 m part no. eyga091210v eyga091210rv thickness 118 m 131 m 70 m part no. eyga091207v eyga091207rv thickness 88 m 101 m 50 m part no. eyga091205v eyga091205rv thickness 68 m 81 m 40 m part no. eyga091204v eyga091204rv thickness 58 m 71 m 25 m part no. eyga091203v eyga091203rv thickness 43 m 56 m 17 m part no. eyga091202v eyga091202rv thickness 35 m 48 m 10 m part no. eyga091201v eyga091201rv thickness 28 m 41 m ? please contact us for other lamination type product. ?? withstanding voltages are for reference, not guaranteed. high heat resistance series ( pgs 100, 70, 50, 40, 25, 17, 10 m) standard series (ssm) type e-6 type e-8 type e-9 type elastomer thickness 1.0 mm 2.0 mm 3.0 mm structure features soft and low thermal resistance (elastomer) low repulsion withstanding voltage : 1.7 kv soft and low thermal resistance (elastomer) low repulsion withstanding voltage : 1.7 kv soft and low thermal resistance (elastomer) low repulsion withstanding voltage : 1.7 kv withstand temperature 100 c 100 c 100 c standard size 90 115 mm 90 115 mm 90 115 mm 70 m part no. eyge0912xb6d eyge0912xb8d eyge0912xb9d thickness 1.09 mm 2.09 mm 3.09 mm 25 m part no. eyge0912xd6d eyge0912xd8d eyge0912xd9d thickness 1.05 mm 2.05 mm 3.05 mm lamination type/composition example oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. pgs graphite sheets minimum order item type part no. size minimum order pgs graphite sheet only s type 100 m eygs091210 90 115 mm 20 eygs121810 115 180 mm 10 eygs182310 180 230 mm 10 s type 70 m eygs091207 90 115 mm 20 eygs121807 115 180 mm 10 eygs182307 180 230 mm 10 s type 50 m eygs091205 90 115 mm 20 eygs121805 115 180 mm 10 eygs182305 180 230 mm 10 s type 40 m eygs091204 90 115 mm 20 eygs121804 115 180 mm 10 eygs182304 180 230 mm 10 s type 25 m eygs091203 90 115 mm 20 eygs121803 115 180 mm 10 eygs182303 180 230 mm 10 pgs 70, 25, 17 m adhesive type [standard series] a-a type 70 m eyga091207a 90 115 mm 20 eyga121807a 115 180 mm 10 a-a type 25 m eyga091203a 90 115 mm 20 eyga121803a 115 180 mm 10 a-a type 17 m eyga091202a 90 115 mm 20 eyga121802a 115 180 mm 10 a-m type 70 m eyga091207m 90 115 mm 20 eyga121807m 115 180 mm 10 a-m type 25 m eyga091203m 90 115 mm 20 eyga121803m 115 180 mm 10 a-m type 17 m eyga091202m 90 115 mm 20 eyga121802m 115 180 mm 10 pgs 70, 25, 17 m laminated type (insulation & adhesive) [standard series] a-pa type 70 m eyga091207pa 90 115 mm 20 eyga121807pa 115 180 mm 10 a-pa type 25 m eyga091203pa 90 115 mm 20 eyga121803pa 115 180 mm 10 a-pa type 17 m eyga091202pa 90 115 mm 20 eyga121802pa 115 180 mm 10 a-pm type 70 m eyga091207pm 90 115 mm 20 eyga121807pm 115 180 mm 10 a-pm type 25 m eyga091203pm 90 115 mm 20 eyga121803pm 115 180 mm 10 a-pm type 17 m eyga091202pm 90 115 mm 20 eyga121802pm 115 180 mm 10 a-dm type 70 m eyga091207dm 90 115 mm 20 eyga121807dm 115 180 mm 10 a-dm type 25 m eyga091203dm 90 115 mm 20 eyga121803dm 115 180 mm 10 a-dm type 17 m eyga091202dm 90 115 mm 20 eyga121802dm 115 180 mm 10 ? only s type supports 180 230 mm size. (pgs thickness of 17 m, 10m does not support as single item) ?? pgs of 10 m, 40 m, 50 m type is also possible to be made as lamination type. ??? the above-listed part number is sample part number for testing. ???? please contact us about your request of custom part number which will be arranged separately. ????? please contact us if quantity is below minimum order quantity. oct. 2017 10 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. pgs graphite sheets item type part no. size minimum order pgs 70, 25, 17 m [high heat resistance type] a-v type 70 m eyga091207v 90 115 mm 20 eyga121807v 115 180 mm 10 a-v type 25 m eyga091203v 90 115 mm 20 eyga121803v 115 180 mm 10 a-v type 17 m eyga091202v 90 115 mm 20 eyga121802v 115 180 mm 10 a-rv type 70 m eyga091207rv 90 115 mm 20 eyga121807rv 115 180 mm 10 a-rv type 25 m eyga091203rv 90 115 mm 20 eyga121803rv 115 180 mm 10 a-rv type 17 m eyga091202rv 90 115 mm 20 eyga121802rv 115 180 mm 10 ssm elastomer 3.0, 2.0, 1.0 mm pgs 70, 25 m e-9 type elastomer 3.0 mm, pgs 70 m eyge0912xb9d 90 115 mm 5 e-9 type elastomer 3.0 mm, pgs 25 m eyge0912xd9d 90 115 mm 5 e-8 type elastomer 2.0 mm, pgs 70 m eyge0912xb8d 90 115 mm 5 e-8 type elastomer 2.0 mm, pgs 25 m eyge0912xd8d 90 115 mm 5 e-6 type elastomer 1.0 mm, pgs 70 m eyge0912xb6d 90 115 mm 5 e-6 type elastomer 1.0 mm, pgs 25 m eyge0912xd6d 90 115 mm 5 ? only s type supports 180 230 mm size. (pgs thickness of 17 m, 10m does not support as single item) ?? pgs of 10 m, 40 m, 50 m type is also possible to be made as lamination type. ??? the above-listed part number is sample part number for testing. ???? please contact us about your request of custom part number which will be arranged separately. ????? please contact us if quantity is below minimum order quantity. minimum order oct. 2017 10 downloaded from: http:///
y,i \ rxzdqwwrxvhrxu s urgxfwvghvfulehglq wklvrqolqhfdwdor j irud ss olfdwlrqvuh t xlulq j  v s hfldo t xdolwlhvruuholdelolw \ ruirud ss olfdwlrqvzkhuhwkhidloxuhrupdoixqfwlrqriwkh  s urgxfwvpd \ gluhfwo \  m hr s dugl]hkxpdqolihru s rwhqwldoo \ fdxvh s huvrqdolq m xu \   h j dlufudiwdqgdhurv s dfhh t xl s phqw  wudiilfdqgwudqv s ruwdwlrqh t xl s phqw  frpexvwlrq h t xl s phqw  phglfdoh t xl s phqw  dfflghqw s uhyhqwlrq  dqwlfulphh t xl s phqw  dqgruvdihw \  h t xl s phqw  lwlvqhfhvvdu \ wryhuli \ zkhwkhuwkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfk d ss olfdwlrqv3ohdvhhqvxuhwkdw \ rxzloodvndqgfkhfnzlwkrxulq t xlu \ ghvndvwrzkhwkhu wkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfkd ss olfdwlrqvxvhehiruh \ rxxvhrxu s urgxfwv y7kh t xdolw \ dqg s huirupdqfhrirxu s urgxfwvdvghvfulehglqwklvrqolqhfdwdor j rqo \ d ss o \  wrrxu s urgxfwvzkhqxvhglql vrodwlrq7khuhiruh   s ohdvhhqvxuh \ rxhydoxdwhdqgyhuli \  rxu s urgxfwvxqghuwkhv s hflilfflufxpvwdqfhvlqzklfkrxu s urgxfwvduhdvvhpeohglq \ rxu rzq s urgxfwvdqglqzklfkrxu s urgxfwvzloodfwxdoo \ ehxvhg y,i \ rxxvhrxu s urgxfwvlqh t xl s phqwwkdwuh t xluhvdkl j kgh j uhhriuholdelolw \ uh j dugohvv riwkhd ss olfdwlrq  lwlvuhfrpphqghgwkdw \ rxvhwx s  s urwhfwlrqflufxlwvdqguhgxqgdqf \  flufxlwvlqrughu wrhqvxuhvdihw \ ri \ rxuh t xl s phqw y7kh s urgxfwvdqg s urgxfwv s hflilfdwlrqvghvfulehglqwklvrqolqhfdwdor j duhvxe m hfwwr fkdq j hirulp s uryhphqwzlwkrxw s ulruqrwlfh7khuhiruh   s ohdvhehvxuhwruh t xhvwdqg frqilupwkhodwhvw s urgxfwv s hflilfdwlrqvzklfkh[ s odlqwkhv s hflilfdwlrqvrirxu s urgxfwvlq ghwdlo  ehiruh \ rxilqdol]hwkhghvl j qri \ rxud ss olfdwlrqv   s xufkdvh  ruxvhrxu s urgxfwv y7khwhfkqlfdolqirupdwlrqlqwklvrqolqhfdwdor j  s urylghvh[dp s ohvrirxu s urgxfwv
 w \s lfdor s hudwlrqvdqgd ss olfdwlrqflufxlwv:hgrqrw j xdudqwhhwkhqrqlqiulq j hphqwri wklug s duw \
vlqwhoohfwxdo s ur s huw \ ul j kwvdqgzhgrqrw j udqwdq \ olfhqvh  ul j kw  rulqwhuhvw lqrxulqwhoohfwxdo s ur s huw \  y,idq \ rirxu s urgxfwv   s urgxfwv s hflilfdwlrqvdqgruwhfkqlfdolqirupdwlrqlqwklvrqolqh fdwdor j lvwrehh[ s ruwhgru s urylghgwrqrquhvlghqwv  wkhodzvdqguh j xodwlrqvriwkh h[ s ruwlq j frxqwu \ hv s hfldoo \ zlwkuh j dugwrvhfxulw \ dqgh[ s ruwfrqwuro  vkdooehrevhuyhg y7khvzlwfkryhugdwhirufrp s oldqfhzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrqvydulhv gh s hqglq j rqwkh s duwqxpehuruvhulhvrirxu s urgxfwv y:khq \ rxxvhwkhlqyhqwru \ rirxu s urgxfwviruzklfklwlv xqfohduzkhwkhuwkrvh s urgxfwv duhfrp s oldqwzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrq   s ohdvhvhohfw6dohv,q t xlu \ lqwkh zhevlwhlq t xlu \ irupdqgfrqwdfwxv :hgrqrwwdnhdq \ uhv s rqvlelolw \ iruwkhxvhrirxu s urgxfwvrxwvlghwkhvfr s hriwkh v s hflilfdwlrqv  ghvful s wlrqv   j xlgholqhvdqg s uhfdxwlrqvghvfulehglqwklvrqolqhfdwdor j  *xlgholqhvdqgsuhfdxwlrqvuhjduglqjwkh ghvfulehglqwklvrqolqhfdwdorj 5hjduglqjwkh&huwlilfdwhri&rpsoldqfhzlwk $su whfkqlfdolqirupdwlrqdqgxvhrirxusurgxfwv wkh(85r+6'luhfwlyh5($&+5hjxodwlrqv! downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of EYGE0912XB5D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X