Part Number Hot Search : 
GLZ24A UA739DC SV1016K UPA27 68000 EL6286C SER2009 R5021213
Product Description
Full Text Search
 

To Download ERJMS6SF1M0U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. current sensing resistors, metal plate type e 1 r 2 j 3 m 4 s 5 6 7 s 8 f 9 2 10 m 11 0 12 product code resistance value packaging methods code packaging u part no. metal plate chip resistors resistance tolerance tolerance 1 % shown by 3 digits or letters.decimal point is expressed by m as 2.0m =2m0, 0.5m =m50 code f type code inch size 2526 electrode type standard code s6s embossed carrier taping8 mm pitch, 1,000 pcs. erjms6 ?40 0 40 80 120 160 0 200 ?80 100 c ?65 c 130 c 170 c terminal temperature (c) 20 40 60 100 80 120 rated load (%) current sensing resistors, metal plate t ype t ype: erj ms6 explanation of part numbers ideal for current sensing solution small case size with high power metal plate bonding technology. excellent long term stability outer resin with high heat dissipation. wide temperature range (-65 c to +170 c) aec-q200 quali? ed rohs compliant iso9001, iso/ts16949 certi? ed as for packaging methods, soldering conditions and safety precautions, please see data files part no. (inch size) power rating at 70 c (w) resistance range (m ) resistance tolerance (%) t.c.r. ( 10 ?6 /c) category temperature range (c) terminal temp. upper limit (c) f : 1 75 ?65 to +170 130 erjms6s (2526) 5 0.5, 1, 2 in the case of the temperature measurement of the terminal portion of the resistor, please perform under the following conditions. 1) terminal temperature measurement, please apply the temperature of the higher of either the left or right electrode upper surface of the resistor. 2) please measure the temperature of the resistor in the land pattern printed of circuit board and plan to use by real conditions. power derating curve if the terminal temperature of the resistor is more than terminal temperature upper limit value of the rated table, please reduce the rated power according to the power derating curve shown in the figure on the right. features ratings oct. 2016 04 6 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. current sensing resistors, metal plate type resistive element (metal plate) protective film surface treatment (ni/sn) electrode (metal) l a w t a c b ?1 ?0.5 0 0.5 1 ?80 ?60 ?40 ?20 0 20 40 60 80 100 120 140 160 180 change of resistance (%) temperature (c) erjms6s construction dimensions in mm (not to scale), recommended land pattern part no. (inch size) dimension (mm) recommended land pattern (mm) mass (weight) (g/1000 pcs.) lwa t abc 6.400.25 2.200.25 1.200.15 2.7 2.0 erjms6s (2526) 6.800.25 7.0 260 typical temperature dependence of electrical resistance oct. 2016 04 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. current sensing resistors, metal plate type maximum pulse energy respectively pu lse power for continuous operation 0.0001 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 100 1000 10000 10 1 0.1 0.01 pulse width (s) power (w) pulse energy (j) erjms6s 0.5m erjms6s 1m erjms6s 3m referance datacondition : room temperature, off : 10 s, 1000 cycle, wave form : square change of resistance=1 % erjms6 oct. 2016 04 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. current sensing resistors, metal plate type temperature rise (c) power (w) 0 0 10 20 30 40 50 60 70 80 90 100 14 3 25 resistor soldering pwb 2 sense terminal land base material : fr-4 (t1.6mm) copper thickness : 70 m, two layer 2 e r jms6 performance (aec-q200) temperature rise erjms6sf2m0u test item test condition specification typical value thermal shock ?55 c/155 c, 1000cycles 1 % 0.20 % overload 3 rated power, 5 s 0.5 % 0.10 % solderability 245 c, 3 s > 95% coverage > 95% coverage resistance to solvents mil-std-202 method 215, 2.1a, 2.1d no damage no damage low temperature storage and operation ?65 c, 24 h 0.5 % 0.03 % resistance to soldering heat mil-std-202 method 210 (260 c, 10s) 0.5 % 0.10 % moisture resistance mil-std-202 method 106 0.5 % 0.10 % shock mil-std-202 method 213-a 0.5 % 0.10 % vibration, high frequency 10 to 2000 (hz) 0.5 % 0.05 % life 70 c, rated power, 2000 h 1 % 0.30 % storage life at elevated temperature 170 c, 2000 h 1 % 0.30 % high temperature characteristics 140 c, 2000 h 0.5 % 0.05 % frequency characteristics inductance < 5 nh < 2 nh sense terminal-layout oct. 2016 04 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of ERJMS6SF1M0U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X