Part Number Hot Search : 
BIT3715 MBR860 P60NH2LL LTC34 AD2702L 01Q32 SMD005F UPT10
Product Description
Full Text Search
 

To Download ERJ6DQF1R0V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. thick film chip resistors / low resistance type e 1 r 2 j 3 2 4 b 5 6 w 7 g 8 r 9 0 10 4 11 7 12 thick filmchip resistors product code resistance tolerance code d f g j tolerance 0.5 % ? 1 % 2 % 5 % shown by 4 digits or letters.(ex.) r047 : 0.047 =47m resistance value packaging methods code packaging part no. x pressed carrier taping 2 mm pitch, 10,000 pcs. erj3lw erj6lw erj3bw erj6bw erj8bw erj6cw erj8cw erj2lw erj2bw v punched carrier taping 4 mm pitch, 5,000 pcs. code inch 2lw 3lw 6lw 2bw3bw 6bw 8bw 6cw8cw 04020603 0805 0402 0603 0805 1206 0805 1206 0.2 w 0.25 w 0.5 w 0.25 w0.33 w 0.5 w 1 w 0.5 w 1 w power rating resistance value 10m 5m ,10m 5, 6, 7, 8, 9m 47m to 100m 20m to 100m 10m to 100m 10m to 100m 10m to 30m 10m to 50m ? please refer to the rating table for the resistance tolerance explanation of part numbers as for packaging methods, land pattern, soldering conditions and safety precautions, please see data files thick film chip resistors / low resistance type type: erj 2lw, 3lw, 6lw 2bw, 3bw, 6bw, 8bw, 6cw, 8cw erj 2b, 3b, 6d, 6b, 8b, 14b, 3r, 6r, 8r, 14r, 12r, 12z, 1tr erj l03, l06, l08, l14, l12, l1d, l1w current sensing resistor small size and lightweight realize both low-resistance & high-precision by original thick ? lm resistive element & special electrode structure suitable for both re? ow and ? ow sol der ing realize high-power by double-sided resistive elements structure that aimed to suppress temperature rising : erj2lw, 3lw, 6lw, 2bw, 3bw, 6bw, 8bw, 6cw, 8cw low tcr : 75 10 C6 /c (erj6cw, 8cw) low resistance value : thick ? lm resistors available from 5m (erj3lw, 6lw) reference standards : iec 60115-8, jis c 5201-8, jeita rc-2144 aec-q200 quali? ed rohs compliant features erj2lw, 3lw, 6lw, 2bw, 3bw, 6bw, 8bw, 6cw, 8cw feb. 2018 15 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. thick film chip resistors / low resistance type e 1 r 2 j 3 l 4 1 5 4 6 k 7 j 8 5 9 0 10 m 11 u 12 thick filmchip resistors product code size, power rating type inch 0.2 w 0.25 w0.33 w 0.33 w 0.5 w0.5 w 1 w power r. code k u resistance tolerance code f j tolerance 1 % 5 % shown by 3 digits or letters.(ex.) 50m:50m , 10 c:100m resistance value packaging methods code v u packaging part no. punched carrier taping 4 mm pitch, 5,000 pcs. embossed carrier taping 4 mm pitch, 5,000 pcs. embossed carrier taping 4 mm pitch, 3,000 pcs. erjl03erjl06 erjl08 erjl14 erjl12 erjl1d erjl1w std. 20m to 100m res. value l03l06 l08 l14 l12 l1d l1w 20m , 22m , 33m , 39m , 47m , 50m , 100m ? ? ? l03, l06, l08 : 47m to 100m l1d, l1w : 40m to 100m 06030805 1206 1210 1812 2010 2512 e 1 r 2 j 3 8 4 r 5 6 q 7 f 8 r 9 2 10 2 11 v thick filmchip resistors product code size, power rating type 0.166 w 0.25 w 0.1 w0.5 w 0.33 w 0.125 w 0.5 w 0.25 w 0.5 w 0.25 w 0.5 w0.5 w 1 w power r. resistance value code s q 0.1 to 0.2 0.22 to 9.1 ? resistance tolerance code d f g j tolerance 0.5 % ? 1 % 2 % 5 % shown by 3 digits or letters.only when it is d (e24,e96) or f (e96), shown by 4 digits or letters. (ex.) r22 : 0.22 r102 : 0.102 resistance value packaging methods code packaging part no. punched carrier taping 4 mm pitch, 5,000 pcs. embossed carrier taping 4 mm pitch, 5,000 pcs. 2b3b 3r 6d 6b6r 8b 8r 14b14r 12r 12z 1tr res. value v x u punched carrier taping 2 mm pitch, 10,000 pcs. embossed carrier taping 4 mm pitch, 4,000 pcs. erj2berj3b/3r erj6d/6b/6r erj8b/8r erj14b/14r erj12r erj12z erj1tr ? 2b : 0.22 to 1.0 inch 04020603 0603 0805 0805 0805 1206 1206 1210 1210 1812 2010 2512 ? please refer to the rating table for the resistance tolerance erjl03, l06, l08, l14, l12, l1d, l1w (1) please contact us when resistors of irregular series are needed. (2) use it on the condition that the case temperature is below the upper category temperature. rated continuous working voltage (rcwv) shall be determined from rcwv = y power rating resistance values. overload test voltage (otv) shall be determined from otv = specified magnification (refer to performance) rcwv. part no. (inch size) power rating (2) at 70 c (w) resistance tolerance (%) resistance (1) range ( ) t.c.r. ( 10 C6 /c) category temperature range (c) aec-q200 grade erj2lw (0402) 0.2 1, 2, 5 10m 0 to 500 C55 to +125 grade 1 erj3lw (0603) 0.25 1, 2, 5 5m 0 to 700 C55 to +125 grade 1 10m 0 to 300 C55 to +125 erj6lw (0805) 0.5 1, 2, 5 5, 6, 7, 8, 9m 0 to 300 C55 to +125 grade 1 erj2bw (0402) 0.25 1, 2, 5 47m to 100m (e24) 300 C55 to +155 grade 0 erj3bw (0603) 0.33 1, 2, 5 20m to 100m (e24) 20m r < 39m : 250 39m r 100m : 150 C55 to +155 grade 0 erj6bw (0805) 0.5 1, 2, 5 10m to 100m (e24) 10m r < 15m : 300 15m r 100m : 200 C55 to +155 grade 0 erj8bw (1206) 1 1, 2, 5 10m to 100m (e24) 10m r < 20m : 200 20m r < 47m : 150 47m r 100m : 100 C55 to +155 grade 0 erj6cw (0805) 0.5 0.5, 1, 2, 5 10m to 30m (e24) 75 C55 to +125 grade 1 erj8cw (1206) 1 1, 2, 5 10m to 50m (e24) 75 C55 to +125 grade 1 erj2bs/2bq, 3bs/3bq, 6bs/6bq, 8bs/8bq, 14bs/14bq, 6d, 3r, 6r, 8r, 14r, 1 2r, 12z, 1tr ratings feb. 2018 15 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. thick film chip resistors / low resistance type part no. (inch size) power rating (2) at 70 c (w) resistance tolerance (%) resistance (1) range ( ) t.c.r. ( 10 C6 /c) category temperature range (c) aec-q200 grade erj3rs (0603) 0.1 1, 2, 5 0.10 to 0.20 (e24) 300 C55 to +155 grade 0 erj3rq (0603) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 200 erj6rs (0805) 0.125 1, 2, 5 0.10 to 0.20 (e24) 250 C55 to +155 grade 0 erj6rq (0805) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 200 erj8rs (1206) 0.25 1, 2, 5 0.10 to 0.20 (e24) 250 C55 to +155 grade 0 erj8rq (1206) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 200 erj14rs (1210) 0.25 1, 2, 5 0.10 to 0.20 (e24) 200 C55 to +155 grade 0 erj14rq (1210) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 100 erj12rs (1812) 0.5 1, 2, 5 0.10 to 0.20 (e24) 200 C55 to +155 grade 0 erj12rq (1812) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 100 erj12zs (2010) 0.5 1, 2, 5 0.10 to 0.20 (e24) 200 C55 to +155 grade 0 erj12zq (2010) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 100 erj1trs (2512) 1 1, 2, 5 0.10 to 0.20 (e24) 200 C55 to +155 grade 0 erj1trq (2512) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 100 (1) please contact us when resistors of irregular series are needed. (2) use it on the condition that the case temperature is below the upper category temperature. (3) e96 series also have 0.5 %, 1 % line-up. rated continuous working voltage (rcwv) shall be determined from rcwv = y power rating resistance values. overload test voltage (otv) shall be determined from otv = specified magnification (refer to performance) rcwv. (1) please contact us when resistors of irregular series are needed. (2) use it on the condition that the case temperature is below the upper category temperature. rated continuous working voltage (rcwv) shall be determined from rcwv = y power rating resistance values. overload test voltage (otv) shall be determined from otv = specified magnification (refer to performance) rcwv. ratings part no. (inch size) power rating (2) at 70 c (w) resistance (3) tolerance (%) resistance (1) range ( ) t.c.r. ( 10 C6 /c) category temperature range (c) aec-q200 grade erj2bs (0402) 0.166 1, 2, 5 0.10 to 0.20 (e24) 300 C55 to +155 grade 0 erj2bq (0402) 0.22 to 1.0 (e24) 250 erj3bs (0603) 0.25 1, 2, 5 0.10 to 0.20 (e24) 300 C55 to +155 grade 0 erj3bq (0603) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 200 erj6ds (0805) 0.5 0.5, 1, 2, 5 0.10 to 0.20 (e24, e96) 150 C55 to +155 grade 0 erj6dq (0805) 0.22 to 9.1 (e24, e96) 100 erj6bs (0805) 0.33 1, 2, 5 0.10 to 0.20 (e24) 250 C55 to +155 grade 0 erj6bq (0805) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 200 erj8bs (1206) 0.5 1, 2, 5 0.10 to 0.20 (e24) 250 C55 to +155 grade 0 erj8bq (1206) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 200 erj14bs (1210) 0.5 1, 2, 5 0.10 to 0.20 (e24) 200 C55 to +155 grade 0 erj14bq (1210) 0.22 to 0.91 (e24) 1.0 to 9.1 (e24) 100 feb. 2018 15 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. thick film chip resistors / low resistance type C40 C20 0 20 40 60 80 100 120 140 160 0 180 C60 155 c 70 c ambient temperature (c) 20 40 60 80 100 rated load (%) C55 c 125 c protective coating aluminasubstrate electrode (inner) electrode (between) electrode (outer) thick ?lm resistive element a b t w l power derating curve for resistors operated in ambient temperatures above 70 c, power rating shall be derated in accordance with the figure below. dimensions in mm (not to scale) construction part no. (inch size) power rating (2) at 70 c (w) resistance tolerance (%) resistance (1) range ( ) t.c.r. ( 10 C6 /c) category temperature range (c) aec-q200 grade erjl03 (0603) 0.2 1, 5 47m to 100m 200 C55 to +125 grade 1 erjl06 (0805) 0.25 1, 5 47m to 100m 100 C55 to +125 grade 1 erjl08 (1206) 0.33 1, 5 47m to 100m 100 C55 to +125 grade 1 erjl14 (1210) 0.33 1, 5 20m to 100m r < 47m : 300 r 47m : 100 C55 to +125 grade 1 erjl12 (1812) 0.5 1, 5 20m to 100m C55 to +125 grade 1 erjl1d (2010) 0.5 1, 5 40m to 100m C55 to +125 grade 1 erjl1w (2512) 1 1, 5 40m to 100m C55 to +125 grade 1 (1) standard r.v. : 20m , 22m , 33m , 39m , 47m , 50m , 100m , custom r.v. : each 1m within upper range. (2) use it on the condition that the case temperature is below the upper category temperature. rated continuous working voltage (rcwv) shall be determined from rcwv = y power rating resistance values. overload test voltage (otv) shall be determined from otv = specified magnification (refer to performance) rcwv. part no. dimensions (mm) mass(weight) [g/1000 pcs.] lwa b t erj2lw 1.00 0.10 0.50 +0.10 0.25 0.10 0.25 0.10 0.40 0.05 0.8 erj2bw 1.00 0.10 0.50 +0.10 0.24 0.10 0.24 0.10 0.35 0.05 0.8 erj2bs 1.00 0.10 0.50 +0.10 0.20 0.10 0.27 0.10 0.35 0.05 0.8 erj2bq erj3lw (5m ) 1.60 0.15 0.80 0.15 0.50 0.20 0.50 0.20 0.55 0.10 3 erj3lw (10m ) erj3bw 1.60 0.15 0.80 0.15 0.40 0.20 0.40 0.20 0.55 0.10 3 erj3r 1.60 0.15 0.80 +0.15 0.30 0.20 0.30 0.15 0.45 0.10 2 erj3berjl03 erj6lw 2.00 0.20 1.25 0.20 0.63 0.20 0.63 0.20 0.70 0.10 6 erj6bw 2.00 0.20 1.25 0.20 0.55 0.20 0.55 0.20 0.65 0.10 6 erj6cw (10 to 13m ) 2.05 0.20 1.30 0.20 0.60 0.20 0.60 0.20 0.65 0.10 6 erj6cw (15 to 30m ) 0.45 0.20 0.45 0.20 erj6d 2.00 0.20 1.25 0.10 0.40 0.20 0.55 0.25 0.60 0.10 5 erj6r 2.00 0.20 1.25 0.10 0.40 0.20 0.40 0.20 0.60 0.10 5 erj6berjl06 C0.05 C0.05 C0.05 C0.05 part no. dimensions (mm) mass(weight) [g/1000 pcs.] lwa b t erj8bw 3.20 0.20 1.60 0.20 1.00 0.20 1.00 0.20 0.65 0.10 13 erj8cw (10 to 16m ) 3.20 0.20 1.60 0.20 1.10 0.20 1.10 0.20 0.65 0.10 13 erj8cw (18 to 50m ) 3.20 0.20 1.60 0.20 0.60 0.20 0.60 0.20 0.65 0.10 13 erj8r 3.20 +0.05 1.60 +0.05 0.50 0.20 0.50 0.20 0.60 0.10 10 erj8berjl08 erj14r 3.20 0.20 2.50 0.20 0.50 0.20 0.50 0.20 0.60 0.10 16 erj14b erjl14 erj12r 4.50 0.20 3.20 0.20 0.50 0.20 0.50 0.20 0.60 0.10 27 erjl12 erj12z erjl1d 5.00 0.20 2.50 0.20 0.60 0.20 0.60 0.20 0.60 0.10 27 erj1tr 6.40 0.20 3.20 0.20 0.65 0.20 0.60 0.20 0.60 0.10 45 erjl1w 6.40 0.20 3.20 0.20 0.65 0.20 1.30 0.20 1.10 0.10 79 C0.20 C0.15 feb. 2018 15 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. thick film chip resistors / low resistance type test item performance requirements test conditions resistance within speci? ed tolerance 20 c t. c. r. within speci? ed t. c. r. +25 c/+125 c overload 2% rated voltage 2.0, 5 s erj6lw : 1.77, 5 s erj8bw (r > 0.05 ) : 1.77, 5 s resistance to soldering heat 1% 270 c, 10 s rapid change of temperature 1% erj2lw : 2% C55 c (30 min.) / +155 c (erj ? lw, erj ? cw : +125 c) (30 min.) | 100 cycles high temperature exposure 1% +155 c (erj ? lw, erj ? cw : +125 c), 1000 h damp heat, steady state 1% 60 c, 90% to 95%rh, 1000 h load life in humidity 3% 60 c, 90% to 95%rh, rated voltage, 1.5 h on/0.5 h off cycle, 1000 h endurance at 70 c 3% 70 c, rated voltage, 1.5 h on/0.5 h off cycle, 1000 h test item performance requirements test conditions resistance within speci? ed tolerance 20 c t. c. r. within speci? ed t. c. r. +25 c/+125 c overload 2% rated voltage 2.5 (erj6d : 1.77), 5 s resistance to soldering heat 1% 270 c, 10 s rapid change of temperature 1% C55 c (30 min.
/ +155 c (30 min.), 100 cycles high temperature exposure 1% +155 c, 1000 h damp heat, steady state 1% 60 c, 90% to 95%rh, 1000 h load life in humidity 3% 60 c, 90% to 95%rh, rated voltage, 1.5 h on/0.5 h off cycle, 1000 h endurance at 70 c 3% 70 c, rated voltage, 1.5 h on/0.5 h off cycle, 1000 h test item performance requirements test conditions resistance within speci? ed tolerance 20 c t. c. r. within speci? ed t. c. r. +25 c/+125 c overload 2% rated voltage 2.5, 5 s resistance to soldering heat 1% 270 c, 10 s rapid change of temperature 1% C55 c (30 min.
/ +125 c (30 min.), 100 cycles high temperature exposure 1% +125 c, 1000 h damp heat, steady state 1% 60 c, 90% to 95%rh, 1000 h load life in humidity 3% 60 c, 90% to 95%rh, rated voltage, 1.5 h on/0.5 h off cycle, 1000 h endurance at 70 c 3% 70 c, rated voltage, 1.5 h on/0.5 h off cycle, 1000 h erj2lw, 3lw, 6lw, 2bw, 3bw, 6bw, 8bw, 6cw, 8cw erj2bs/2bq, 3bs/3bq, 6bs/6bq, 8bs/8bq, 14bs/14bq, 6d, 3r, 6r, 8r, 14r, 1 2r, 12z, 1tr erjl03, l06, l08, l14, l12, l1d, l1w performance feb. 2018 15 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. surface mount resistors safety precautions safety precautions (common precautions for surface mount resistors) the following are precautions for individual products. please also refer to the common precautions for fixed resistor s in this catalog. 1. take measures against mechanical stress during and afte r mounting of surface mount resistors (hereafter called the resistors) so as not to damage their electrodes and protecti ve coatings. be careful not to misplace the resistors on the la nd patterns. otherwise, solder bridging may occur. 2. keep the rated power and ambient temperature within the specified derating curve. some circuit boards, wiring patterns, temperatures of heat generated by adjacent components, or am bi ent tem per a tures can become factors in the rise of the temperature of the re sis tors, regardless of the level of power applied. therefore, check the conditions before use and op ti mize them so as not to damage the boards and peripheral components. make sure to contact us before using the resistors under special conditions. 3. if a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations of the resistors when installed in your products before use. never exceed the rated power. otherwise, the performanc e and/or reliability of the resistors may be impaired. 4. before using halogen-based or other high-activity flux, check the possible effects of the flux residues on the per for mance and reliability of the resistors. 5. when soldering with a soldering iron, never touch the resi stors'bodies with the tip of the soldering iron. when using a soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 c max.). 6. as the amount of applied solder becomes larger, the mech anical stress applied to the resistors increases, causing problems such as cracks and faulty characteristics. avoid a pplying an excessive amounts of solder. 7. when the resistors' protective coatings are chipped, flawed, or removed, the characteristics of the resistors may be impaired. take special care not to apply mechanical shock during automatic mounting or cause damage during handling of the boards with the resistors mounted. 8. do not apply shock to the resistors or pinch them with a ha rd tool (e.g. pliers and tweezers). otherwise, the resistors' protective coatings and bodies may be chipped, affecting their performance. 9. avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress. 10. do not immerse the resistors in solvent for a long time. before using solvent, carefully check the effects of im mer sion. 11. transient voltage if there is a possibility that the transient phe nom e non (significantly high voltage ap plied in a short time) may oc cur or that a high voltage pulse may be applied, make sure to evaluate and check the char ac ter is tics of fixed metal (oxide) film resistors mounted on your pr oduct rather than only depending on the calculated pow er limit or steady-state conditions to complete the de sign or decide to use the resistors. 12. do not apply excessive tension to the terminals. sep. 2014 02 downloaded from: http:///
safety precautions (common precautions for fixed resistors) ?when using our products, no matter what sort of equipment they might be used for, be sure to make a written agreement on the specifications with us in advance. the design and specifications in this catalog are subject to change without prior notice. ?do not use the products beyond the specifications described in this catalog. ?this catalog explains the quality and performance of the products as individual components. before use, check and evaluate their operations when installed in your products. install the following systems for a failsafe design to ensure safety if these products are to be used in equip ment where a defect in these products may cause the loss of human life or other significant dam age, such as damage to vehicles (automobile, train, vessel), traffic lights, medical equipment, aerospace equipment, electric heating appliances, combustion/gas equipment, rotating equipment, and disaster/crime prevention equipment. ? systems equipped with a protection circuit and a protection device ? systems equipped with a redundant circuit or other system to prevent an unsafe status in the event of a sin gle fault (1) precautions for use ?these products are designed and manufactured for general and standard use in general elec tron ic equipment (e.g. av equipment, home electric appliances, office equipment, information and communication equipment) these products are not intended for use in the following special conditions. before using the products, carefully check the effects on their quality and performance, and determine whether or not they can be used. 1. in liquid, such as water, oil, chemicals, or organic solvent 2. in direct sunlight, outdoors, or in dust 3. in salty air or air with a high concentration of corrosive gas, such as cl 2 , h 2 s, nh 3 , so 2 , or no 2 4. electric static discharge (esd) environment these components are sensitive to static electricity and can be damaged under static shock (esd). please take measures to avoid any of these environments. smaller components are more sensitive to esd environment. 5. electromagnetic environment avoid any environment where strong electromagnetic waves exist. 6. in an environment where these products cause dew condensation 7. sealing or coating of these products or a printed circuit board on which these products are mounted, with resin or other materials these products generate joule heat when energized. carefully position these products so that their heat will not affect the other components. carefully position these products so that their temperatures will not exceed the category temperature range due to the effects of neighboring heat-generating components. do not mount or place heat-generating components or inflammables, such as vinyl-coated wires, near these products. note that non-cleaning solder, halogen-based highly active flux, or water-soluble flux may deteriorate the performance or reliability of the products. carefully select a flux cleaning agent for use after soldering. an unsuitable agent may deteriorate the performance or reliability. in particular, when using water or a water-soluble cleaning agent, be careful not to leave water residues. otherwise, the insulation performance may be deteriorated. (2) precautions for storage the performance of these products, including the solderability, is guaranteed for a year from the date of ar riv al at your company, provided that they remain packed as they were when delivered and stored at a tem per a ture of 5 ? to 35 ? and a relative humidity of 45 % to 85 %. even within the above guarantee periods, do not store these products in the following conditions. otherwise, their electrical performance and/or solderability may be deteriorated, and the packaging materials (e.g. taping materials) may be deformed or deteriorated, resulting in mounting failures. 1. in salty air or in air with a high concentration of corrosive gas, such as cl 2 , h 2 s, nh 3 , so 2 , or no 2 2. in direct sunlight package markings include the product number, quantity, and country of origin. in principle, the country of origin should be indicated in english. sep. 2014 01 downloaded from: http:///
y,i \ rxzdqwwrxvhrxu s urgxfwvghvfulehglq wklvrqolqhfdwdor j irud ss olfdwlrqvuh t xlulq j  v s hfldo t xdolwlhvruuholdelolw \ ruirud ss olfdwlrqvzkhuhwkhidloxuhrupdoixqfwlrqriwkh  s urgxfwvpd \ gluhfwo \  m hr s dugl]hkxpdqolihru s rwhqwldoo \ fdxvh s huvrqdolq m xu \   h j dlufudiwdqgdhurv s dfhh t xl s phqw  wudiilfdqgwudqv s ruwdwlrqh t xl s phqw  frpexvwlrq h t xl s phqw  phglfdoh t xl s phqw  dfflghqw s uhyhqwlrq  dqwlfulphh t xl s phqw  dqgruvdihw \  h t xl s phqw  lwlvqhfhvvdu \ wryhuli \ zkhwkhuwkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfk d ss olfdwlrqv3ohdvhhqvxuhwkdw \ rxzloodvndqgfkhfnzlwkrxulq t xlu \ ghvndvwrzkhwkhu wkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfkd ss olfdwlrqvxvhehiruh \ rxxvhrxu s urgxfwv y7kh t xdolw \ dqg s huirupdqfhrirxu s urgxfwvdvghvfulehglqwklvrqolqhfdwdor j rqo \ d ss o \  wrrxu s urgxfwvzkhqxvhglql vrodwlrq7khuhiruh   s ohdvhhqvxuh \ rxhydoxdwhdqgyhuli \  rxu s urgxfwvxqghuwkhv s hflilfflufxpvwdqfhvlqzklfkrxu s urgxfwvduhdvvhpeohglq \ rxu rzq s urgxfwvdqglqzklfkrxu s urgxfwvzloodfwxdoo \ ehxvhg y,i \ rxxvhrxu s urgxfwvlqh t xl s phqwwkdwuh t xluhvdkl j kgh j uhhriuholdelolw \ uh j dugohvv riwkhd ss olfdwlrq  lwlvuhfrpphqghgwkdw \ rxvhwx s  s urwhfwlrqflufxlwvdqguhgxqgdqf \  flufxlwvlqrughu wrhqvxuhvdihw \ ri \ rxuh t xl s phqw y7kh s urgxfwvdqg s urgxfwv s hflilfdwlrqvghvfulehglqwklvrqolqhfdwdor j duhvxe m hfwwr fkdq j hirulp s uryhphqwzlwkrxw s ulruqrwlfh7khuhiruh   s ohdvhehvxuhwruh t xhvwdqg frqilupwkhodwhvw s urgxfwv s hflilfdwlrqvzklfkh[ s odlqwkhv s hflilfdwlrqvrirxu s urgxfwvlq ghwdlo  ehiruh \ rxilqdol]hwkhghvl j qri \ rxud ss olfdwlrqv   s xufkdvh  ruxvhrxu s urgxfwv y7khwhfkqlfdolqirupdwlrqlqwklvrqolqhfdwdor j  s urylghvh[dp s ohvrirxu s urgxfwv
 w \s lfdor s hudwlrqvdqgd ss olfdwlrqflufxlwv:hgrqrw j xdudqwhhwkhqrqlqiulq j hphqwri wklug s duw \
vlqwhoohfwxdo s ur s huw \ ul j kwvdqgzhgrqrw j udqwdq \ olfhqvh  ul j kw  rulqwhuhvw lqrxulqwhoohfwxdo s ur s huw \  y,idq \ rirxu s urgxfwv   s urgxfwv s hflilfdwlrqvdqgruwhfkqlfdolqirupdwlrqlqwklvrqolqh fdwdor j lvwrehh[ s ruwhgru s urylghgwrqrquhvlghqwv  wkhodzvdqguh j xodwlrqvriwkh h[ s ruwlq j frxqwu \ hv s hfldoo \ zlwkuh j dugwrvhfxulw \ dqgh[ s ruwfrqwuro  vkdooehrevhuyhg y7khvzlwfkryhugdwhirufrp s oldqfhzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrqvydulhv gh s hqglq j rqwkh s duwqxpehuruvhulhvrirxu s urgxfwv y:khq \ rxxvhwkhlqyhqwru \ rirxu s urgxfwviruzklfklwlv xqfohduzkhwkhuwkrvh s urgxfwv duhfrp s oldqwzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrq   s ohdvhvhohfw6dohv,q t xlu \ lqwkh zhevlwhlq t xlu \ irupdqgfrqwdfwxv :hgrqrwwdnhdq \ uhv s rqvlelolw \ iruwkhxvhrirxu s urgxfwvrxwvlghwkhvfr s hriwkh v s hflilfdwlrqv  ghvful s wlrqv   j xlgholqhvdqg s uhfdxwlrqvghvfulehglqwklvrqolqhfdwdor j  *xlgholqhvdqgsuhfdxwlrqvuhjduglqjwkh ghvfulehglqwklvrqolqhfdwdorj 5hjduglqjwkh&huwlilfdwhri&rpsoldqfhzlwk $su whfkqlfdolqirupdwlrqdqgxvhrirxusurgxfwv wkh(85r+6'luhfwlyh5($&+5hjxodwlrqv! downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of ERJ6DQF1R0V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X