Part Number Hot Search : 
LBS12201 TDA8758 CY28447 TA0702A STM32 ASI10567 74HC2 16F100M
Product Description
Full Text Search
 

To Download EL-3RG332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multi-color type led elite enterprises (h.k.) co., ltd. 3mm multi-color type flat 2505, 25/f., nanyang plaza, 57 hung to road, kwun tong, h.k. tel: (852) 2723-3122 fax: (852) 2723-3990 email: info@elite-ent.com.hk unit: mm (inches) tolerance: 0.25mm (.010?) max. red, hi-eff red, yellow features package dimensions high intensity wide viewing angle general purpose leads reliable and rugged absolute maximum ratings at ta=25 parameter max. unit power dissipation 100 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) 100 ma continuous forward current 40 ma derating linear from 50 0.4 ma / reverse voltage 5 v operating temperature range -40 to +80 storage temperature range -40 to +80 lead soldering temperature [4mm(.157?) from body] 260 for 5 seconds notes: 1. all dimensions are in millimeters (inches). 2. protruded resin under flange is 1.0mm (.04?) max. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice. part no. emitting color lens color peak wavelength p (nm) vf (v) i f = 20ma (note e1) iv (mcd) (note e2) viewing angle 2 1/2 (deg) (note e3) min typ min typ hi-red 644 1.6 ? 2.0 50 ? 80 30 EL-3RG332 hi-green water clear 568 1.7 ? 2.2 25 ? 50 30 hi-red 644 1.6 ? 2.0 20 ? 40 60 el-3rg634 hi- green white diffused 568 1.7 ? 2.2 15 ? 30 60 hi-yellow 588 1.6 ? 2.0 20 ? 30 60 el-3yg634 hi- green white diffused 568 1.7 ? 2.2 15 ? 35 60 parameter test condition luminous intensity i f = 20ma (note e1. luminous intensity is measured with a light sensor and filter combination that approximates the cie eye-response curve.) dominant wavelength i f = 20ma (note e2: the dominant wavelength ( d) is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device.) peak emission wavelength i f = 20ma viewing angle (note e3. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.) spectral line half-width i f = 20ma forward voltage i f = 20ma reverse current i f = 20ma


▲Up To Search▲   

 
Price & Availability of EL-3RG332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X