design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) a0.2 w ( ) reference size 0 d0.5 h b0.2 (i) k (p) (i) l + ? 0.3 max. pressure relief ( 0 10 and larger) 47 hb g capacitance (f) rated voltage code series identi?cation(hp : bi-polar) (bs : 5.5 mm max.) lot number negative polarity marking (?)(no marking for the bi-polar) mark for lead-free products (black dot) endurance: 105 c 2000 h 5.8 mm height ( < 0 6.3), 5.5 mm height max. vibration-proof product is available upon request. ( 0 8 mm and larger) rohs compliant features speci cations surface mount type series : hb type : v example : 4 v.dc 47 f marking color : black category temperature range ?40 c to +105 c rated voltage range 4 v.dc to 50 v.dc capacitance range 1 f to 470 f capacitance tolerance 20 % (120 hz/+20 c) leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) (bi-polar i < 0.02 cv or 6 (a) after 2 minutes) dissipation factor (tan ) please see the attached characteristics list characteristics at low temperature v.dc 4 6.3 10 16 25 35 50 (impedance ratio at 120 hz) z(?25 c)/z(+20 c) 7432222 z(?40 c)/z(+20 c) 15 864433 endurance after applying rated working voltage for 2000 hours (bi-polar : 1000 hours for each polarity) at +105 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change within 20 % of the initial value (4 v.dc : 35 % 6.3 v.dc : 25 % 0 4 to 0 6.3), 5.5 mm max. : 25 % tan < 200 % of the initial limit dc leakage current within the initial limit shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20c, capacitors shall meet the following limits. capacitance change within 10 % of the initial value tan within the initial limit dc leakage current within the initial limit aec-q200 aec-q200 compliant ha hb long life 5.5 mm max. low pro? le size code 0 d l a, b h i w p k b 4.0 5.4 - 0.2 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 - 0.20 c 5.0 5.4 - 0.2 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 - 0.20 d 6.3 5.4 - 0.2 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 + 0.15+ 0.15 + 0.15 + 0.1+ 0.1 + 0.1 5.5 mm height max. dimensions marking (unit : mm) size code 0 d l a, b h i w p k b 4.0 5.80.3 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 - 0.20 c 5.0 5.80.3 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 - 0.20 d 6.3 5.80.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 e 8.0 6.20.3 8.3 9.5 max. 3.4 0.650.1 2.2 0.35 - 0.20 f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.20 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.20 + 0.15+ 0.15 + 0.15 + 0.15 frequency correction factor for ripple current frequency (hz) 50, 60 120 1 k 10 k to correction factor 0.70 1.00 1.30 1.70 r. voltage (v.dc) 4 6.3 10 16 25 35 50 code g j acevh mar. 2016 03 downloaded from: http:///
$ o x p l q x p ( o h f w u r o \ w l f & |