Part Number Hot Search : 
G941T25B Y100N10E 167BZX LTC4223 DB929B MC34261D 2S110 BC847
Product Description
Full Text Search
 

To Download EEAGA1A220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (radial lead type) 0 d0.5 f0.5 sleeve 14 min. 3 min. l1.0 + ? d0.05 endurance : 105 c 1000 h rohs compliant features radial lead type series : ga type : a speci cations frequency correction factor for ripple current category temperature range ?55 c to +105 c rated voltage range 10 v.dc to 50 v.dc capacitance range 1.5 f to 220 f capacitance tolerance 20 % (120 hz/+20 c) leakage current i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) dissipation factor (tan d ) please see the attached characteristics list endurance after following life test with dc voltage and +105 c2 c ripple current value applied (the sum of dc and ripple peak voltage shall not exceed the rated working voltage), for 1000 hours, when the capacitors are restored to 20 c, the capacitors shall meet the limits speci? ed below. capacitance change within 20 % of the initial value tan d < 200 % of the initial limit dc leakage current within the initial limit shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) 0 d456 . 38 0 d 0.45 0.45 0.45 0.45 f 1.5 2.0 2.5 2.5 (unit : mm) dimensions frequency (hz) 60 120 1 k 10 k 100 k to correction factor 0.85 1.00 1.30 1.40 1.55 mar. 2016 04 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (radial lead type) characteristics list rated voltage (v.dc) cap. (20 %) (f) case size (mm) speci? cation lead length (mm) part no. min. packaging q'ty 0 dl ripple current (120 hz) (+105 c) (ma r.m.s.) tan d (120 hz) (+20 c) endurance (hours) lead dia. 0 d lead space straight leads (pcs) taping (pcs) straight taping b taping h 10 22 4 7 30 0.22 1000 0.45 1.5 5.0 2.5 EEAGA1A220( ) 200 2000 33 5 7 50 0.22 1000 0.45 2.0 5.0 2.5 eeaga1a330( ) 200 2000 47 6.3 7 65 0.22 1000 0.45 2.5 5.0 2.5 eeaga1a470( ) 200 2000 68 6.3 7 75 0.22 1000 0.45 2.5 5.0 2.5 eeaga1a680( ) 200 2000 100 6.3 7 110 0.22 1000 0.45 2.5 5.0 2.5 eeaga1a101( ) 200 2000 220 8 7 160 0.22 1000 0.45 2.5 5.0 2.5 eeaga1a221( ) 200 1000 16 10 4 7 30 0.18 1000 0.45 1.5 5.0 2.5 eeaga1c100( ) 200 2000 15 4 7 33 0.18 1000 0.45 1.5 5.0 2.5 eeaga1c150( ) 200 2000 22 5 7 50 0.18 1000 0.45 2.0 5.0 2.5 eeaga1c220( ) 200 2000 33 6.3 7 65 0.18 1000 0.45 2.5 5.0 2.5 eeaga1c330( ) 200 2000 47 6.3 7 77 0.18 1000 0.45 2.5 5.0 2.5 eeaga1c470( ) 200 2000 100 8 7 120 0.18 1000 0.45 2.5 5.0 2.5 eeaga1c101( ) 200 1000 25 10 4 7 33 0.16 1000 0.45 1.5 5.0 2.5 eeaga1e100( ) 200 2000 15 5 7 45 0.16 1000 0.45 2.0 5.0 2.5 eeaga1e150( ) 200 2000 22 5 7 50 0.16 1000 0.45 2.0 5.0 2.5 eeaga1e220( ) 200 2000 33 6.3 7 75 0.16 1000 0.45 2.5 5.0 2.5 eeaga1e330( ) 200 2000 68 8 7 100 0.16 1000 0.45 2.5 5.0 2.5 eeaga1e680( ) 200 1000 35 6.8 4 7 33 0.13 1000 0.45 1.5 5.0 2.5 eeaga1v6r8( ) 200 2000 10 5 7 35 0.13 1000 0.45 2.0 5.0 2.5 eeaga1v100( ) 200 2000 15 6.3 7 50 0.13 1000 0.45 2.5 5.0 2.5 eeaga1v150( ) 200 2000 22 6.3 7 70 0.13 1000 0.45 2.5 5.0 2.5 eeaga1v220( ) 200 2000 47 8 7 96 0.13 1000 0.45 2.5 5.0 2.5 eeaga1v470( ) 200 1000 50 1.5 4 7 16 0.10 1000 0.45 1.5 5.0 2.5 eeaga1h1r5( ) 200 2000 2.2 4 7 18 0.10 1000 0.45 1.5 5.0 2.5 eeaga1h2r2( ) 200 2000 3.3 4 7 22 0.10 1000 0.45 1.5 5.0 2.5 eeaga1h3r3( ) 200 2000 4.7 4 7 26 0.10 1000 0.45 1.5 5.0 2.5 eeaga1h4r7( ) 200 2000 6.8 5 7 35 0.10 1000 0.45 2.0 5.0 2.5 eeaga1h6r8( ) 200 2000 10 6.3 7 39 0.10 1000 0.45 2.5 5.0 2.5 eeaga1h100( ) 200 2000 15 6.3 7 55 0.10 1000 0.45 2.5 5.0 2.5 eeaga1h150( ) 200 2000 22 8 7 70 0.10 1000 0.45 2.5 5.0 2.5 eeaga1h220( ) 200 1000 33 8 7 91 0.10 1000 0.45 2.5 5.0 2.5 eeaga1h330( ) 200 1000 when requesting taped product, please put the letter "b" or "h" between the "( )". lead wire pitch b=5 mm, h=2.5 mm. suf? x "bq" for 0 8 7, 5 mm pitch products please refer to the page of ?taping dimensions?. endurance : 105 c 1000 h mar. 2016 04 downloaded from: http:///
y,i \ rxzdqwwrxvhrxu s urgxfwvghvfulehglq wklvrqolqhfdwdor j irud ss olfdwlrqvuh t xlulq j  v s hfldo t xdolwlhvruuholdelolw \ ruirud ss olfdwlrqvzkhuhwkhidloxuhrupdoixqfwlrqriwkh  s urgxfwvpd \ gluhfwo \  m hr s dugl]hkxpdqolihru s rwhqwldoo \ fdxvh s huvrqdolq m xu \   h j dlufudiwdqgdhurv s dfhh t xl s phqw  wudiilfdqgwudqv s ruwdwlrqh t xl s phqw  frpexvwlrq h t xl s phqw  phglfdoh t xl s phqw  dfflghqw s uhyhqwlrq  dqwlfulphh t xl s phqw  dqgruvdihw \  h t xl s phqw  lwlvqhfhvvdu \ wryhuli \ zkhwkhuwkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfk d ss olfdwlrqv3ohdvhhqvxuhwkdw \ rxzloodvndqgfkhfnzlwkrxulq t xlu \ ghvndvwrzkhwkhu wkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfkd ss olfdwlrqvxvhehiruh \ rxxvhrxu s urgxfwv y7kh t xdolw \ dqg s huirupdqfhrirxu s urgxfwvdvghvfulehglqwklvrqolqhfdwdor j rqo \ d ss o \  wrrxu s urgxfwvzkhqxvhglql vrodwlrq7khuhiruh   s ohdvhhqvxuh \ rxhydoxdwhdqgyhuli \  rxu s urgxfwvxqghuwkhv s hflilfflufxpvwdqfhvlqzklfkrxu s urgxfwvduhdvvhpeohglq \ rxu rzq s urgxfwvdqglqzklfkrxu s urgxfwvzloodfwxdoo \ ehxvhg y,i \ rxxvhrxu s urgxfwvlqh t xl s phqwwkdwuh t xluhvdkl j kgh j uhhriuholdelolw \ uh j dugohvv riwkhd ss olfdwlrq  lwlvuhfrpphqghgwkdw \ rxvhwx s  s urwhfwlrqflufxlwvdqguhgxqgdqf \  flufxlwvlqrughu wrhqvxuhvdihw \ ri \ rxuh t xl s phqw y7kh s urgxfwvdqg s urgxfwv s hflilfdwlrqvghvfulehglqwklvrqolqhfdwdor j duhvxe m hfwwr fkdq j hirulp s uryhphqwzlwkrxw s ulruqrwlfh7khuhiruh   s ohdvhehvxuhwruh t xhvwdqg frqilupwkhodwhvw s urgxfwv s hflilfdwlrqvzklfkh[ s odlqwkhv s hflilfdwlrqvrirxu s urgxfwvlq ghwdlo  ehiruh \ rxilqdol]hwkhghvl j qri \ rxud ss olfdwlrqv   s xufkdvh  ruxvhrxu s urgxfwv y7khwhfkqlfdolqirupdwlrqlqwklvrqolqhfdwdor j  s urylghvh[dp s ohvrirxu s urgxfwv
 w \s lfdor s hudwlrqvdqgd ss olfdwlrqflufxlwv:hgrqrw j xdudqwhhwkhqrqlqiulq j hphqwri wklug s duw \
vlqwhoohfwxdo s ur s huw \ ul j kwvdqgzhgrqrw j udqwdq \ olfhqvh  ul j kw  rulqwhuhvw lqrxulqwhoohfwxdo s ur s huw \  y,idq \ rirxu s urgxfwv   s urgxfwv s hflilfdwlrqvdqgruwhfkqlfdolqirupdwlrqlqwklvrqolqh fdwdor j lvwrehh[ s ruwhgru s urylghgwrqrquhvlghqwv  wkhodzvdqguh j xodwlrqvriwkh h[ s ruwlq j frxqwu \ hv s hfldoo \ zlwkuh j dugwrvhfxulw \ dqgh[ s ruwfrqwuro  vkdooehrevhuyhg y7khvzlwfkryhugdwhirufrp s oldqfhzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrqvydulhv gh s hqglq j rqwkh s duwqxpehuruvhulhvrirxu s urgxfwv y:khq \ rxxvhwkhlqyhqwru \ rirxu s urgxfwviruzklfklwlv xqfohduzkhwkhuwkrvh s urgxfwv duhfrp s oldqwzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrq   s ohdvhvhohfw6dohv,q t xlu \ lqwkh zhevlwhlq t xlu \ irupdqgfrqwdfwxv :hgrqrwwdnhdq \ uhv s rqvlelolw \ iruwkhxvhrirxu s urgxfwvrxwvlghwkhvfr s hriwkh v s hflilfdwlrqv  ghvful s wlrqv   j xlgholqhvdqg s uhfdxwlrqvghvfulehglqwklvrqolqhfdwdor j  *xlgholqhvdqgsuhfdxwlrqvuhjduglqjwkh ghvfulehglqwklvrqolqhfdwdorj 5hjduglqjwkh&huwlilfdwhri&rpsoldqfhzlwk $su whfkqlfdolqirupdwlrqdqgxvhrirxusurgxfwv wkh(85r+6'luhfwlyh5($&+5hjxodwlrqv! downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of EEAGA1A220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X