Part Number Hot Search : 
31818 K1V33W 85012 2430A 74HC5950 RE9160H AIC1641 RE9160H
Product Description
Full Text Search
 

To Download ECQE10223JFB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors 1 2 3 4 5 6 7 8 9 11 12 e c q e f product code dielectric & construction suf?x rated voltage capacitance suf?x cap. tol. 10 code blank b z 36 lead form straight crimped lead cut lead crimped taping (ammo)crimped taping (ammo) 1 100 v.dc 2 250 v.dc 4 400 v.dc 6 630 v.dc 10 1000 v.dc 12 1250 v.dc 1a 125 v.ac 2a 250 v.ac j 5 % k 10 % 1 2 3 4 5 6 7 8 9 11 12 e c q e f product code dielectric & construction cap. tol. rated voltage capacitance suf?x suf?x 10 r self-healing property excellent electrical characteristics flame retardant epoxy resin coating rohs directive compliant general purpose usage ? please contact us when applications are cd i , ignitor etc. odd size taping metallized polyester film capacitor series : ecqe(f) non-inductive c onstruction u sing m etallized po lyester ? lm with ? ame retardant epoxy resin coating features recommended applications explanation of part number sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors l max. marking g max. h max. 20 min. l max. h max. f1.0 s0.8 4.50.5 marking t max. f d0.05 copper-cladsteel-wire straight crimped lead (suf?x b) type b l max. s0.8 marking h max. type 4.50.5 cut lead (suf?x z) marking 4.50.5 category temp. range (including temperature-rise on unit surface) 100 v.dc, 250 v.dc, 400 v.dc, 630 v.dc, 1000 v.dc, 1250 v.dc C 40 c to +105 c 125 v.ac, 250 v.ac C 40 c to +105 c rated voltage 100 v.dc, 250 v.dc,400 v.dc, 630 v.dc, 1000 v.dc, 1250 v.dc (derating of rated voltage by 1.25 %/c at more than 85 c) 125 v.ac, 250 v.ac capacitance range 100 v.dc 0.56 f to 10.0 f (e12) 250 v.dc 0.010 f to 10.0 f (e12) 400 v.dc 0.010 f to 2.2 f (e12) 630 v.dc 0.0010 f to 2.2 f (e12) 1000 v.dc 0.010 f to 0.22 f (e12) 1250 v.dc 0.0010 f to 0.22 f (e12) 125 v.ac 0.010 f to 0.068 f (e12) 250 v.ac 0.010 f to 2.2 f (e12) capacitance tolerance 5 %(j), 10 %(k) dissipation factor (tan ) tan < 1.0 % (20 c, 1 khz ) withstand voltage ? rated volt. : 100 v.dc to 630 v.dc between terminals : rated volt. (v.dc) 150 %, 60 s ? rated volt. : 1000 v.dc, 1250 v.dc between terminals : rated volt. (v.dc) 175 %, 2 s to 5 s or 1000 v.ac, 60 s between terminals to enclosure : 1500 v.ac, 60 s ? rated volt. : 125 v.ac, 250 v.ac between terminals : rated volt. (v.ac) 230 %, 60 s between terminals to enclosure : 1500 v.ac, 60 s insulation resistance (ir) 100 v.dc to 630 v.dc : c < 0.33 f : ir > 9000 m (20 c, 100 v.dc, 60 s) c > 0.33 f : ir > 3000 m f 1000 v.dc, 1250 v.dc : ir > 10000 m (20 c, 100 v.dc, 60 s) ir > 2000 m (20 c, 500 v.dc, 60 s) 125 v.ac, 250 v.ac : c < 0.47 f : ir > 2000 m (20 c, 500 v.dc, 60 s) c > 0.47 f : ir > 3000 m f (20 c, 100 v.dc, 60 s) ? in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please refer to the page of permissible voltage (r.m.s) in alternating current corresponding to dc rated voltage. ? voltage to be applied to ecqe1a (f) & ecqe2a (f) is only sine wave (50 hz or 60 hz). speci cations unit : mm packing quantity : 100 pcs./bag packaging speci cations for bulk package dimensions sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors p f h 1 h 0 p 0 f h 1 h 0 p 0 p f p p 0 h 1 h 0 f p p 0 h 0 h 1 f p p 0 h 1 h 0 p f h 1 h 0 p 0 series rated voltage capacitance range (f) taping style packing suf? x ad as ab bcde ecqe(f) 100 v.dc 0.56 to 0.68 ? ammo ( ) f3 0.82 to 1.0 ? ammo ( ) f3 1.2 to 3.3 ? ammo ( ) f3 1.2 to 3.3 ? ammo r( ) f 250 v.dc 0.010 to 0.27 ? ammo ( ) f3 0.33 ? ammo ( ) f3 0.39 to 1.5 ? ammo ( ) f3 0.010 to 0.33 ? ammo r( ) f 0.39 to 1.5 ? ammo r( ) f 400 v.dc 0.010 to 0.10 ? ammo ( ) f3 0.12 to 0.47 ? ammo ( ) f3 0.010 to 0.10 ? ammo r( ) f 0.12 to 0.47 ? ammo r( ) f 630 v.dc 0.0010 to 0.033 ? ammo ( ) f3 0.039 to 0.047 ? ammo ( ) f3 0.056 to 0.22 ? ammo ( ) f3 0.001 to 0.047 ? ammo r( ) f 0.056 to 0.22 ? ammo r( ) f 1000 v.dc 0.010 to 0.10 ? ammo r( ) f 1250 v.dc 0.0010 to 0.022 ? ammo r( ) f 125 v.ac 0.010 to 0.068 ? ammo ( ) f6 0.010 to 0.068 ? ammo r( ) f 250 v.ac 0.010 to 0.033 ? ammo ( ) f6 0.010 to 0.047 ? ammo r( ) f 0.056 to 0.22 ? ammo r( ) f ? refer to the page of taping specifications. ? see the column rating dimensions quantity for packing quantity taping style packaging speci? cations lead spacing style ad style ab style b style c style d style e taping speci cations for automatic insertion style lead spacing ad 5.0 mm ab 5.0 mm b 5.0 mm c 5.0 mm d 7.5 mm e 7.5 mm sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight standard 5 mm odd size 5 mm odd size 7.5 mm straight crimped lead ecqe1564 f( ) 0.56 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.6 500 C C 500 ecqe1684 f( ) 0.68 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.6 ecqe1824 f( ) 0.82 12.0 6.0 13.5 18.5 10.0 10.0 1.0 0.6 C 1,000 ecqe1105 f( ) 1.0 12.0 6.7 14.0 19.0 10.0 10.0 1.0 0.6 ecqe1125 f( ) 1.2 18.5 5.5 12.8 17.8 15.0 10.0 1.0 0.6 500 600 ecqe1155 f( ) 1.5 18.5 6.0 13.4 18.4 15.0 10.0 1.0 0.8 500 ecqe1185 f( ) 1.8 18.5 6.5 14.4 19.4 15.0 10.0 1.0 0.8 ecqe1225 f( ) 2.2 18.5 7.0 15.0 20.0 15.0 10.0 1.0 0.8 ecqe1275 f( ) 2.7 18.5 8.0 15.8 20.8 15.0 10.0 1.0 0.8 400 ecqe1335 f( ) 3.3 18.5 8.5 16.5 21.5 15.0 10.0 1.0 0.8 400 ecqe1395 f( ) 3.9 26.0 7.0 16.4 21.4 22.5 15.0 1.0 0.8 CC ecqe1475 f( ) 4.7 26.0 7.5 17.0 22.0 22.5 15.0 1.0 0.8 ecqe1565 f( ) 5.6 26.0 8.3 17.5 22.5 22.5 15.0 1.0 0.8 ecqe1685 f( ) 6.8 26.0 9.0 18.5 23.5 22.5 15.0 1.0 0.8 ecqe1825 f( ) 8.2 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.8 ecqe1106 f( ) 10.0 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.8 part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight standard 5 mm odd size 5 mm odd size 7.5 mm straight crimped lead ecqe2103 f( ) 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.6 1000 C 1000 500 500 ecqe2123 f( ) 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2153 f( ) 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2183 f( ) 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2223 f( ) 0.022 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2273 f( ) 0.027 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2333 f( ) 0.033 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2393 f( ) 0.039 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2473 f( ) 0.047 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2563 f( ) 0.056 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.6 ecqe2683 f( ) 0.068 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.6 ecqe2823 f( ) 0.082 10.3 4.9 8.0 13.0 7.5 7.5 1.0 0.6 ecqe2104 f( ) 0.10 10.3 5.8 8.4 13.4 7.5 7.5 1.0 0.6 500 ecqe2124 f( ) 0.12 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.6 ecqe2154 f( ) 0.15 10.3 6.0 10.8 15.8 7.5 7.5 1.0 0.6 ecqe2184 f( ) 0.18 12.0 5.0 10.3 15.3 10.0 10.0 1.0 0.6 ecqe2224 f( ) 0.22 12.0 5.5 10.5 15.5 10.0 10.0 1.0 0.6 ecqe2274 f( ) 0.27 12.0 6.0 11.5 16.5 10.0 10.0 1.0 0.6 ecqe2334 f( ) 0.33 12.0 6.5 12.0 17.0 10.0 10.0 1.0 0.6 C 1000 ecqe2394 f( ) 0.39 18.5 4.9 12.0 17.0 15.0 10.0 1.0 0.6 500 500 ecqe2474 f( ) 0.47 18.5 5.3 12.5 17.5 15.0 10.0 1.0 0.6 ecqe2564 f( ) 0.56 18.5 5.5 13.0 18.0 15.0 10.0 1.0 0.6 ecqe2684 f( ) 0.68 18.5 6.0 13.5 18.5 15.0 10.0 1.0 0.8 ecqe2824 f( ) 0.82 18.5 6.5 14.5 19.5 15.0 10.0 1.0 0.8 ecqe2105 f( ) 1.0 18.5 7.4 15.0 20.0 15.0 10.0 1.0 0.8 400 ecqe2125 f( ) 1.2 18.5 8.0 15.9 20.9 15.0 10.0 1.0 0.8 ecqe2155 f( ) 1.5 18.5 9.0 16.8 21.8 15.0 10.0 1.0 0.8 400 300 ecqe2185 f( ) 1.8 26.0 7.5 15.5 20.5 22.5 15.0 1.0 0.8 CC ecqe2225 f( ) 2.2 26.0 8.5 16.3 21.3 22.5 15.0 1.0 0.8 ecqe2275 f( ) 2.7 26.0 9.4 17.0 22.0 22.5 15.0 1.0 0.8 ecqe2335 f( ) 3.3 26.0 10.3 18.0 23.0 22.5 15.0 1.5 0.8 ecqe2395 f( ) 3.9 26.0 11.0 20.5 25.5 22.5 15.0 1.5 0.8 ecqe2475 f( ) 4.7 26.0 12.0 21.5 26.5 22.5 15.0 1.5 0.8 ecqe2565 f( ) 5.6 31.0 11.8 21.0 26.0 27.5 22.5 1.5 0.8 ecqe2685 f( ) 6.8 31.0 13.0 22.4 27.4 27.5 22.5 1.5 0.8 ecqe2825 f( ) 8.2 31.0 14.3 23.5 28.5 27.5 22.5 1.5 0.8 400 ecqe2106 f( ) 10.0 31.0 15.9 25.8 30.8 27.5 22.5 1.5 0.8 300 400 rated voltage : 100 v.dc, capacitance tolerance : 5 %(j), 10 %(k) rated voltage : 250 v.dc, capacitance tolerance : 5 %(j), 10 %(k) ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type type d : 0.56 f to 1.0 f type b : 1.2 f to 10.0 f type d : 0.010 f to 0.33 f type b : 0.39 f to 10.0 f rating dimensions quantity rating dimensions quantity sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight standard 5 mm odd size 5 mm odd size 7.5 mm straight crimped lead ecqe4103 f( ) 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.6 1000 C 1000 500 ecqe4123 f( ) 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe4153 f( ) 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe4183 f( ) 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe4223 f( ) 0.022 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.6 ecqe4273 f( ) 0.027 10.3 5.5 8.0 13.0 7.5 7.5 1.0 0.6 ecqe4333 f( ) 0.033 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.6 500 ecqe4393 f( ) 0.039 12.0 4.9 8.0 13.0 10.0 10.0 1.0 0.6 ecqe4473 f( ) 0.047 12.0 5.0 8.3 13.3 10.0 10.0 1.0 0.6 ecqe4563 f( ) 0.056 12.0 5.0 10.0 15.0 10.0 10.0 1.0 0.6 ecqe4683 f( ) 0.068 12.0 5.4 10.5 15.5 10.0 10.0 1.0 0.6 ecqe4823 f( ) 0.082 12.0 5.8 11.0 16.0 10.0 10.0 1.0 0.6 ecqe4104 f( ) 0.10 12.0 6.3 12.0 17.0 10.0 10.0 1.0 0.6 ecqe4124 f( ) 0.12 18.5 5.0 10.0 15.0 15.0 10.0 1.0 0.6 C 500 500 ecqe4154 f( ) 0.15 18.5 5.0 12.4 17.4 15.0 10.0 1.0 0.6 ecqe4184 f( ) 0.18 18.5 5.4 12.5 17.5 15.0 10.0 1.0 0.6 ecqe4224 f( ) 0.22 18.5 5.9 13.0 18.0 15.0 10.0 1.0 0.6 ecqe4274 f( ) 0.27 18.5 6.5 14.3 19.3 15.0 10.0 1.0 0.8 ecqe4334 f( ) 0.33 18.5 7.0 14.9 19.9 15.0 10.0 1.0 0.8 ecqe4394 f( ) 0.39 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.8 400 ecqe4474 f( ) 0.47 18.5 7.8 17.0 22.0 15.0 10.0 1.0 0.8 ecqe4564 f( ) 0.56 26.0 6.5 16.0 21.0 22.5 15.0 1.0 0.8 CC ecqe4684 f( ) 0.68 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.8 ecqe4824 f( ) 0.82 26.0 7.9 17.3 22.3 22.5 15.0 1.0 0.8 ecqe4105 f( ) 1.0 26.0 8.5 18.0 23.0 22.5 15.0 1.0 0.8 ecqe4125 f( ) 1.2 26.0 9.5 18.9 23.9 22.5 15.0 1.0 0.8 ecqe4155 f( ) 1.5 31.0 9.5 19.0 24.0 27.5 22.5 1.0 0.8 ecqe4185 f( ) 1.8 31.0 11.0 20.5 25.5 27.5 22.5 1.5 0.8 ecqe4225 f( ) 2.2 31.0 11.0 22.0 27.0 27.5 22.5 1.5 0.8 rated voltage : 400 v.dc, capacitance tolerance : 5 %(j), 10 %(k) ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type type d : 0.010 f to 0.10 f type b : 0.12 f to 2.2 f rating dimensions quantity sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight standard 5 mm odd size 5 mm odd size 7.5 mm straight crimped lead ecqe6102 f( ) 0.0010 10.0 4.5 9.5 14.5 7.5 5.0 1.0 0.6 1000 C 1000 500 500 ecqe6122 f( ) 0.0012 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6152 f( ) 0.0015 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6182 f( ) 0.0018 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6222 f( ) 0.0022 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6272 f( ) 0.0027 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6332 f( ) 0.0033 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6392 f( ) 0.0039 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.6 ecqe6472 f( ) 0.0047 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.6 ecqe6562 f( ) 0.0056 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.6 ecqe6682 f( ) 0.0068 12.0 4.9 10.0 15.0 10.0 7.5 1.0 0.6 ecqe6822 f( ) 0.0082 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.6 ecqe6103 f( ) 0.010 12.0 4.5 7.5 12.5 10.0 10.0 1.0 0.6 ecqe6123 f( ) 0.012 12.0 4.5 7.8 12.8 10.0 10.0 1.0 0.6 ecqe6153 f( ) 0.015 12.0 5.0 8.2 13.2 10.0 10.0 1.0 0.6 ecqe6183 f( ) 0.018 12.0 4.9 10.0 15.0 10.0 10.0 1.0 0.6 ecqe6223 f( ) 0.022 12.0 5.3 10.5 15.5 10.0 10.0 1.0 0.6 ecqe6273 f( ) 0.027 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.6 ecqe6333 f( ) 0.033 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.6 500 ecqe6393 f( ) 0.039 12.0 6.0 13.4 18.4 10.0 10.0 1.0 0.6 C 1000 ecqe6473 f( ) 0.047 12.0 6.5 13.5 18.5 10.0 10.0 1.0 0.6 ecqe6563 f( ) 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.6 500 500 ecqe6683 f( ) 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.6 ecqe6823 f( ) 0.082 18.5 6.5 12.0 17.0 15.0 10.0 1.0 0.6 ecqe6104 f( ) 0.10 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.6 ecqe6124 f( ) 0.12 18.5 6.3 14.5 19.5 15.0 10.0 1.0 0.8 ecqe6154 f( ) 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.8 400 ecqe6184 f( ) 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.8 ecqe6224 f( ) 0.22 18.5 9.0 16.5 21.5 15.0 10.0 1.0 0.8 400 300 ecqe6274 f( ) 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.8 CC ecqe6334 f( ) 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.8 ecqe6394 f( ) 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.8 ecqe6474 f( ) 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.8 ecqe6564 f( ) 0.56 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.8 ecqe6684 f( ) 0.68 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.8 ecqe6824 f( ) 0.82 31.0 11.3 20.5 25.5 27.5 22.5 1.5 0.8 ecqe6105 f( ) 1.0 31.0 12.5 21.9 26.9 27.5 22.5 1.5 0.8 ecqe6125 f( ) 1.2 31.0 13.5 23.0 28.0 27.5 22.5 1.5 0.8 ecqe6155 f( ) 1.5 31.0 15.3 24.7 29.7 27.5 22.5 1.5 0.8 400 ecqe6185 f( ) 1.8 31.0 16.8 27.0 32.0 27.5 22.5 1.5 0.8 300 400 ecqe6225 f( ) 2.2 31.0 19.5 29.0 34.0 27.5 22.5 1.5 0.8 300 ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type type d : 0.010 f to 0.047 f type b : 0.0010 f to 0.0082 f 0.056 f to 2.2 f rated voltage : 630 v.dc, capacitance tolerance : 5 %(j), 10 %(k) rating dimensions quantity sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight 7.5 mm straight crimped lead ecqe10103 f( ) 0.010 15.5 6.0 11.0 16.0 12.5 12.5 1.0 0.6 500 500 ecqe10123 f( ) 0.012 15.5 6.0 12.0 17.0 12.5 12.5 1.0 0.6 ecqe10153 f( ) 0.015 15.5 7.0 12.5 17.5 12.5 12.5 1.0 0.6 ecqe10183 f( ) 0.018 15.5 7.5 13.0 20.0 12.5 12.5 1.0 0.8 400 ecqe10223 f( ) 0.022 15.5 7.5 15.5 22.5 12.5 12.5 1.0 0.8 ecqe10273 f( ) 0.027 21.0 6.0 13.0 18.0 17.5 12.5 1.0 0.8 500 ecqe10333 f( ) 0.033 21.0 6.5 14.0 19.0 17.5 12.5 1.0 0.8 ecqe10393 f( ) 0.039 21.0 7.0 14.5 19.5 17.5 12.5 1.0 0.8 ecqe10473 f( ) 0.047 21.0 7.5 15.5 20.5 17.5 12.5 1.0 0.8 400 ecqe10563 f( ) 0.056 21.0 7.5 17.0 22.0 17.5 12.5 1.0 0.8 ecqe10683 f( ) 0.068 21.0 8.5 18.0 23.0 17.5 12.5 1.0 0.8 ecqe10823 f( ) 0.082 21.0 9.0 18.5 23.5 17.5 12.5 1.0 0.8 300 ecqe10104 f( ) 0.10 21.0 10.0 20.0 25.0 17.5 12.5 1.0 0.8 ecqe10124 f( ) 0.12 26.0 9.0 18.5 23.5 22.5 17.5 1.0 0.8 ? ecqe10154 f( ) 0.15 26.0 10.0 20.0 25.0 22.5 17.5 1.5 0.8 ecqe10184 f( ) 0.18 26.0 10.5 22.0 27.0 22.5 17.5 1.5 0.8 ecqe10224 f( ) 0.22 26.0 12.0 23.0 28.0 22.5 17.5 1.5 0.8 rated voltage : 1000 v.dc, note) 125 v.ac, capacitance tolerance : 5 %(j), 10 %(k) ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type note) this type has two rated voltage, one is dc rated voltage another is ac rated voltage.. dc rated voltage is 1000 v.dc, ac rated voltage is 125 v.ac. making for rated voltage is 1000 v, 125 v when capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 hz or 60 hz sine wave) to a capacitor, please refer to the page of permissible voltage (r.m.s) in altering current corresponding to dc rated voltage. when capacitors use in primary side of power source, the rated voltage is shown 125 v.ac. voltage to be applied to capacitors in only sine wave (50 hz or 60 hz). ac rated capacitors complying with clause 1 of electri cal appliance and material safety law. and not complying with clause 2 of electrical appliance and material safety law, in this case please use ecqua type or ecqul type. type d : 0.010 f to 0.022 f type b : 0.027 f to 0.22 f rating dimensions quantity sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight 7.5 mm straight crimped lead ecqe12102 f( ) 0.0010 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.6 500 500 500 ecqe12122 f( ) 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.6 ecqe12152 f( ) 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.6 ecqe12182 f( ) 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.6 ecqe12222 f( ) 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.6 ecqe12272 f( ) 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.6 ecqe12332 f( ) 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.6 ecqe12392 f( ) 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.6 ecqe12472 f( ) 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.6 ecqe12562 f( ) 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.6 400 ecqe12682 f( ) 0.0068 15.5 7.5 15.0 20.0 12.5 10.0 1.0 0.6 ecqe12822 f( ) 0.0082 21.0 5.0 12.0 17.0 17.5 12.5 1.0 0.6 500 ecqe12103 f( ) 0.010 21.0 5.0 12.5 17.5 17.5 12.5 1.0 0.6 ecqe12123 f( ) 0.012 21.0 5.5 13.0 18.0 17.5 12.5 1.0 0.6 ecqe12153 f( ) 0.015 21.0 6.0 13.5 18.5 17.5 12.5 1.0 0.6 ecqe12183 f( ) 0.018 21.0 6.5 14.5 19.5 17.5 12.5 1.0 0.8 ecqe12223 f( ) 0.022 21.0 7.0 15.0 20.0 17.5 12.5 1.0 0.8 ecqe12273 f( ) 0.027 26.0 6.0 15.5 20.5 22.5 17.5 1.0 0.8 ? ecqe12333 f( ) 0.033 26.0 6.5 16.0 21.0 22.5 17.5 1.0 0.8 ecqe12393 f( ) 0.039 26.0 7.0 16.5 21.5 22.5 17.5 1.0 0.8 ecqe12473 f( ) 0.047 26.0 8.0 17.0 22.0 22.5 17.5 1.0 0.8 ecqe12563 f( ) 0.056 31.0 7.5 17.0 22.0 27.5 22.5 1.0 0.8 ecqe12683 f( ) 0.068 31.0 8.0 17.5 22.5 27.5 22.5 1.0 0.8 ecqe12823 f( ) 0.082 31.0 9.0 18.5 23.5 27.5 22.5 1.0 0.8 ecqe12104 f( ) 0.10 31.0 10.0 19.5 24.5 27.5 22.5 1.0 0.8 ecqe12124 f( ) 0.12 31.0 11.5 20.5 25.5 27.5 22.5 1.5 0.8 ecqe12154 f( ) 0.15 31.0 12.0 23.0 28.0 27.5 22.5 1.5 0.8 ecqe12184 f( ) 0.18 31.0 13.0 24.5 29.5 27.5 22.5 1.5 0.8 ecqe12224 f( ) 0.22 31.0 14.5 26.5 31.5 27.5 22.5 1.5 0.8 400 ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type note) this type has two rated voltage, one is dc rated voltage another is ac rated voltage. dc rated voltage is 1250 v.dc, ac rated voltage is 125 v.ac. making for rated voltage is 1250 v, 125 v when capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 hz or 60 hz sine wave) to a capacitor, please refer to the page of permissible voltage (r.m.s) in altering current corresponding to dc rated voltage. when capacitors use in primary side of power source, the rated voltage is shown 125 v.ac. voltage to be applied to capacitors in only sine wave (50 hz or 60 hz). ac rated capacitors complying with clause 1 of electri cal appliance and material safety law. and not complying with clause 2 of electrical appliance and material safety law, in this case please use ecqua type or ecqul type. type d : 0.0010 f to 0.0068 f type b : 0.0082 f to 0.22 f rated voltage : 1250 v.dc, note) 125 v.ac, capacitance tolerance : 5 %(j), 10 %(k) rating dimensions quantity sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors notice for ac rated ac rated capacitors complying with clause 1 of electrical appliance and material safety law. as for clause 2 of electrical appliance and material safety law, please use ecqua type or ecqul type. when using these capacitors as a across-the-line capacitor , it shall be required to follow either item 1. or item 2. condition. 1. capacitor shall be connected in parallel with varistor (speci? ed varistor voltage in table 1.) 2. voltage applied for capacitor shall not exceed other than speci? ed in table 1, when using these capacitors part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. f d taping bulk straight crimped lead straight crimped lead straight standard 5 mm odd size 5 mm odd size 7.5 mm straight crimped lead ecqe1a103 f( ) 0.010 10.5 4.5 7.5 12.5 7.5 7.5 1.0 0.6 1000 C 1000 500 ecqe1a123 f( ) 0.012 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe1a153 f( ) 0.015 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe1a183 f( ) 0.018 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe1a223 f( ) 0.022 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe1a273 f( ) 0.027 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.6 ecqe1a333 f( ) 0.033 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.6 ecqe1a393 f( ) 0.039 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.6 ecqe1a473 f( ) 0.047 10.5 5.5 8.0 13.0 7.5 7.5 1.0 0.6 500 ecqe1a563 f( ) 0.056 10.5 5.9 8.5 13.5 7.5 7.5 1.0 0.6 ecqe1a683 f( ) 0.068 10.5 6.3 9.4 14.4 7.5 7.5 1.0 0.6 capacitor rated voltage varistor voltage pulse voltage 125 v.ac 250 v 250 v 0-p rated voltage : 125 v.ac, capacitance tolerance : 5 %(j), 10 %(k) noise suppression capacitors (across-the-line) ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type type d : 0.010 f to 0.068 f table 1 rating dimensions quantity sep. 2017 02 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. plastic film capacitors notice for ac rated ac rated capacitors complying with clause 1 of electrical appliance and material safety law. as for clause 2 of electrical appliance and material safety law, please use ecqua type or ecqul type. when using these capacitors as a across-the-line capacitor, it shal l be required to follow either item 1. or item 2. condition. 1. capacitor shall be connected in parallel with varistor (speci? ed varistor voltage in table 1.) 2. voltage applied for capacitor shall not exceed other than speci? ed in table 1, when using these capacitors table 1 part no. cap. (f) dimensions (mm) min. order q'ty l max. t max. h max. f s g max. 0 d taping bulk straight crimped lead straight crimped lead straight standard 5 mm odd size 7.5 mm straight crimped lead ecqe2a103 f( ) 0.010 12.5 5.5 10.8 15.8 10.0 10.0 1.0 0.6 500 1000 500 500 ecqe2a123 f( ) 0.012 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.6 ecqe2a153 f( ) 0.015 12.5 6.3 9.9 14.9 10.0 10.0 1.0 0.6 ecqe2a183 f( ) 0.018 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.6 ecqe2a223 f( ) 0.022 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.6 ecqe2a273 f( ) 0.027 12.5 5.5 10.9 15.9 10.0 10.0 1.0 0.6 ecqe2a333 f( ) 0.033 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.6 ecqe2a393 f( ) 0.039 12.5 6.0 13.4 18.4 10.0 10.0 1.0 0.6 ? ecqe2a473 f( ) 0.047 12.5 6.5 14.4 19.4 10.0 10.0 1.0 0.6 ecqe2a563 f( ) 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.6 500 ecqe2a683 f( ) 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.6 ecqe2a823 f( ) 0.082 18.5 6.3 12.0 17.0 15.0 10.0 1.0 0.6 ecqe2a104 f( ) 0.10 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.6 ecqe2a124 f( ) 0.12 18.5 6.8 14.5 19.5 15.0 10.0 1.0 0.8 ecqe2a154 f( ) 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.8 400 ecqe2a184 f( ) 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.8 ecqe2a224 f( ) 0.22 18.5 9.0 16.9 21.9 15.0 10.0 1.0 0.8 300 ecqe2a274 f( ) 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.8 ? ecqe2a334 f( ) 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.8 ecqe2a394 f( ) 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.8 ecqe2a474 f( ) 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.8 ecqe2a564p( )( ) 0.56 26.0 10.0 20.0 ? 22.5 ? 1.0 0.8 ecqe2a684p( )( ) 0.68 26.0 11.5 21.0 ? 22.5 ? 1.0 0.8 ecqe2a824p( )( ) 0.82 26.0 13.0 22.5 ? 22.5 ? 1.0 0.8 ecqe2a105p( )( ) 1.0 31.0 12.5 21.9 ? 27.5 ? 1.5 0.8 ecqe2a125p( )( ) 1.2 31.0 13.5 23.0 ? 27.5 ? 1.5 0.8 300 ecqe2a155p( )( ) 1.5 31.0 15.3 24.7 ? 27.5 ? 1.5 0.8 ecqe2a185p( )( ) 1.8 31.0 16.8 27.0 ? 27.5 ? 1.5 0.8 400 ecqe2a225p( )( ) 2.2 31.0 19.5 29.0 ? 27.5 ? 1.5 0.8 300 capacitor rated voltage varistor voltage pulse voltage 250 v.ac 470 v 630 v 0-p rated voltage : 250 v.ac, capacitance tolerance : 5 %(j), 10 %(k) noise suppression capacitors (across-the-line) ? : capacitance tolerance code ( ) : suf? x for lead crimped or taped type ? please consult us about crimped lead type of 0.56 f to 2.2 f. type d : 0.010 f to 0.047 f type b : 0.056 f to 0.47 f rating dimensions quantity sep. 2017 02 downloaded from: http:///
y,i \ rxzdqwwrxvhrxu s urgxfwvghvfulehglq wklvrqolqhfdwdor j irud ss olfdwlrqvuh t xlulq j  v s hfldo t xdolwlhvruuholdelolw \ ruirud ss olfdwlrqvzkhuhwkhidloxuhrupdoixqfwlrqriwkh  s urgxfwvpd \ gluhfwo \  m hr s dugl]hkxpdqolihru s rwhqwldoo \ fdxvh s huvrqdolq m xu \   h j dlufudiwdqgdhurv s dfhh t xl s phqw  wudiilfdqgwudqv s ruwdwlrqh t xl s phqw  frpexvwlrq h t xl s phqw  phglfdoh t xl s phqw  dfflghqw s uhyhqwlrq  dqwlfulphh t xl s phqw  dqgruvdihw \  h t xl s phqw  lwlvqhfhvvdu \ wryhuli \ zkhwkhuwkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfk d ss olfdwlrqv3ohdvhhqvxuhwkdw \ rxzloodvndqgfkhfnzlwkrxulq t xlu \ ghvndvwrzkhwkhu wkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfkd ss olfdwlrqvxvhehiruh \ rxxvhrxu s urgxfwv y7kh t xdolw \ dqg s huirupdqfhrirxu s urgxfwvdvghvfulehglqwklvrqolqhfdwdor j rqo \ d ss o \  wrrxu s urgxfwvzkhqxvhglql vrodwlrq7khuhiruh   s ohdvhhqvxuh \ rxhydoxdwhdqgyhuli \  rxu s urgxfwvxqghuwkhv s hflilfflufxpvwdqfhvlqzklfkrxu s urgxfwvduhdvvhpeohglq \ rxu rzq s urgxfwvdqglqzklfkrxu s urgxfwvzloodfwxdoo \ ehxvhg y,i \ rxxvhrxu s urgxfwvlqh t xl s phqwwkdwuh t xluhvdkl j kgh j uhhriuholdelolw \ uh j dugohvv riwkhd ss olfdwlrq  lwlvuhfrpphqghgwkdw \ rxvhwx s  s urwhfwlrqflufxlwvdqguhgxqgdqf \  flufxlwvlqrughu wrhqvxuhvdihw \ ri \ rxuh t xl s phqw y7kh s urgxfwvdqg s urgxfwv s hflilfdwlrqvghvfulehglqwklvrqolqhfdwdor j duhvxe m hfwwr fkdq j hirulp s uryhphqwzlwkrxw s ulruqrwlfh7khuhiruh   s ohdvhehvxuhwruh t xhvwdqg frqilupwkhodwhvw s urgxfwv s hflilfdwlrqvzklfkh[ s odlqwkhv s hflilfdwlrqvrirxu s urgxfwvlq ghwdlo  ehiruh \ rxilqdol]hwkhghvl j qri \ rxud ss olfdwlrqv   s xufkdvh  ruxvhrxu s urgxfwv y7khwhfkqlfdolqirupdwlrqlqwklvrqolqhfdwdor j  s urylghvh[dp s ohvrirxu s urgxfwv
 w \s lfdor s hudwlrqvdqgd ss olfdwlrqflufxlwv:hgrqrw j xdudqwhhwkhqrqlqiulq j hphqwri wklug s duw \
vlqwhoohfwxdo s ur s huw \ ul j kwvdqgzhgrqrw j udqwdq \ olfhqvh  ul j kw  rulqwhuhvw lqrxulqwhoohfwxdo s ur s huw \  y,idq \ rirxu s urgxfwv   s urgxfwv s hflilfdwlrqvdqgruwhfkqlfdolqirupdwlrqlqwklvrqolqh fdwdor j lvwrehh[ s ruwhgru s urylghgwrqrquhvlghqwv  wkhodzvdqguh j xodwlrqvriwkh h[ s ruwlq j frxqwu \ hv s hfldoo \ zlwkuh j dugwrvhfxulw \ dqgh[ s ruwfrqwuro  vkdooehrevhuyhg y7khvzlwfkryhugdwhirufrp s oldqfhzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrqvydulhv gh s hqglq j rqwkh s duwqxpehuruvhulhvrirxu s urgxfwv y:khq \ rxxvhwkhlqyhqwru \ rirxu s urgxfwviruzklfklwlv xqfohduzkhwkhuwkrvh s urgxfwv duhfrp s oldqwzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrq   s ohdvhvhohfw6dohv,q t xlu \ lqwkh zhevlwhlq t xlu \ irupdqgfrqwdfwxv :hgrqrwwdnhdq \ uhv s rqvlelolw \ iruwkhxvhrirxu s urgxfwvrxwvlghwkhvfr s hriwkh v s hflilfdwlrqv  ghvful s wlrqv   j xlgholqhvdqg s uhfdxwlrqvghvfulehglqwklvrqolqhfdwdor j  *xlgholqhvdqgsuhfdxwlrqvuhjduglqjwkh ghvfulehglqwklvrqolqhfdwdorj 5hjduglqjwkh&huwlilfdwhri&rpsoldqfhzlwk $su whfkqlfdolqirupdwlrqdqgxvhrirxusurgxfwv wkh(85r+6'luhfwlyh5($&+5hjxodwlrqv! downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of ECQE10223JFB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X